Part Number Hot Search : 
SDA5649 TSM0505D LTC431 HV2601 SX8650 RQOP005D L7808ABP WJ115F1
Product Description
Full Text Search
 

To Download UF2001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds25007 rev. 3 - 2 1 of 3 UF2001 - uf2007 www.diodes.com  diodes incorporated UF2001 - uf2007 2.0a ultra-fast rectifier features a a b c d do-15 dim min max a 25.40  b 5.50 7.62 c 0.686 0.889 d 2.60 3.60 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  diffused junction  ultra-fast switching for high efficiency  high current capability and low forward voltage drop  surge overload rating to 60a peak  low reverse leakage current  lead free finish, rohs compliant (note 4) mechanical data  case: molded plastic  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: finish C bright tin. solderable per mil-std-202, method 208  polarity: cathode band  marking: type number  mounting position: any  weight: 0.4 grams (approximate) single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol uf 2001 uf 2002 uf 2003 uf 2004 uf 2005 uf 2006 uf 2007 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current (note 1) @ t a = 50  c i o 2.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 60 a forward voltage @ i f = 2.0a v fm 1.0 1.3 1.7 v peak reverse current @ t a = 25  c at rated dc blocking voltage @ t a = 100  c i rm 5.0 100  a reverse recovery time (note 3) t rr 50 75 ns typical junction capacitance (note 2) c j 50 30 pf typical thermal resistance junction to ambient r  ja 50 k/w operating and storage temperature range t j, t stg -65 to +150  c notes: 1. valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. measured at i f = 0.5a, i r = 1.0a, i rr = 0.25a. see figure 5. 4. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex notes 5 and 7 .
ds25007 rev. 3 - 2 2 of 3 UF2001 - uf2007 www.diodes.com 0 0.4 0.8 1.2 1.6 2 . 0 25 50 75 100 125 150 175 200 i , average fwd rectified current (a) (av) t , ambient temperature ( c) a fi g . 1 forward current deratin g curve single phase half-wave 60 hz resistive or inductive load 0.01 0.1 1.0 10 0.6 0.8 1.0 1.2 1.4 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g .2 t y pical forward characteristics UF2001 - uf2003 uf2005 - uf2007 uf2004 i , peak forward surge current (a) fsm 0 20 40 60 1 10 100 number of cycles at 60hz fi g . 3 peak forward sur g e current 50v dc approx oscilloscope (note 1) pulse generator (note 2) device under te s t t rr set time base for 50/100 ns/cm +0.5a 0a -0.25a -1.0a fi g . 5 reverse recover y time characteristic and test circuit (+) (+) (-) (-) 1 10 100 110100 c , capacitance (pf) j v , reverse voltage (v) r fi g .4 t y pical junction capacitance t = 25 c j f = 1.0mhz
ds25007 rev. 3 - 2 3 of 3 UF2001 - uf2007 www.diodes.com ordering information (note 5) device packaging shipping UF2001-t do-15 4k/tape & reel, 13-inch uf2002-t do-15 4k/tape & reel, 13-inch uf2003-t do-15 4k/tape & reel, 13-inch uf2004-t do-15 4k/tape & reel, 13-inch uf2005-t do-15 4k/tape & reel, 13-inch uf2006-t do-15 4k/tape & reel, 13-inch uf2007-t do-15 4k/tape & reel, 13-inch notes: 5. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.


▲Up To Search▲   

 
Price & Availability of UF2001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X