Part Number Hot Search : 
144N06N IRG4B 000001 FOD817A FB3307Z ISL84391 05205G0A D7804
Product Description
Full Text Search
 

To Download U0603RXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  introduction ?g the x7r (bx) has moderate k value and is temperature stable. it shows moderate change in electrical properties under changing temperature, voltage and frequency. it?s suitable for by- passing, coupling, and frequency discrimination circuit applications. features ?g ?? stable electrical characteristics ?? small size with high capacitance values ?? consistent dimension and finish surface ?? engineered for automatic handling and insertion general specifications ?g capacitance range 100pf to 10f capacitance tolerance 10%, 20% operating temperature range -55 j ~ 125 j temperature coefficient ( ? c max.) 15% rated voltage (vdc) 16, 25, 50, 100, 200/250,500,630,1kv, 2kv, 3kv dissipation factor (tan _ ) ? 50v-2.5% max; 25v-3.0% max;16v-3.5% max; ?? 10v-5.05% max insulation resistance (ir) @25 j lesser of 10g [ or 1000m [ f aging rate -1.5% per decade hour dielectric strength ?? 200v-2.5ra; 250v-2.0ra; 500v/630v-1.5ra; ? 1kv-1.25ra (ra: rated voltage) testing parameters 1khz 50hz, 1.0vrms 0.2vrms @ 25 j , 0 volts bias mlc ? chip ? capacitor pan overseas x 7r dielectri c ? general specification 4
typical characteristic curves ?g capacitance chart (x7r) ?g capacitance dimension (mm) case size rated voltage tem p. chart. range (pf) tolerance l w t (max) mb (min) g (min) n/b=10/16v 8200 ~ 33000 t=25v 4700 ~ 6800 0402 u=50v 220 ~ 3900 1.0 0.05 0.5 0.05 0.5 0.05 0.10 0.30 n/b=10/16v 18000 ~ 100000 t=25v 10000 ~ 47000 u=50v 180 ~ 47000 a=100v 100 ~ 10000 0603 g/h=200/250v 100 ~ 5600 1.6 0.10 0.8 0.10 0.8 0.10 0.20 0.40 n/b=10/16v 10000 ~ 1000000 t=25v 10000 ~ 150000 u=50v 150 ~ 100000 a=100v 100 ~ 47000 0805 g/h=200/250v 100 ~ 27000 2.0 0.20 1.25 0.1 1.40 0.25 0.70 n/b=10/16v 330 ~ 10000000 t=25v 330 ~ 330000 u=50v 330 ~ 150000 a=100v 100 ~ 150000 g/h=200/250v 100 ~ 100000 c=500v 180 ~ 15000 d=630v 180 ~ 6800 1206 m=1000v 100 ~ 2200 3.0 0.20 1.6 0.20 1.52 0.25 1.40 a=100v 1000 ~ 3300 g/h=200/250v 10000 ~ 180000 c=500v 390 ~ 39000 d=630v 390 ~ 18000 1210 m=1000v 180 ~ 5600 3.2 0.30 2.5 0.30 1.80 0.25 1.40 d=630v 390 ~ 22000 m=1000v 220 ~ 1800 m2=2000v 220 ~ 1800 1808 m3=3000v 100 ~ 680 4.5 0.35 2.0 0.30 2.00 0.25 2.15 a=100v 3900 ~ 680000 g/h=200/250v 3900 ~ 470000 c=500v 390 ~ 120000 d=630v 390 ~ 100000 m=1000v 390 ~ 22000 m2=2000v 390 ~ 4700 1812 m3=3000v 100 ~ 1500 4.5 0.35 3.2 0.30 1.80 0.25 2.15 a=100v 10000 ~ 1000000 g/h=200/250v 10000 ~ 820000 c=500v 1000 ~ 270000 d=630v 1000 ~ 220000 m=1000v 390 ~ 56000 m2=2000v 390 ~ 12000 2220 m3=3000v 180 ~ 2700 5.7 0.40 5.0 0.40 1.80 0.25 3.30 a=100v 18000 ~ 1500000 g/h=200/250v 18000 ~ 1000000 c=500v 15000 ~ 330000 d=630v 15000 ~ 220000 m=1000v 390 ~ 56000 m2=2000v 390 ~ 15000 2225 m3=3000v 15 % 180 ~ 3300 k, m 5.7 0.40 6.3 0.40 1.80 0.25 3.30 when ordering, please use the pan overseas part number as indicated on page no. 1. mlc ? chip ? capacitor pan overseas x 7r dielectri c typical characteristic curves and capacitance chart 5


▲Up To Search▲   

 
Price & Availability of U0603RXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X