Part Number Hot Search : 
TD62603 SNA6I4 A78R12 GLB2855 00306 B1033 1N414 122ML
Product Description
Full Text Search
 

To Download T60100-1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  class t fuseblocks t600 600 volt, ?a to 600 amps form no. t600 page 1 of 2 data sheet: 1116 bussmann 5-22-02 j02104 dimensional data catalog symbol: t600 ampere rating: ?a to 600 amperes voltage rating: 600 volts agency information: ul listed, ul512, guide izlt, file e14853 csa certified, c22.2 no. 39, class 6225-01, file 47235 withstand rating: 200,000a rms sym. for use with class t fuses (bussmann jjs and lpt). materials: glass polyester, phenolic on 600a ul flammability: 94 vo 3.19" 1.44" 1.563" 0.33" 1.42" 0.5" 1.44" 0.55" 0.33" 0.55" 2.59" 1.16" 0.33" 0.55" 3.75" 2.31" 0.33" 0.22" diameter 0.5" c'bore 2.94" 1.75" 1.63" 1.47" 0.5" 1.81" 0.59" 0.63" 0.59" 3.34" 1.53" 0.63" 0.59" 4.86" 3.06" 0.63" 0.22" diameter 0.5" c'bore figure 1. ?a a to 30a all dimensions ( 0.016) figure 2. 31a to 60a class t fuseblocks (600v) catalog data catalog numbers box figure max. wire amps poles screw lug number size 1 t60030-1sr t60030-1cr ?a ?0 2 t60030-2sr t60030-2cr 1 sr #10cu, 3 t60030-3sr t60030-3cr cr #2cu-al 1 t60060-1sr t60060-1cr 31?0 2 t60060-2sr t60060-2cr 2 cr#2cu-al 3 t60060-3sr t60060-3cr sr #10cu 1 T60100-1C 61?00 2 t60100-2c 3 2/0 cu-al 3 t60100-3c 1 t60200-1c 101?00 3 1b0089 4 250kcmil cu-al 201?00 1 t60400-1c 5 600kcmil cu-al 401?00 1 t60600-1c 6 (2) 600kcmil cu-al ce logo denotes compliance with european union low voltage directive (50-1000 vac, 75-1500 vdc). refer to data sheet #8002 or contact bussmann application engineering at 636-527-1270 for more information.
class t fuseblocks t600 600 volt, ?a to 600 amps bussmann the only controlled copy of this data sheet is the electronic read-only version located on the bussmann network drive. all othe r copies of this document are by definition uncontrolled. this bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with desig n applications. bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. bussmann also reserves the rig ht to change or update, without notice, any technical information con- tained in this bulletin. once a product has been selected, it should be tested by the user in all possible applications. z z 0.52" c'bore 0.55" deep 0.22" dia. x x 2.39" 1.69" (1 pole) 3.09" (2 pole) 4.5" (3 pole) 1.41" (2 pole) 2.81" (3 pole) 0.84" 0.38" section z-z 0.78" 2.34" ref. 0.75" figure 3. 61a to 100a 3" 6" 0.28" diameter 0.63" c'bore 0.5" deep 1.125" 2.56" 1.94" 0.81" 3.06" 2.5" 0.05" 1.25" 2.25" all dimensions ( 0.016) figure 4. 101a to 200a 6" 0.63" c'bore 0.5" deep 0.28" diameter 1.125" 2.25" 0.63" 3" 2.72" 1.25" 0.81" 2.38" 3.06" figure 5. 201a to 400a 3.44" 0.75" 3" 2.95" 3" 2" 1.5" 6.75" 3.38" 0.33" diameter 0.75" c'bore 0.5" deep figure 6. 401a to 600a form no. t600 page 2 of 2 data sheet: 1116 5-22-02 j02104


▲Up To Search▲   

 
Price & Availability of T60100-1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X