3.50 6.50 7.00 ?3.600.05 9.00 5.00 5.00 12.00 pcb layout (bottom view) 1s 3.00 11.60 5.00 3.50 1.00-3pls insulator color: lime (pantone 577c) (see pc99 spec) 5t 4n 3n 2r 1s 5t 4n 3n 2r 5.00 posts 3-?1.50 3.50 1s 3.00 5.00 5.00 2.50 2.50 5-?1.30 3n 4n 5t 1s 2r 2.50 revision date description drawn by designed by units date approved by revised by otherwise unless stated ang. 2 x.xx 0.1 x.x 0.2 tolerances r csa nrtl/c certified file no. lr78160 100 milliohms max. more than 100 megohms dielectric withstanding voltage: before test: 50 milliohms max. 500v ac rms for 1 minute at 500v dc operating temp: -25c to +85c insulation resistance: after durability test: contact resistance: ring: lime color, housing: pbt thermoplastic 70u" copper underplating durability: 5000 mating cycles insertion force: 0.4kg - 3.0kg 0.3kg - 3.0kg extraction force: body: black color ul 94v-0 rated, 100u" tin over terminals: copper alloy, pantone 577c 15% glass filled,
|