Part Number Hot Search : 
CY8C2 2SK14 2N323 MAXIM 1062254 10ESK3 72012 BF77107
Product Description
Full Text Search
 

To Download SR5100-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sr520 ? sr5100 1 of 4 ? 2006 won-top electronics pb sr520 ? sr5100 5.0a schottky barrier diode features ! schottky barrier chip ! guard ring die construction for transient protection ! high current capability a b a ! low power loss, high efficiency ! high surge current capability ! for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications c  d mechanical data ! case: do-201ad, molded plastic ! terminals: plated leads solderable per mil-std-202, method 208 ! polarity: cathode band ! weight: 1.2 grams (approx.) ! mounting position: any ! marking: type number ! lead free: for rohs / lead free version, add ?-lf? suffix to part number, see page 4 maximum ratings and electrical characteristics @t a =25c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol sr520 sr530 sr540 sr550 sr560 sr580 sr5100 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 20 30 40 50 60 80 100 v rms reverse voltage v r(rms) 14 21 28 35 42 56 70 v average rectified output current @t l = 100c (note 1) i o 5.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 a forward voltage @i f = 5.0a v fm 0.55 0.70 0.85 v peak reverse current @t a = 25c at rated dc blocking voltage @t a = 100c i rm 0.5 50 ma typical junction capacitance (note 2) c j 500 400 pf typical thermal resistance (note 1) r  ja 10 c/w operating and storage temperature range t j , t stg -65 to +150 c note: 1. valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. wte power semiconductors do-201ad dim min max a 25.4 ? b 7.20 9.50 c 1.20 1.30 d 4.80 5.30 all dimensions in mm
sr520 ? sr5100 2 of 4 ? 2006 won-top electronics   0 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60hz fig. 3 max non-repetitive peak fwd surge current single half-sine-wave (jedec method) 30 60 90 120 150 c , capacitance (pf) j v , reverse voltage (v) fig. 4 typical junction capacitance r 100 1000 3000 0.1 1.0 10 100 t = 25 c j 52 0- 540 55 0 - 5 10 0 0 20 40 60 80 100 120 140 i , instantaneous reverse current (ma) r percent of rated peak reverse voltage (%) fig. 5 typical reverse characteristics t = 125 c j t = 75 c j t = 25 c j 100 10 1.0 0.1 0.01 0.001 0.1 1.0 10 0 0.2 0.4 0.6 0.8 1.0 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f 40 55 0 - 560 52 0- 540 t - 25 c j i pulse width = 300 s f m 0 02550 75 100 125 150 i average forward current (a) (av), t , lead temperature ( c) fig. 1 forward current derating curve l 1 2 4 5 3 resistive or inductive load 5 8 0 - 5 10 0
sr520 ? sr5100 3 of 4 ? 2006 won-top electronics marking information taping specifications packaging information packaging reel diameter / box size (mm) quantity (pcs) carton size (mm) quantity (pcs) approx. gross weight (kg) tape & reel 330 1,200 370 x 370 x 420 6,000 10.0 tape & box 255 x 75 x 150 1,200 400 x 273 x 415 12,000 17.0 bulk 200 x 85 x 40 500 459 x 214 x 256 12,500 16.0 note: 1. paper reel, white or gray color. core material: plastic or metal. 2. components are packed in accordance with eia standard rs-296-e. tape & reel sr5x0 wte 0.8mm max 10mm 1.2mm max 0.8mm max 6mm 52.4mm cathode tape: red anode tape: white 330mm product id label inspection hole (both ends) 805mm tape & box 255mm product id label 150mm 75mm bulk 200mm 85mm 40mm cathode = polarity band sr5x0 = device number x = 2, 3, 4, 5, 6, 8 or 10 wte = manufacturer?s logo
sr520 ? sr5100 4 of 4 ? 2006 won-top electronics ordering information product no. package type shipping quantity sr520-t3 do-201ad 1200/tape & reel sr520-tb do-201ad 1200/tape & box sr520 do-201ad 500 units/box sr530-t3 do-201ad 1200/tape & reel sr530-tb do-201ad 1200/tape & box sr530 do-201ad 500 units/box sr540-t3 do-201ad 1200/tape & reel sr540-tb do-201ad 1200/tape & box sr540 do-201ad 500 units/box sr550-t3 do-201ad 1200/tape & reel sr550-tb do-201ad 1200/tape & box sr550 do-201ad 500 units/box sr560-t3 do-201ad 1200/tape & reel sr560-tb do-201ad 1200/tape & box sr560 do-201ad 500 units/box sr580-t3 do-201ad 1200/tape & reel sr580-tb do-201ad 1200/tape & box sr580 do-201ad 500 units/box SR5100-T3 do-201ad 1200/tape & reel sr5100-tb do-201ad 1200/tape & box sr5100 do-201ad 500 units/box 1. products listed in bold are wte preferred devices. 2. shipping quantity given is for minimum packing quantity only. for minimum order quantity, please consult the sales department. 3. to order rohs / lead free version (with lead free finish), add ?-lf? suffix to part number above. for example, sr520-tb-lf . won-top electronics co., ltd (wte) has checked all information carefully and believes it to be correct and accurate. however, w te cannot assume any responsibility for inaccuracies. furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. wte reserves the right to change any or all information herein without further notice. warning : do not use in life support equipment. wte power semiconductor products are not authorized for use as critical components in l ife support devices or systems without the express written approval. we power your everyday. won-top electronics co., ltd. no. 44 yu kang north 3rd road, chine chen dist., kaohsiung, taiwan phone: 886-7-822-5408 or 886-7-822-5410 fax: 886-7-822-5417 email: sales@wontop.com internet: http://www.wontop.com


▲Up To Search▲   

 
Price & Availability of SR5100-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X