Part Number Hot Search : 
GT20G102 AS5C2568 2SJ643 01361 UF2003PT SD103 BZX84C 22101
Product Description
Full Text Search
 

To Download SDR0906-562KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sdr0906 series - smd power inductors features high inductance up to 1.2 mh e12 series available wide inductance range rohs compliant* applications input/output of dc/dc converters power supplies for: ? portable communications equipment ? camcorders ? lcd tvs ? car radios electrical specifications product dimensions electrical schematic 14 recommended layout 14.7 (.579) 10.3 (.406) 2.2 (.087) 2.2 (.087) 2.5 (.098) 1.0 (.039) 4 1 a b c d 11.0 0.5 (.433 .02) 12.5 0.5 (.492 .02) 2.5 0.3 (.098 .012) 2.5 0.3 (.098 .012) 2.5 0.3 (.098 .012) 6.3 + 0 (.248 + 0) 10.5 + 0 (.413 + 0) dimensions: mm (inches) general specifications test frequency ..............................1 khz test voltage........................................1 v reflow soldering ...230 ?, 50 sec. max. operating temperature .-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ..................................260 ? for 5 sec. materials core ...............................ferrite dr core wire ....................enameled copper wire base..................................................lcp adhesive ...............................epoxy resin terminal.....................................cu/ni/sn rated current ....................ind. drop 10 % typ. at isat temperature rise ......................40 ? max. at rated irms packaging.....................600 pcs. per reel inductance 1khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency min. ( ? ? ) max. typ. (mhz) (mhz) (a) (a) sdr0906-2r2ml 2.2 20 30 7.96 105 0.03 4.00 6.70 sdr0906-2r7ml 2.7 20 30 7.96 84 0.04 3.50 6.50 sdr0906-3r9ml 3.9 20 28 7.96 77 0.04 3.30 5.50 sdr0906-4r7ml 4.7 20 27 7.96 55 0.05 3.00 4.80 sdr0906-5r6ml 5.6 20 28 7.96 42 0.06 2.80 4.50 sdr0906-6r8ml 6.8 20 27 7.96 36 0.06 2.60 4.20 sdr0906-8r2ml 8.2 20 27 7.96 29 0.07 2.40 4.00 sdr0906-100 ml 10 20 35 2.52 25 0.09 2.10 3.20 sdr0906-120 ml 12 20 35 2.52 23 0.10 2.00 3.10 sdr0906-150 ml 15 20 35 2.52 22 0.11 1.90 2.90 sdr0906-180 ml 18 20 35 2.52 19 0.12 1.80 2.40 sdr0906-220 ml 22 20 35 2.52 16 0.13 1.60 2.40 sdr0906-270 kl 27 10 35 2.52 15 0.15 1.40 2.20 sdr0906-330 kl 33 10 35 2.52 14 0.18 1.25 2.00 sdr0906-390 kl 39 10 25 2.52 13 0.19 1.15 1.60 sdr0906-470 kl 47 10 25 2.52 12 0.23 1.10 1.50 sdr0906-560 kl 56 10 25 2.52 12 0.26 1.05 1.40 sdr0906-680 kl 68 10 20 2.52 10 0.31 1.00 1.40 sdr0906-820 kl 82 10 20 2.52 9 0.33 0.95 1.30 sdr0906-101 kl 100 10 15 0.796 8 0.39 0.90 1.10 sdr0906-121 kl 120 10 15 0.796 8 0.43 0.85 1.10 sdr0906-151 kl 150 10 15 0.796 7 0.56 0.75 0.90 sdr0906-181 kl 180 10 15 0.796 6 0.64 0.70 0.82 sdr0906-221 kl 220 10 20 0.796 6 0.85 0.60 0.80 sdr0906-271 kl 270 10 20 0.796 5 1.00 0.55 0.76 sdr0906-331 kl 330 10 15 0.796 5 1.27 0.50 0.65 sdr0906-391 kl 390 10 15 0.796 5 1.40 0.45 0.64 sdr0906-471 kl 470 10 15 0.796 5 1.63 0.40 0.57 sdr0906-561 kl 560 10 15 0.796 4 2.10 0.32 0.53 sdr0906-681 kl 680 10 15 0.796 4 2.40 0.28 0.46 sdr0906-821 kl 820 10 15 0.796 3 2.75 0.24 0.36 sdr0906-102 kl 1000 10 60 0.252 2 3.50 0.22 0.35 sdr0906-122 kl 1200 10 60 0.252 2 4.00 0.20 0.28 sdr0906-152 kl 1500 10 70 0.252 2 5.00 0.18 0.26 sdr0906-182 kl 1800 10 60 0.252 2 5.80 0.17 0.24 sdr0906-222 kl 2200 10 94 0.252 2 8.00 0.14 0.23 sdr0906-272 kl 2700 10 90 0.252 1 9.00 0.13 0.23 sdr0906-332 kl 3300 10 78 0.252 1 10.00 0.12 0.18 sdr0906-392 kl 3900 10 96 0.252 1 13.50 0.10 0.18 sdr0906-472 kl 4700 10 86 0.252 1 15.00 0.09 0.16 sdr0906-562 kl 5600 10 100 0.252 1 20.00 0.07 0.15 sdr0906-682 kl 6800 10 90 0.252 1 23.00 0.06 0.14 sdr0906-822 kl 8200 10 100 0.252 1 28.00 0.05 0.12 sdr0906-103 kl 10000 10 100 0.0796 1 33.00 0.04 0.10 multiple windings possible (up to four windings). *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. sdr0906 series - smd power inductors rev. 05/05 26 (1.02) 30.4 (1.20) 2.0 0.5 (.079 .020) 50.0 (1.969) 330 (12.99) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21 .8 (.827 .031) 165 to 180 base tape top cover tape the force for tearing off cover tape is 10 to 130 grams in the arrow direction. strength of cover tape packaging specifications materials paper plastics embossed carrier embossed cavity 0.10 (.004) thickness max. dimensions: mm (inches) user direction of feed 200 (7.874) no component no component components 11200 (440.945) 400 (15.748) start 4 (.157) 16 (.63) 6.85 (.27) 24 (.945) end 600 pcs. per reel typical part marking 1 4 8 5 start finish 101


▲Up To Search▲   

 
Price & Availability of SDR0906-562KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X