Part Number Hot Search : 
TLE8264E AT88S TLE8264E E170CA 7100R BDV65 CD4583 HC125
Product Description
Full Text Search
 

To Download RS207M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single-phase glass passivated silicon bridge rectifier voltage range 50 to 1000 volts current 2.0 ampere rectron semiconductor technical specification features * ideal for printed circuit board * mounting position: any * ul listed the recognized component directory, file #e94233 * epoxy: device has ul flammability classification 94v-o maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. rs201m thru RS207M maximum ratings (at t a = 25 o c unless otherwise noted) notes : 1.measured at 1 mh z and applied reverse voltage of 4.0 volts electrical characteristics (at t a = 25 o c unless otherwise noted) dimensions in inches and (millimeters) 2005-3 rev:a ratings maximum recurrent peak reverse voltage maximum rms bridge input voltage maximum dc blocking voltage maximum average forward output current t a = 50 o c peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) operating temperature range symbol v rrm v dc i o i fsm t j v rms volts volts amps 50 -55 to + 150 amps 0 c units volts maximum reverse current at rated characteristics dc blocking voltage per element v f symbol i r 1.1 0.5 maximum forward voltage drop per bridgeat volts @t a = 25 o c @t a = 100 o c 5.0 element at 2.0a dc uamps mamps units mechanical data rs-2m 37 2. unit case mounted on 1.6 x 1.6 x 0.06? thick (4.0 x 4.0 x 0.15cm) al. plate 3. units mounted on p.c.b. with 0.5 x 0.5? (12 x 12mm) copper pads and 0.375? (9.5mm) lead length 4. ?fully rohs compliant?, ?100% sn plating (pb-free)?. 2.0 50 100 200 400 600 800 1000 70 35 140 280 420 700 560 50 200 400 600 800 1000 100 rs201m rs202m rs203m rs204m rs205m rs206m RS207M rs201m rs202m rs203m rs204m rs205m rs206m RS207M typical thermal resistance per leg (note 2) r ja r jc 0 c/w (note 3) typical junction capacitance (note1) c j 15 pf storage temperature range t stg -55 to + 150 0 c 11 .807 ( 20.5 ) .768 ( 19.5 ) .079 ( 2.0 ) .106 (2 .7 ) .091 ( 2.3 ) .453 ( 11.5 ) .413 ( 10.5 ) .740 ( 18.8 ) .701 ( 17.8 ) .063 ( 1.6 ) . 098 ( 2.5 ) . 083 (2.1) .043 ( 1.1 ) .035 (0.9) .209 ( 5.3 ) .193 ( 4.9 ) .209 ( 5.3 ) .193 ( 4.9 ) .209 ( 5.3 ) .193 ( 4.9 ) .047 ( 1.2 ) .146 ( 3.7 ) .130 ( 3.3 ) .031 ( 0.8 ) .024 ( 0.6 ) .016 ( 0.4 )
rectron rating and characteristic curves ( rs201m thru RS207M ) fig. 2 - typical forward current average forward current, (a) ambient temperature, ( ) derating curve 20 50 80 110 140 170 200 2.0 0 .5 1.0 1.5 fig. 1 - maximum non-repetitive forward peak forward surge current, (a) number of cycles at 60hz 8.3ms single half sine-wave (jeded method) surge current 60 50 40 30 20 10 0 0 2 4 6 10 20 40 60 100 fig. 4 - typical reverse instantaneous reverse current, (ua) percent of rated peak reverse voltage, (%) t j = 25 0 20 40 60 80 100 120 14 0 10 6 4 2 1.0 .6 .01 .02 .06 .1 .2 characteristics t j = 25 pulse width = 300us 1% duty cycle 1.2 fig. 3 - typical instantaneous forward characteristics instantaneous forward current, (a) instantaneous forward voltage, (v) .4 .5 .6 .7 .8 .9 1.0 1.1 10 1.0 0.1 .01 60 hz resistive or inductive load


▲Up To Search▲   

 
Price & Availability of RS207M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X