Part Number Hot Search : 
74LS642 OPV202 A1764 DS18B20Z PX0552 HT82K SWT30 117BG
Product Description
Full Text Search
 

To Download PS2706-1-F3-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  photocoupler ps2706-1 ac input response darlington transistor sop multi photocoupler series ? nepoc series ? description t he ps2706-1 is an optically coupled is olator containing a gaas light em itting diode and an npn silicon darlington- connected phototransistor. t h is is mounted in a plastic sop (small ou t-line package) for high density applications. t h is package has shield effect to cut off ambient light. features ? ac input response ? high current transfer ratio (ct r = 2 000 % t yp.) ? high isolation voltage (bv = 3 750 vr.m.s.) ? small and thin (sop) package ? high-speed sw itching (t r , t f = 200 s t yp.) ? ordering number of tapi ng product: ps2706-1f 3, f 4 ? ul approved: f ile no. e72422 (s) ? vde0884 approved (option) applications ? hy brid ic ? t e lephone, exchange equipment ? f a /oa equipment ? programmable logic controllers ordering information (solder contains lead) part number package safety standard approval standard specification products p s 2 7 0 6 - 1 4 - p i n s o p ? ul approved ps2706-1-v 4-pin sop vde0884 spec ification products (option) ordering information (pb-free) part number package safety standard approval standard specification products p s 2 7 0 6 - 1 - a 4 - p i n s o p ? ul approved ps2706-1-v-a 4-pin sop vde0884 spec ification products (option) the mark ? show s major rev i sed points. document no. pn10244ej01v0ds (1st edition) (prev i ous no. p11310ej5v0ds00) date published february 2003 cp(k)
ps2706-1 package dimensions (in millimeters) ps2706-1 4.00.5 7.00.3 4.4 0.50.3 0.15 +0.10 ?0.05 2.0 0.10.1 2.10.2 2.54 0.4 +0.10 ?0.05 0.25 m top view 1. anode,cathode 2. cathode,anode 3. emitter 4. collector 43 12 data sheet pn10244ej01v0ds 2
ps2706-1 absolute maximum ratings (t a = 25 c, unless otherw ise specified) p a r a m e t e r s y m b o l r a t i n g s u n i t diode forw ard current (dc) i f 5 0 m a pow e r dissipation derating ? p d / c 0 . 8 mw/ c p o w e r d i s s i p a t i o n p d 8 0 m w peak forw ard current *1 i fp 1 a transistor collector to emitter voltage v ceo 4 0 v emitter to collector voltage v eco 6 v c o l l e c t o r c u r r e n t i c 2 0 0 m a pow e r dissipation derating ? p c / c 1 . 5 mw/ c p o w e r d i s s i p a t i o n p c 1 5 0 m w isolation voltage *2 b v 3 7 5 0 v r . m . s . operating ambient temperature t a ?55 to +100 c storage temperature t st g ?55 to +150 c *1 pw = 100 s, duty cy cle = 1 % *2 ac voltage for 1 minute at t a = 25 c, rh = 60 % betw een input and output data sheet pn10244ej01v0ds 3
ps2706-1 electrical characteristics (t a = 25 c) p a r a m e t e r s y m b o l c o n d i t i o n s m i n . ty p . m a x . u n i t d i o d e f o r w ard v o l t a g e v f i f = 5 ma 1.1 1.4 v t e r m i n a l c a p a c i t a n c e c t v = 0 v, f = 1 mhz 60 pf transistor collector to emitter dark current i ceo i f = 0 ma, v ce = 40 v 400 na coupled current transfer ratio (i c /i f ) c t r i f = 1 ma, v ce = 2 v 200 2 000 % c t r ratio *1 ctr1/ ctr2 i f = 1 ma, v ce = 2 v 0.3 1.0 3.0 collector saturation voltage v ce (s at) i f = 1 ma, i c = 2 ma 1.0 v i s o l a t i o n r e s i s t a n c e r i-o v i-o = 1 kv dc 1 0 11 ? i s o l a t i o n c a p a c i t a n c e c i-o v = 0 v, f = 1 mhz 0.4 pf r i s e t i m e *2 t r v cc = 5 v, i c = 2 ma, r l = 100 ? 2 0 0 s f a l l ti m e *2 t f 2 0 0 *1 ct r1 = i c1 /i f1 , ct r2 = i c2 /i f2 i f1 i f2 i c1 i c2 v ce *2 t e st circuit for sw itching time pw = 1 ms, duty cycle = 1/10 pulse input v cc v out r l = 100 ? 50 ? i f input monitor data sheet pn10244ej01v0ds 4
ps2706-1 typical characteristics (t a = 25 c, unless otherw ise specified) 100 50 25 0 75 25 50 75 100 ambient temperature t a (?c) diode power dissipation p d (mw) diode power dissipation vs. ambient temperature 200 150 100 50 0 25 50 75 100 ambient temperature t a (?c) transistor power dissipation p c (mw) transistor power dissipation vs. ambient temperature 1.5 mw/?c 50 000 1 1 000 5 000 100 10 10 000 500 50 5 ?60 0 4 0 8 0 ?40 ?20 20 60 100 ambient temperature t a (?c) collector to emitter dark current vs. ambient temperature collector to emitter dark current i ceo (na) v ce = 40 v 24 v 10 v 5 v 2 v 100 0.1 1 0.01 10 0.6 1.0 1.4 1.6 0.8 1.2 forward voltage v f (v) forward current i f (ma) forward current vs. forward voltage +25 ?c 0 ?c ?25 ?c ?55 ?c t a = +100 ?c +75 ?c +50 ?c 300 10 0.1 30 0.3 100 3 1 0.6 1.2 1.6 0.4 0.8 1.4 1.0 collector saturation voltage v ce (sat) (v) collector current i c (ma) collector current vs. collector saturation voltage i f = 10 ma 1 ma 0.5 ma 5 ma 0.2 ma 0.1 ma forward current vs. forward voltage forward voltage v f (v) forward current i f (ma) 80 60 40 20 0 ?40 ?60 ?80 ?20 ?1.2 0 0.4 1.2 1.6 ?1.6 ?0.8 ?0.4 0.8 data sheet pn10244ej01v0ds 5
ps2706-1 1.2 0.6 0.0 0.8 1.0 0.4 0.2 0 25 50 100 ?50 ?25 75 ambient temperature t a (?c) normalized current transfer ratio vs. ambient temperature normalized current transfer ratio ctr normalized to 1.0 at t a = 25 ?c, i f = 1 ma, v ce = 2 v forward current i f ( a) current transfer ratio ctr (%) current transfer ratio vs. forward current forward current i f (ma) current transfer ratio ctr (%) current transfer ratio vs. forward current 1 000 5 1 500 100 50 10 50 500 5 k 100 1 k load resistance r l ( ? ) switching time vs. load resistance switching time t ( s) v cc = 5 v, i c = 2 ma, ctr = 2 200 % t f t r t d t s 5 000 1 500 1 000 50 5 100 10 50 500 5 k 1 k 10 k 50 k 100 load resistance r l ( ? ) switching time vs. load resistance switching time t ( s) i f = 1 ma, v cc = 5 v, ctr = 2 200 % t f t s t r t d 180 80 0 140 120 20 40 60 100 160 61 0 24 8 collector to emitter voltage v ce (v) collector current i c (ma) collector current vs. collector to emitter voltage i f = 5 ma 0.5 ma 1 ma 2 ma 10 0 500 1 000 1 500 2 000 2 500 3 000 50 100 300 v ce = 2 v 0 1 000 2 000 3 000 4 000 5 000 6 000 7 000 8 000 9 000 10 000 10 15 0.5 v ce = 2 v data sheet pn10244ej01v0ds 6
ps2706-1 1.2 1.0 0.0 0.4 0.2 0.8 0.6 10 2 10 3 11 0 4 10 5 10 6 time (hr) long term ctr degradation ctr (relative value) i f = 1 ma, t a = 60 ?c i f = 1 ma, t a = 25 ?c ?10 ?20 0 ?5 ?15 5 100 0.5 1 0.1 5 1 0 50 frequency f (khz) normalized gain g v frequency response i f = 1 ma, v ce = 2 v r l = 100 ? remark t he graphs indicate nominal characteristics. data sheet pn10244ej01v0ds 7
ps2706-1 taping specifications (in millimeters) tape direciton outline and dimensions (reel) packing: 3 500 pcs/reel 2.00.5 r 1.0 13.00.2 21.00.8 3302.0 1001.0 2.0 0.5 11.9 to 15.4 outer edge of flange 17.51.0 13.51.0 13.00.2 ps2706-1-f3 ps2706-1-f4 1.550.1 2.00.05 4.00.1 1.750.1 4.60.1 2.9 max. 0.3 8.00.1 outine and dimensions (tape) 2.40.1 1.5 +0.1 ?0 7.40.1 5.50.05 12.00.2 data sheet pn10244ej01v0ds 8
ps2706-1 notes on handling 1. recommended soldering conditions (1) infrared reflow soldering ? peak reflow temperature 260 c or below (package surface temperature) ? t i me of peak reflow temperature 10 seconds or less ? t i me of temperature higher than 220 c 60 seconds or less ? t i me to preheat temperature from 120 to 180 c 120 30 s ? number of reflow s t h ree ? f l ux rosin flux containing small amount of chlorine (t he flux w i th a maximum chlorine content of 0.2 w t % is recommended.) 12030 s (preheating) 220?c 180?c package surface temperature t (?c) time (s) recommended temperature profile of infrared reflow (heating) to 10 s to 60 s 260?c max. 120?c (2) wav e soldering ? t e mperature 260 c or below (molten solder temperature) ? t i me 10 seconds or less ? preheating conditions 120 c or below (package surface temperature) ? number of times one (allow ed to be dipped in solder including plastic mold portion.) ? f l ux rosin flux containing small amount of chlorine (t he flux w i th a maximum chlorine content of 0.2 w t % is recommended.) (3 ) ca utions ? f l uxes avoid removing the residual flux w i th freon-based and chlorine-based cleaning solvent. 2. cautions regarding noise be aw are that w hen voltage is applied suddenly bet w een the photocoupler?s i nput and output or betw een collector-emitters at startup, the out put side may enter the on st ate, even if the voltage is w i thin the absolute max i mum ratings. data sheet pn10244ej01v0ds 9
ps2706-1 usage cautions 1. protect against static electricity w hen handling. 2. avoid storage at a high te mperature and high humidity . data sheet pn10244ej01v0ds 10
ps2706-1 specification of vde marks license document (vde0884) p a r a m e t e r s y m b o l s p e c k u n i t application classification (din vde 0109) for rated line voltages 300 vr.m.s. for rated line voltages 600 vr.m.s. iv iii climatic test class (din iec 68 teil 1/09.80) 55/100/21 dielectric strength maximum operating isolation voltage test voltage (partial discharge test, procedure a for ty pe test and random test) u pr = 1.2 u io rm , p d < 5 pc u io rm u pr 710 850 v peak v peak test voltage (partial discharge tes t, procedure b for all devices test) u pr = 1.6 u io rm , p d < 5 pc u pr 1 1 4 0 v peak highest permissible overvoltage u tr 6 0 0 0 v peak degree of pollution (din vde 0109) 2 clearance distance > 5 mm creepage distance > 5 mm comparative tracking index (din iec 112/vde 0303 part 1) cti 175 material group (din vde 0109) iii a storage temperature range t st g ? 55 to +150 c operating temperature range t a ?55 to +100 c isolation resistance, minimum value v io = 500 v dc at t a = 25 c v io = 500 v dc at t a max. at least 100 c ris min. ris min. 10 12 10 11 ? ? safety maximum ratings (maximum permi ssible in case of fault, see thermal derating curve) package temperature current (input current i f , psi = 0) pow e r (output or total pow er dissipation) isolation resistance v io = 500 v dc at t a = 175 c (ts i ) ts i isi psi ris min. 150 200 300 10 9 c ma mw ? data sheet pn10244ej01v0ds 11
4590 p a t r ick hen r y drive san t a c l ara, ca 9505 4- 181 7 teleph o n e : ( 408) 919- 25 00 facsim ile: ( 408 ) 988- 027 9 subject: compliance with eu dire ctives cel certifies, to its kno w ledge, that semicondu ctor and laser products detailed below are compliant with the requirements of european union (eu) directive 2002/95/ec restriction on use of hazardous substances in electrical and electron ic equipment (rohs) an d the requir e ments of eu directive 2003/11/ec restriction o n penta and octa bde. cel pb-free products ha ve the same base part n u mber with a suffix added. the suffix ?a indicates that the device is pb-fre e. the ?az suffix is use d to designa te devices containing pb which are exempted from the requirement of ro hs directive (*). in all cases the de vices have pb-free terminals. all devices with these suffixes meet the require ments of the rohs directive. this statu s is based on cel?s understanding of t he eu directives and kn owledge of the materials that go into its pr oducts as of the date of disclo s ure o f this inform ation. re st rict e d s u bst a n c e per rohs con c e n tratio n limit per rohs (value s are n o t yet fixed) con c e n tratio n contai ned in cel devices - a - a z lead (p b) < 100 0 ppm not dete cted (*) mercury < 100 0 ppm not dete cted cadmi u m < 100 ppm not dete cted hexavale nt chromi um < 100 0 ppm not dete cted pbb < 1000 ppm not detec t ed pbde < 1000 ppm not detec t ed if you should have any additional q uestions reg a rding our d e vices and compliance t o environme n tal standards, p l ease do not hesitate to contact your local representative. important inf o rm ation and disclaimer: infor m ation provided b y cel on its w ebsite or in other communi cations concertin g the subs tance content of its pro ducts represents know ledge and b e lief as of t he date that it is provided. cel bases its know ledge a n d belief on informa t ion provided b y t h ird parties and make s no representa t ion or w a rran t y a s to the accurac y of such information. efforts are u nder w a y to b e tte r integrate informa t ion from third pa rties. cel has ta ken and cont inue s to take reasona ble steps to provide repr esentative and ac cur a te information but ma y not h a ve conducted destructive testing or chemical analy s is on incoming ma terials and chemicals. cel and ce l suppliers consid er certain inform ation to be pro p ri etar y , and thus c as numbers and other limited information ma y not be availab le for release. in no event shall cel?s liability ari s ing out of such information e x cee d the total purch ase price of the cel part ( s) at issue s old by cel to customer on an annual basis. see cel te rms and conditions f o r additional cl arification of w a rran t ies and liability .


▲Up To Search▲   

 
Price & Availability of PS2706-1-F3-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X