Part Number Hot Search : 
SM1126 AS56VDC5 EMC1413 04102 IRLR210A BLF647PS PESD15V 2SB932
Product Description
Full Text Search
 

To Download NESG3031M05-T1-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  caution observe precautions when handling because these devices are sensitive to electrostatic discharge. npn silicon germanium rf transistor nesg3031m05 npn sige rf transistor for low noise, high-gain amplification flat-lead 4-pin thin-type super minimold (m05, 2012 pkg) features ? the device is an ideal choice for low noise, high-gain amplification nf = 0.6 db typ., g a = 16.0 db typ. @ v ce = 2 v, i c = 6 ma, f = 2.4 ghz nf = 0.95 db typ., g a = 10.0 db typ. @ v ce = 2 v, i c = 6 ma, f = 5.2 ghz nf = 1.1 db typ., g a = 9.5 db typ. @ v ce = 2 v, i c = 6 ma, f = 5.8 ghz ? maximum stable power gain: msg = 14.0 db typ. @ v ce = 3 v, i c = 20 ma, f = 5.8 ghz ? sige hbt technology (uhs3) adopted: f max = 110 ghz ? flat-lead 4-pin thin-type s uper minimold (m05, 2012 pkg) ordering information part number order number package quantity supplying form nesg3031m05 nesg3031m05-a flat-lead 4-pin thin-type super minimold (m05, 2012 pkg) (pb-free) 50 pcs (non reel) ? 8 mm wide embossed taping ? pin 3 (collector), pin 4 (emitter) face the perforation side of the tape nesg3031m05-t1 NESG3031M05-T1-A 3 kpcs/reel remark to order evaluation samples, contact your nearby sales office. unit sample quantity is 50 pcs. absolute maximum ratings (t a = +25 c) parameter symbol ratings unit collector to base voltage v cbo 12.0 v collector to emitter voltage v ceo 4.3 v emitter to base voltage v ebo 1.5 v collector current i c 35 ma total power dissipation p tot note 150 mw junction temperature t j 150 c storage temperature t stg ?65 to +150 c note mounted on 1.08 cm 2 1.0 mm (t) glass epoxy pwb document no. pu10414ej04v0ds (4th edition) date published december 2008 ns 2003, 2008 the mark shows major revised points. the revised points can be easily searched by copying an "" in the pdf file and spec ifying it in the "find what:" field.
nesg3031m05 electrical characteristics (t a = +25 c) parameter symbol test conditions min. typ. max. unit dc characteristics collector cut-off current i cbo v cb = 5 v, i e = 0 ma ? ? 100 na emitter cut-off current i ebo v eb = 1 v, i c = 0 ma ? ? 100 na dc current gain h fe note 1 v ce = 2 v, i c = 6 ma 220 300 380 ? rf characteristics insertion power gain ? s 21e ? 2 v ce = 3 v, i c = 20 ma, f = 5.8 ghz 6.0 8.5 ? db noise figure (1) nf v ce = 2 v, i c = 6 ma, f = 2.4 ghz, z s = z sopt , z l = z lopt ? 0.6 ? db noise figure (2) nf v ce = 2 v, i c = 6 ma, f = 5.2 ghz, z s = z sopt , z l = z lopt ? 0.95 ? db noise figure (3) nf v ce = 2 v, i c = 6 ma, f = 5.8 ghz, z s = z sopt , z l = z lopt ? 1.1 1.5 db associated gain (1) g a v ce = 2 v, i c = 6 ma, f = 2.4 ghz, z s = z sopt , z l = z lopt ? 16.0 ? db associated gain (2) g a v ce = 2 v, i c = 6 ma, f = 5.2 ghz, z s = z sopt , z l = z lopt ? 10.0 ? db associated gain (3) g a v ce = 2 v, i c = 6 ma, f = 5.8 ghz, z s = z sopt , z l = z lopt 7.5 9.5 ? db reverse transfer capacitance c re note 2 v cb = 2 v, i e = 0 ma, f = 1 mhz ? 0.15 0.25 pf maximum stable power gain msg note 3 v ce = 3 v, i c = 20 ma, f = 5.8 ghz 11.0 14.0 ? db gain 1 db compression output power p o (1 db) v ce = 3 v, i c (set) = 20 ma, f = 5.8 ghz, z s = z sopt , z l = z lopt ? 13.0 ? dbm output 3rd order intercept point oip 3 v ce = 3 v, i c (set) = 20 ma, f = 5.8 ghz, z s = z sopt , z l = z lopt ? 18.0 ? dbm notes 1. pulse measurement: pw 350 s, duty cycle 2% 2. collector to base capacit ance when the emitter grounded 3. msg = s 21 s 12 h fe classification rank fb marking t1k h fe value 220 to 380 data sheet pu10414ej04v0ds 2
nesg3031m05 typical characteristics (t a = +25 c, unless otherwise specified) 0.3 0.2 02468 10 f = 1 mhz 0.1 v ce = 1 v 10 1 0.1 0.001 0.0001 0.01 0.00001 0.7 0.5 0.6 0.4 0.8 0.9 1.0 100 v ce = 2 v 10 1 0.1 0.001 0.0001 0.01 0.00001 0.7 0.5 0.6 0.4 0.8 0.9 1.0 100 20 40 30 10 0 2 135 v ce = 3 v 10 1 0.1 0.001 0.0001 0.01 0.00001 0.7 0.5 0.6 0.4 0.8 0.9 1.0 100 i b = 20 a 40 a 60 a 80 a 100 a 120 a 140 a 160 a 180 a 200 a 4 total power dissipation p tot (mw) ambient temperature t a (?c) total power dissipation vs. ambient temperature reverse transfer capacitance c re (pf) collector to base voltage v cb (v) reverse transfer capacitance vs. collector to base voltage collector current i c (ma) base to emitter voltage v be (v) collector current vs. base to emitter voltage collector current i c (ma) base to emitter voltage v be (v) collector current vs. base to emitter voltage collector current i c (ma) base to emitter voltage v be (v) collector current vs. base to emitter voltage collector current i c (ma) collector to emitter voltage v ce (v) collector current vs. collector to emitter voltage 250 200 150 100 50 0 25 50 75 100 125 150 mounted on glass epoxy pwb (1.08 cm 2 1.0 mm (t)) remark the graphs indicate nominal characteristics. data sheet pu10414ej04v0ds 3
nesg3031m05 30 25 20 10 15 0 1 10 100 v ce = 3 v f = 2 ghz 30 25 20 10 5 0 1 10 100 v ce = 1 v f = 2 ghz 30 20 15 10 5 0 1 10 100 v ce = 2 v f = 2 ghz 15 25 5 dc current gain h fe collector current i c (ma) dc current gain vs. collector current dc current gain h fe collector current i c (ma) dc current gain vs. collector current dc current gain h fe collector current i c (ma) dc current gain vs. collector current gain bandwidth product f t (ghz) collector current i c (ma) gain bandwidth product vs. collector current gain bandwidth product f t (ghz) collector current i c (ma) gain bandwidth product vs. collector current gain bandwidth product f t (ghz) collector current i c (ma) gain bandwidth product vs. collector current 1 000 100 10 10 0.1 100 v ce = 1 v 1 1 000 100 10 10 0.1 100 v ce = 2 v 1 1 000 100 10 10 0.1 100 v ce = 3 v 1 remark the graphs indicate nominal characteristics. data sheet pu10414ej04v0ds 4
nesg3031m05 30 25 20 15 10 5 0 1 100 mag msg |s 21e | 2 v ce = 1 v i c = 20 ma v ce = 2 v i c = 20 ma 30 25 20 15 10 5 0 1 10 100 mag msg |s 21e | 2 10 msg mag v ce = 3 v i c = 20 ma 30 25 20 15 10 5 0 1 10 100 mag msg |s 21e | 2 msg mag v ce = 1 v f = 2.4 ghz 25 20 10 5 ? 1 10 100 |s 21e | 2 15 0 mag msg v ce = 2 v f = 2.4 ghz 30 25 15 10 0 1 10 100 |s 21e | 2 20 5 mag msg v ce = 3 v f = 2.4 ghz 30 25 15 10 0 1 10 100 |s 21e | 2 20 5 mag msg frequency f (ghz) insertion power gain, mag, msg vs. frequency insertion power gain |s 21e | 2 (db) maximum available power gain mag (db) maximum stable power gain msg (db) frequency f (ghz) insertion power gain, mag, msg vs. frequency insertion power gain |s 21e | 2 (db) maximum available power gain mag (db) maximum stable power gain msg (db) frequency f (ghz) insertion power gain, mag, msg vs. frequency insertion power gain |s 21e | 2 (db) maximum available power gain mag (db) maximum stable power gain msg (db) frequency f (ghz) insertion power gain, mag, msg vs. frequency insertion power gain |s 21e | 2 (db) maximum available power gain mag (db) maximum stable power gain msg (db) collector current i c (ma) insertion power gain, mag, msg vs. collector current insertion power gain |s 21e | 2 (db) maximum available power gain mag (db) maximum stable power gain msg (db) collector current i c (ma) insertion power gain, mag, msg vs. collector current insertion power gain |s 21e | 2 (db) maximum available power gain mag (db) maximum stable power gain msg (db) remark the graphs indicate nominal characteristics. data sheet pu10414ej04v0ds 5
nesg3031m05 v ce = 1 v f = 5.8 ghz 25 20 10 5 ? 1 10 100 |s 21e | 2 15 0 v ce = 3 v f = 5.8 ghz 25 20 10 5 ? 1 10 100 |s 21e | 2 15 0 mag mag msg v ce = 2 v f = 5.8 ghz 25 20 10 5 ? 1 10 100 |s 21e | 2 15 0 mag v ce = 3 v f = 5.2 ghz 25 20 10 5 ? 1 10 100 |s 21e | 2 15 0 mag msg v ce = 1 v f = 5.2 ghz 25 20 10 5 ? 1 10 100 |s 21e | 2 15 0 mag msg v ce = 2 v f = 5.2 ghz 25 20 10 5 ? 1 10 100 |s 21e | 2 15 0 mag msg collector current i c (ma) insertion power gain, mag, msg vs. collector current insertion power gain |s 21e | 2 (db) maximum available power gain mag (db) maximum stable power gain msg (db) collector current i c (ma) insertion power gain, mag, msg vs. collector current insertion power gain |s 21e | 2 (db) maximum available power gain mag (db) maximum stable power gain msg (db) collector current i c (ma) insertion power gain, mag, msg vs. collector current insertion power gain |s 21e | 2 (db) maximum available power gain mag (db) maximum stable power gain msg (db) collector current i c (ma) insertion power gain, mag, msg vs. collector current insertion power gain |s 21e | 2 (db) maximum available power gain mag (db) maximum stable power gain msg (db) collector current i c (ma) insertion power gain, mag, msg vs. collector current insertion power gain |s 21e | 2 (db) maximum available power gain mag (db) collector current i c (ma) insertion power gain, mag, msg vs. collector current insertion power gain |s 21e | 2 (db) maximum available power gain mag (db) remark the graphs indicate nominal characteristics. data sheet pu10414ej04v0ds 6
nesg3031m05 v ce = 3 v, f = 2.4 ghz i c (set) = 20 ma p out i c 20 15 10 5 0 ? 50 10 20 30 40 0 ?0 ?0 ?5 ? 0 5 5 4 3 2 1 0 20 8 4 16 12 0 1 10 100 v ce = 2 v f = 2.4 ghz g a nf v ce = 3 v, f = 5.8 ghz i c (set) = 20 ma p out i c 20 15 10 5 0 ? 50 10 20 40 30 0 ?5 ? ?0 0 5 10 5 4 3 2 1 0 15 6 3 12 9 0 1 10 100 v ce = 2 v f = 5.8 ghz g a nf input power p in (dbm) output power, collector current vs. input power output power p out (dbm) collector current i c (ma) input power p in (dbm) output power, collector current vs. input power output power p out (dbm) collector current i c (ma) collector current i c (ma) noise figure, associated gain vs. collector current noise figure nf (db) associated gain g a (db) collector current i c (ma) noise figure, associated gain vs. collector current noise figure nf (db) associated gain g a (db) remark the graphs indicate nominal characteristics. data sheet pu10414ej04v0ds 7
nesg3031m05 s-parameters s-parameters and noise parameters are provided on our web site in a format (s2p) that enables the direct import of the parameters to microwave circuit simulators without the need for keyboard inputs. click here to download s-parameters. [rf and microwave] [device parameters] url http://www.necel.com/microwave/en/ data sheet pu10414ej04v0ds 8
data sheet pu10414ej04v0ds 9 nesg3031m05 package dimensions flat-lead 4-pin thin-type super mi nimold (m05, 2012 pkg) (unit: mm) pin connections 1. base 2. emitter 3. collector 4. emitter remark ( ) : reference value 0.59?.05 0.11 +0.1 ?.05 0.5 (1.05) (bottom view) (0.65) 0.65 1.30 2.0?.1 43 12 1.25?.1 2.05?.1 0.30 +0.1 ?.05 t1k (top view)
nesg3031m05 the information in this document is current as of december, 2008. the information is subject to change without notice. for actual design-in, refer to the latest publications of nec electronics data sheets or data books, etc., for the most up-to-date specifications of nec electronics products. not all products and/or types are available in every country. please check with an nec electronics sales representative for availability and additional information. no part of this document may be copied or reproduced in any form or by any means without the prior written consent of nec electronics. nec electronics assumes no responsibility for any errors that may appear in this document. nec electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of nec electronics products listed in this document or any other liability arising from the use of such products. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec electronics or others. descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. the incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. nec electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. while nec electronics endeavors to enhance the quality, reliability and safety of nec electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. to minimize risks of damage to property or injury (including death) to persons arising from defects in nec electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. nec electronics products are classified into the following three quality grades: "standard", "special" and "specific". the "specific" quality grade applies only to nec electronics products developed based on a customer- designated "quality assurance program" for a specific application. the recommended applications of an nec electronics product depend on its quality grade, as indicated below. customers must check the quality grade of each nec electronics product before using it in a particular application. the quality grade of nec electronics products is "standard" unless otherwise expressly specified in nec electronics data sheets or data books, etc. if customers wish to use nec electronics products in applications not intended by nec electronics, they must contact an nec electronics sales representative in advance to determine nec electronics' willingness to support a given application. (note) ? ? ? ? ? ? m8e 02. 11-1 (1) (2) "nec electronics" as used in this statement means nec electronics corporation and also includes its majority-owned subsidiaries. "nec electronics products" means any product developed or manufactured by or for nec electronics (as defined above). computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. "standard": "special": "specific":


▲Up To Search▲   

 
Price & Availability of NESG3031M05-T1-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X