Part Number Hot Search : 
SPLLL15 2N4173 LTC1655 65100 RGP10 MC9S12XE RD1004 SHORT
Product Description
Full Text Search
 

To Download IL250-X001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 83618 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.5, 10-dec-08 335 optocoupler, phototransistor output, ac input, with base connection il250, il251, il252, il d250, ild251, ild252 vishay semiconductors description the il250, il251, il252, ild250, ild251, ild252 are bidirectional input optically coupled isolators consisting of two gallium arsenide infrared leds coupled to a silicon npn phototransistor per channel. the il250/ild250 has a minimu m ctr of 50 %, the il251, ild251 has a minimum ctr of 20 %, and the il252, ild252 has a minimum ctr of 100 %. the il250, il251, il252 are single channel optocouplers. the ild250, ld251, ild252 has two isolated channels in a single dip package. features ? ac or polarity insensitive input ? built-in reverse polarity input protection ? improved ctr symmetry ? industry standard dip package ? lead (pb)-free component ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec applications ? ideal for ac signal detection and monitoring agency approvals ? ul1577, file no. e52744 system code h or j, double protection ? csa 93751 ? bsi iec 60950; iec 60065 ? din en 60747-5-5 (vde 0884) available with option 1 note for additional information on the availabl e options refer to option information. i179024 1 2 3 6 5 4 b c e nc a/c c/a 1 2 3 4 8 7 6 5 e c c e a a c c single channel dual channel order information part remarks il250 ctr > 50 %, single channel dip-6 il251 ctr > 20 %, single channel dip-6 il252 ctr > 100 %, single channel dip-6 ild250 ctr > 50 %, dual channel dip-8 ild251 ctr > 20 %, dual channel dip-8 ild252 ctr > 100 %, dual channel dip-8 il250-x007 ctr > 50 %, single channel smd-6 (option 7) il250-x009 ctr > 50 %, single channel smd-6 (option 9) il251-x009 ctr > 20 %, single channel smd-6 (option 9) il252-x007 ctr > 100 %, single channel smd-6 (option 7) il252-x009 ctr > 100 %, single channel smd-6 (option 9) ild250-x009 ctr > 50 %, dual channel smd-6 (option 9) ild251-x006 ctr > 20 %, dual channel dip-8 400 mil (option 6) ild251-x007 ctr > 20 %, dual channel smd-6 (option 7) ild251-x009 ctr > 20 %, dual channel smd-6 (option 9) ild252-x009 ctr > 100 %, dual channel smd-6 (option 9)
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 83618 336 rev. 1.5, 10-dec-08 il250, il251, il252, il d250, ild251, ild252 vishay semiconductors optocoupler, phototransistor output, ac input, with base connection note t amb = 25 c, unless otherwise specified stresses in excess of the absolute maximum ratings can cause permanent damage to the device. f unctional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. exposure to absolute ma ximum ratings for extended periods of the time c an adversely affect reliability. note t amb = 25 c, unless otherwise specified minimum and maximum values are testing requi rements. typical values ar e characteristics of the device and are the result of eng ineering evaluation. typical values are for information only and are not part of the testing requirements. absolute maximum ratings parameter test condition symbol value unit input forward continuous current i f 60 ma power dissipation p diss 100 mw derate linearly from 25 c 1.33 mw/c output collector emitter breakdown voltage bv ceo 30 v emitter base breakdown voltage bv ebo 5v collector base breakdown voltage bv cbo 70 v power dissipation single channel p diss 200 mw power dissipation dual channel p diss 150 mw derate linearly from 25 c single channel 2.6 mw/c derate linearly from 25 c dual channel 2mw/c coupler isolation test voltage between emitter and detector v iso 5300 v rms creepage distance 7mm clearance distance 7mm isolation resistance v io = 500 v, t amb = 25 c r io 10 12 v io = 500 v, t amb = 100 c r io 10 11 total dissipation single channel p tot 250 mw total dissipation dual channel p tot 400 mw derate linearly from 25 c single channel 3.3 mw/c derate linearly from 25 c dual channel 5.3 mw/c storage temperature t stg - 55 to + 150 c operating temperature t amb - 55 to + 100 c lead soldering time at 260 c 10 s electrical characteristics parameter test condition part symbol min. typ. max. unit input forward voltage i f = 10 ma v f 1.2 1.5 v output collector emitter breakdown voltage i c = 1 ma bv ceo 30 50 v emitter base breakdown voltage i e = 100 a bv ebo 710 v collector base breakdown voltage i c = 10 a bv cbo 70 90 v collector emitter leakage current v ce = 10 v i ceo 550na coupler collector emitter saturation voltage i f = 16 ma, i c = 2 ma v cesat 0.4 v
document number: 83618 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.5, 10-dec-08 337 il250, il251, il252, ild250, ild251, ild252 optocoupler, phototransistor output, ac input, with base connection vishay semiconductors typical characteristics t amb = 25 c, unless otherwise specified fig. 1 - led forward current vs.forward voltage fig. 2 - normalized non-saturated and saturated ctr vs. led current fig. 3 - normalized non-saturated and saturated ctr vs. led current fig. 4 - normalized non-saturated and saturated ctr vs. led current current transfer ratio parameter test condition part symbol min. typ. max. unit dc current transfer ratio i f = 10 ma, v ce = 10 v il250/ild250 ctr dc 50 % il251/ild251 ctr dc 20 % il251/ild251 ctr dc 100 % symmetry (ctr at + 10 ma)/ (ctr at -10 ma) 0.50 1 2 iil250_01 - 1.5 - 1.0 - 0.5 0.0 0.5 1.0 1.5 - 60 - 40 - 20 0 20 40 60 25 c - 55 c 8 5 c v f - led for w ard v oltage i f - led for w ard c u rrent (ma) iil250_02 100 10 1 0.1 0.0 0.5 1.0 1.5 n ctr(sat) n ctr i f - led c u rrent (ma) n ctr - n ormalized ctr n ormalized to: v ce = 1 0 v , i f =10ma t a = 25 c ctrce(sat) v ce = 0.4 v iil250_03 100 10 1 0.1 0.0 0.5 1.0 1.5 n ctr(sat) n ctr i f - led c u rrent (ma) n ctr - n ormalized ctr n ormalized to: v ce = 10 v , i f = 10 ma, t a = 25 c t a = 50 c ctrce(sat) v ce = 0.4 v iil250_04 100 10 1 0.1 0.0 0.5 1.0 1.5 i f - led c u rrent (ma) n ctr(sat) n ctr n ormalized to: v ce = 10 v ,i f = 10 ma t a = 25 c ctrce(sat) v ce = 0.4 v t a = 70 c n ctr - n ormalized ctr
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 83618 338 rev. 1.5, 10-dec-08 il250, il251, il252, il d250, ild251, ild252 vishay semiconductors optocoupler, phototransistor output, ac input, with base connection fig. 5 - normalized non-saturated and saturated ctr vs. led current fig. 6 - collector emitter curre nt vs. temperature and led current fig. 7 - collector emitter leakage current vs.temperature fig. 8 - normalized ctr cb vs. led current and temperature fig. 9 - collector base photocurrent vs. led current fig. 10 - normalized photocurrent vs. i f and temperature iil250_05 0.1 0 100 1.5 1.0 0.5 0.0 i f - led c u rrent (ma) n ctr - n ormalized ctr n ctr(sat) n ctr n ormalized to: v ce = 10 v ,i f = 10 ma, t a =25 c ctr ce(sat) v ce = 0.4 v t a = 8 5 c 1 1 iil250_06 60 50 30 20 10 0 0 5 10 15 20 25 30 35 50 c 70 c 8 5 c i f - led c u rrent (ma) i ce - collector c u rrent (ma) 25 c 40 iil250_07 100 8 0 60 40 20 0 - 20 t a -am b ient temperat u re (c) i ceo - collector-emitter (na) typical v ce =10 v 10 5 10 4 10 3 10 2 10 1 10 0 10 -1 10 -2 iil250_0 8 0.1 0.0 0.5 1.0 1.5 25 c 50 c 70 c i f - led c u rrent (ma) n ctr c b - n ormalized ctr c b n ormalized to: i = 10 ma f v cb =9.3 v t a = 25 c 1 10 100 iil250_09 100 10 1 0.1 0.01 0.1 1 10 100 1000 i f - led c u rrent (ma) i ce - collector base photoc u rrent ( a) i cb = 1.0357 *i f ^ 1.3631 t a = 25 c iil250_10 0.1 100 10 1 0.1 0.01 i f - led c u rrent (ma) n ormalized photoc u rrent n ormalized to: i f = 10 ma, t = 25 c n ib- t a = - 20 c n i b , t a =25 c n i b , t a =50 c n i b , t a =70 c 1 10
document number: 83618 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.5, 10-dec-08 339 il250, il251, il252, ild250, ild251, ild252 optocoupler, phototransistor output, ac input, with base connection vishay semiconductors fig. 11 - normalized non saturated h fe vs. base current and temperature fig. 12 - normalized saturated h fe vs. base current and temperature fig. 13 - propagation delay vs. collector load resistor fig. 14 - switching timing fig. 15 - switching schematic iil250_11 1000 0.4 0.6 0. 8 1.0 1.2 i b - base c u rrent ( a) n h fe - n ormalized h fe - 20 c 25 c 50 c 70 c n ormalized to: i b = 20 a v ce =10 v t a =25 c 100 1 10 iil250_12 100 1000 0.0 0.5 1.0 1.5 i b -basec u rrent ( a) v ce = 0.4 v n ormalized to: v ce =10 v i b = 20 a t a =25 c 70 c 50 c 25 c - 20 c n h fe(sat) - n ormalized sat u rated h fe 1 10 iil250_13 r l - collector load resistor (k ) 100 10 1 0.1 1 10 100 1000 1. 0 1. 5 2. 0 2. 5 t plh t phl t plh - propagation delay ( s) t a = 25 c, i f =10ma v cc = 5 v , v th=1 .5 v t phl - propagation delay ( s) iil250_14 i f t r v o t d t s t f t ph l t plh v th = 1.5 v iil250_15 v o v cc =5 v r l i f = 10 ma f = 10 khz, df = 50 %
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 83618 340 rev. 1.5, 10-dec-08 il250, il251, il252, il d250, ild251, ild252 vishay semiconductors optocoupler, phototransistor output, ac input, with base connection package dimensions in inches (millimeters) i17 8 004 0.010 (0.25) typ. 0.114 (2.90) 0.130 (3.0) 0.130 (3.30) 0.150 (3. 8 1) 0.031 (0. 8 0) min. 0.300 (7.62) typ. 0.031 (0. 8 0) 0.035 (0.90) 0.100 (2.54) typ. 0.039 (1.00) min. 0.01 8 (0.45) 0.022 (0.55) 0.04 8 0.022 (0.55) 0.24 8 (6.30) 0.256 (6.50) 0.335 ( 8 .50) 0.343 ( 8 .70) pin one id 6 5 4 1 2 3 1 8 3 to 9 0.300 to 0.347 (7.62 to 8 . 8 1) 4 typ. iso method a (0.45) i17 8 006 pin one id 0.255 (6.4 8 ) 0.26 8 (6. 8 1) 0.379 (9.63) 0.390 (9.91) 0.030 (0.76) 0.045 (1.14) 4 typ. 0.100 (2.54) typ. 10 3 to 9 0.300 (7.62) typ. 0.01 8 (0.46) 0.022 (0.56) 0.00 8 (0.20) 0.012 (0.30) 0.110 (2.79) 0.130 (3.30) 0.130 (3.30) 0.150 (3. 8 1) 0.020 (0.51) 0.035 (0. 8 9) 0.230 (5. 8 4) 0.250 (6.35) 4 3 2 1 0.031 (0.79) 0.050 (1.27) 5 6 7 8 iso method a min. 0.315 ( 8 .00) 0.020 (0.51 ) 0.040 (1.02 ) 0.300 (7.62) ref. 0.375 (9.53) 0.395 (10.03 ) 0.012 (0.30 ) typ. 0.0040 (0.102) 0.009 8 (0.249) 15 max. option 9 0.014 (0.35) 0.010 (0.25) 0.400 (10.16) 0.430 (10.92) 0.307 (7. 8 ) 0.291 (7.4) 0.407 (10.36) 0.391 (9.96) option 6 0.315 ( 8 .0) min. 0.300 (7.62) typ. 0.1 8 0 (4.6) 0.160 (4.1) 0.331 ( 8 .4) min. 0.406 (10.3) max. 0.02 8 (0.7) option 7 1 8 450
document number: 83618 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.5, 10-dec-08 341 il250, il251, il252, ild250, ild251, ild252 optocoupler, phototransistor output, ac input, with base connection vishay semiconductors ozone depleting substa nces policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve t he performance of our products, processes, distribution and o perating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances in to the atmosphere whic h are known as ozone depleting substances (odss). the montreal protocol (1987) a nd its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. vari ous national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of co ntinuous improvements to elim inate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively. 2. class i and ii ozone depleting substances in the clean air ac t amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify t hat our semiconductors are not manufactured with ozone dep leting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating para meters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, dam ages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death as sociated with such unint ended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of IL250-X001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X