Part Number Hot Search : 
76C256 2SA1463 MA500RUI ON1136 FR306 MA4ST408 DM9602 09015
Product Description
Full Text Search
 

To Download GBJ1010-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbj10005 thru gbj1010 10 amp glass passivated bridge rectifier 50 to 1000 volts features maximum ratings ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c mcc catalog number device marking maximum reccurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage gbj10005 --- 50v 35v 50v gbj1001 --- 100v 70v 100v gbj1002 --- 200v 140v 200v gbj1004 --- 400v 280v 400v gbj1006 --- 600v 420v 600v gbj1008 --- 800v 560v 800v gbj1010 --- 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 10 a tc = 110 c peak forward surge current i fsm 170a 8.3ms, half sine maximum instantaneous forward voltage v f 1.05v t j = 25 c maximum dc reverse current at rated dc blocking voltage i r 10 a 500ua t j = 25 c t j = 125 c typical junction capacitance c j 55 pf measured at 1.0mhz, v r =4.0v gbj dimensions inches mm dim min max min max note a 1.170 1.190 29.70 30.30 b .780 .800 19.70 20.30 c .670 .710 17.00 18.00 d .190 .190 4.704.90 e.430.440 10.80 11.20 g .120 .130 3.10 3.40 i .170 .190 4.40 4.80 j .100 .110 2.50 2.90 k .020 .030 0.60 0.80 l .080 .090 2.00 2.40 m .040 .040 0.90 1.10 o .290 .300 7.30 7.70 n .390 .400 9.80 10.20 h .130 .150 3.40 3.80 f .090 .110 2.30 2.70 typical thermal resistance r ojc 1.4 /w c + a b d e f g h i j k l m o n c o p p .150 .170 3.80 4.20 i fm = 5.0a  
 omp onents 2 0736 marilla street chatsworth       
     mcc revision: 5 2010/02/22 tm micro commercial components notes: 1. high temperature solder exemption applied, see eu directive annex notes 7 2. pulse test: pulse width 300 u sec, duty cycle 1% www. mccsemi .com 1 of 3 ideal for printed circuit board low forward voltage drop, high current capability. case material:molded plastic. ul flammability classificatio rating 94-0 and msl rating 1 lead free finish/rohs compliant (note 1)("p" suffix designates rohs compliant. see ordering information) case type ~ ~ ? ul recognized file # e165989
mcc rating and characteristic curves gbj10005 thru gbj1010 fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 20 40 60 80 180 160 140 120 100 single half-sine-wave (jedec method) fig.1 - forward current derating curve average forward current amperes 40 60 80 100 4.0 1.0 20 2.0 6.0 140 case temperature , c single phase half wave 60hz resistive or inductive load 120 without heatsink with heatsink 10.0 8.0 instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.4 1.2 1.4 0 0.1 1.0 10 0.6 0.8 1.0 .01 1.8 1.6 t j = 25 c pulse width 300us fig.5 - typical reverse characteristics percent of rated peak reverse voltage, (%) instantaneous reverse current ,(ua) 20 40 0 1.0 10 1000 100 60 80 100 0.1 t j = 25 c t j = 125 c t j = 100 c t j = 50 c fig.3 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10.0 100 10 1.0 1.0 100 4.0 t j = 25 c, f= 1mhz revision: 5 2010/02/22 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision:5 2010/02/22 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk; 15 pcs/tube


▲Up To Search▲   

 
Price & Availability of GBJ1010-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X