Part Number Hot Search : 
ON1196 AN801 MAX409 L780S10 Z00607MA G510101 W6631CS MAX409
Product Description
Full Text Search
 

To Download DDTD114GU-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ddtd (xxxx) u npn pre-biased 500 ma su rface mount transistor features ? epitaxial planar die construction ds30382 rev. 7 - 2 1 of 3 www.diodes.com ddtd (xxxx) u ? diodes incorporated ? complementary pnp types available (ddtb) ? built-in biasing resistors, r1, r2 ? lead free/rohs compliant version (note 2) ? "green" device, note 3 and 4 mechanical data ? case: sot-323 ? case material: molded plastic, "green" molding c ompound, note 4. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020c ? terminals: solderable per mil-std-202, method 208 ? terminal connections: see diagram ? lead free plating (matte tin finish annealed over a lloy 42 leadframe). ? marking information: see table below & page 3 ? ordering information: see page 3 ? weight: 0.006 grams (approximate) p/n r 1 (nom) r2 (nom) marking ddtd113eu ddtd123eu ddtd143eu ddtd114eu ddtd122ju ddtd113zu ddtd123yu ddtd133hu ddtd123tu ddtd143tu ddtd114tu ddtd114gu 1k 2.2k 4.7k 10k 0.22k 1k 2.2k 3.3k 2.2k 4.7k 10k 0 1k 2.2k 4.7k 10k 4.7k 10k 10k 10k open open open 10k n60 n61 n62 n63 n64 n65 n66 n67 n69 n70 n71 n72 sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18 0 8 all dimens mm ions in maximum ratings @t a = 25c unless otherwise specified r1 out b c e r2 3 2 1 in gnd(0) a m j l ed b c h k g schematic and pin configuration characteristic symbol value unit supply voltage, (3) to (2) v cc 50 v input voltage, (1) to (2) ddtd113eu ddtd123eu ddtd143eu ddtd114eu ddtd122ju ddtd113zu ddtd123yu ddtd133hu v in -10 to +10 -10 to +12 -10 to +30 -10 to +40 -5 to +5 -5 to +10 -5 to +12 -6 to +20 v input voltage, (2) to (1) ddtd123tu ddtd143tu ddtd114tu ddtd114gu v ebo (max) 5 v output current all i c 500 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r ja 625 c/w operating and storage temperature range t j , t stg -55 to +150 c notes: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead. 3. diodes inc.'s "green" policy can be found on our website at http://www.diodes.c om/products/lead_free/index.php. 4. product manufactured with date code 0627 (week 27, 2006) and newer are built with green molding compound. product manufac tured prior to date code 0627 are built with non-green molding compound and may contain halogens or sb2o3 fire retardants.
ds30382 rev. 7 - 2 2 of 3 www.diodes.com ddtd (xxxx) u ? diodes incorporated electrical charact eristics @t a = 25c unless otherwise specified r1, r2 types characteristic symbol min typ max unit test condition ddtd113eu ddtd123eu ddtd143eu ddtd114eu ddtd122ju ddtd113zu ddtd123yu ddtd133hu v l(off) 0.5 0.5 0.5 0.5 0.5 0.3 0.3 0.3 ? ? v v cc = 5v, i o = 100 a input voltage ddtd113eu ddtd123eu ddtd143eu ddtd114eu ddtd122ju ddtd113zu ddtd123yu ddtd133hu v l(on) ? ? 3.0 3.0 3.0 3.0 3.0 2.0 2.0 2.0 v v o = 0.3v, i o = 20ma v o = 0.3v, i o = 20ma v o = 0.3v, i o = 20ma v o = 0.3v, i o = 10ma v o = 0.3v, i o = 30ma v o = 0.3v, i o = 20ma v o = 0.3v, i o = 20ma v o = 0.3v, i o = 20ma output voltage v o(on) ? ? 0.3v v i o /i l = 50ma/2.5ma input current ddtd113eu ddtd123eu ddtd143eu ddtd114eu ddtd122ju ddtd113zu ddtd123yu ddtd133hu i l ? ? 7.2 3.8 1.8 0.88 28 7.2 3.6 2.4 ma v i = 5v output current i o(off) ? ? 0.5 a v cc = 50v, v i = 0v dc current gain ddtd113eu ddtd123eu ddtd143eu ddtd114eu ddtd122ju ddtd113zu ddtd123yu ddtd133hu g l 33 39 47 56 47 56 56 56 ? ? ? v o = 5v, i o = 50ma gain-bandwidth product* f t ? 200 ? mhz v ce = 10v, i e = 5ma, f = 100mhz * transistor - for reference only electrical charact eristics @t a = 25c unless otherwise specified r1-only, r2-only types characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo 50 ? ? v i c = 50 a collector-emitter breakdown voltage bv ceo 40 ? ? v i c = 1ma emitter-base breakdown voltage ddtd123tu ddtd143tu ddtd114tu ddtd114gu bv ebo 5 ? ? v i e = 50 a i e = 50 a i e = 50 a i e = 720 a collector cutoff current i cbo ? ? 0.5 a v cb = 50v emitter cutoff current ddtd123tu ddtd143tu ddtd114tu ddtd114gu i ebo ? ? ? 300 ? 0.5 0.5 0.5 580 a v eb = 4v collector-emitter saturation voltage v ce(sat) ? ? 0.3 v i c = 50ma, i b = 2.5ma dc current transfer ratio ddtd123tu ddtd143tu ddtd114tu ddtd114gu h fe 100 100 100 56 250 250 250 ? 600 600 600 ? ? i c = 5ma, v ce = 5v gain-bandwidth product* f t ? 200 ? mhz v ce = 10v, i e = -5ma, f = 100mhz * transistor - for reference only
ordering information (note 4 & 5) ds30382 rev. 7 - 2 3 of 3 www.diodes.com ddtd (xxxx) u ? diodes incorporated device packaging shipping ddtd113eu-7-f sot-323 3000/tape & reel ddtd123eu-7-f sot-323 3000/tape & reel ddtd143eu-7-f sot-323 3000/tape & reel ddtd114eu-7-f sot-323 3000/tape & reel ddtd122ju-7-f sot-323 3000/tape & reel ddtd113zu-7-f sot-323 3000/tape & reel sot-323 3000/tape & reel ddtd123yu-7-f sot-323 3000/tape & reel ddtd133hu-7-f sot-323 3000/tape & reel ddtd123tu-7-f sot-323 3000/tape & reel ddtd143tu-7-f sot-323 3000/tape & reel ddtd114tu-7-f sot-323 3000/tape & reel DDTD114GU-7-F notes: 5. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. marking information nxx ym nxx = product type marking code ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september date code key year 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code n p r s t u v w x y z month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its paten t rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products ar e represented on our website, harmless against all damages. life support diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of DDTD114GU-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X