Part Number Hot Search : 
AD115 SPN7002L 42500 B20100 25C30 D1215 B20150 FU220N
Product Description
Full Text Search
 

To Download CM100-E0000B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cobox-mini100 the lantronix cobox-mini100 embedded device server is a board- only product which provides oem customers and integrators with the means to network-enable their products via the same ip protocol stack found on other lantronix cobox products. it supports a wide variety of configurations and features for ethernet network connectivity. serial interfaces are accomplished via ttl connectors with full modem and hardware flow control signals support. the cobox-mini100 auto-senses network speeds of 10mbps or 100mbps. with the cobox-micro, the cobox-mini, and now the mini100, the cobox family offers the embedded device server customer a full range of solutions. ? 10/100base-t ethernet network interface ? second 10/100base-t ethernet interface to be used in noisy and harsh environments ? internal java-based http interface for ease of configuration and management ? encryption for higher security required for certain critical application devices ? full featured serial ttl interfaces (two channels) supporting modem and hardware flow control signal manipulations ? comm port redirector software embedded device servers
? 2001 lantronix is a trademark of lantronix. all other trademarks are the property of their respective owners. 910-357 01/01 10m dp specifications cobox-mini100 protocols supported arp, udp, tcp, telnet, icmp, snmp, dhcp, tftp, and http network interface 10/100base-t serial interface 2 ttl serial interfaces power reset pin rxd/txd rts/cts/dcd dtr line three status lines (for leds) serial line formats characters: 7 or 8 data bits stop bits: 1 or 2 parity: odd, even, none modem controls dtr (ttl level) flow control xon/xoff cts/rts none management internal web server snmp (read only) serial login telnet login system software flash rom standard: downloadable from a tcp/ip host (tftp) or over serial port led lines good link port status diagnostics compatibility ethernet version 2.0/ieee 802.3 power requirements 5vdc regulated, 650ma environmental operating temperature 5 to 50? (41 to 122?) storage temperature -40 to 66? (-40 to 151?) physical dimensions (h x w x d) 2.76 x 3.15 x .4 in (7.0 x 8.0 x 1.0cm) ordering information contact lantronix oem sales con1 ttl serial port con1 con4 con2 con3 pin signal con4 ttl serial port con3 10/100 base-t connector con2 *10/100 base-tx connector pin signal pin signal pin rj45 rj45 signal 1 +5vdc 1 dtra (output) 1 tx+ 1 1 tx+ 1 2 gnd 2 gnd 2 tx- 2 2 tx- 2 3 txa (output) 3 rxb (input) 3 rx+ 3 3 rx+ 3 4 rxa (input) 4 txb (output) 4 rx- 6 4 decoupling 4 5 reset 5 ctsa (input) 5 decoupling 5 decoupling 5 (pull low to reset) (shield) 6 dcda (input) 6 ctsb (input) 6 led (link) 6 rx- 6 7 led1 (channel 1) 7 rsta (output) 7 +5vdc 7 decoupling 7 (for led) 8 led2 (channel 2) 8 dtrb (output) 8 decoupling 8 9 led3 9 dcdb (input) 9 decoupling (diagnostics) (shield) 10 +5vdc (for led) 10 rtsb (output) 10 led ( speed 100mbit) 11 +5vdc ??refers to signals for the first serial channel. ??refers to signals for the second serial channel. * either con3 or con2 should be used for the network interface. using con2 is suggested for harsh and noisy environments. 1 .........10 1 .........10 11 ..........1 7 ......1 cobox-mini100 board layout corporate offices 15353 barranca parkway irvine, ca 92618, usa 949 453 3990 949 453 3995 fax www.lantronix.com automation headquarters 44 merrimac street newburyport, ma 01950, usa 978 499 8910 978 499 8911 fax http://automation.lantronix.com europe, middle east & africa minervum 1707 4817 zk breda the netherlands +31 (0) 76 565 8176 +31 (0) 76 565 8179 fax eu_sales@lantronix.com france +33 (0) 139 30 41 74 +33 (0) 139 30 41 73 fax eu_sales@lantronix.com germany +49 (0) 7720 3016 20 +49 (0) 7720 3016 88 fax eu_sales@lantronix.com latin america & caribbean 949-450-7227 949-450-7231 fax la_sales@lantronix.com pacific rim 46 east coast road east gate #10-01 singapore 428766 +65 447 4222 +65 344 0614 fax asiapacsales@lantronix.com spain & portugal +34 (0) 91760 0846 +34 (0) 91760 0846 fax eu_sales@lantronix.com united kingdom & ireland +44 (0) 118 945 1555 +44 (0) 118 945 1633 fax eu_sales@lantronix.com united states & canada 800-422-7055 (commercial) 800-422-7022 (oem) sales@lantronix.com


▲Up To Search▲   

 
Price & Availability of CM100-E0000B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X