Part Number Hot Search : 
C1G07 AD8346 WM8766 CY14B10 H3475 2SC4139 ADB18PS 00MHZ
Product Description
Full Text Search
 

To Download CE66 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CE66 series embedded array 0.35m cmos technology features t description t embedded hard macro fixed layout soft macro fixed layout soft macro clock tree clk 5v i/o 5v i/o 5v i/o 5v i/o 5v i/o 3v i/o 3v i/o 3v i/o pcml 3v i/o 3v i/o 5v i/o 5v i/o 5v i/o 5v i/o 5v i/o ? 0.28m l eff (0.34m drawn) ? propagation delay of 98 ps ? mixed-signal macros: a/d and d/a converters ? high-density diffused rams and roms ? separate core and i/o supply voltages ? i/os: 5v, 3.3v, 5v tolerant ? core power supply voltage: 3.3v, 2.5v~2.0v ? junction temperature: -40oc~125oc ? special i/os: pci, i 2 c, usb ? analog and digital plls ? packaging options: qfp, hqfp, lqfp, tqfp, pbga, fbga ? support for major third party eda tools fujitsus CE66 is a series of high-performance, cmos embedded arrays featuring mixed-signal macros, diffused high-speed rams, roms, and a variety of other embedded functions. the CE66 series combines the density and performance of standard cells with the time-to-market advantage of gate arrays. in addition, the i/os, operating at 5v, 3.3v, and 5v tolerant conditions, are designed to provide cost-ef fective solutions for both core-limited and pad-limited designs. the CE66 series features a v ery low power consumption of 0.29w/gate/mhz at 3.3v. potential applications for the CE66 series include the consumer market, communications, and networking designs. p-series with 100m inline pad pitch frame total gates total pads signals CE66p1 188k 144 126 CE66p2 233k 160 138 CE66p3 283k 176 132 CE66p4 337k 192 152 CE66p5 396k 208 178 CE66p6 427k 216 178 CE66p7 460k 224 178 CE66p8 528k 240 206 CE66p9 602k 256 228 CE66pa 680k 272 228 CE66pb 761k 288 228 CE66pc 847k 304 264 CE66pd 940k 320 264 CE66pe 1037k 336 264 CE66pf 1138k 352 312 s-series with 70m inline pad pitch frame total gates total pads signals CE66s1 91k 144 126 CE66s2 113k 160 138 CE66s3 137k 176 152 CE66s4 164k 192 160 CE66s5 207k 216 178 CE66s6 256k 240 193 CE66s7 311k 264 228 CE66s8 391k 296 248 CE66s9 481k 328 248 CE66sa 580k 360 312
mixed-signal macros d/a converters 8-bit: 220 mhz (video) 8-bit: 50 mhz (video) 8-bit: 1.5 mhz (general purpose) 10-bit: 30 mhz (general purpose) 10-bit: 1.5 mhz (general purpose) a/d converters 6-bit: 300 mhz (disk) 8-bit: 50 mhz (video) 10-bit: 20 mhz (general purpose) 10-bit: 1 mhz (general purpose) multiplier compiler multiplicand (m): 4 < m < 32 multiplier (n): 4 < n < 32 (even numbers only) memory macros sram compiler: single and dual port (1 r/w, 1r), up to 72k bits per block, partial write option rom compiler: up to 512k bits per block delay line: up to 32k bits phase-locked loops analog: 50-200 mhz digital: 180-360 mhz (preliminary) i/os 3.3v, 5v, and 5v tolerant slew-rate controlled cmos, ttl, lvttl, t-lvttl, sdram i/f, pci, i 2 c, usb soc ip cores arc 32-bit risc 832/833/835 sparclite hard macros oak dsp hard macro 10/100 mac 64/256 qam mpeg2 decoder/demultiplexer 8vsb tv demodulator ac-3 dolby voice decoder jpeg encoder and decoder pcie33/66 mhz, 32/64-bit cores usb host controller/device i 2 c ide (ata3) host controller smart card i/f irda i/r interface more ips are being added asic design kit and eda support verilog logic simulators from verilog-xl, nc-verilog, cadence, synopsys, and mentor vcs, model-sim (verilog) vhdl/vital logic vss, model-sim (vhdl), v-system, simulators from synopsys, leapfrog cadence, and mentor synthesis, dft, and sta tools design compiler, test compiler, from synopsys primetime, motive, and sunrise testgen other eda tools chrysalis design verifyer package availability no. of pins frame size tqfp 100 p1, p2, p3, p4, p5, p6, p7, p8, p9, pa, pb, pc, pd, pe, pf, s1, s2 lqfp 100 p1, p2, p3, p4, p5, p6, p7, p8, p9, pa, pb, pc, pd, pe, pf, s1, s2 144 p1, p2, p3, p4, p5, p6, p7, p8, p9, pa, pb, pc, pd, pe, pf, s1, s2 176 p3, p4, p5, p6, p7, p8, p9, pa, pb, pc, pd, pe, pf 208 p6, p7, p8, p9, pa, pb, pc, pd, s5, s6, s7 qfp 120 p1, p2, p3, p4, p5, p6, p7, p8, p9, pa, pb, pc, pd, pe, pf, s1, s2 144 p1, p2, p3, p4, p5, p6, p7, p8, p9, pa, pb, pc, pd, pe, pf, s1, s2 160 p2, p3, p4, p5, p6, p7, p8, p9, pa, pb, pc, pd, pe, pf, s2, s3, s4 176 p3, p4, p5, p6, p7, p8, p9, pa, pb, pc, pd, pe, pf, s3, s4 208 p5, p6, p7, p8, p9, pa, pb, pc, pd, pe, pf, s5, s6 240 p8, p9, pa, pb, pc, pd, pe, pf, s7, s8 256 p9, pa, pb, pc, pd, pe, pf hqfp 208 p5, p6, p7, p8, p9, pa, pb, pc, pd, pe, pf, s5, s6 240 p8, p9, pa, pb, pc, pd, pe, pf, s7, s8 256 p9, pa, pb, pc, pd, pe, pf, s8 304 pc, pd, pe, pf, s9, sa pbga 256 p9, pa, pb, pc, pd, pe, pf, s7, s8 352 pf, sa fbga 112 p2, p3, p4, p5, p6, p7, s1, s2, s3 144 p3, p4, p5, p6, p7, s1, s2, s3, s4 168 p6, p7, p8, p9, s3, s4, s5, s6, s7 176 p3, p4, p5, p6, p7, p8, p9, pa, pb, pc, pd, s3, s4 192 p4, p5, p6, p7, p8, p9, pa, pb, pc, pd, pe, pf, s4, s5 224 p7, p8, p9, pa, pb, pc, pd, pe, pf, s6, s7 288 pc, pd, pe, pf, s8, s9, sa CE66 series embedded array ? 1999 fujitsu microelectronics, inc. all company and product names are trademarks or registered trademarks of their respective owners. printed in the u.s.a. asic-fs-20640-11/99 fujitsu microelectronics america, inc. corporate headquarters 1250 east arques avenue, sunnyvale, california 94088-3470 tel: (800) 866-8608 fax: (408) 737-5999 e-mail: inquiry@fma.fujitsu.com web site: http://www.fma.fujitsu.com


▲Up To Search▲   

 
Price & Availability of CE66

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X