Part Number Hot Search : 
NJU6053 5MF500 500T010E SMAZ5V6 RGP20B CSP20C04 WK090600 TXN20K
Product Description
Full Text Search
 

To Download CDS2C15GTH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ceradiode smd type, single, case size 0402, 0603 and 1003 series/type: cds*c**gth ordering code: b725**d****h*** date: 2007-02-20 version: 3 content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! please fill in the table and then change the color to "white" (or invisible). this ensures that the table disappears for the customer pdf. to update the data sheet, click on the symbol "previ ew" and then "close". please do not alter the header or footer when copying the content. identification/classification 1:(header 1 + top left header bar) ceradiode identification/classification 2:(header 2 + bottom left header bar) smd type, single, case size 0402, 0603 and 1003 ordering code: (top right header bar) b725**d****h*** series/type: (top right header bar) cds*c**gth preliminary data (optional): (if necessary) department: kb s pe published by hr. prstinger rlease signed pe release signed qs modification/remarks new important notes template from mrs. kopp have been added date: 2007-02-20 ? epcos ag 2007. reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited.
ceradiode b725**d****h*** smd type, single, case size 0402, 0603 and 1003 cds*c**gth 2007-02-20 please read important notes at the end of this document. page 2 of 10 reliable esd protection of high-speed single lines description due to the ongoing miniaturization, today?s elec tronic devices are more and more sensitive to electrostatic discharges (esd). therefore re liable protection components become absolutely necessary to safeguard your valuable electronics against the impact of esd. ceradiodes are ceramic semiconductors optimized specifically for high performance in esd applications. they have a non-linear voltage/current characteristic for effectively suppressing extremely fast voltage transients and offer superior parametric stability over the complete operating range of ?40 c to +85 c. ceradiodes are bi-directional devices. a single ce radiode connected from signal/data line to ground routes both positive and negative esd transitions safely to the ground plane. this technique eliminates the need to route esd charge into t he power plane, possibly damaging nearby integrated circuits. ceradiodes for high-speed lines exhibits a very low capacitance designed for maximum esd protection combined with minimal signal distortion. features ? bi-directional esd protection to iec 61000-4-2 (level 4) ? suitable for uni- and bi-directional lines ? bi-directional esd protection in a two-pin line ? routes all esd events, both positive and negative, safely to ground ? suitable for dc working voltages up to 30 v ? very low capacitance down to 2 pf ? usb 2.0 compliant ? no derating of maximum ratings up to 85 c ? surface mount package in case sizes 0402 (semiconductor package sod-723) 0603 (semiconductor package sod-523) 1003 (semiconductor package sod-323) ? extremely fast response time < 0.5 ns ? lead-free nickel barrier terminations suitable for lead-free soldering ? rohs-compatible applications ? interfaces (e.g. audio and video, usb, ieee 1394, ethernet, dvi) ? edp products (e.g. desktop and notebook computers) ? peripherals (e.g. printers, memory cards, etc.) ? portable handheld products (e.g. pda) ? mobile communication ? consumer products (flat tvs, set top boxes, mp3 players, digital cameras, etc.) ? liquid crystal displays (lcd) / monitors
ceradiode b725**d****h*** smd type, single, case size 0402, 0603 and 1003 cds*c**gth 2007-02-20 please read important notes at the end of this document. page 3 of 10 application example mlv0092-f-e controller usb 2.0 gnd d+ dc d usb port v _ note: usb 2.0 protection with high-speed single ceradiodes. usb 2.0 compliance test note: usb 2.0 compliance test results of cds2c16gth.
ceradiode b725**d****h*** smd type, single, case size 0402, 0603 and 1003 cds*c**gth 2007-02-20 please read important notes at the end of this document. page 4 of 10 pin configuration pin description p1 gnd p2 i/o line mlv0152-x p2 p1 due to the symmetrical configuration no marking information is needed. p1 and p2 can be interchanged. maximum ratings (t a = 85 c) rating symbol value unit maximum dc working voltage v dc CDS2C15GTH: 15 cds2c16gth: 16 cds3c16gth: 16 cds3c30gth: 30 cds4c16gth: 16 v air discharge esd capability (to iec 61000-4-2 method) v esd 15 kv contact discharge esd capability (to iec 61000-4-2 method) v esd 8 kv operating temperature (without derating) t op ?40 to +85 c storage temperature t stg ?40 to +125 c characteristics (t a = 25 c) CDS2C15GTH parameter symbol conditions minimum typical maximum unit breakdown voltage v br i br = 1 ma 23 - - v leakage current i leak v leak = 5.6 v - - 1 a clamping voltage v clamp i pp = 1 a, 8/20 s - - 66 v capacitance c v = 1 v, f = 1 mhz - 10 15 pf cds2c16gth parameter symbol conditions minimum typical maximum unit breakdown voltage v br i br = 1 ma 65 - - v leakage current i leak v leak = 5.6 v - - 1 a clamping voltage v clamp i pp = 1 a, 8/20 s - - 290 v capacitance c v = 1 v, f = 1 mhz - 2 3 pf
ceradiode b725**d****h*** smd type, single, case size 0402, 0603 and 1003 cds*c**gth 2007-02-20 please read important notes at the end of this document. page 5 of 10 cds3c16gth parameter symbol conditions minimum typical maximum unit breakdown voltage v br i br = 1 ma 65 - - v leakage current i leak v leak = 5.6 v - - 1 a clamping voltage v clamp i pp = 1 a, 8/20 s - - 290 v capacitance c v = 1 v, f = 1 mhz - 3 5 pf cds3c30gth parameter symbol conditions minimum typical maximum unit breakdown voltage v br i br = 1 ma 50 - - v leakage current i leak v leak = 5.6 v - - 1 a clamping voltage v clamp i pp = 1 a, 8/20 s - - 120 v capacitance c v = 1 v, f = 1 mhz - 10 15 pf cds4c16gth parameter symbol conditions minimum typical maximum unit breakdown voltage v br i br = 1 ma 38 - - v leakage current i leak v leak = 5.6 v - - 1 a clamping voltage v clamp i pp = 1 a, 8/20 s - - 146 v capacitance c v = 1 v, f = 1 mhz - 3 5 pf note: any operating voltage lower than v leak results in lower leakage current. typical characteristics mlv0013-q-e 0 a t 70 10 20 30 40 50 60 70 80 90 % 110 permissible percentage of max. ratings c ? 80 90 100 110 120 130 150 55 _
ceradiode b725**d****h*** smd type, single, case size 0402, 0603 and 1003 cds*c**gth 2007-02-20 please read important notes at the end of this document. page 6 of 10 dimensional drawing dimensions in mm 0402 0603 1003 symbol min. max. min. max. min. max. l 0.85 1.15 1.45 1.75 2.34 2.74 w 0.4 0.6 0.7 0.9 0.7 0.9 h 0.4 0.6 0.7 0.9 0.7 0.9 k 0.1 0.3 0.1 0.4 0.13 0.75 mlv0162-p w h k recommended solder pad dimensions in mm 0402 0603 1003 symbol dim. dim. dim. a 0.6 1.0 0.8 b 0.6 1.0 0.8 c 0.5 1.0 1.45 mlv0034-p a b c
ceradiode b725**d****h*** smd type, single, case size 0402, 0603 and 1003 cds*c**gth 2007-02-20 please read important notes at the end of this document. page 7 of 10 recommended infrared reflow soldering temperature profile tpt0892-3-e t 25 smin t s t 25 ?c to peak preheat ramp-down time l critical zone t temperature t l t p ramp-up smax t l t t p to t p profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (t smax to t p ) 3 c/ second max. 3 c/ second max. preheat - temperature min (t smin ) - temperature max (t smax ) - time (t smin to t smax ) 100 c 150 c 60 ? 120 seconds 150 c 200 c 60 ? 180 seconds time maintained above - temperature min (t l ) - time (t l ) 183 c 60 ? 150 seconds 217 c 60 ? 150 seconds peak classification temperature (t p ) 220 c ? 240 c 240 c ? 260 c time within 5 c of actual peak temperature (t p ) 10 ? 30 seconds 20 ? 40 seconds ramp-down rate 6 c/ second max. 6 c/ second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note: all temperatures refer to topside of the package, measured on the package body surface. soldering guidelines the usage of mild, non-activated fluxes for soldering is recommended, as well as proper cleaning of the pcb. the components are suitable for reflow soldering to jedec j-std-020c.
ceradiode b725**d****h*** smd type, single, case size 0402, 0603 and 1003 cds*c**gth 2007-02-20 please read important notes at the end of this document. page 8 of 10 storage conditions as far as possible, the components shall be employed within 12 months. they should be left in their original packing to avoid soldering problems due to oxidized contacts. storage temperature: ?25 c up to 45 c relative humidity: < 75 % annual average, < 95 % on max. 30 days in a year. reel dimensions in mm definition symbol dim. tolerance reel diameter a 180 +0/ ? 3 reel width (inside) w 1 8.4 +1.5/ ? 0 reel width (outside) w 2 14.4 max. package: 8-mm tape reel material: plastic selection guide part number ordering code case size qty. per reel reel size CDS2C15GTH b72590d0150h060 0402 10000 180 mm cds2c16gth b72590d0160h060 0402 10000 180 mm cds3c16gth b72500d0160h060 0603 4000 180 mm cds3c30gth b72500d0300h060 0603 4000 180 mm cds4c16gth b72570d0160h060 1003 4000 180 mm kke0058-i-e w 1 2 w a 13?,2 direction of unreeling +2 0 ?0 _
ceradiode b725**d****h*** smd type, single, case size 0402, 0603 and 1003 cds*c**gth 2007-02-20 please read important notes at the end of this document. page 9 of 10 kke0063-j-e 0 d p 2 p 0 a 0 p 1 g fe w t 2 direction of unreeling 1 t t 1 cover tapes b 0 t taping to iec 60286-3 tape material: cardboard dimensions and tolerances in mm: dimensions and tolerances in mm: 0402 0603 1003 definition symbol dim. dim. dim. tolerance compartment width a 0 0.6 0.95 1.0 0.2 compartment length b 0 1.15 1.8 2.85 0.2 sprocket hole diameter d 0 1.5 1.5 1.5 +0.1/ -0 sprocket hole pitch p 0 4.0 4.0 4.0 0.1 1) distance centre hole to centre compartment p 2 2.0 2.0 2.0 0.05 pitch of the component compartments p 1 2.0 4.0 4.0 0.1 tape width w 8.0 8.0 8.0 0.3 distance edge to centre of hole e 1.75 1.75 1.75 0.1 distance centre hole to centre compartment f 3.5 3.5 3.5 0.05 distance compartment to edge g 0.75 0.75 0.75 min. thickness tape t 0.6 0.9 1.0 max. overall thickness t 2 0.7 1.1 1.1 max. 1) 0.2 mm over any 10 pitches note ceradiodes are not suitable for switching applications or for voltage stabilization, where static power dissipation is required.
important notes page 10 of 10 the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suit ability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitabili ty of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual cu stomer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual servi ce life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. the warnings, cautions and product-s pecific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as ?hazardous?) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still appl icable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, epcos-jones, baoke, alu-x, ceradiode, cssp, mlsc, phasecap, phasemod, siferrit, sifi, sikorel, silvercap, simid, siov, sip5d, sip5k, ultracap, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of CDS2C15GTH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X