Part Number Hot Search : 
D431K 40019 A1221 C2050HS5 3KP12C HD74AL 0M0000 24LC41
Product Description
Full Text Search
 

To Download 76S1-24-XXXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  76 fea tures l high switching capacity l minimum space requirement l low profile l open & sealed versions l t win relay v ersions available applica tion l direction indicators l wiper control l fuel pump l central locking l window winding motors l air conditioning technical da t a for cont act side : ge ne ra l da t a fo r co il s id e nominal coil power : 1.2w (appr ox) operating power : 0.68w (appr ox) operate t ime*** : 5 milli seconds release t ime*** : 3 milli seconds *** at nominal voltage without coil suppr ession (excluding bounce) 0 0 ambient t emperatur e : -25 c to +85 c dielectric str ength : 500vrms insulation resistance : 100 meg. ohms min. at 500 vdc, 0 -25 c rh 50 v ibration resistance (without change : 10-50hz 4.4g in the switching state>10s) shock resistance (without change : 30g, 8ms in the switching state>10s) opera ting conditions circuit diag ram mini automotive rela y 1 form c 1 form a v iew : t erminal side 1 form u contact configuration : 1a/1u/1c 2x1a/2x1u/2x1c 1a/1u contact material : silver nickel/silver t in oxide palladium copper*/ silver nickel 0 contact rating at 23 c (res) 12vdc : 20/10a 2x20/10a lamp load at 14vdc : 60w** 2x60w 80w 5 5 5 electrical life operations min. : 1 x 10 1 x 10 5 x 10 7 7 7 mechanical life operations min. : 1 x 10 1 x 10 1 x 10 contact v oltage dr op at 10 a (min) : 60mv 60mv 100mv ma ximum switching curr ent : 50a 50a 50a @ 12.8 vdc f or 3 sec. 6 ** f or 1u version with agsno2 contacts. expected electrical life is 2 x 10 operations ar eas of application r e s i s t i v e / i n d u c t i v e / h e a d l a m p l o a d s i n d i c a t o r l a m p l o a d *the moving contact (pdcu) must be connected to positive potential model : 76s1/76s3 76t 76s2
how to order *lower pick-up v oltages available on request coil da t a dimensions 5 3.75 0.5 25 6 4.50 0.6 30 12 9.00 1.2 130 24 18.00 2.4 570 2 0 . 0 15.0 18.0 3.5 0.3 76 s 1 - 12 - 1c e x x x pr oduct series nominal coil v oltage (refer coil data) s - single relay t - t win v ersion o - open v ersion n o m i n a l v o l t a g e v d c c o i l r e s i s t a n c e o h m s 1 0 % d r o p - o u t v o l t a g e v d c ( m i n ) l special coil r esistance & pick-up l special contact maternal l for other custom solutions consult factor y contact arrangement 1c - 1 f orm c 1a - 1 f orm a 1u - 1 f orm u nil - unsealed e - sealed contact mational 1 silver nickel 2 palladiumk copper* 3 silver t in oxide* 4 t ungsten* *under intr oduction specialities if any single relay t win v ersion 18.0 8.89 3.81 3.5 0.3 20.0 single relay t win v ersion 2 a 2 u 8x?1.3 10x?1.3 2 c 10x?1.3 8.89 3.81 5.08 5.08 *dep endin g on the c ontac t mat erial & con tact c onfig uratio n ele ctrica l life w ill var y . cons ult f actor y bef or e fina lising the p ar t num ber 29.5 5 . 0 8 5 . 0 8 8.89 3.81 5.08 5.08 5x?1.3 4x?1.3 1 c 1 a 1 u 5x?1.3 a v ailable on request * p i c k - u p v o l t a g e v d c ( m a x ) drilling p a ttern


▲Up To Search▲   

 
Price & Availability of 76S1-24-XXXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X