Part Number Hot Search : 
MC56F 90858 HA178L00 3266X500 SBL2040 AAT3236 BP420 TB84M
Product Description
Full Text Search
 

To Download YPY1111C-0005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2010.12.01 page 1 features 1111c series single color low current type (i f =5ma) ? outer dimension 1.6 x 0.8 x 0.7mm ( l x w x h ) ? low current type (i f =5ma) ? temperature range storage temperature -40 100 operating temperature -40 85 ? lead-free soldering compatible ? rohs compliant package product features 1608(t=0.7mm)type, milky white resin die materials recommended applications communication machine, electric household a ppliances, oa/fa, other general applications sb,sg : ingan ypy, fy, fa, fr : algalnp half intensity angle sb, sg : x = 150 deg., y =150 deg. ypy,fy, fa, fr : x = 140 deg., y =150 deg. blue : 470nm(sb) green : 525nm(sg) yellow green : 572nm(ypy) yellow : 590nm(fy) orange : 605nm(fa) red : 626nm(fr) dominant wavelength rank grouping parameter assembly method soldering methods taping and reel esd sorted by luminous intensity and wavelength per rank taping auto pick & place machine (auto mounter) reflow soldering / manual soldering 4,000pcs per reel in a 8mm width tape. (standard) reel diameter: 180mm ingan : up to 1kv (hbm), algainp : up to 2kv (hbm) sb,sg ypy,fy,fa,fr 2011.01.12
2010.12.01 page 2 single color low current type (i f =5ma) 1111c series color and luminous intensity (ta=25 ) 1111c series typ. i f (ma) min. typ. i f (ma) sb1111c-0005 ingan blue 470 5 10 20 5 sg1111c-0005 ingan green 530 5 33 90 5 YPY1111C-0005 algainp yellow green 572 5 4 12 5 fy1111c-0105 algainp yellow 590 5 10 30 5 fa1111c-0105 algainp orange 605 5 10 35 5 fr1111c-0105 algainp red 626 5 10 30 5 milkey white part no. material iv (mcd) lens color emitted color luminous intensity dominant wavelength d (nm)
2010.12.01 page 3 single color low current type (i f =5ma) 1111c series sb sg power dissipation p d 55 78 mw continuous forward current i f 15 20 ma repetitive peak forward current 1 i fr m 48 48 ma S i f 0.20 0.26 ma/ S i fr m 0.64 0.64 ma/ reverse voltage v r 55v operating temperature t opr storage temperature t stg -40 +100 unit derating (ta=25 or higher) absolute maximum ratings -40 +85 item symbol 1 i frm measurement condition : pulse width Q 1ms., duty Q 1/20 (ta=25 ) absolute maximum ratings ypy fy fa fr power dissipation p d 36 36 36 36 mw continuous forward current i f 15 15 15 15 ma repetitive peak forward current 1 i fr m 48 48 48 48 ma S i f 0.43 0.43 0.43 0.43 ma/ S i fr m 1.37 1.37 1.37 1.37 ma/ reverse voltage v r 5555v operating temperature t opr storage temperature t stg unit derating (ta=60 or higher) absolute maximum ratings item symbol -40 +85 -40 +100 2011.01.12
2010.12.01 page 4 single color low current type (i f =5ma) 1111c series (ta=25 ) electro-optical characteristics (sb,sg) conditions ypy fy fa fr typ. 1.95 1.93 1.88 1.85 max. 2.4 2.4 2.4 2.4 reverse current v r =5v i r max. 100 100 100 100 a peak wavelength i f =5ma p typ. 575 592 609 635 nm dominant wavelength i f =5ma d typ. 572 590 605 626 nm spectral line half width i f =5ma S typ. 15 15 15 15 nm 140( x) 140( x) 140( x) 140( x) 150( y) 150( y) 150( y) 150( y) deg. half intensity angle i f =5ma 2 1/2 typ. v f v item unit symbol forward voltage i f =5ma characteristics (ta=25 ) electro-optical characteristics (ypy,fy,fa,fr) conditions sb sg typ. 2.9 3.0 ma x . 3. 2 3. 2 reverse current v r =5v i r max . 100 100 a peak wavelength i f =5ma p t yp . 465 525 nm dominant wavelength i f =5ma d t yp . 470 530 nm spectral line half width i f =5ma S typ. 15 30 nm 150( x ) 150( x) 150( y) 150( y) v f v ite m unit symbol forward voltage i f =5ma characteristics deg. ha lf inte nsity ang le if =5ma 2 1/2 t yp . x product long side axis, ? product short side axis x product long side axis, ? product short side axis 2011.01.12
2010.12.01 page 5 single color low current type (i f =5ma) 1111c series luminous intensity rank (unit : mcd) (ta=25 ) min. max . min. max . ba 10 15 bb 15 22 bc 22 33 b d 33 47 33 47 be 47 - 47 68 b f 68 100 ca 100 150 cb 150 220 rank sb sg i v mcd i f =5ma i f =5ma min. max . min. max . min. max . min. max . a46.3 b 6.3 10 10 16 10 16 10 16 c 1016162516251625 d 1625254025402540 e 25 - 40 64 40 64 40 64 f 64-64-64- i f =5ma rank fa fr ypy fy i v mcd i f =5ma i f =5ma i f =5ma tolerance : +/-10% please contact our sales staff concerning rank designation. 2011.01.12
2010.12.01 page 6 single color low current type (i f =5ma) 1111c series min. max . min. max . 2 465 470 520 532 3 470 475 532 545 sg dominant wavelength d (nm) rank sb i f =5ma i f =5ma (ta=25 ) min. max. min. max. min. max. min. max. a 566 569 581.5 585.0 596.1 600.9 621 632 b 569 572 584.0 587.5 599.1 603.9 c 572 575 586.5 590.0 602.1 606.9 d 575 578 589.0 592.5 605.1 609.9 e 591.5 595.0 608.1 612.9 f 594.0 597.5 i f =5ma fa rank ypy i f =5ma i f =5ma fy i f =5ma dominant wavelength d (nm) fr color tone groups ( d) tolerance : +/-3nm please contact our sales staff concerning rank designation.
2010.12.01 page 7 single color low current type (i f =5ma) 1111c series forward current vs. relative intensity condition : ta = 25 forward current : i f (ma) forward voltage vs. forward current condition : ta =-40 85 forward voltage : v f (v) spectral distribution relative intensity vs. wavelength condition : ta = 25 i f = 5ma wavelength [nm] spatial distribution example condition : ta = 25 relative intensity forward current : i f (ma) relative intensity technical data ( sb) 0 0.2 0.4 0.6 0.8 1 1.2 400 420 440 460 480 500 520 540 560 1 10 100 2.6 2.8 3.0 3.2 3.4 3.6 3.8 25 60 0 85 -20 -40 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 5 10 15 20
2010.12.01 page 8 single color low current type (i f =5ma) 1111c series ambient temperature vs. relative intensity condition : i f =5ma ambient temperature : ta( ) derating ambient temperature vs. maximum forward current repetition frequency : f R 50hz, pulse width tw Q 1msec ambient temperature : ta( ) maximum forward current : i f max. (ma) relative intensity technical data (sb) 0 10 20 30 40 50 60 -40 10 60 110 duty=5% duty=10% duty=20% duty=50% dc 0.1 1.0 10.0 -40 -20 0 20 40 60 80 100 ambient temperature vs forward voltage 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 -40 -20 0 20 40 60 80 100 120 ambient temperature : ta () forward voltage : v f (v ) condition:if=215ma i f =10m a i f =15m a i f =2m a i f =5m a ambient temperature vs dominant spectra 465 470 475 -40 -20 0 20 40 60 80 100 ambient temperature : ta () spectra : d (nm) condition:if=5ma
2010.12.01 page 9 single color low current type (i f =5ma) 1111c series technical data (sb) forward current vs. dominant wavelength 465 470 475 0 5 10 15 20 forward current : if (ma) d om in an t w avelen gth (n m condition:ta=25 duty cycle vs. maximum forward current 1 10 100 1 10 100 duty (%) maximum forward current : if max.(ma) /condition : ta = 25
2010.12.01 page 10 single color low current type (i f =5ma) 1111c series relative intensity vs. wavelength condition : ta = 25 i f = 5ma wavelength [nm] spatial distribution example condition : ta = 25 relative intensity 0 0.2 0.4 0.6 0.8 1 1.2 420 440 460 480 500 520 540 560 580 600 620 forward voltage vs. forward current 1 10 100 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 forward voltage : v f (v) forward current : i f (ma ) condition:ta=4085 25 60 0 85 -20 -40 forward current vs. relative intensity 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 5 10 15 20 forward current : i f (ma) relative intensity condition:ta=25 technical data (sb)
2010.12.01 page 11 single color low current type (i f =5ma) 1111c series technical data (sg) derating ambient temperature vs. maximum forward current 0 5 10 15 20 25 30 35 40 45 50 55 -40 -20 0 20 40 60 80 100 ambient temperature : ta () maximum forward current : i f max. (ma) duty=5% duty=10% duty=20% duty=50% repeatition frequency f R 50hz pulse width tw Q 1ms dc ambient temperature vs relaitive intensity 0.1 1.0 10.0 -40 -20 0 20 40 60 80 100 ambient temperature : ta ( ) relative intensity condition:if=5ma ambient temperature vs forward voltage 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 -40 -20 0 20 40 60 80 100 120 ambient temperature : ta () forward voltage : v f (v ) condition:if=220ma i f =10m a i f =15m a i f =2m a i f =5m a i f =20m a ambient temperature vs dominant spectra 520 525 530 535 -40 -20 0 20 40 60 80 100 ambient temperature : ta () spectra : d (nm) condition:if=5ma
2010.12.01 page 12 single color low current type (i f =5ma) 1111c series technical data (sg) forward current vs. dominant wavelength 520 525 530 535 0 5 10 15 20 forward current : if (ma) dominant wavelength (nm condition:ta=25 duty cycle vs. maximum forward current 1 10 100 110100 duty (%) maximum forward current : if max.(ma) /condition : ta = 25
2010.12.01 page 13 single color low current type (i f =5ma) 1111c series technical data (ypy) relative intensity vs. wave length condition:ta=25,f=5ma 0 0.2 0.4 0.6 0.8 1 1.2 500 520 540 560 580 600 620 640 wavelength[nm] relative intensit y forward voltage vs. forward current condition:ta=25 0.1 1 10 100 1.6 1.7 1.8 1.9 2.0 2.1 forward voltage : v f (v) forward current : i f (ma) forward current vs. relative intensity condition:ta=25 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 5 10 15 20 forward current : i f (ma) relative intensity spatial distribution example condition : ta = 25
2010.12.01 page 14 single color low current type (i f =5ma) 1111c series technical data (ypy) derating ambient temperature vs. maximum forward current 0 10 20 30 40 50 60 -40-200 20406080100 ambient temperature : ta() maximum forward current : i f max. (ma) duty=5% dc repeatition frequency fR 50hz dut y =10% duty=20% duty=50% ambient temperature vs. relative intensity condition:if=5ma 0.1 1 10 -40 10 60 110 ambient temperature : ta() relative intensity ambient temperature vs.power disspation 0 5 10 15 20 25 30 35 40 -40 -20 0 20 40 60 80 100 ambient temperature : ta() power dissipation : pd(mw) pulse width vs. maximum tolerable peak current condition:ta=25 1 10 1 10 100 1000 10000 100000 pulse width : tw(s) i f peak max./i f dc max. 3.2 10khz 1khz 100hz 50hz
2010.12.01 page 15 single color low current type (i f =5ma) 1111c series technical data (fy) relative intensity vs. wave length condition:ta=25,if=5ma 0 0.2 0.4 0.6 0.8 1 1.2 520 540 560 580 600 620 640 660 wavelength[nm] relative intensity forward current vs. relative intensity condition:ta=25 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 5 10 15 20 forward current : i f (ma) relative intensity forward voltage vs. forward current condition:ta=25 0.1 1 10 100 1.6 1.7 1.8 1.9 2.0 2.1 forward voltage : v f (v) forward current : i f (ma) spatial distribution example condition : ta = 25
2010.12.01 page 16 single color low current type (i f =5ma) 1111c series technical data (fy) derating ambient temperature vs. maximum forward current 0 10 20 30 40 50 60 -40 -20 0 20 40 60 80 100 ambient temperature : ta() maximum forward current : i f max. (ma) duty=5% dc repeatition frequency fR 50hz dut y =10% duty=20% duty=50% ambient temperature vs.power disspation 0 5 10 15 20 25 30 35 40 -40 -20 0 20 40 60 80 100 ambient temperature : ta() power dissipation : pd(mw) pulse width vs. maximum tolerable peak current condition:ta=25 1 10 1 10 100 1000 10000 100000 pulse width : tw(s) i f peak max./i f dc max. 3.2 10khz 1khz 100hz 50hz ambient temperature vs. relative intensity condition:if=5ma 0.1 1 10 -40 10 60 110 ambient temperature : ta() relative intensity
2010.12.01 page 17 single color low current type (i f =5ma) 1111c series technical data (fa) relative intensity vs. wave length condition:ta=25,if=5ma 0 0.2 0.4 0.6 0.8 1 1.2 540 560 580 600 620 640 660 680 wavelength[nm] relative intensity forward current vs. relative intensity condition:ta=25 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 5 10 15 20 forward current : i f (ma) relative intensity forward voltage vs. forward current condition:ta=25 0.1 1 10 100 1.61.71.81.92.02.1 forward voltage : v f (v) forward current : i f (ma) spatial distribution example condition : ta = 25
2010.12.01 page 18 single color low current type (i f =5ma) 1111c series technical data (fa) derating ambient temperature vs. maximum forward current 0 10 20 30 40 50 60 -40-200 20406080100 ambient temperature : ta() maximum forward current : i f max. (ma) duty=5% dc repeatition frequency fR 50hz dut y =10% duty=20% duty=50% ambient temperature vs. relative intensity condition:if=5ma 0.1 1 10 -40 10 60 110 ambient temperature : ta() relative intensity ambient temperature vs.power disspation 0 5 10 15 20 25 30 35 40 -40 -20 0 20 40 60 80 100 ambient temperature : ta() power dissipation : pd(mw) pulse width vs. maximum tolerable peak current condition:ta=25 1 10 1 10 100 1000 10000 100000 pulse width : tw(s) i f peak max./i f dc max. 3.2 10khz 1khz 100hz 50hz
2010.12.01 page 19 single color low current type (i f =5ma) 1111c series technical data (fr) relative intensity vs. wave length condition:ta=25,if=5ma 0 0.2 0.4 0.6 0.8 1 1.2 560 580 600 620 640 660 680 700 wavelength[nm] relative intensity forward voltage vs. forward current condition:ta=25 0.1 1 10 100 1.6 1.7 1.8 1.9 2.0 2.1 forward voltage : v f (v) forward current : i f (ma) forward current vs. relative intensity condition:ta=25 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 5 10 15 20 forward current : i f (ma) relative intensity spatial distribution example condition : ta = 25
2010.12.01 page 20 single color low current type (i f =5ma) 1111c series technical data (fr) derating ambient temperature vs. maximum forward current 0 10 20 30 40 50 60 -40-200 20406080100 ambient temperature : ta() maximum forward current : i f max. (ma) duty=5% dc repeatition frequency fR 50hz dut y =10% duty=20% duty=50% ambient temperature vs. relative intensity condition:if=5ma 0.1 1 10 -40 10 60 110 ambient temperature : ta() relative intensity ambient temperature vs.power disspation 0 5 10 15 20 25 30 35 40 -40 -20 0 20 40 60 80 100 ambient temperature : ta() power dissipation : pd(mw) pulse width vs. maximum tolerable peak current condition:ta=25 1 10 1 10 100 1000 10000 100000 pulse width : tw(s) i f peak max./i f dc max. 3.2 10khz 1khz 100hz 50hz
2010.12.01 page 21 single color low current type (i f =5ma) 1111c series package dimensions recommended soldering pattern (unit mm) quantity 4,000pcs/reel(standard) taping specification (unit mm) (unit mm) mass : (1.40)mg 0.1 0.1 0.1 0.1 0.1 0.1 0.1 sb, sg ypy, fy, fa, fr
2010.12.01 page 22 single color low current type (i f =5ma) 1111c series ?? ?rg 350 ? 3 ? 1 reflow soldering conditions 1) the above profile temperature gives the ma ximum temperature of the led resin surface. please set the temperature so as to avoid exceeding this range. 2) total times of reflow soldering pr ocess shall be no more than 2 times. when the second reflow soldering process is performed, intervals between the first and second reflow should be short as possible (while allowing some time for the component to return to normal temperature after the first reflow) in order to prevent the led from absorbing moisture. 3) temperature fluctuation to the led during the pre-heating process shall be minimized. manual soldering conditions iron tip temp. soldering time and frequency 3 s 1 time 350 (max.) (max.) (max.)
2010.12.01 page 23 single color low current type (i f =5ma) 1111c series failure criteria reliability testing result applicable standard testing conditions duration failure room temp. operating life eiaj ed- 4701/100(101) ta = 25 , i f = maxium rated current 1,000 h 0/25 resistance to soldering heat eiaj ed- 4701/300(301) pre-heating : 150 180 120s max. operation heating : 230 40s max. peak temperature : 260 twice 0/25 temperature cycling eiaj ed- 4701/100(105) minimum rated storage temperature(30min) normal temperature(15min) maximum rated storage temperature(30min) normal temperature ( 15min ) 5 cycles 0/25 wet high temp. storage life eiaj ed- 4701/100(103) ta = 60 2 , rh = 90 5% 1,000 h 0/25 high temp. storage life eiaj ed- 4701/200(201) ta = maximum rated storage temperature 1,000 h 0/25 low temp. storage life eiaj ed- 4701/200(202) ta = minimum rated storage temperature 1,000 h 0/25 vibration, variable frequency eiaj ed- 4701/400(403) 98.1m/s 2 (10g), 100 2khz sweep for 20min., xyz each direction 2 h 0/10 reliability testing result items symbols conditions failure criteria luminous intensity iv i f value of each product luminous intensity testing min. value spec. min. value x 0.5 forward voltage v f i f value of each product forward voltage testing max. value R spec. max. value x 1.2 reverse current i r v r = maximum rated reverse voltage v testing max. value R spec. max. value x 2.5 cosmetic appearance - - occurrence of notable decoloration, deformation and cracking
2010.12.01 page 24 single color low current type (i f =5ma) 1111c series special notice to customer s using the products and technical information shown in this data sheet 1) the technical information shown in the data sheets are limited to the typical characteristics and circuit examples of the referenced products. it does not co nstitute the warranting of industrial property nor the granting of any license. 2) for the purpose of product improvement, the specif ications, characteristics and technical data described in the data sheets are subject to change without prior notice. therefore it is recommended that the most updated specifications be used in your design. 3) when using the products described in the data sh eets, please adhere to the maximum ratings for operating voltage, heat dissipation characteristics, and other precautions for use. we are not responsible for any damage which may occur if these specifications are exceeded. 4) the products that have been described to this cata log are manufactured so that they will be used for the electrical instrument of the benchmark (oa equipment, telecommunications equipment, av machine, home appliance and measur ing instrument). the application of aircrafts, space borne application, transportation equipment, medical equipment and nuclear power control equipment, etc. needs a high re liability and safety, and the breakdown and the wrong operation might influence the life or the human body. please consult us beforehand if you plan to use our product for the usages of aircrafts, space borne appl ication, transportation equipment, medical equipment and nuclear power control equipment, etc. except oa equipment, telecommunications equipment, av machine, home appliance and measuring instrument. 5) in order to export the products or technologi es described in this data sheet which are under the ?foreign exchange and foreign trade control law,? it is necessary to first obtain an export permit from the japanese government. 6) no part of this data sheet may be reprinted or reproduced without prior written permission from stanley electric co., ltd. 7) the most updated edition of this data sheet can be obtained from the address below: http://www.stanley-components.com


▲Up To Search▲   

 
Price & Availability of YPY1111C-0005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X