Part Number Hot Search : 
ML920 00850 HCT32 G3U7818 20M45 SEMIX453 48S05 MMBT4403
Product Description
Full Text Search
 

To Download MBRF1090-E34W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr(f,b)1090 & mbr(f,b)10100 vishay general semiconductor document number: 89034 revision: 24-jun-09 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 new product high-voltage schottky rectifier features ? trench mos schottky technology ? lower power losses, high efficiency ? low forward voltage drop ? high forward surge capability ? high frequency operation ? meets msl level 1, per j-std-020, lf maximum peak of 245 c (for to-263ab package) ? solder bath temperature 275 c maximum, 10 s, per jesd 22-b106 (for to-220ac and ito-220ac package) ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in high frequency re ctifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters or polarity protection application. mechanical data case: to-220ac, ito-220ac, to-263ab molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs comp liant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 class 1a whisker test polarity: as marked mounting torque: 10 in-lbs maximum primary characteristics i f(av) 10 a v rrm 90 v, 100 v i fsm 150 a v f 0.65 v t j max. 150 c case pin 2 pin 1 mbr1090 mbr10100 mbrb1090 mbrb10100 pin 1 pin 2 k heatsink 1 2 1 2 k mbrf1090 mbrf10100 pin 2 pin 1 to-263ab to-220ac ito-220ac tmbs ? 1 2 maximum ratings (t c = 25 c unless otherwise noted) parameter symbol mbr1090 mbr10100 unit maximum repetitive peak reverse voltage v rrm 90 100 v working peak reverse voltage v rwm 90 100 v maximum dc blocking voltage v dc 90 100 v maximum average forward rectified current at t c = 133 c i f(av) 10 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 150 a non-repetitive avalanche energy at t j = 25 c, l = 60 mh e as 130 mj peak repetitive reverse current at t p = 2 s, 1 khz, t j = 38 c 2 c i rrm 0.5 a voltage rate of change (rated v r ) dv/dt 10 000 v/s isolation voltage (ito-220ac only) from terminal to heatsink t = 1 min v ac 1500 v operating junction and storage temperature range t j , t stg - 65 to + 150 c
new product mbr(f,b)1090 & mbr(f,b)10100 vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 89034 revision: 24-jun-09 2 notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width 40 ms ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t c = 25 c unless otherwise noted) parameter test conditions symbol value unit maximum instantaneous forward voltage (1) i f = 10 a i f = 10 a i f = 20 a t c = 25 c t c = 125 c t c = 125 c v f 0.80 0.65 0.75 v maximum reverse current at working peak reverse voltage (2) t j = 25 c t j = 100 c i r 100 6.0 a ma thermal characteristics (t c = 25 c unless otherwise noted) parameter symbol mbr mbrf mbrb unit typical thermal resistance r ja r jc 60 2.0 - 3.5 60 2.0 c/w ordering information (example) package preferred p/n unit weight (g) package code base quantity delivery mode to-220ac mbr10100-e3/4w 1.845 4w 50/tube tube ito-220ac mbrf10100-e3/4w 1.661 4w 50/tube tube to-263ab mbrb10100-e3/4w 1.384 4w 50/tube tube to-263ab mbrb10100-e3/8w 1.384 8w 800/reel tape and reel figure 1. forward current derating curve 0 2 4 6 10 0 50 100 150 8 a v erage for w ard c u rrent (a) case temperat u re (c) resisti v e or ind u cti v e load figure 2. maximum non-repetitive peak forward surge current 40 60 100 8 0 140 120 160 1 100 10 t j = t j max. 8 .3 ms single half sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a)
new product mbr(f,b)1090 & mbr(f,b)10100 vishay general semiconductor document number: 89034 revision: 24-jun-09 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 figure 3. typical instantaneous forward characteristics figure 4. typical reve rse characteristics figure 5. typical junction capacitance 0 0.2 0.1 0.5 1.0 0.4 0.3 1 100 10 0.01 0.1 0.6 0.7 0. 8 0.9 instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) t j = 150 c t j = 125 c t j = 25 c percent of rated peak re v erse v oltage ( % ) instantaneo u s re v erse c u rrent (ma) 20 10 100 40 60 8 0 1 10 0.01 0.1 100 0.001 30 50 70 90 t j = 150 c t j = 125 c t j = 25 c 1 10 100 1000 10 000 10 100 re v erse v oltage ( v ) j u nction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 m v p-p figure 6. typical transient thermal impedance figure 7. typical transient thermal impedance 0.01 10 1 100 10 100 0.1 0.1 1 t - p u lse d u ration (s) transient thermal impedance (c/ w ) j u nction to case mbr(b) 0.1 10 1 100 1 10 0.001 0.1 t - p u lse d u ration (s) transient thermal impedance (c/ w ) j u nction to case mbrf 0.01
new product mbr(f,b)1090 & mbr(f,b)10100 vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 89034 revision: 24-jun-09 4 package outline dimensions in inches (millimeters) 0.154 (3.91) 0.14 8 (3.74) dia. 0.113 (2. 8 7) 0.103 (2.62) 0.1 8 5 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.6 8 ) 0.135 (3.43) 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 0.160 (4.06) 0.140 (3.56) 0.037 (0.94) 0.027 (0.6 8 ) 0.205 (5.20) 0.195 (4.95) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 12 1.14 8 (29.16) 1.11 8 (2 8 .40) 0.105 (2.67) 0.095 (2.41) 0.635 (16.13) 0.625 (15. 8 7) 0.603 (15.32) 0.573 (14.55) pi n 0.415 (10.54)max. 0.370 (9.40) 0.360 (9.14) 0.057 (1.45) 0.045 (1.14) case pi n 2 pi n 1 to-220ac ito-220ac pi n 1 2 0.025 (0.64) 0.015 (0.3 8 ) 0.404 (10.26) 0.3 8 4 (9.75) 0.076 (1.93) ref. 0.076 (1.93) ref. 45 ref. 0.600 (15.24) 0.5 8 0 (14.73) 0.560 (14.22) 0.530 (13.46) 0.035 (0. 8 9) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.191 (4. 8 5) 0.171 (4.35) 0.057 (1.45) 0.045 (1.14) 0.671 (17.04) 0.651 (16.54) 0.02 8 (0.71) 0.020 (0.51) 0.110 (2.79) 0.100 (2.54) 7 ref. 7 ref. 7 ref. 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 0.140 (3.56) dia. 0.125 (3.17) dia. 0.135 (3.43) dia. 0.122 (3.0 8 ) dia. 0.110 (2.79) 0.100 (2.54) 0.190 (4. 8 3) 0.170 (4.32) 0.3 8 0 (9.65) 0.41 1 (10.45) 0.320 ( 8 .13) 0.360 (9.14) 0.591(15.00) 0.624 (15. 8 5) 1 2 0.245 (6.22) mi n k k 0.160 (4.06) 0.190 (4. 8 3) 0.045 (1.14) 0.055 (1.40) 0.014 (0.36) 0.021 (0.53) 0.110 (2.79) 0.140 (3.56) 0.110 (2.79) 0.090 (2.29) 0.047 (1.19) 0.055 (1.40) 0 to 0.01 (0 to 0.254) 0.027 (0.6 8 6) 0.037 (0.940) 0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) to-263ab 0.105 (2.67) 0.0 8 (0.095) (2.41) (2.032) 0.42 (10.66) 0.670 (17.02) 0.591 (15.00) 0.15 (3. 8 1) 0.33 ( 8 .3 8 ) mountin g pad layout mi n . mi n . mi n . mi n .
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of MBRF1090-E34W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X