Part Number Hot Search : 
02100 6L01I FM103 2SC46 LAD202 EP1500 SR804 D74LVC
Product Description
Full Text Search
 

To Download CZTA44-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  czta44 surface mount extremely high voltage npn silicon transistor description: the central semiconductor czta44 type is a surface mount epoxy molded silicon planar epitaxial transistor designed for extremely high voltage applications. marking: full part number sot-223 case sot-223 case maximum ratings: (t a =25c) symbol units collector-base voltage v cbo 450 v collector-emitter voltage v ceo 400 v emitter-base voltage v ebo 6.0 v continuous collector current i c 300 ma power dissipation p d 2.0 w operating and storage junction temperature t j, t stg -65 to +150 c thermal resistance ja 62.5 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min max units i cbo v cb =400v 100 na i ces v ce =400v 500 na i ebo v be =4.0v 100 na bv cbo i c =100a 450 v bv ces i c =100a 450 v bv ceo i c =1.0ma 400 v bv ebo i e =10a 6.0 v v ce(sat) i c =1.0ma, i b =0.1ma 0.40 v v ce(sat) i c =10ma, i b =1.0ma 0.50 v v ce(sat) i c =50ma, i b =5.0ma 0.75 v v be(sat) i c =10ma, i b =1.0ma 0.75 v h fe v ce =10v, i c =1.0ma 40 h fe v ce =10v, i c =10ma 50 200 h fe v ce =10v, i c =50ma 45 h fe v ce =10v, i c =100ma 20 f t v ce =10v, i c =10ma, f=10mhz 20 mhz c ob v cb =20v, i e =0, f=1.0mhz 7.0 pf c ib v eb =0.5v, i c =0, f=1.0mhz 130 pf r5 (1-march 2010) www.centralsemi.com
czta44 surface mount extremely high voltage npn silicon transistor lead code: 1) base 2) collector 3) emitter 4) collector marking: full part number sot-223 case - mechanical outline www.centralsemi.com r5 (1-march 2010)


▲Up To Search▲   

 
Price & Availability of CZTA44-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X