Part Number Hot Search : 
SI3152V 71256 15T1G Z1360AI SW1215 R3060 MUR1605 VTT1015
Product Description
Full Text Search
 

To Download CY8C29666-12PVXE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  december 11, 2006 ? cypress semiconductor 2004-2006 ? document no. 38-12026 rev. *d 1 psoc? mixed-signal array final data sheet automotive: cy8c29466 and cy8c29666 psoc? functional overview the psoc? family consists of many mixed-signal array with on-chip controller devices. these devices are designed to replace multiple traditiona l mcu-based system components with one, low cost single-chip programmable device. psoc devices include configurable blocks of analog and digital logic, as well as programmable interconnects. this architecture allows the user to create cust omized peripheral configurations that match the requirements of each individual application. additionally, a fast cpu, flash program memory, sram data memory, and configurable io are included in a range of conve- nient pinouts and packages. the psoc architecture, as illustrated on the left, is comprised of four main areas: psoc core, digital system, analog system, and system resources. configurable global busing allows all the device resources to be co mbined into a complete custom system. the psoc cy8c29x66 auto motive family can have up to six io ports that connect to the global digital and analog inter- connects, providing access to 16 digital blocks and 12 analog blocks. the psoc core the psoc core is a powerful engine that supports a rich fea- ture set. the core includes a cpu, memory, clocks, and config- urable gpio (general purpose io). the m8c cpu core is a powerful processor with speeds up to 12 mhz, providing a two mips 8-bit harvard architecture micro- features powerful harvard architecture processor ? m8c processor speeds to 12 mhz ? two 8x8 multiply, 32-bit accumulate ? low power at high speed ? 4.75v to 5.25v operating voltage ? automotive temp. range: -40c to +125c advanced peripherals (psoc blocks) ? 12 rail-to-rail analog psoc blocks provide: - up to 14-bit adcs - up to 9-bit dacs - programmable gain amplifiers - programmable filters and comparators ? 16 digital psoc blocks provide: - 8- to 32-bit timers, counters, and pwms - crc and prs modules - up to 4 full-duplex uarts - multiple spi ? masters or slaves - connectable to all gpio pins ? complex peripherals by combining blocks precision, programmable clocking ? internal 4% 24 mhz oscillator ? 24 mhz with optional 32.768 khz crystal ? optional external oscillator, up to 24 mhz ? internal oscillator for watchdog and sleep flexible on-chip memory ? 32k bytes flash program storage 100 erase/write cycles ? 2k bytes sram data storage ? in-system serial programming (issp) ? partial flash updates ? flexible protection modes programmable pin configurations ? 25 ma sink on all gpio ? pull up, pull down, high z, strong, or open drain drive modes on all gpio ? up to 12 analog inputs on gpio ? four 30 ma analog outputs on gpio ? configurable interrupt on all gpio additional system resources ? i 2 c ? slave, master, and multi-master to 400 khz ? watchdog and sleep timers ? user-configurable low voltage detection ? integrated supervisory circuit ? on-chip precision voltage reference complete development tools ? free development software (psoc? designer) ? full-featured, in-circuit emulator and programmer ? full speed emulation ? complex breakpoint structure ? 128k bytes trace memory ? complex events ? c compilers, assembler, and linker digital system sram 2k interrupt controller sleep and watchdog multiple clock sources (includes imo, ilo, pll, and eco) global digital interconnect global analog interconnect psoc core cpu core (m8c) srom flash 32k digital block array two multiply accums. internal voltage ref. digital clocks por and lvd system resets decimator system resources analog system analog block array analog ref. analog input muxing i c 2 port 5 port 4 port 3 port 2 port 1 port 0 analog drivers system bus [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 2 cy8c29x66 automotive data sheet psoc? overview processor. the cpu utilizes an interrupt controller with 25 vec- tors, to simplify programming of real time embedded events. program execution is timed and protected using the included sleep and watch dog timers (wdt). memory includes 32k of flash for program storage and 2k of sram for data storage. program fl ash utilizes four protection levels on blocks of 64 bytes, allowing customized software ip protection. the psoc device incorporates flexible internal clock genera- tors, including a 24 mhz imo (internal main oscillator) accurate to 4% over temperature and voltage. a low power 32 khz ilo (internal low speed oscillator) is provided for the sleep timer and wdt. if crystal accuracy is desired, the eco (32.768 khz external crystal oscillator) is available for use as a real time clock (rtc) and can optionally generate a crystal-accurate 24 mhz system clock using a pll. the clocks, together with pro- grammable clock dividers (as a system resource), provide the flexibility to integrate almost any timing requirement into the psoc device. psoc gpios provide connection to the cpu, digital and analog resources of the device. each pin?s drive mode may be selected from eight options, allowing great flexibility in external interfac- ing. every pin also has the capa bility to generat e a system inter- rupt on high level, low leve l, and change from last read. the digital system the digital system is compos ed of 16 digital psoc blocks. each block is an 8-bit resource that can be used alone or com- bined with other blocks to form 8, 16, 24, and 32-bit peripherals, which are called user module references. digital peripheral con- figurations include those listed below. pwms (8 to 32 bit) pwms with dead band (8 to 32 bit) counters (8 to 32 bit) timers (8 to 32 bit) uart 8 bit with selectable parity (up to 4) spi master and slave (up to 4 each) i2c slave and multi-master (1 available as a system resource) cyclical redundancy checker/generator (8 to 32 bit) irda (up to 4) pseudo random sequence generators (8 to 32 bit) the digital blocks can be connected to any gpio through a series of global buses that can route any signal to any pin. the buses also allow for signal multiplexing and for performing logic operations. this configurability fr ees your designs from the con- straints of a fixed peripheral controller. digital blocks are provided in rows of four, where the number of blocks varies by psoc device fam ily. this allows you the opti- mum choice of system resources for your applic ation. family resources are shown in the table titled ?psoc device charac- teristics? on page 3 . digital system block diagram the analog system the analog system is composed of 12 configurable blocks, each comprised of an opamp circuit allowing the creation of complex analog signal flows. analog peripherals are very flexi- ble and can be customized to su pport specific application requirements. some of the mo re common psoc analog func- tions (most available as user modules) are listed below. analog-to-digital converters (up to 4, with 6- to 14-bit resolu- tion, selectable as incremental, delta sigma, and sar) filters (2, 4, 6, or 8 pole band-pass, low-pass, and notch) amplifiers (up to 4, with selectable gain to 48x) instrumentation amplifiers (up to 2, with selectable gain to 93x) comparators (up to 4, with 16 selectable thresholds) dacs (up to 4, with 6- to 9-bit resolution) multiplying dacs (up to 4, with 6- to 9-bit resolution) high current output drivers (four with 40 ma drive as a psoc core resource) 1.3v reference (as a system resource) dtmf dialer digital system to system bus d i g i t a l c l o c k s f r o m c o r e digital psoc block array to analog system 8 row input configuration row output configuration 8 8 8 row 1 dbb10 dbb11 dcb12 dcb13 row input configuration 4 4 row output configuration row input configuration row output configuration row 2 dbb20 dbb21 dcb22 dcb23 4 4 row 0 dbb00 dbb01 dcb02 dcb03 4 4 row input configuration row output configuration row 3 dbb30 dbb31 dcb32 dcb33 4 4 gie[7:0] gio[7:0] goe[7:0] goo[7:0] global digital interconnect port 5 port 4 port 3 port 2 port 1 port 0 [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 3 cy8c29x66 automotive data sheet psoc? overview modulators correlators peak detectors many other topologies possible analog blocks are provided in columns of three, which includes one ct (continuous time) and two sc (switched capacitor) blocks, as shown in the figure below. analog system block diagram additional system resources system resources, some of wh ich have been previously listed, provide additional capability usef ul to complete systems. addi- tional resources include a multiplier, decimator, switch mode pump, low voltage detection, and power on reset. brief state- ments describing the merits of each system resource are pre- sented below. digital clock dividers provide three customizable clock fre- quencies for use in applications. the clocks can be routed to both the digital and analog systems. additional clocks can be generated using digital psoc blocks as clock dividers. two multiply accumulates (macs) provide fast 8-bit multiplier with 32-bit accumulate to assist in both general math as well as digital filters. the decimator provides a custom hardware filter for digital signal, processing applications in cluding the creation of delta sigma adcs. the i2c module provides 100 and 400 khz communication over two wires. slave, master, and multi-master modes are all supported. low voltage detection (lvd) interrupts can signal the appli- cation of falling voltage levels, while the advanced por (power on reset) circuit eliminates the need for a system supervisor. an internal 1.3 voltage refere nce provides an absolute refer- ence for the analog system , including adcs and dacs. psoc device characteristics depending on your psoc device characteristics, the digital and analog systems can have 16, 8, or 4 digital blo cks and 12, 6, or 4 analog blocks. the following table lists the resources available for specific psoc device groups. the psoc device covered by this data sheet is highlighted below. acb00 acb01 block array array input configuration aci1[1:0] aci2[1:0] acb02 acb03 asc12 asd13 asd22 asc23 asd20 aci0[1:0] aci3[1:0] p0[6] p0[4] p0[2] p0[0] p2[2] p2[0] p2[6] p2[4] refin agndin p0[7] p0[5] p0[3] p0[1] p2[3] p2[1] reference generators agndin refin bandgap refhi reflo agnd asd11 asc21 asc10 interface to digital system m8c interface (address bus, data bus, etc.) analog reference psoc device characteristics psoc part number digital io digital rows digital blocks analog inputs analog outputs analog columns analog blocks sram size flash size cy8c29x66 up to 64 4 16 12 4 4 12 2k 32k cy8c27x43 up to 44 2 8 12 4 4 12 256 bytes 16k cy8c24x94 56 1 4 48 2 2 6 1k 16k cy8c24x23a up to 24 1412226 256 bytes 4k cy8c21x34 up to 28 142802 4 a a. limited analog functionality . 512 bytes 8k cy8c21x23 16 1 4 8 0 2 4 a 256 bytes 4k cy8c20x34 up to 28 0 0 28 0 0 3 b b. two analog blocks and one capsense. 512 bytes 8k [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 4 cy8c29x66 automotive data sheet psoc? overview getting started the quickest path to understanding the psoc silicon is by read- ing this data sheet and using the psoc designer integrated development environment (ide). this data sheet is an over- view of the psoc integrated ci rcuit and presents specific pin, register, and electrical specific ations. for in-depth information, along with detailed programming information, reference the psoc mixed-signal array technical reference manual . for up-to-date ordering, packaging , and electrical specification information, reference the latest psoc device data sheets on the web at http://www.cypre ss.com/psoc. development kits development kits are available from the following distributors: digi-key, avnet, arrow, and future. the cypress online store contains development kits, c compilers, and all accessories for psoc development. go to the cypress online store web site at http://www.cypress.com, click the online store shopping cart icon at the bottom of the web page, and click psoc (program- mable system-on-chip) to view a current list of available items. technical training modules free psoc technical training modules are available for users new to psoc. training modules cover designing, debugging, advanced analog and capsense. go to http:// www.cypress.com/techtrain . consultants certified psoc consultants offer everything from technical assistance to completed psoc designs. to contact or become a psoc consultant go to http://www.cypress.com, click on design support located on the left side of the web page, and select cypros consultants. technical support psoc application engineers take pride in fast and accurate response. they can be reached with a 4-hour guaranteed response at http://www.cypress.com/support/login.cfm . application notes a long list of application notes will assist you in every aspect of your design effort. to view the psoc application notes, go to the http://www.cypress.com web site and select application notes under the design resource s list located in the center of the web page. application notes are listed by date by default. development tools psoc designer is a microsoft ? windows-based, integrated development environment for the programmable system-on- chip (psoc) devices. the psoc designer ide and application runs on windows nt 4.0, windows 2000, windows millennium (me), or windows xp. (reference the psoc designer func- tional flow diagram below.) psoc designer helps the customer to select an operating con- figuration for the psoc, write application code that uses the psoc, and debug the application. this system provides design database management by project, an integrated debugger with in-circuit emulator, in-system programming support, and the cyasm macro assembler for the cpus. psoc designer also supports a high-level c language compiler developed specifically for the devices in the family. psoc designer subsystems commands results psoc designer core engine psoc configuration sheet manufacturing information file device database importable design database device programmer graphical designer interface context sensitive help emulation pod in-circuit emulator project database application database user modules library psoc designer [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 5 cy8c29x66 automotive data sheet psoc? overview psoc designer software subsystems device editor the device editor subsystem allows the user to select different onboard analog and digital components called user modules using the psoc blocks. examples of user modules are adcs, dacs, amplifiers, and filters. the device editor also supports easy development of multiple configurations and dynamic reco nfiguration. dynamic configu- ration allows for changing configurations at run time. psoc designer sets up power-on initialization tables for selected psoc block configurat ions and creates source code for an application framework. the framework contains software to operate the selected components and, if the project uses more than one operating configur ation, contains routines to switch between different sets of psoc block configurations at run time. psoc designer can print out a configuration sheet for a given project configuration for use during application pro- gramming in conjunction with the device data sheet. once the framework is generated, the us er can add application-specific code to flesh out the framework. it?s also possible to change the selected components and regenerate the framework. design browser the design browser allows users to select and import precon- figured designs into the user?s project. users can easily browse a catalog of preconfigured design s to facilitate time-to-design. examples provided in the tools include a 300-baud modem, lin bus master and slave, fan contro ller, and magnetic card reader. application editor in the application editor yo u can edit your c language and assembly language source code. you can also assemble, com- pile, link, and build. assembler. the macro assembler allows the assembly code to be merged seamlessly with c co de. the link libraries auto- matically use absolute addressing or can be compiled in relative mode, and linked with other software modules to get absolute addressing. c language compiler. a c language compiler is available that supports cypress microsystems? psoc family devices. even if you have never worked in the c language before, the product quickly allows you to cr eate complete c programs for the psoc family devices. the embedded, optimizing c compiler provides all the features of c tailored to the psoc architecture. it comes complete with embedded libraries providing port and bus operations, standard keypad and display support, and extended math functionality. debugger the psoc designer debugger subsystem provides hardware in-circuit emulation, allowing the designer to test the program in a physical system while providing an internal view of the psoc device. debugger commands allow the designer to read and program and read and write data memory, read and write io registers, read and write cpu registers, set and clear break- points, and provide program run, halt, and step control. the debugger also allows the designer to create a trace buffer of registers and memory locations of interest. online help system the online help system displays online, context- sensitive help for the user. designed for procedural and quick reference, each functional subsystem has its ow n context-sensitive help. this system also provides tutorials and links to faqs and an online support forum to aid the designer in getting started. hardware tools in-circuit emulator a low cost, high functionality ice (in-circuit emulator) is avail- able for development support. this hardware has the capability to program single devices. the emulator consists of a base unit that connects to the pc by way of the usb port. the base unit is universal and will operate with all psoc devices. emulation pods for each device family are available separately. the emulation pod takes the place of the psoc device in the target board and performs full speed (24 mhz) operation. [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 6 cy8c29x66 automotive data sheet psoc? overview designing with user modules the development process for the psoc device differs from that of a traditional fixed function microprocessor. the configurable analog and digita l hardware blocks give the psoc architecture a unique flexibility that pays dividends in managing specification change during development and by lowering inventory costs. these configurable resources, called psoc blocks, have the ability to implement a wide variet y of user-selectable functions. each block has severa l registers that determine its function and connectivity to other blocks, multiplexers, buses, and to the io pins. iterative development cycles permit you to adapt the hard- ware as well as the software. this substantially lowers the risk of having to select a different part to meet the final design requirements. to speed the development process, the psoc designer inte- grated development environment (ide) provides a library of pre-built, pre-tested hardware pe ripheral functions, called ?user modules.? user modules make selecting and implementing peripheral devices simple, and come in analog, digital, and mixed signal varieties. the standard user module library con- tains over 50 common peripherals such as adcs, dacs tim- ers, counters, uarts, and other not-so common peripherals such as dtmf generators and bi-quad analog filter sections. each user module establishes the basic register settings that implement the selected function. it also provides parameters that allow you to tailor its precis e configuration to your particular application. for example, a pulse width modulator user mod- ule configures one or more digi tal psoc blocks, one for each 8 bits of resolution. the user module parameters permit you to establish the pulse width and duty cycle. user modules also provide tested software to cut your development time. the user module application programming interface (api) provides high- level functions to control and respond to hardware events at run-time. the api also provides optional interrupt service rou- tines that you can adapt as needed. the api functions are documented in user module data sheets that are viewed directly in the psoc designer ide. these data sheets explain the internal operation of the user module and provide performance specificat ions. each data sheet describes the use of each user module parameter and documents the set- ting of each register cont rolled by the user module. the development process starts when you open a new project and bring up the device editor, a graphical user interface (gui) for configuring the hardware. yo u pick the user modules you need for your project and map them onto the psoc blocks with point-and-click simplicity. next, you build signal chains by inter- connecting user modules to each other and the io pins. at this stage, you also configure the clock source connections and enter parameter values directly or by selecting values from drop-down menus. when you are ready to test the hardware configuration or move on to developing code for the project, you perform the ?generate applicati on? step. this causes psoc designer to generate source co de that automatically configures the device to your specification and provides the high-level user module api functions. user module and source code development flows the next step is to write your main program, and any sub-rou- tines using psoc designer?s ap plication editor subsystem. the application editor includes a project manager that allows you to open the project source code files (including all gener- ated code files) from a hierarchal view. the source code editor provides syntax coloring and advanced edit features for both c and assembly language. file search capabilities include simple string searches and recursive ?grep-style? patterns. a single mouse click invokes the build manager. it employs a profes- sional-strength ?makefile? system to automatically analyze all file dependencies and run the compiler and assembler as nec- essary. project-level options control optimization strategies used by the compiler and linker. syntax errors are displayed in a console window. double clicking the error message takes you directly to the offending line of source code. when all is correct, the linker builds a hex file image suitable for programming. the last step in the development process takes place inside the psoc designer?s debugger subsystem. the debugger down- loads the hex file to the in-circu it emulator (ice) where it runs at full speed. debugger capabilities rival those of systems cost- ing many times more. in addition to traditional single-step, run- to-breakpoint and watch-variable features, the debugger pro- vides a large trace buffer and allows you define complex break- point events that include monitoring address and data bus values, memory locations and external signals. debugger interface to ice application editor device editor project manager source code editor storage inspector user module selection placement and parameter -ization generate application build all event & breakpoint manager build manager source code generator [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 7 cy8c29x66 automotive data sheet psoc? overview document conventions acronyms used the following table lists the acrony ms that are used in this doc- ument. units of measure a units of measure table is loca ted in the electrical specifica- tions section. table 3-1 on page 13 lists all the abbreviations used to measure the psoc devices. numeric naming hexidecimal numbers are represented with all letters in upper- case with an appended lowercase ?h? (for example, ?14h? or ?3ah?). hexidecimal numbers may also be represented by a ?0x? prefix, the c coding conven tion. binary numbers have an appended lowercase ?b? (e.g., 01010100b? or ?01000011b?). numbers not indicated by an ?h?, ?b?, or 0x are decimal. table of contents for an in depth discussion and more information on your psoc device, obtain the psoc mixed-signal array technical refer- ence manual . this document encompasses and is organized into the following chapters and sections. 1. pin information ............................................................. 8 1.1 pinouts ............ .............. ............... .............. ............ 8 1.1.1 28-pin part pinout .. .............. ........... .......... 8 1.1.2 48-pin part pinouts . .............. ........... .......... 9 2. register reference ..................................................... 10 2.1 register conventions ........................................... 10 2.1.1 abbreviations used .................................. 10 2.2 register mapping tables . .............. .............. ........ 10 3. electrical specifications ............................................ 13 3.1 absolute maximum ratings ................................ 14 3.2 operating temperature ....................................... 14 3.3 dc electrical characterist ics ................................ 15 3.3.1 dc chip-level specifications ................... 15 3.3.2 dc general purpose io specifications .... 15 3.3.3 dc operational amplifier specifications ... 16 3.3.4 dc low power comparator specifications 16 3.3.5 dc analog output buffer specifications ... 17 3.3.6 dc analog reference specifications ....... 18 3.3.7 dc analog psoc block specifications ..... 19 3.3.8 dc por, and lvd specifications ............ 19 3.3.9 dc programming specifications ............... 20 3.4 ac electrical characteristics ................................ 21 3.4.1 ac chip-level specifications ................... 21 3.4.2 ac general purpose io specifications .... 23 3.4.3 ac operational amplif ier specifications ... 24 3.4.4 ac low power comparator specifications 26 3.4.5 ac digital block specifications ................. 26 3.4.6 ac analog output buff er specifications ... 27 3.4.7 ac external clock specifications ............. 27 3.4.8 ac programming specifications ............... 27 3.4.9 ac i2c specifications ............................... 28 4. packaging information ........... .............. .............. ........ 29 4.1 packaging dimensions ......................................... 29 4.2 thermal impedances .......................................... 30 4.3 capacitance on crystal pins ......... .............. ........ 30 4.4 solder reflow peak temp erature ........................ 31 5. ordering information .................................................. 32 5.1 ordering code definitions ................................... 32 6. sales and service information .................................. 33 6.1 revision history .................................................. 33 6.2 copyrights and flash code protection ................ 33 acronym description ac alternating current adc analog-to-digital converter api application programming interface cpu central processing unit ct continuous time dac digital-to-analog converter dc direct current eco external crystal oscillator eeprom electrically erasable programmable read-only memory fsr full scale range gpio general purpose io gui graphical user interface hbm human body model ice in-circuit emulator ilo internal low speed oscillator imo internal main oscillator io input/output ipor imprecise power on reset lsb least-significant bit lvd low voltage detect msb most-significant bit pc program counter pll phase-locked loop por power on reset ppor precision power on reset psoc? programmable system-on-chip? pwm pulse width modulator sc switched capacitor sram static random access memory [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 8 1. pin information this chapter describes, lists, and illu strates the cy8c29x66 automotive psoc dev ice pins and pinout configurations. 1.1 pinouts the cy8c29x66 automotive psoc device is available in a variet y of packages which are listed and illustrated in the following ta bles. every port pin (labeled with a ?p?) is capable of digital io. however, vss, vdd, and xres are not capable of digital io. 1.1.1 28-pin part pinout table 1-1: 28-pin part pinout (ssop) pin no. type pin name description cy8c29466 28-pin psoc device digital analog 1 io i p0[7] analog column mux input. 2 io io p0[5] analog column mux input and column output. 3 io io p0[3] analog column mux input and column output. 4 io i p0[1] analog column mux input. 5 io p2[7] 6 io p2[5] 7 io i p2[3] direct switched capacitor block input. 8 io i p2[1] direct switched capacitor block input. 9 power vss ground connection. 10 io p1[7] i2c serial clock (scl). 11 io p1[5] i2c serial data (sda). 12 io p1[3] 13 io p1[1] crystal (xtalin), i2c serial clock (scl), issp-sclk*. 14 power vss ground connection. 15 io p1[0] crystal (xtalout), i2c serial data (sda), issp-sdata*. 16 io p1[2] 17 io p1[4] optional external clock input (extclk). 18 io p1[6] 19 input xres active high external reset with internal pull down. 20 io i p2[0] direct switched capacitor block input. 21 io i p2[2] direct switched capacitor block input. 22 io p2[4] external analog ground (agnd). 23 io p2[6] external voltage reference (vref). 24 io i p0[0] analog column mux input. 25 io io p0[2] analog column mux input and column output. 26 io io p0[4] analog column mux input and column output. 27 io i p0[6] analog column mux input. 28 power vdd supply voltage. legend : a = analog, i = input, and o = output. * these are the issp pins, which are not hi gh z at por (power on reset). see the psoc mixed-signal array technical reference manual for details. a, i, p0[7] a, io, p0[5] a, io, p0[3] a, i, p0[1] p2[7] p2[5] a, i, p2[3] a, i, p2[1] i2c scl, p1[7] i2c sda, p1[5] p1[3] i2c scl, xtalin, p1[1] vss vdd p0[6], a, i p0[4], a, io p0[2], a, io p0[0], a, i p2[6], external vref p2[4], external agnd p2[2], a, i p2[0], a, i xres p1[6] p1[4], extclk p1[2] p1[0], xtalout, i2c sda ssop 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 vss [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 9 cy8c29x66 automotive data sheet 1. pin information 1.1.2 48-pin part pinouts table 1-2: 48-pin part pinout (ssop) pin no. type pin name description cy8c29666 48-pin psoc device digital analog 1 io i p0[7] analog column mux input. 2 io io p0[5] analog column mux input and column output. 3 io io p0[3] analog column mux input and column output. 4 io i p0[1] analog column mux input. 5 io p2[7] 6 io p2[5] 7 io i p2[3] direct switched capacitor block input. 8 io i p2[1] direct switched capacitor block input. 9 io p4[7] 10 io p4[5] 11 io p4[3] 12 io p4[1] 13 power vss ground connection. 14 io p3[7] 15 io p3[5] 16 io p3[3] 17 io p3[1] 18 io p5[3] 19 io p5[1] 20 io p1[7] i2c serial clock (scl). 21 io p1[5] i2c serial data (sda). 22 io p1[3] 23 io p1[1] crystal (xtalin), i2c serial clock (scl), issp-sclk*. 24 power vss ground connection. 25 io p1[0] crystal (xtalout), i2c serial data (sda), issp-sdata*. 26 io p1[2] 27 io p1[4] optional external clock input (extclk). 28 io p1[6] 29 io p5[0] 30 io p5[2] 31 io p3[0] 32 io p3[2] 33 io p3[4] 34 io p3[6] 35 input xres active high external reset with internal pull down. 36 io p4[0] 37 io p4[2] 38 io p4[4] 39 io p4[6] 40 io i p2[0] direct switched capacitor block input. 41 io i p2[2] direct switched capacitor block input. 42 io p2[4] external analog ground (agnd). 43 io p2[6] external voltage reference (vref). 44 io i p0[0] analog column mux input. 45 io io p0[2] analog column mux input and column output. 46 io io p0[4] analog column mux input and column output. 47 io i p0[6] analog column mux input. 48 power vdd supply voltage. legend : a = analog, i = input, and o = output. * these are the issp pins, which are not hi gh z at por (power on reset). see the psoc mixed-signal array technical reference manual for details. ssop a, i, p0[7] vdd a, io, p0[5] p0[6], a, i a, io, p0[3] p0[2], a, io a, i, p0[1] p0[4], a, io p2[7] p0[0], a, i p2[5] p2[6], external vref a, i, p2[3] p2[4], external agnd a, i, p2[1] p2[2], a, i p4[7] p2[0], a, i p4[5] p4[6] p4[3] p4[4] p4[1] p4[2] p4[0] p3[7] xres p3[5] p3[6] p3[3] p3[4] p3[1] p3[2] p5[3] p3[0] p5[1] p5[2] i2c scl, p1[7] p5[0] i2c sda, p1[5] p1[6] p1[3] p1[4], extclk i2c scl, xtalin, p1[1] p1[2] vss p1[0], xtalout, i2c sda 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 43 44 42 40 41 39 38 37 36 35 33 34 32 31 30 29 28 27 26 25 vss [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 10 2. register reference this chapter lists the registers of the cy8c29x66 automotive psoc device. for detailed regist er information, reference the psoc mixed-signal array technical reference manual . 2.1 register conventions 2.1.1 abbreviations used the register conventions specific to this section are listed in the following table. 2.2 register mapping tables the psoc device has a total register address space of 512 bytes. the register space is referred to as io space and is divided into two banks. the xoi bit in the flag register (cpu_f) determines which bank the user is currently in. when the xoi bit is set the user is in bank 1. note in the following register mapping tables, blank fields are reserved and should not be accessed. convention description r read register or bit(s) w write register or bit(s) l logical register or bit(s) c clearable register or bit(s) # access is bit specific [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 11 cy8c29x66 automotive data sheet 2. register reference register map bank 0 table: user space name addr (0,hex) access name addr (0,hex) access name addr (0,hex) access name addr (0,hex) access prt0dr 00 rw dbb20dr0 40 # asc10cr0 80 rw rdi2ri c0 rw prt0ie 01 rw dbb20dr1 41 w asc10cr1 81 rw rdi2syn c1 rw prt0gs 02 rw dbb20dr2 42 rw asc10cr2 82 rw rdi2is c2 rw prt0dm2 03 rw dbb20cr0 43 # asc10cr3 83 rw rdi2lt0 c3 rw prt1dr 04 rw dbb21dr0 44 # asd11cr0 84 rw rdi2lt1 c4 rw prt1ie 05 rw dbb21dr1 45 w asd11cr1 85 rw rdi2ro0 c5 rw prt1gs 06 rw dbb21dr2 46 rw asd11cr2 86 rw rdi2ro1 c6 rw prt1dm2 07 rw dbb21cr0 47 # asd11cr3 87 rw c7 prt2dr 08 rw dcb22dr0 48 # asc12cr0 88 rw rdi3ri c8 rw prt2ie 09 rw dcb22dr1 49 w asc12cr1 89 rw rdi3syn c9 rw prt2gs 0a rw dcb22dr2 4a rw asc12cr2 8a rw rdi3is ca rw prt2dm2 0b rw dcb22cr0 4b # asc12cr3 8b rw rdi3lt0 cb rw prt3dr 0c rw dcb23dr0 4c # asd13cr0 8c rw rdi3lt1 cc rw prt3ie 0d rw dcb23dr1 4d w asd13cr1 8d rw rdi3ro0 cd rw prt3gs 0e rw dcb23dr2 4e rw asd13cr2 8e rw rdi3ro1 ce rw prt3dm2 0f rw dcb23cr0 4f # asd13cr3 8f rw cf prt4dr 10 rw dbb30dr0 50 # asd20cr0 90 rw cur_pp d0 rw prt4ie 11 rw dbb30dr1 51 w asd20cr1 91 rw stk_pp d1 rw prt4gs 12 rw dbb30dr2 52 rw asd20cr2 92 rw d2 prt4dm2 13 rw dbb30cr0 53 # asd20cr3 93 rw idx_pp d3 rw prt5dr 14 rw dbb31dr0 54 # asc21cr0 94 rw mvr_pp d4 rw prt5ie 15 rw dbb31dr1 55 w asc21cr1 95 rw mvw_pp d5 rw prt5gs 16 rw dbb31dr2 56 rw asc21cr2 96 rw i2c_cfg d6 rw prt5dm2 17 rw dbb31cr0 57 # asc21cr3 97 rw i2c_scr d7 # 18 dcb32dr0 58 # asd22cr0 98 rw i2c_dr d8 rw 19 dcb32dr1 59 w asd22cr1 99 rw i2c_mscr d9 # 1a dcb32dr2 5a rw asd22cr2 9a rw int_clr0 da rw 1b dcb32cr0 5b # asd22cr3 9b rw int_clr1 db rw 1c dcb33dr0 5c # asc23cr0 9c rw int_clr2 dc rw 1d dcb33dr1 5d w asc23cr1 9d rw int_clr3 dd rw 1e dcb33dr2 5e rw asc23cr2 9e rw int_msk3 de rw 1f dcb33cr0 5f # asc23cr3 9f rw int_msk2 df rw dbb00dr0 20 # amx_in 60 rw a0 int_msk0 e0 rw dbb00dr1 21 w 61 a1 int_msk1 e1 rw dbb00dr2 22 rw 62 a2 int_vc e2 rc dbb00cr0 23 # arf_cr 63 rw a3 res_wdt e3 w dbb01dr0 24 # cmp_cr0 64 # a4 dec_dh e4 rc dbb01dr1 25 w asy_cr 65 # a5 dec_dl e5 rc dbb01dr2 26 rw cmp_cr1 66 rw a6 dec_cr0 e6 rw dbb01cr0 27 # 67 a7 dec_cr1 e7 rw dcb02dr0 28 # 68 mul1_x a8 w mul0_x e8 w dcb02dr1 29 w 69 mul1_y a9 w mul0_y e9 w dcb02dr2 2a rw 6a mul1_dh aa r mul0_dh ea r dcb02cr0 2b # 6b mul1_dl ab r mul0_dl eb r dcb03dr0 2c # tmp_dr0 6c rw acc1_dr1 ac rw acc0_dr1 ec rw dcb03dr1 2d w tmp_dr1 6d rw acc1_dr0 ad rw acc0_dr0 ed rw dcb03dr2 2e rw tmp_dr2 6e rw acc1_dr3 ae rw acc0_dr3 ee rw dcb03cr0 2f # tmp_dr3 6f rw acc1_dr2 af rw acc0_dr2 ef rw dbb10dr0 30 # acb00cr3 70 rw rdi0ri b0 rw f0 dbb10dr1 31 w acb00cr0 71 rw rdi0syn b1 rw f1 dbb10dr2 32 rw acb00cr1 72 rw rdi0is b2 rw f2 dbb10cr0 33 # acb00cr2 73 rw rdi0lt0 b3 rw f3 dbb11dr0 34 # acb01cr3 74 rw rdi0lt1 b4 rw f4 dbb11dr1 35 w acb01cr0 75 rw rdi0ro0 b5 rw f5 dbb11dr2 36 rw acb01cr1 76 rw rdi0ro1 b6 rw f6 dbb11cr0 37 # acb01cr2 77 rw b7 cpu_f f7 rl dcb12dr0 38 # acb02cr3 78 rw rdi1ri b8 rw f8 dcb12dr1 39 w acb02cr0 79 rw rdi1syn b9 rw f9 dcb12dr2 3a rw acb02cr1 7a rw rdi1is ba rw fa dcb12cr0 3b # acb02cr2 7b rw rdi1lt0 bb rw fb dcb13dr0 3c # acb03cr3 7c rw rdi1lt1 bc rw fc dcb13dr1 3d w acb03cr0 7d rw rdi1ro0 bd rw fd dcb13dr2 3e rw acb03cr1 7e rw rdi1ro1 be rw cpu_scr1 fe # dcb13cr0 3f # acb03cr2 7f rw bf cpu_scr0 ff # blank fields are reserved and should not be accessed. # access is bit specific. [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 12 cy8c29x66 automotive data sheet 2. register reference register map bank 1 tabl e: configuration space name addr (1,hex) access name addr (1,hex) access name addr (1,hex) access name addr (1,hex) access prt0dm0 00 rw dbb20fn 40 rw asc10cr0 80 rw rdi2ri c0 rw prt0dm1 01 rw dbb20in 41 rw asc10cr1 81 rw rdi2syn c1 rw prt0ic0 02 rw dbb20ou 42 rw asc10cr2 82 rw rdi2is c2 rw prt0ic1 03 rw 43 asc10cr3 83 rw rdi2lt0 c3 rw prt1dm0 04 rw dbb21fn 44 rw asd11cr0 84 rw rdi2lt1 c4 rw prt1dm1 05 rw dbb21in 45 rw asd11cr1 85 rw rdi2ro0 c5 rw prt1ic0 06 rw dbb21ou 46 rw asd11cr2 86 rw rdi2ro1 c6 rw prt1ic1 07 rw 47 asd11cr3 87 rw c7 prt2dm0 08 rw dcb22fn 48 rw asc12cr0 88 rw rdi3ri c8 rw prt2dm1 09 rw dcb22in 49 rw asc12cr1 89 rw rdi3syn c9 rw prt2ic0 0a rw dcb22ou 4a rw asc12cr2 8a rw rdi3is ca rw prt2ic1 0b rw 4b asc12cr3 8b rw rdi3lt0 cb rw prt3dm0 0c rw dcb23fn 4c rw asd13cr0 8c rw rdi3lt1 cc rw prt3dm1 0d rw dcb23in 4d rw asd13cr1 8d rw rdi3ro0 cd rw prt3ic0 0e rw dcb23ou 4e rw asd13cr2 8e rw rdi3ro1 ce rw prt3ic1 0f rw 4f asd13cr3 8f rw cf prt4dm0 10 rw dbb30fn 50 rw asd20cr0 90 rw gdi_o_in d0 rw prt4dm1 11 rw dbb30in 51 rw asd20cr1 91 rw gdi_e_in d1 rw prt4ic0 12 rw dbb30ou 52 rw asd20cr2 92 rw gdi_o_ou d2 rw prt4ic1 13 rw 53 asd20cr3 93 rw gdi_e_ou d3 rw prt5dm0 14 rw dbb31fn 54 rw asc21cr0 94 rw d4 prt5dm1 15 rw dbb31in 55 rw asc21cr1 95 rw d5 prt5ic0 16 rw dbb31ou 56 rw asc21cr2 96 rw d6 prt5ic1 17 rw 57 asc21cr3 97 rw d7 18 dcb32fn 58 rw asd22cr0 98 rw d8 19 dcb32in 59 rw asd22cr1 99 rw d9 1a dcb32ou 5a rw asd22cr2 9a rw da 1b 5b asd22cr3 9b rw db 1c dcb33fn 5c rw asc23cr0 9c rw dc 1d dcb33in 5d rw asc23cr1 9d rw osc_go_en dd rw 1e dcb33ou 5e rw asc23cr2 9e rw osc_cr4 de rw 1f 5f asc23cr3 9f rw osc_cr3 df rw dbb00fn 20 rw clk_cr0 60 rw a0 osc_cr0 e0 rw dbb00in 21 rw clk_cr1 61 rw a1 osc_cr1 e1 rw dbb00ou 22 rw abf_cr0 62 rw a2 osc_cr2 e2 rw 23 amd_cr0 63 rw a3 vlt_cr e3 rw dbb01fn 24 rw 64 a4 vlt_cmp e4 r dbb01in 25 rw 65 a5 e5 dbb01ou 26 rw amd_cr1 66 rw a6 e6 27 alt_cr0 67 rw a7 e7 dcb02fn 28 rw alt_cr1 68 rw a8 imo_tr e8 w dcb02in 29 rw clk_cr2 69 rw a9 ilo_tr e9 w dcb02ou 2a rw 6a aa bdg_tr ea rw 2b 6b ab eco_tr eb w dcb03fn 2c rw tmp_dr0 6c rw ac ec dcb03in 2d rw tmp_dr1 6d rw ad ed dcb03ou 2e rw tmp_dr2 6e rw ae ee 2f tmp_dr3 6f rw af ef dbb10fn 30 rw acb00cr3 70 rw rdi0ri b0 rw f0 dbb10in 31 rw acb00cr0 71 rw rdi0syn b1 rw f1 dbb10ou 32 rw acb00cr1 72 rw rdi0is b2 rw f2 33 acb00cr2 73 rw rdi0lt0 b3 rw f3 dbb11fn 34 rw acb01cr3 74 rw rdi0lt1 b4 rw f4 dbb11in 35 rw acb01cr0 75 rw rdi0ro0 b5 rw f5 dbb11ou 36 rw acb01cr1 76 rw rdi0ro1 b6 rw f6 37 acb01cr2 77 rw b7 cpu_f f7 rl dcb12fn 38 rw acb02cr3 78 rw rdi1ri b8 rw f8 dcb12in 39 rw acb02cr0 79 rw rdi1syn b9 rw f9 dcb12ou 3a rw acb02cr1 7a rw rdi1is ba rw fls_pr1 fa rw 3b acb02cr2 7b rw rdi1lt0 bb rw fb dcb13fn 3c rw acb03cr3 7c rw rdi1lt1 bc rw fc dcb13in 3d rw acb03cr0 7d rw rdi1ro0 bd rw fd dcb13ou 3e rw acb03cr1 7e rw rdi1ro1 be rw cpu_scr1 fe # 3f acb03cr2 7f rw bf cpu_scr0 ff # blank fields are reserved and should not be accessed. # access is bit specific. [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 13 3. electrical specifications this chapter presents the dc and ac electr ical specifications of the cy8c29x66 automotive psoc device . for the most up to date electrical specifications, confirm that you have the most recent data sheet by going to the web at http://www.cypress.com/psoc. specifications are valid for -40 o c t a 125 o c and t j 135 o c, except where noted. figure 3-1. voltage versus cpu frequency the following table lists the units of measure that are used in this chapter. table 3-1: units of measure symbol unit of measure symbol unit of measure o c degree celsius w microwatts db decibels ma milli-ampere ff femto farad ms milli-second hz hertz mv milli-volts kb 1024 bytes na nanoampere kbit 1024 bits ns nanosecond khz kilohertz nv nanovolts k ? kilohm ? ohm mhz megahertz pa picoampere m ? megaohm pf picofarad a microampere pp peak-to-peak f microfarad ppm parts per million h microhenry ps picosecond s microsecond sps samples per second v microvolts sigma: one standard deviation vrms microvolts root-mean-square v volts 5.25 4.75 3.00 93 khz 12 mhz 24 mhz cpu frequency vdd voltage valid operating region [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 14 cy8c29x66 automotive data sheet 3. electrical specifications 3.1 absolute maximum ratings 3.2 operating temperature table 3-2: absolute maximum ratings symbol description min typ max units notes t stg storage temperature -55 +25 +125 c higher storage temperat ures will reduce data retention time. recommended storage temper- ature is +25 c 25 c. storage temperatures above 65 o c will degrade reliability. maximum combined storage and operational time at +125 c is 7000 hours. t a ambient temperature with power applied -40 ? +125 o c vdd supply voltage on vdd relative to vss -0.5 ? +5.75 v v io dc input voltage vss - 0.5 ? vdd + 0.5 v v ioz dc voltage applied to tri-state vss - 0.5 ? vdd + 0.5 v i mio maximum current into any port pin -25 ? +25 ma esd electro static discharge voltage 2000 ? ? v human body model esd. lu latch-up current ? ? 200 ma table 3-3: operating temperature symbol description min typ max units notes t a ambient temperature -40 ? +125 o c t j junction temperature -40 ? +135 o c the temperature rise from ambient to junction is package specific. see ?thermal impedances? on page 30 . the user must limit the power con- sumption to comply with this requirement. [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 15 cy8c29x66 automotive data sheet 3. electrical specifications 3.3 dc electrical characteristics 3.3.1 dc chip-level specifications the following table lists guaranteed maximum and minimum specific ations for the voltage and tem perature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. 3.3.2 dc general purpose io specifications the following table lists guaranteed maximum and minimum specific ations for the voltage and tem perature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. table 3-4: dc chip-level specifications symbol description min typ max units notes vdd supply voltage 4.75 ? 5.25 v i dd supply current ? 8 15 ma conditions are vdd=5.25v, -40 o c t a 125 o c, cpu=3 mhz, sysclk doubler disabled. vc1=1.5 mhz, vc2=93. 75 khz, vc3=0.366 khz. analog power = off. i sb sleep (mode) current with por, lvd, sleep timer, wdt, and internal slow oscillator active. lower 3/4 temperature range. ? 6 16 a conditions are with internal slow speed oscilla- tor, vdd = 5.25v, -40 o c t a 55 o c. analog power = off. i sbh sleep (mode) current with por, lvd, sleep timer, wdt, and internal slow oscillator active. higher 1/4 temperature range (hot). ? 6 100 a conditions are with internal slow speed oscilla- tor, vdd = 5.25v, 55 o c < t a 125 o c. analog power = off. i sbxtl sleep (mode) current with por, lvd, sleep timer, wdt, internal slow oscillator, and 32 khz crystal oscillator active. lower 3/4 temperature range. ? 8 18 a conditions are with properly loaded, 1 w max, 32.768 khz crystal. vdd = 5.25v, -40 o c t a 55 o c. analog power = off. i sbxtlh sleep (mode) current with por, lvd, sleep timer, wdt, and 32 khz crystal oscillator active. higher 1/4 temperature range (hot). ? 8 100 a conditions are with properly loaded, 1 w max, 32.768 khz crystal. vdd = 5.25v, 55 o c < t a 125 o c. analog power = off. v ref reference voltage (bandgap) 1.25 1.3 1.35 v table 3-5: dc gpio specifications symbol description min typ max units notes r pu pull-up resistor 4 5.6 8 k ? r pd pull-down resistor 4 5.6 8 k ? v oh high output level 3.5 ? ? v ioh = 10 ma, vdd = 4.75 to 5.25v (8 total loads, 4 on even port pins (for example, p0[2], p1[4]), 4 on odd port pins (for example, p0[3], p1[5])). v ol low output level ? ? 0.75 v iol = 25 ma, vdd = 4.75 to 5.25v (8 total loads, 4 on even port pins (for example, p0[2], p1[4]), 4 on odd port pins (for example, p0[3], p1[5])). v il input low level ? ? 0.8 v vdd = 4.75 to 5.25. v ih input high level 2.2 ? v vdd = 4.75 to 5.25. v h input hysterisis ? 110 ? mv i il input leakage (absolute value) ? 1 ? na gross tested to 1 a. c in capacitive load on pins as input ? 3.5 10 pf package and pin dependent. temp = 25 o c. c out capacitive load on pins as output ? 3.5 10 pf package and pin dependent. temp = 25 o c. [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 16 cy8c29x66 automotive data sheet 3. electrical specifications 3.3.3 dc operational am plifier specifications the following tables list guaranteed maximum and minimum spec ifications for the voltage and temperature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. the operational amplifier is a component of both the analog continuous time psoc blocks and the analog switched capacitor psoc blocks. the guarantee d specifications are measured in the analog continuous time psoc block. 3.3.4 dc low power comp arator specifications the following tables list guaranteed maximum and minimum spec ifications for the voltage and temperature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. table 3-6: dc operational amplifier specifications symbol description min typ max units notes v osoa input offset voltage (absolute value) low power input offset voltage (absolute value) mid power input offset voltage (absolute value) high power ?1.6 1.3 1.2 19 11 11 mv mv mv opamp bias = high. ? ? tcv osoa input offset voltage drift ? 7.0 35.0 v/ o c i eboa input leakage current (port 0 analog pins) ? 200 ? pa gross tested to 1 a. c inoa input capacitance (port 0 analog pins) ? 4.5 10 pf package and pin dependent. temp = 25 o c. v cmoa common mode voltage range. all cases, except high- est. power = high, opamp bias = high 0.0 ? vdd vdd - 0.5 v v 0.5 ? g oloa open loop gain ? 80 ? db v ohighoa high output voltage swing (worst case internal load) vdd - 0.2 ? ? v v olowoa low output voltage swing (worst case internal load) ? ? 0.2 v i soa supply current (including associated agnd buffer) power=low power=low, opamp bias=high power=medium power=medium, opamp bias=high power=high power=high, opamp bias=high ? ? ? ? ? ? 150 300 600 1210 2400 4600 200 800 800 1700 3200 6800 a a a a a a psrr oa supply voltage rejection ratio ? 80 ? db vss vin (vdd - 2.25) or (vdd - 1.25v) vin vdd. table 3-7. dc low power comparator specifications symbol description min typ max units notes v reflpc low power comparator (lpc) reference voltage range 0.2 ? vdd - 1 v i slpc lpc supply current ? 10 40 a v oslpc lpc voltage offset ? 2.5 30 mv [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 17 cy8c29x66 automotive data sheet 3. electrical specifications 3.3.5 dc analog output buffer specifications the following tables list guaranteed maximum and minimum spec ifications for the voltage and temperature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. table 3-8: dc analog output buffer specifications symbol description min typ max units notes v osob input offset voltage (absolute value) ? 3 19 mv tcv osob input offset voltage drift ? +6 ? v/c v cmob common-mode input voltage range 0.5 ? vdd - 1.0 v r outob output resistance ? 1 ? ? v ohighob high output voltage swing (load = 32 ohms to vdd/2) 0.5 x vdd + 1.3 ? ? v v olowob low output voltage swing (load = 32 ohms to vdd/2) ? ? 0.5 x vdd - 1.3 v i sob supply current including bias cell (no load) power = low power = high ? ? 1.1 2.6 5.1 8.8 ma ma psrr ob supply voltage rejection ratio ? 64 ? db [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 18 cy8c29x66 automotive data sheet 3. electrical specifications 3.3.6 dc analog reference specifications the following tables list guaranteed maximum and minimum spec ifications for the voltage and temperature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. the guaranteed specific ations are measured through the an alog continuous time psoc blocks. the power levels for agnd refer to the power of the analog continuous time psoc block. the power levels for refhi and reflo refer to the analog reference control register. the limits stated for agnd include t he offset error of the agnd buffer local to the analog continuous time psoc block . table 3-9: dc analog reference specifications symbol description min typ max units v bg5 bandgap voltage reference 5v 1.25 1.30 1.35 v ? agnd = vdd/2 a ct block power = high a. agnd tolerance includes the offsets of the local buffer in the psoc block. bg = bandgap voltage is 1.3v 0.05v. vdd/2 - 0.02 vdd/2 vdd/2 + 0.02 v ? agnd = 2 x bandgap a ct block power = high 2.4 2.60 2.8 v ? agnd = p2[4] (p2[4] = vdd/2) a ct block power = high p2[4] - 0.02 p2[4] p2[4] + 0.02 v ? agnd = bandgap a ct block power = high 1.23 1.3 1.37 v ? agnd = 1.6 x bandgap a ct block power = high 1.98 2.08 2.14 v ? agnd column to column variation (agnd=vdd/2) a ct block power = high - 0.035 0.000 0.035 v ? refhi = vdd/2 + bandgap ref control power = high vdd /2 + 1.15 vdd /2 + 1.30 vdd /2 + 1.45 v ? refhi = 3 x bandgap ref control power = high 3.65 3.9 4.15 v ? refhi = 2 x bandgap + p2[6] (p2[6] = 1.3v) ref control power = high p2[6] + 2.4 p2[6] + 2.6 p2[6] + 2.8 v ? refhi = p2[4] + bandgap (p2[4] = vdd/2) ref control power = high p2[4] + 1.24 p2[4] + 1.30 p2[4] + 1.36 v ? refhi = p2[4] + p2[6] (p2[4] = vdd/2, p2[6] = 1.3v) ref control power = high p2[4] + p2[6] - 0.1 p2[4] + p2[6] p2[4] + p2[6] + 0.1 v ? refhi = 2 x bandgap ref control power = high 2.4 2.60 2.8 v ? refhi = 3.2 x bandgap ref control power = high 3.9 4.16 4.42 v ? reflo = vdd/2 ? bandgap ref control power = high vdd /2 - 1.45 vdd /2 - 1.3 vdd /2 - 1.15 v ? reflo = bandgap ref control power = high 1.15 1.30 1.45 v ? reflo = 2 x bandgap - p2[6] (p2[6] = 1.3v) ref control power = high 2.4 - p2[6] 2.6 - p2[6] 2.8 + p2[6] v ? reflo = p2[4] ? bandgap (p2[4] = vdd/2) ref control power = high p2[4] - 1.45 p2[4] - 1.3 p2[4] - 1.15 v ? reflo = p2[4]-p2[6] (p2[4] = vdd/2, p2[6] = 1.3v) ref control power = high p2[4] - p2[6] - 0.1 p2[4] - p26 p2[4] - p2[6] + 0.1 v [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 19 cy8c29x66 automotive data sheet 3. electrical specifications 3.3.7 dc analog psoc block specifications the following table lists guaranteed maximum and minimum specific ations for the voltage and tem perature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. 3.3.8 dc por, and lvd specifications the following table lists guaranteed maximum and minimum specific ations for the voltage and tem perature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. table 3-10: dc analog psoc block specifications symbol description min typ max units notes r ct resistor unit value (continuous time) ? 12.24 ? k ? c sc capacitor unit value (switch cap) ? 80 ? ff table 3-11: dc por, and lvd specifications symbol description min typ max units notes v ppor1r v ppor2r vdd value for ppor trip (positive ramp) porlev[1:0] = 01b porlev[1:0] = 10b ?4.40 4.60 ?v v v ppor1 v ppor2 vdd value for ppor trip (negative ramp) porlev[1:0] = 01b porlev[1:0] = 10b ?4.40 4.60 ?v v v ph1 v ph2 ppor hysteresis porlev[1:0] = 01b porlev[1:0] = 10b ? ? 0 0 ? ? mv mv v lvd6 v lvd7 vdd value for lvd trip vm[2:0] = 110b vm[2:0] = 111b 4.65 4.75 4.80 4.90 4.90 5.00 v v [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 20 cy8c29x66 automotive data sheet 3. electrical specifications 3.3.9 dc programming specifications the following table lists guaranteed maximum and minimum specific ations for the voltage and tem perature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. table 3-12: dc programming specifications symbol description min typ max units notes i ddp supply current during programming or verify ? 15 30 ma v ilp input low voltage during programming or verify ? ? 0.8 v v ihp input high voltage during programming or verify 2.2 ? ? v i ilp input current when applying vilp to p1[0] or p1[1] during programming or verify ? ? 0.2 ma driving internal pull-down resistor. i ihp input current when applying vihp to p1[0] or p1[1] during programming or verify ? ? 1.5 ma driving internal pull-down resistor. v olv output low voltage during programming or verify ? ? vss + 0.75 v v ohv output high voltage during programming or verify 3.5 ? vdd v flash enpb flash endurance (per block) a a. for the full temperature range, the user must employ a temperature sensor user module (flashtemp) and feed the result to the temperature argument before writing. refer to the flash apis application note an2015 at http://www.cypress.com under application notes for more information. 100 ? ? ? erase/write cycles per block. flash ent flash endurance (total) a,b b. a maximum of 512 x 100 block endurance cycles is allowed. 51,200 ? ? ? erase/write cycles. flash dr flash data retention c c. flash data retention based on the use condition of 7000 hours at t a 125 c and the remaining time at t a 65 c . 15 ? ? years [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 21 cy8c29x66 automotive data sheet 3. electrical specifications 3.4 ac electrical characteristics 3.4.1 ac chip-level specifications the following table lists guaranteed maximum and minimum specific ations for the voltage and tem perature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. figure 3-2. pll lock timing diagram table 3-13: ac chip-level specifications symbol description min typ max units notes f imo24 internal main oscillator frequency for 24 mhz 22.95 24 24.96 mhz trimmed. utilizing factory trim values. f cpu1 cpu frequency (5v nominal) 0.09 12 12.48 mhz f 48m digital psoc block frequency ? ? ? mhz not allowed. f 24m digital psoc block frequency 0 24 24.96 a a. see the individual user module data sheets for in formation on maximum frequencies for user modules. mhz f 32k1 internal low speed oscillator frequency 15 32 64 khz f 32k2 external crystal oscillator ? 32.768 ? khz accuracy is capacitor and crystal dependent. f pll pll frequency ? 23.986 ? mhz is a multiple (x732) of crystal frequency. jitter24m2 24 mhz period jitter (pll) ? ? 800 ps t pllslew pll lock time 0.5 ? 10 ms t pllslews- low pll lock time for low gain setting 0.5 ? 50 ms t os external crystal oscillator startup to 1% ? 1700 2620 ms t osacc external crystal oscillator startup to 200 ppm ? 2800 3800 ms jitter32k 32 khz period jitter ? 100 ns t xrst external reset pulse width 10 ? ? s dc24m 24 mhz duty cycle 40 50 60 % step24m 24 mhz trim step size ? 50 ? khz jitter24m1p 24 mhz period jitter (imo) peak-to-peak ? 300 ps jitter24m1r 24 mhz period jitter (imo) root mean squared ? ? 600 ps f max maximum frequency of signal on row input or row output. ? ? 12.48 mhz t ramp supply ramp time 0 ? ? s 24 mhz f pll pll enable t pllslew pll gain 0 [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 22 cy8c29x66 automotive data sheet 3. electrical specifications figure 3-3. pll lock for low gain setting timing diagram figure 3-4. external crystal os cillator startup timing diagram figure 3-5. 24 mhz period jitter (imo) timing diagram figure 3-6. 32 khz period jitter (eco) timing diagram 24 mhz f pll pll enable t pllslewlow pll gain 1 32 khz f 32k2 32k select t os jitter24m1 f 24m jitter32k f 32k2 [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 23 cy8c29x66 automotive data sheet 3. electrical specifications 3.4.2 ac general purpose io specifications the following table lists guaranteed maximum and minimum specific ations for the voltage and temperature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. figure 3-7. gpio timing diagram table 3-14: ac gpio specifications symbol description min typ max units notes f gpio gpio operating frequency 0 ? 12.48 mhz normal strong mode trisef rise time, normal strong mode, cload = 50 pf 3 ? 22 ns vdd = 4.75 to 5.25v, 10% - 90% tfallf fall time, normal strong mode, cload = 50 pf 2 ? 22 ns vdd = 4.75 to 5.25v, 10% - 90% trises rise time, slow strong mode, cload = 50 pf 9 27 ? ns vdd = 4.75 to 5.25v, 10% - 90% tfalls fall time, slow strong mode, cload = 50 pf 9 22 ? ns vdd = 4.75 to 5.25v, 10% - 90% tfallf tfalls trisef trises 90% 10% gpio pin output voltage [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 24 cy8c29x66 automotive data sheet 3. electrical specifications 3.4.3 ac operational am plifier specifications the following tables list guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. settling times, slew rates, and gain bandwidth are based on the analog continuous time psoc block. table 3-15: ac operational amplifier specifications symbol description min typ max units notes sr roa rising slew rate (20% to 80%) of a 1v step (10 pf load, unity gain) power = low power = low, opamp bias = high power = medium power = medium, opamp bias = high power = high power = high, opamp bias = high 0.15 0.15 0.15 1.7 1.7 6.5 ? ? ? v/ s v/ s v/ s v/ s v/ s v/ s sr foa falling slew rate (20% to 80%) of a 1v step (10 pf load, unity gain) power = low power = low, opamp bias = high power = medium power = medium, opamp bias = high power = high power = high, opamp bias = high 0.01 0.01 0.01 0.5 0.5 4.0 ? ? ? v/ s v/ s v/ s v/ s v/ s v/ s bw oa gain bandwidth product power = low power = low, opamp bias = high power = medium power = medium, opamp bias = high power = high power = high, opamp bias = high 0.75 0.75 0.75 3.1 3.1 5.4 ? ? ? mhz mhz mhz mhz mhz mhz [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 25 cy8c29x66 automotive data sheet 3. electrical specifications when bypassed by a capacitor on p2[4], the noise of the analog ground signal distributed to each block is reduced by a factor o f up to 5 (14 db). this is at frequencies above the corner frequency defined by the on-chip 8.1k resistance and the external capacit or. figure 3-8. typical agnd noise with p2[4] bypass at low frequencies, the opamp noise is proportional to 1/f, po wer independent, and determined by device geometry. at high frequ en- cies, increased power level reduces the noise spectrum level. figure 3-9. typical opamp noise 100 1000 10000 0.001 0.01 0.1 1 10 100 fr eq ( khz ) dbv/rthz 0 0.01 0.1 1.0 10 10 100 1000 10000 0.001 0.01 0.1 1 10 100 freq (khz) nv/rthz ph_ bh ph_ bl pm_bl pl_ bl [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 26 cy8c29x66 automotive data sheet 3. electrical specifications 3.4.4 ac low power comp arator specifications the following tables list guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. 3.4.5 ac digital block specifications the following table lists guaranteed maximum and minimum specific ations for the voltage and temperature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. table 3-16. ac low power comparator specifications symbol description min typ max units notes t rlpc lpc response time ? ? 50 s 50 mv overdrive comparator reference set within v reflpc . table 3-17: ac digital block specifications function description min typ max units notes all functions maximum block clocking frequency (> 4.75v) 24.96 mhz 4.75v < vdd < 5.25v. timer capture pulse width 50 a a. 50 ns minimum input pulse width is based on the inpu t synchronizers running at 24 mhz (42 ns nominal period). ? ? ns maximum frequency, no capture ? ? 24.96 mhz 4.75v < vdd < 5.25v. maximum frequency, with capture ? ? 24.96 mhz counter enable pulse width 50 a ? ? ns maximum frequency, no enable input ? ? 24.96 mhz 4.75v < vdd < 5.25v. maximum frequency, enable input ? ? 24.96 mhz dead band kill pulse width: asynchronous restart mode 20 ? ? ns synchronous restart mode 50 a ? ? ns disable mode 50 a ? ? ns maximum frequency ? ? 24.96 mhz 4.75v < vdd < 5.25v. crcprs (prs mode) maximum input clock frequency ? ? 24.96 mhz 4.75v < vdd < 5.25v. crcprs (crc mode) maximum input clock frequency ? ? 24.96 mhz spim maximum input clock frequency ? ? 4 mhz maximum data rate at 4.1 mhz due to 2 x over clocking. spis maximum input clock frequency ? ? 2 mhz width of ss_ negated between transmissions 50 a ? ? ns transmitter maximum input clock frequency ? ? 8 mhz maximum data rate at 3.08 mhz due to 8 x over clocking. receiver maximum input clock frequency ? 16 24.96 mhz maximum data rate at 3.08 mhz due to 8 x over clocking. [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 27 cy8c29x66 automotive data sheet 3. electrical specifications 3.4.6 ac analog output buffer specifications the following tables list guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. 3.4.7 ac external clock specifications the following tables list guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. 3.4.8 ac programming specifications the following table lists guaranteed maximum and minimum specific ations for the voltage and temperature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. table 3-18: ac analog output buffer specifications symbol description min typ max units notes t rob rising settling time to 0.1%, 1v step, 100pf load power = low power = high ? ? ? ? 4 4 s s t sob falling settling time to 0.1%, 1v step, 100pf load power = low power = high ? ? ? ? 4 4 s s sr rob rising slew rate (20% to 80%), 1v step, 100pf load power = low power = high 0.6 0.6 ? ? ? ? v/ s v/ s sr fob falling slew rate (80% to 20%), 1v step, 100pf load power = low power = high 0.6 0.6 ? ? ? ? v/ s v/ s bw ob small signal bandwidth, 20mv pp , 3db bw, 100pf load power = low power = high 0.8 0.8 ? ? ? ? mhz mhz bw ob large signal bandwidth, 1v pp , 3db bw, 100pf load power = low power = high 300 300 ? ? ? ? khz khz table 3-19: ac external clock specifications symbol description min typ max units notes f oscext frequency 0 ? 24.24 mhz ? high period 20.6 ? ?ns ? low period 20.6 ? ?ns ? power up imo to switch 150 ? ? s table 3-20: ac programming specifications symbol description min typ max units notes t rsclk rise time of sclk 1 ? 20 ns t fsclk fall time of sclk 1 ? 20 ns t ssclk data set up time to falling edge of sclk 40 ? ? ns t hsclk data hold time from falling edge of sclk 40 ? ? ns f sclk frequency of sclk 0 ? 8 mhz t eraseb flash erase time (block) ? 15 ? ms t write flash block write time ? 30 ? ms t dsclk data out delay from falling edge of sclk ? ? 45 ns [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 28 cy8c29x66 automotive data sheet 3. electrical specifications 3.4.9 ac i 2 c specifications the following table lists guaranteed maximum and minimum specific ations for the voltage and temperature ranges: 4.75v to 5.25v and -40 c t a 125 c. typical parameters apply to 5v at 25 c and are for design guidance only. figure 3-10. definition for timing for fast/standard mode on the i 2 c bus table 3-21: ac characteristics of the i 2 c sda and scl pins symbol description standard mode fast mode units notes min max min max f scli2c scl clock frequency 0 100 0 400 khz t hdstai2c hold time (repeated) start condition. after this period, the first clock pulse is generated. 4.0 ?0.6 ? s t lowi2c low period of the scl clock 4.7 ?1.3 ? s t highi2c high period of the scl clock 4.0 ?0.6 ? s t sustai2c set-up time for a repeated start condition 4.7 ?0.6 ? s t hddati2c data hold time 0 ?0 ? s t sudati2c data set-up time 250 ? 100 a a. a fast-mode i2c-bus device can be used in a st andard-mode i2c-bus system , but the requirement t su;dat 250 ns must then be met. this will automatically be the case if the device does not stretch the low period of the scl signal. if such device does stretch the low period of the scl signal, it must output the next data bit to the sda line t rmax + t su;dat = 1000 + 250 = 1250 ns (according to the standard-mode i2c- bus specification) before the scl line is released. ?ns t sustoi2c set-up time for stop condition 4.0 ?0.6 ? s t bufi2c bus free time between a stop and start condition 4.7 ?1.3 ? s t spi2c pulse width of spikes are suppressed by the input fil- ter. ? ? 0 50 ns sda scl s sr s p t bufi2c t spi2c t hdstai2c t sustoi2c t sustai2c t lowi2c t highi2c t hddati2c t hdstai2c t sudati2c [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 29 4. packaging information this chapter illustrates the packaging specifications for the cy8c29x66 automotive psoc device, along with the thermal imped- ances and solder reflow for each package and the typical package capacitance on crystal pins. important note emulation tools may require a larger area on the target pcb than the chip?s footprint. for a detailed description of the emulation tools? dimensions, refer to the document titled psoc emulator pod dimensions at http://www.cypress.com/design/mr10161 . 4.1 packaging dimensions figure 4-1. 28-lead (210-mil) ssop 51-85079 *c [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 30 cy8c29x66 automotive data sheet 4. packaging information figure 4-2. 48-lead (300-mil) ssop 4.2 thermal impedances 4.3 capacitance on crystal pins table 4-1: thermal impedances per package package typical ja * 28 ssop 95 o c/w 48 ssop 69 o c/w * t j = t a + power x ja table 4-2: typical package capacitance on crystal pins package package capacitance 28 ssop 2.8 pf 48 ssop 3.3 pf 51-85061-c 51-85061 *c [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 31 cy8c29x66 automotive data sheet 4. packaging information 4.4 solder reflow peak temperature following is the minimum solder reflow peak temperature to achieve good solderability. table 4-3. solder reflow peak temperature package minimum peak temperature* maximum peak temperature 28 ssop 240 o c 260 o c 48 ssop 220 o c 260 o c *higher temperatures may be required based on the solder melting point. typical temperatures for solder are 220 5 o c with sn-pb or 245 5 o c with sn-ag-cu paste. refer to the solder manufacturer specifications. [+] feedback [+] feedback
december 11, 2006 document no. 38-12026 rev. *d 32 5. ordering information the following table lists the cy8c29x66 psoc dev ice?s key package features and ordering codes. 5.1 ordering code definitions table 5-1: cy8c29x66 automotive psoc key features and ordering information package ordering code flash (bytes) ram (bytes) temperature range digital psoc blocks analog psoc blocks digital io pins analog inputs analog outputs xres pin 28 pin (210 mil) ssop cy8c29466-12pvxe 32k 2k -40c to +125c 16 12 24 12 4 yes 28 pin (210 mil) ssop (tape and reel) cy8c29466-12pvxet 32k 2k -40c to +125c 16 12 24 12 4 yes 48 pin (300 mil) ssop CY8C29666-12PVXE 32k 2k -40c to +125c 16 12 44 12 4 yes 48 pin (300 mil) ssop (tape and reel) CY8C29666-12PVXEt 32k 2k -40c to +125c 16 12 44 12 4 yes cy 8 c 29 xxx-spxx package type: thermal rating: px = pdip pb-free c = commercial sx = soic pb-free i = industrial pvx = ssop pb-free e = extended lfx/lkx = qfn pb-free ax = tqfp pb-free speed: 12 mhz part number family code technology code: c = cmos marketing code: 8 = cypress psoc company id: cy = cypress [+] feedback [+] feedback
december 11, 2006 ? cypress semiconductor 2004-2006 ? document no. 38-12026 rev. *d 33 6. sales and service information to obtain information about cypress semiconductor or psoc sales and technical support, reference the following information. cypress semiconductor 6.1 revision history 6.2 copyrights and flash code protection ? cypress semiconductor corporation. 2004-2006. all rights rese rved. psoc designer?, programmabl e system-on-chip?, and psoc exp ress? are trademarks and psoc? is a registered trademark of cypress semiconductor corp. all other trademarks or registered trademarks referenced herein are property of the respective corpo- rations. the information contained herein is subject to change without no tice. cypress semiconductor assu mes no responsibility for the u se of any circuitry other than circuitry embodied in a cypress semiconductor product. no r does it convey or imply any license un der patent or other rights. cypress semi conductor does not authorize its products for use as critical components in life-support systems where a ma lfunction or failure may reasonably be expected to result in s ignificant injury to the user. the inclusion of cypress semiconductor products in life-support systems application implies that the manuf acturer assumes all risk of such use a nd in doing so indemnifies cypress semiconductor against all charges. cypress semiconductor products are not warranted nor intended to be used for medical, life-s upport, life-saving, critical control or safety applications, unless pursuant to an express wr itten agreement with cypress semiconductor. note the following details of the flash code protecti on features on cypress se miconductor psoc devices. cypress semiconductor products meet the spec ifications contained in thei r particular cypress semicond uctor data sheets. cypress semiconductor believes that its fam- ily of products is one of the mo st secure families of its kind on the market today, re gardless of how they are used. there may be methods, unknown to cypress semicon- ductor, that can breach the code protection features. any of these methods, to our k nowledge, would be dishonest and possibly i llegal. neither cypress semiconductor nor any other semiconductor manufacturer can guarantee the security of their code. c ode protection does not mean that we are gu aranteeing the product as "unbreak- able." cypress semiconductor is willing to work with the custom er who is concerned about the in tegrity of their code. code prot ection is constantly evolving. we at cypress semiconductor are committed to continuously improvi ng the code protection feat ures of our products. 198 champion court san jose, ca 95134 408.943.2600 web sites: company information ? http://www.cypress.com sales ? http://www.cypress.com/aboutus/sales_locations.cfm technical support ? http://www.cypress.co m/support/login.cfm table 6-1: cy8c29x66 automotive data sheet revision history document title: cy8c29466 and cy8c29666 automotive psoc? mixed-signal array final data sheet document number: 38-12026 revision ecn # issue date origin of change description of change ** 228771 06/01/2004 sfv first release of the cy8c29x66 automotive psoc dev ice data sheet. *a 271452 see ecn hmt update per sfv memo. input changes from mwr, including removing smp. *b 288029 see ecn hmt add reflow peak temp. table. update psoc char acteristics table. updat e characterization data. *c 473829 see ecn hmt update psoc characteristics table. update char acterization data. update storage temperature for extended temperature devices. fix error in re gister bank 0/1. update cy color, logo and copyright. *d 602219 see ecn hmt add low power comparator (lpc) ac/dc electrical spec. tables. add cy8c20x34 to psoc device characteristics table. update technica l training modules paragraph. add issp note to pinout tables. distribution : external/public posting : none [+] feedback [+] feedback


▲Up To Search▲   

 
Price & Availability of CY8C29666-12PVXE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X