Part Number Hot Search : 
4082013 MAX7490 42S16 12D05 P0438T LA6544H 2PG352 MTPH8
Product Description
Full Text Search
 

To Download CMM1200-BD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m ? ? ? @ b ? ? ? ? ? ? l @ i ? n @ q p w y u @ r ? ? ? ? @ r ? n l @ h ? ? ? ? ? l @ t ? ? ? ? @ w w p y y t ? z @ r x q n y x x n t v p p @ @ f ? ? z @ r x q n y x x n t v q u @ @ ? ? ? n ? ? ? ? ? ? ? ? ? n ? ? e r p p u @ m ? ? ? @ b ? ? ? ? ? ? l @ i ? n c m m 1 2 0 0 - b d r n p @ ? ? @ v n p @ g h ? g ? a ? @ m m i c @ l ? ? m n ? ? ? ? @ a C ? ? ?
3236 scott boulevard santa clara, california 95054 phone: (408) 986-5060 fax: (408) 986-5095 2.0 to 6.0 ghz gaas mmic low-noise amplifier advanced product information may 2005 v1.5 (1 of 5) features ? small size: 1.60 x 1.55 x 0.076 mm ? integrated on-chip drain bias coil ? integrated on-chip dc blocking ? single bias operation ? directly cascadable ?fully matched, novel feedback & distributed amplifier design ? p1db: 15.5 dbm @ 6 ghz, typ. ? high linear gain: 17.5 db typ. ? noise figure: 3.3 db typ. @ 6 ghz ? phemt technology ? silicon nitride passivation specifications (ta = 25?, vdd = 5v) 1 parameters units min typ max frequency range ghz 2.0 6.0 linear gain db 16.0 17.5 gain variation (over operating frequency) db 2.0 power output (@1 db gain compression) dbm 14.0 15.5 p1db variation (over operating frequency) dbm 1.0 saturated output power dbm 19.0 23.0 third order intercept point (@ 6 ghz) dbm 25.5 second order intercept point (@ 6 ghz) dbm 41.0 noise figure (@6 ghz) db 3.3 3.8 input return loss 2 db -9.5 output return loss 2 db -12.0 current ma 85 100 115 thermal resistance ?/w 34.0 stability unconditionally stable absolute maximum ratings 1 parameter rating drain voltage 4.5v (min.) / 8.0v (max.) drain current 150 ma continuous power dissipation 1.2 w input power 10 dbm storage temperature -50? to +150? channel temperature 175? operating backside temperature 2 -40? min. die attach and bonding procedures die attach: eutectic die attach is recommended. for eutec- tic die attach: preform: ausn (80% au, 20% sn); stage temperature: 290?, 5?; handling tool: tweezers; time: 1 min or less. wire bonding: wire size: 0.7 to 1.0 mil in diameter (pre- stressed); thermocompression bonding is preferred over ther- mosonic bonding. for thermocompression bonding: stage temperature: 250?; bond tip temperature: 150?; bonding tip pressure: 18 to 40 gms depending on size of wire. CMM1200-BD chip diagram notes: 1. tested on celeritek connectorized evaluation board. 2. measured on wafer. notes: 1. operation outside these limits can cause permanent damage. 2. calculation maximum operating temperature: tmax = 175?pdis [w] x 34) [?].
3236 scott boulevard, santa clara, california 95054 phone: (408) 986-5060 fax: (408) 986-5095 CMM1200-BD advanced pr oduct information - may 2005 v1.5 (2 of 5) typical on-wafer scattering parameters (vd = +5.0v, icc = 101 ma, t = 23?, device in a 50 ohm system) frequency s 11 s 21 s 12 s 22 (mhz) (mag) (ang) (mag) (ang) (mag) (ang) (mag) (ang) 0.10 0.813 -0.57 0.001 0.00 0.000 0.00 0.970 -0.23 1.00 -0.461 0.50 -1.411 -3.07 0.004 0.00 -0.474 -0.44 1.90 0.060 0.07 1.612 7.22 -0.001 0.00 -0.245 -0.03 2.20 0.041 -0.01 5.064 6.32 0.000 0.00 -0.192 0.04 2.50 0.008 -0.05 7.462 3.94 -0.001 0.00 -0.127 0.04 3.40 -0.021 -0.09 7.667 -3.82 0.000 0.00 -0.077 0.00 3.70 -0.023 -0.10 6.413 -5.62 0.001 0.00 -0.074 -0.01 4.00 -0.027 -0.13 4.857 -6.95 0.002 0.00 -0.075 -0.02 4.90 -0.059 -0.20 -0.337 -8.14 0.003 0.00 -0.092 -0.03 5.20 -0.085 -0.22 -1.893 -7.81 0.003 0.00 -0.099 -0.03 5.50 -0.111 -0.24 -3.305 -7.21 0.004 0.00 -0.106 -0.03 5.80 -0.140 -0.26 -4.492 -6.28 0.004 0.00 -0.117 -0.03 6.10 -0.179 -0.26 -5.314 -5.42 0.005 0.00 -0.126 -0.01 7.00 -0.267 -0.25 -7.084 -2.16 0.005 0.00 -0.128 0.02 7.90 -0.338 -0.20 -7.165 1.27 0.004 0.00 -0.117 0.05 8.20 -0.355 -0.18 -6.874 2.35 0.004 0.00 -0.109 0.06 8.50 -0.368 -0.16 -6.436 3.37 0.004 0.00 -0.100 0.07 9.10 -0.387 -0.11 -5.152 5.20 0.003 -0.01 -0.077 0.08 10.00 -0.395 -0.06 -2.289 7.12 0.001 -0.01 -0.036 0.09 10.90 -0.392 -0.01 1.328 7.55 0.000 -0.01 0.000 0.07 12.10 -0.394 0.05 5.852 5.16 -0.004 -0.01 0.027 0.02 13.00 -0.394 0.12 7.603 1.63 -0.007 -0.01 0.024 -0.02 13.90 -0.368 0.21 7.341 -2.28 -0.009 0.00 0.002 -0.04 14.50 -0.324 0.28 6.104 -4.58 -0.009 0.00 -0.016 -0.05 15.10 -0.253 0.34 4.167 -6.32 -0.010 0.00 -0.033 -0.04 16.00 -0.101 0.39 0.436 -7.50 -0.010 0.00 -0.053 -0.03 17.20 0.125 0.35 -4.701 -5.86 -0.006 0.01 -0.072 0.00 18.10 0.262 0.25 -7.183 -2.26 -0.003 0.01 -0.065 0.04 19.00 0.369 0.13 -7.082 2.49 0.003 0.01 -0.021 0.09 20.20 0.501 -0.10 -1.719 6.64 0.010 0.01 0.117 0.07 21.10 0.481 -0.36 2.707 4.90 0.012 0.00 0.152 -0.06 22.00 0.348 -0.53 4.002 1.55 0.008 -0.01 0.080 -0.14 23.20 0.198 -0.65 2.532 -1.66 0.000 -0.01 -0.012 -0.12 24.10 0.078 -0.78 0.354 -2.02 -0.005 -0.01 -0.019 -0.09 25.00 -0.150 -0.85 -0.597 -0.90 -0.006 0.00 -0.022 -0.09 26.20 -0.437 -0.73 -0.379 -0.17 -0.006 0.00 -0.033 -0.07 26.80 -0.537 -0.60 -0.265 -0.05 -0.004 0.00 -0.033 -0.07 28.00 -0.204 -0.39 -0.136 -0.02 -0.002 0.00 -0.028 -0.05 29.20 -0.466 -0.67 -0.076 0.03 -0.003 0.00 -0.011 -0.04 30.10 -0.637 -0.58 -0.040 0.03 -0.001 0.00 0.011 -0.04 s-parameter data files are available on-line at: www.celeritek.com
3236 scott boulevard santa clara, california 95054 phone: (408) 986-5060 fax: (408) 986-5095 cmm1200 typical small-signal data rf-probe test; 5v, 100ma 10 11 12 13 14 15 16 17 18 19 20 23456 frequency (ghz) linear gain (db) -30 -25 -20 -15 -10 -5 0 5 10 15 20 i/o return loss (db) gain s11 s22 CMM1200-BD advanced product information - may 2005 v1.5 (3 of 5) typical narrow and wideband s-parameter performance
3236 scott boulevard, santa clara, california 95054 phone: (408) 986-5060 fax: (408) 986-5095 CMM1200-BD advanced product information - may 2005 v1.5 (4 of 5) cmm1200 typical noise figure data connectorized fixture; vdd=5v 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 2345678 frequency (ghz) noise figure (db) 130ma 100ma cmm1200 typical power data connectorized fixture; 5v, 100ma 10 11 12 13 14 15 16 17 18 19 20 2345678 frequency (ghz) pout (dbm) psat p1db typical noise and power performance
3236 scott boulevard santa clara, california 95054 phone: (408) 986-5060 fax: (408) 986-5095 CMM1200-BD advanced product information - may 2005 v1.5 (3 of 5) celeritek reserves the right to make changes without further notice to any products herein. celeritek makes no warranty, repres entation or guarantee regarding the suitability of its products for any particular purpose, nor does celeritek assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. ?ypical?parameters can and do vary in different applications. all operating parameters, including ?ypicals?must be validated for each customer application by customers technical experts. celeritek doe s not convey any license under its patent rights nor the rights of others. celeritek products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the celeritek prod uct could create a situation where personal injury or death may occur. should buyer purchase or use celeritek products for any such unintended or unauthorized application, buyer shall indemnify and hold celeritek and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that celeritek was negligent regarding the design or manufacture of the part. celeritek is a registered trademark of celeritek, inc. celeritek, inc. is an e qual opportunity/affirmative action employer. ordering information the CMM1200-BD is available in bare die and is shipped in gel pak. part number for ordering package CMM1200-BD bare die assembly example


▲Up To Search▲   

 
Price & Availability of CMM1200-BD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X