Part Number Hot Search : 
MAX68 6KE30A IMD3A DMF09RF 54ACT174 DTC14 ZX84C10 120EI
Product Description
Full Text Search
 

To Download 6SV15M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10.solder heat resistance (hot plate soldering method) (240 ? x 30sec.) *3 d c/c tan d leakage current within ?0% 1.5 times of item 3 or less item 4 or less 30 1 . specifications of in series new sv series vertical surface mounting devices new products new sv series is designed for use in high frequency noise limiters and switching power supplies for miniaturization ; compatible with aluminum electrolytic capacitors of vertical chip. marking : polarity( ), rated voltage, (purple) capacitance, lot.no. specifications *1 if any doubt arises, measure the current after applying voltage (voltage treatment) for 120 minutes at 105 c. the rated voltage should be applied for 2.0 to 20wv, while a temperature reduction voltage should be applied for 25wv. *2 to use an os-con when the operating temperature exceeds 85? on a component with a rated voltage of 25v, reduce the voltage by 0.25v for every degree (1?) relative to the value at 85? (25v). *3 reflow soldering may bring about change of nominal capacitance. refer to sanyo about soldering spec. items characteristics temporary:less than 20% of the rated voltage, continuous:less than 10% of the rated voltage 1. operating temperature range 2. capacitance tolerance (120hz) 3. tangent of loss angle(tan d ) (120hz) 4. leakage current ( m a/2min.)(or less) *1 5. esr (100k to 300khz) -55? to +105? m : ?0% value in table 8 or less 0.2cv value in table 8 or less 6. temperature characteristics impedance ratio at 100khz., +20 ? 7. high-temperature load 105 ? , 1,000hrs. rated voltage applied *2 (25wv ? 20v applied) 8. moisture resistance (60 ? , 90 to 95 % rh, 500hrs. no voltage) 9. reverse voltage guarantee -55? +105? z / z 20? z / z 20? 1.0 to 1.25 0.75 to 1.0 tan d leakage current d c/c tan d leakage current d c/c a5, b5, c6 size e7, f8, f12 size within ?0% within ?0% 1.5 times of item 3 or less item 4 or less within ?0% 1.5 times of item 3 or less item 4 or less wv (sv) m f 2.0 (2.6) 4.0 (5.2) 6.3 (8.2) 10 (11.5) 16 (18.4) dimensions size list wv : rated voltage (sv) : surge voltage(room temperature) f d + 0.5max. 4.0 5.0 6.3 8.0 10.0 10.0 +0.1 l -0.4 5.4 5.9 5.9 6.9 7.9 12.6 w 0.2 4.3 5.3 6.6 8.3 10.3 10.3 h 0.2 4.3 5.3 6.6 8.3 10.3 10.3 c 0.2 5.0 6.0 7.3 9.0 11.0 11.0 r 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.8 to 1.1 p 0.2 1.0 1.4 2.1 3.2 4.6 4.6 a5 b6 c6 e7 f8 f12 3.3 4.7 6.8 10 15 22 27 33 39 47 56 68 82 100 120 150 220 270 330 470 680 820 f12 a5 b6 c6 e7 f8 f12 a5 b6 c6 e7 f8 f12 a5 a5 a5 b6 c6 e7 f8 f12 b6 c6 e7 f8 f12 20 (23) e7 f8 f12 25 (25) size code a5 b6 c6 e7 f8 f12 (unit : mm) f d l r pc w 0.2max. h
31 1 . specifica tions of in series t ab le 8 ne w sv series characteristics list size code part number * 1 esr (100khz to 300khz) (m w ) (max.) nominal capacitance ( m f) rated voltage (v) maximum allowable ripple current (marms) * 2 tangent of loss angle (max.) leakage current ( m a) (max.) * 3 *1 capacitance tolerance : m ; 20% *2 100khz, +45 c *3 after 2 minutes temperature coefficient for ripple current ambient temp.( c ) coefficient to +45 1.0 +65 0.85 +85 0.7 +95 0.4 +105 0.25 a5 b6 c6 e7 f8 f12 16sv3r3mn 10sv4r7mn 10sv6r8mn 10sv10mn 6SV15Mn 4sv22mn 20sv10m 16SV15M 10sv22m 6sv33m 4sv39m 20sv22m 16sv27m 10sv47m 6sv56m 4sv82m 25sv10m 20sv47m 16sv56m 10sv82m 6sv120m 4sv150m 25sv22m 20sv68m 16sv100m 10sv150m 6sv220m 4sv270m 25sv47m 20sv150m 16sv220m 10sv330m 6sv470m 4sv680m 2sv820m 16 10 10 10 6.3 4 20 16 10 6.3 4 20 16 10 6.3 4 25 20 16 10 6.3 4 25 20 16 10 6.3 4 25 20 16 10 6.3 4 2 3.3 4.7 6.8 10 15 22 10 15 22 33 39 22 27 47 56 82 10 47 56 82 120 150 22 68 100 150 220 270 47 150 220 330 470 680 820 400 400 400 350 350 350 220 200 180 140 120 80 80 70 70 65 60 60 60 55 50 50 50 45 45 40 40 40 25 20 18 16 15 13 12 500 540 540 560 560 560 600 650 700 750 780 1050 1100 1150 1200 1250 1400 1450 1500 1550 1600 1700 1800 2000 2200 2400 2700 2800 3500 3600 3700 3800 4000 4200 4400 0.07 0.08 0.09 0.10 0.12 0.15 0.10 0.10 0.15 0.15 0.15 0.10 0.10 0.15 0.15 0.15 0.12 0.12 0.12 0.15 0.15 0.15 0.12 0.12 0.12 0.15 0.15 0.15 0.10 0.10 0.12 0.15 0.15 0.15 0.15 10.6 9.4 13.6 20.0 18.9 17.6 40.0 48.0 44.0 42.0 31.0 88.0 86.0 94.0 71.0 66.0 50.0 188.0 179.0 164.0 151.0 120.0 110.0 272.0 320.0 300.0 277.0 216.0 235.0 600.0 704.0 660.0 592.0 544.0 328.0 c a b code size code a5 a b c 1.0 6.2 1.6 b6 1.4 7.4 1.6 c6 2.1 9.1 1.6 e7 2.8 11.1 1.9 f8 4.3 13.1 1.9 f12 4.3 13.1 1.9 (unit : mm) *new sv series is a new product. therefore, the specification, dimension may be changed. recommended land pattern dimension of pwb note: former sv series appeared in the os-con technical book version 5.2 has been integrated into new sv series, size a5. please order it as new sv series. additionally, part numbers of new sv series, size a5 have ?? in the end to distinguish themselves from former sv series.


▲Up To Search▲   

 
Price & Availability of 6SV15M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X