Part Number Hot Search : 
CXD3003R VLP210F MBR5200D 00111 255DE 2003M IW4050BN THD277HI
Product Description
Full Text Search
 

To Download 4AV15F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  installation instructions for the issue 2 4av series vane sensors pk 8760 5 sensing and control personal injury do not use these products as safety or emergency stop devices or in any other application where failure of the product could result in personal injury. failure to comply with these instructions could result in death or serious injury. general information 4av hall effect vane sensors include a hall effect sensor and a magnet in a common package. they are operated by passing a ferrous vane through the gap between the magnet and the sensor. with no vane in the gap, the output is operated (conducting). with the vane in the gap, the output is released (non-conducting). the vane actuator is annealed low carbon cold rolled steel, type aisi 1018 or lower in carbon. minimum recommended vane dimensions are required to ensure operating characteristics will be met. electrical characteristics catalog listing termination lead length supply voltage all listings supply current all listings output voltage all listings output sink current all listings 4AV15F 24 awg wire 5.50 0.25 4av16f 24 awg wire 7.45 0.25 4av17f 24 awg wire 13.15 0.50 18.5 ma max @ -40 c 15.25 ma typical 0.4 v max @125 c 0.1 typical 4av18f 24 awg wire 18.15 0.50 4av19f 24 awg wire 22.00 0.50 4av20f .015 x .025 pcb 0.140 4av20f-t1* .025 x .025 connector amp terminal block 103323-4 4av20f-t2** .025 x .025 connector molex terminal block 22-05-3041 4.5 vdc through 26.5 vdc 11.75 ma @25 c typical 0.075 v @25 c typical 40 ma max dual output sink currents are summed to reach total. *will mate with amp connector housing 87499-8, not supplied **will mate with molex connector housing 2695/6471, not supplied vane dimensions (mm/in) thickness min. window min. tooth min. tooth depth 1,0/0.4 10,2/.40 10,2/.40 9,27/.365 1,6/.06 10,2/.40 6,3/.25 9,27/.365
4av series vane sensors issue 2 pk 87605 2 honeywell ? sensing and control for application help: call 1-800-537-6945 mechanical characteristics (mm/in) series left left left right right right l-r operate release diff. operate release diff diff. a b d c 4av* 5,4/.213 6,0/.237 0,6/.024 8,6/.337 7,9/.313 0,6/.024 2,5/.100 *operating characteristics of the 4av are adjusted to produce a .100 + .010 dimension between the operate point on one side of the package to the release point on the other side. the actuator can be designed to produce a specific pulse width for timing or sequencing operations. mounting dimensions (for reference only) caution product damage ? do not exceed electrical specifications. ? do not mis-wire the output connection. ? do not reverse supply voltage polarity. ? handle terminals with care. failure to comply with these instructions may result in product damage. mates with amp housing 87499-8
4av series vane sensors issue 2 pk 87605 for application help: call 1-800-537-6945 honeywell  sensing and control 3 soldering caution product damage  ensure iron tip is clean when soldering. failure to comply with these instructions may result in product damage. hand soldering the following is recommended: 1. flux: rosin base 2. solder: kester #44 60-40 rosin core, or equivalent. 3. soldering iron: type; weller, model tc-552, 55 watt or equivalent. 4. tip size: 3mm (.118 in.) diameter x 30mm (1.182 in.) long 5. tip temperature: 288  c (550  f) max 6. terminal contact time: 6 seconds max . wave soldering the following is recommended: 1. flux: london chemical co. loncoflux - 106a35 or equivalent 2. preheat: preheaters should be set to give 95  c (200  f) on the top (component side) of printed circuit board just prior to board entering the wave. (may have to be adjusted depending upon board thickness.) 3. solder temperature: 260  c (500  f) max.; preferably 252  c to 260  c (485  f to 500  f). 4. speed: set conveyor speed to approximately 4.5 feet/minute (1,37 meters/minute). 5. printed circuit board requires rigid support during wave soldering. cleaning hand cleaning clean areas with a 50-50 mixture of isopropyl alcohol and clean tap water. dry in a 71  c (160  f) oven for 10-15 minutes, preferably in a non- circulating oven. this will remove all moisture from the assembly, which must be done before electrical testing, or application. machine cleaning * detergent: london chemical company loncoterge 444-nrt6 or equivalent. equipment: dee electric aqueous cleaner or equivalent. the following is reccommended: 1. wash section: 55  c (130  f) maximum water temperature, 5 to 10% maximum solution soft water, low pressure nozzles (60 psi) on top spray and high pressure nozzles (120 psi) on bottom spray, conveyor speed 3 feet/minute minimum. recirculating tank. 2. rinse section #1: clean tap water up to 25 grains hard, salt free (to minimize possibility of corrosion), unheated, non-recirculating, with high pressure nozzles (120 psi). 3. rinse section #2: clean deionized water only, high pressure nozzles (120 psi), unheated and non-recirculating. 4. air knife section: to remove excessive amounts of water. 5. drying section: 71  c (160  f) drying for 10-15 minutes, preferably in a non-circulating conveyor oven. * in this cleaning system, the detergent in the wash section removes the non-polar contaminants, the first rinse removes the detergent solution, and the deionized water rinse removes the polar contaminants. the air knife and dryer remove all the moisture from the assembly, which must be done before electrical testing or application. caution product damage  ensure cleaner does not come in contact with sensor if other cleaning methods are selected for removal of flux residue. failure to comply with these instructions may result in product damage.
4av series vane sensors issue 2 pk 87605 sensing and control honeywell inc. 11 west spring street freeport, illinois 61032 printed with soy ink on 50% recycled paper pk 87605-2-en il50 glo 0303 printed in usa www.honeywell.com/sensing example wiring diagrams warranty/remedy honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. contact your local sales office for warranty information. if warranted goods are returned to honeywell during the period of coverage, honeywell will repair or replace without charge those items it finds defective. the foregoing is buyer?s sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. specifications may change without notice. the information we supply is believed to be accurate and reliable as of this printing. however, we assume no responsibility for its use. while we provide application assistance personally, through our literature and the honeywell web site, it is up to the customer to determine the suitability of the product in the application. for application assistance, current specifications, or name of the nearest authorized distributor, contact a nearby sales office. or call: 1-800-537-6945 usa 1-800-737-3360 canada 1-815-235-6847 international fax 1-815-235-6545 usa internet www.honeywell.com/sensing info.sc@honeywell.com


▲Up To Search▲   

 
Price & Availability of 4AV15F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X