Part Number Hot Search : 
MA244 EMK32 F4001 FK20SM6 SY10EP52 07197 22R154 SDA667MF
Product Description
Full Text Search
 

To Download 2N3906-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2n3906 pnp general purpose amplifier to-92 features ? through hole package ? capable of 600mwatts of power dissipation and 200ma ic. electrical characteristics @ 25 c unless otherwise specified symbol parameter min max units off characteristics v (br)ceo collector-emitter breakdown voltage* (i c =1.0madc, i b =0) 40 vdc v (br)cbo collector-base breakdown voltage (i c =10 adc, i e =0) 40 vdc v (br)ebo emitter-base breakdown voltage (i e =10 adc, i c =0) 5.0 vdc i bl base cutoff current (v ce =30vdc, v be =3.0vdc) 50 nadc i cex collector cutoff current (v ce =30vdc, v be =3.0vdc) 50 nadc on characteristics h fe dc current gain* (i c =0.1madc, v ce =1.0vdc) (i c =1.0madc, v ce =1.0vdc) (i c =10madc, v ce =1.0vdc) (i c =50madc, v ce =1.0vdc) (i c =100madc, v ce =1.0vdc) 60 80 100 60 30 300 v ce(sat) collector-emitter saturation voltage (i c =10madc, i b =1.0madc) (i c =50madc, i b =5.0madc) 0.25 0.4 vdc v be(sat) base-emitter saturation voltage (i c =10madc, i b =1.0madc) (i c =50madc, i b =5.0madc) 0.65 0.85 0.95 vdc small-signal characteristics f t current gain-bandwidth product (i c =10madc, v ce =20vdc, f=100mhz) 250 mhz c obo output capacitance (v cb =5.0vdec, i e =0, f=100mhz) 4.5 pf c ibo input capacitance (v be =0.5vdc, i c =0, f=100khz) 10.0 pf nf noise figure (i c =100 adc, v ce =5.0vdc, r s =1.0k ? f=10hz to 15.7khz) 4.0 db switching characteristics t d delay time (v cc =3.0vdc, v be =0.5vdc 35 ns t r rise time i c =10madc, i b1 =1.0madc) 35 ns t s storage time (v cc =3.0vdc, i c =10madc 225 ns t f fall time i b1 =i b2 =1.0madc) 75 ns *pulse width 300 s, duty cycle 2.0% a e b c d g  
 omp onents 20736 marilla street chatsworth       
     mcc revision: 6 2010/08/18 dimensions inches mm dim min max min max note a .170 .190 4.33 4.83 b .170 .190 4.30 4.83 c .550 .590 13.97 14.97 d .010 .020 0.36 0.56 e .130 .160 3.30 3.96 g .096 .104 2.44 2.64 tm micro commercial components cb e x case material: molded plastic. ul flammability classification rating 94v-0 x marking:type number www. mccsemi .com 1 of 5 ? lead free finish/rohs compliant ("p"suffix designates compliant. see ordering information)
2n3906 dc current gain vs collector current h fe i c (ma) 40 80 120 160 200 220 0.1 1 10 100 base-emitter on voltage vs collector current v be(on) - (v) i c - (ma) 0 0.2 0.4 0.6 0.8 1.0 1.2 0.1 1.0 10 100 collector-emitter saturation volatge vs collector current base-emitter saturation voltage vs collector current v ce(sat) - (v) v be(sat) - (v) 0 0.1 0.2 0.3 0.4 0.5 0.6 1.0 10 100 1000 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.0 10 100 1000 i c - (ma) i c - (ma) collector-base diode reverse current vs temperature common base open circuit input and output capacitance vs reverse bias voltag e i cbo - (ma) t j - ( c) volts - (v) pf 0.1 1.0 10 100 0 25 50 75 100 125 150 v cb = 20v 0 2 4 6 8 1.0 0.1 1.0 10 c obo c ibo t a = 25 c to-92 i c /i b = 10 t a = 25 c i c /i b = 10 t a = 25 c v ce = 1.0v v ce = 5.0v t a = 25 c t a = 100 c mcc revision: 6 2010/08/18 tm micro commercial components www. mccsemi .com 2 of 5
2n3906 f - (khz) maximum power dissipation vs ambient temperature noise figure vs source resistance p d(max) - (mw) t a - ( c) to-92 sot-23 0 200 400 600 800 0 50 100 150 200 nf - (db) r s - (k ? ) 0 2 4 6 8 10 12 0.1 1.0 10 100 i c = 1.0ma i c = 100 a v ce = 5.0v f = 1.0khz contours of constant gain bandwidth product (f t ) current gain v ce - (v) i c - (ma) h fe i c - (ma) v ce = 10v f = 1.0khz 0 4 8 12 16 20 24 0.1 1.0 10 100 10 100 1000 0.1 1.0 10 noise figure vs frequency switching times vs collector current nf - (db) t - (ns) i c - (ma) 1.0 10 100 1000 1.0 10 100 i b1 = i b2 = i c /10 t s t f t r t d v ce = 5.0v i c = 100 a r s = 200 ? i c = 1.0ma r s = 200 ? i c = 100 a r s = 2.0k ? 0.1 1.0 10 100 0 1 2 3 4 5 6 *100mhz increments from 100 to 700, 750 and 800mhz revision: 6 2010/08/18 tm micro commercial components mcc www. mccsemi .com 3 of 5
2n3906 input impedance output admittance h ie - (k ? ) i c - (ma) i c - (ma) h oe - ( ? ) v ce = 10v f = 1.0khz v ce = 10v f = 1.0khz 0.1 1.0 10 0.1 1.0 10 0.1 1.0 10 10 100 1000 voltage feedback ratio turn on and turn off times vs collector current h fe - (x10 - 4 ) i c - (ma) i c - (ma) t - (ns) 1.0 10 100 0.1 1.0 10 1.0 10 100 1000 1.0 10 100 t on i b1 = i c /10 v be(off) = 0.5v t off i b1 = i b2 = i c /10 t off t on mcc revision: 6 2010/08/18 tm micro commercial components www. mccsemi .com 4 of 5
mcc revision: 6 2010/08/18 tm micro commercial components www. mccsemi .com 5 of 5 ordering information device packing (part number)-ap ammo packing;2kpcs/ammobox (part number)-bp bulk;1kpcs/bag products are represented on our website, harmless against all damages. *** life support *** ***important notice*** without the expresse written approval of micro commercial components corporation. mcc's products are not authorized for use as critical components in life support devices or systems micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of 2N3906-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X