pomona ? all dimensions are in inches. tolerances (except noted): .xx = .02? (,51 mm), .xxx = .005? (,127 mm). all sp ecifications are to the latest revisions. specifications are subject to change without notice. registered trademarks are the property of their respective companies. made in usa 6/9 /99 pomona access 90131 (800) 444 - 6785 or (425) 446 - 6010 sy/eh/ls more drawings available at www.pomonaelectronics.com s: \ engineering \ release \ datasheets \ flukedatasheet \ d2142_1_01.doc page 1 of 1 model 2142 insulated miniature banana jack sales: 800 - 490 - 2361 fax: 888 - 403 - 3360 technical assistance: 800 - 241 - 2060 features: accepts miniature banana plugs. mounts in panels up to .250? thick. material: banana jack insulation ? polycarbonate. color: black panel insulator ? polycarbonate. color: black lockwasher, #8 internal tooth ? steel hex nut, #8 - 32 ? bras s banana jack body - brass finish: lockwasher #8 ? nickel plated hex nut - nickel plated. banana jack body - gold plated. ratings: operating temperature: +115c. (+239f.) max. current: 5 amperes. orderin g information: model 2142 - * *=color code ? see tabulation block sold in packages of 10.
|