Part Number Hot Search : 
10SB1 G9001 FN2139 M38034 TEA6101 GC11824F AL1401 BCM8603
Product Description
Full Text Search
 

To Download TD022M20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  solid tantalum td (resin dipped radial) series 16 nte electronics, inc.  voice (800) 631?1250 (973) 748?5089  fax (973) 748?6224  http://www.nteinc.com solid tantalum the td series is a range of resin dipped tantalum capacitors de- signed for entertainment, commercial, and industrial equipment. they have sintered anodes and solid electrolyte. the epoxy res- in housing is flame retardent with a limiting oxygen index in ex- cess of 30 (astm?d?2863). ratings capacitance range: 0.1 f to 680 f tolerance: 20% voltage range: 6.3v to 50v performance specifications operating temperature range: ?55 c to +85 c (?67 f to +185 f) capacitance tolerance (m): 20% measured at +20 c (+68 f), 120h z dissipation factor: measured at +20 c (+68 f),120h z capacitance range f 0.1 ? 1.5 2.2 ? 6.8 10 ? 68 100 ? 680 0.04 0.06 0.08 0.10 surge voltage: dc rated voltage 6.3 10 16 20 25 35 50 surge voltage 8 13 20 26 33 46 65 mechanical specifications lead solderability: meets the requirements of mil?std 202, method 208 marking: consists of capacitance, dc voltage, and polarity. recommended cleaning solvents: methanol, isopropanol ethanol, isobutanol, petroleum ether, propanol and/or commercial detergents. halo- genated hydrocarbon cleaning agents such as freon (mf, tf, or tc), trichloroethylene, trichloroethane, or methylchloride are not recommended as they may damage the capacitor. d ? max l max d s 10 min 2 min +68 +6.3v ordering information td 47 m 50 series capacitance tolerance voltage capacitance range: (number denotes case size) rated voltage (wv) 6.3 10 16 20 25 35 50 surge voltage cap ( f) 8 13 20 26 33 46 65 0.10 1 1 0.15 1 1 0.22 1 1 0.33 1 2 0.47 1 2 0.68 1 2 1.0 1 1 1 4 1.5 1 1 1 2 5 2.2 1 1 2 2 3 5 3.3 1 1 2 3 3 4 7 4.7 1 2 3 4 4 5 8 6.8 2 3 4 5 5 6 8 10.0 3 4 5 6 6 7 9 15.0 4 5 6 7 7 9 10 22.0 5 6 7 8 9 10 13 33.0 6 7 8 9 10 12 47.0 7 8 10 11 12 14 68.0 8 9 11 13 13 100.0 9 11 13 13 150.0 11 13 15 220.0 12 14 15 330.0 14 15 470.0 15 680.0 15 td series dimensions: mm diameter (d ?) x length (l) case size diameter (d ?) length (l) lead wire (d) spacing (s) 1 4.50 8.50 0.50 2 4.50 9.00 0.50 3 5.00 10.00 0.50 4 5.00 10.50 0.50 0.51 6 6.00 11.50 0.50 7 6.50 11.50 0.50 8 7.00 12.00 0.40 9 8.00 13.00 0.50 10 8.50 14.00 0.50 11 9.00 14.00 0.50 12 9.00 14.50 0.50 5.08 0.51 13 9.00 16.00 0.50 14 10.00 17.00 0.50 15 10.00 18.50 0.50 (v)


▲Up To Search▲   

 
Price & Availability of TD022M20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X