Part Number Hot Search : 
NRF905 RT3YB7M 01118 M2125 DUG10A MAX10 768KH TFS170F
Product Description
Full Text Search
 

To Download SB1100-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30116 rev. 3 - 1 1 of 2 sb170 - sb1100 www.diodes.com  diodes incorporated sb170 - sb1100 1.0a high voltage schottky barrier rectifier features maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  schottky barrier chip  guard ring die construction for transient protection  ideally suited for automatic assembly  low power loss, high efficiency  surge overload rating to 25a peak  for use in low voltage, high frequency inverters, free wheeling, and polarity protection application  high temperature soldering: 260  c/10 second at terminal  lead free finish, rohs compliant (note 3) mechanical data  case: do-41  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: finish  bright tin. plated leads - solderable per mil-std-202, method 208  polarity: cathode band  mounting position: any  ordering information: see last page  marking: type number  weight: 0.3 grams (approximate) single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. a a b c d characteristic symbol sb170 sb180 sb190 sb1100 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 70 80 90 100 v rms reverse voltage v r(rms) 49 56 63 70 v average rectified output current @ t t = 85  c i o 1.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 25 a forward voltage @ i f = 1.0a @ t a = 25  c v fm 0.80 v peak reverse current @ t a = 25  c at rated dc blocking voltage @ t a = 100  c i rm 0.5 10 ma typical junction capacitance (note 2) c j 80 pf typical thermal resistance junction to lead r  jl 15 k/w typical thermal resistance junction to ambient (note 1) r  ja 50 k/w operating and storage temperature range t j, t stg -65 to +125  c notes: 1. valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex notes 5 and 7. do-41 dim min max a 25.4  b 4.1 5.2 c 0.71 0.86 d 2.0 2.7 all dimensions in mm new product
notes: 4. for packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf new product ds30116 rev. 3 - 1 2 of 2 sb170 - sb1100 www.diodes.com 0.1 1.0 10 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f 20 0.5 0.1 0.9 1.3 1.7 2.1 t=25c j 10 20 30 4 0 0 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60 hz fi g . 3 max non-repetitive peak fwd sur g e current single half sine-wave (jedec method) t = 150 c j 10 100 1000 0.1 1 10 100 c , juncti o n capacitance (pf) j v , reverse voltage (v) fig. 4 typical junction capacitance r t = 25 c f = 1.0mhz j 0 0.5 1.0 25 50 75 100 125 150 i average forward current (a) (o), t , lead temperature ( c) fi g . 1 forward current deratin g curve l ordering information device packaging shipping sb170-a do-41 5k/ammo pack sb170-b do-41 1k/bulk sb170-t do-41 5k/tape & reel, 13-inch sb180-a do-41 5k/ammo pack sb180-b do-41 1k/bulk sb180-t do-41 5k/tape & reel, 13-inch sb190-a do-41 5k/ammo pack sb190-b do-41 1k/bulk sb190-t do-41 5k/tape & reel, 13-inch SB1100-A do-41 5k/ammo pack sb1100-b do-41 1k/bulk sb1100-t do-41 5k/tape & reel, 13-inch (note 4)


▲Up To Search▲   

 
Price & Availability of SB1100-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X