Part Number Hot Search : 
SMCJ11 SM5Z6V0 TM100 SD101A D5027 421904 H11N3TVM H11N3TVM
Product Description
Full Text Search
 

To Download M4946203AB270MJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 iso-9001 registered thick film high voltage/high reliability mil-approved metal glaze? resistors cmh series 1/4 watt to 5 watt 330k ohm to 1g ohm range 1%, 2%, or 5% tolerance tcr of 100 ppm/c qualified to mil-r-49462 diamond spiraled thick film element heat conducting ceramic substrate epoxy coated body all welded cap and lead construction high conductivity plated on nickel termination tin lead electroplated leads specifications: power rating@ 70c (watts) 1 1/4 1/2 1 2 3 5 irc type cmh-1/4 cmh-1/2 cmh-1 cmh-2 cmh-3 cmh-5 voltage rating (volts) 2 750 1,500 3,000 5,000 10,000 20,000 resistance range (ohms) 4 330k-100m 330k-392m 330k-499m 330k-499m 330k-1000m 330k-1000m tolerance ( %) 1, 2, 5 1, 2, 5 1, 2, 5 1, 2, 5 1, 2, 5 1, 2, 5 maximum tcr ( ppm/c) 4 100 100 100 100 100 100 vcr (ppm/v) 0 to -5 0 to -5 0 to -5 0 to -5 0 to -5 0 to -5 mil type 3 rhv30 rhv31 rhv32 rhv33 rhv34 rhv35 notes: 1. for power rating above 70c, see derating curve. 2. voltage rating shown is the rated dc continuous working voltage or the sine-wave rms absolute maximum voltage at commercial line frequency. 3. marked per mil-r-49462 4. values greater than 100 meg and less than 500 meg, 200ppm; values greater than or equal to 500 meg, 500ppm. dimensions (inches and (mm)) : 0.032 (0.81) dia.* 1.50 0.125 (38.1 3.2) * cmh 1/4 leads are 0.025 (0.64) in diameter irc type cmh-1/4 cmh-1/2 cmh-1 cmh-2 cmh-3 cmh-5 body length - bl 0.2750.031 (6.980.79) 0.4000.031 (10.160.79) 0.6900.062 (17.531.57) 1.0620.062 (26.971.57) 2.0620.062 (52.371.57) 3.0620.062 (77.771.57) body diameter - bd 0.0880.010 (2.220.25) 0.1380.016 (3.510.41) 0.2970.031 (7.540.79) 0.2970.031 (7.540.79) 0.2970.031 (7.540.79) 0.2970.031 (7.540.79) clean lead to clean lead - cl 0.400 (10.16) 0.525 (13.34) 0.900 (22.86) 1.250 (31.75) 2.250 (57.15) 3.250 (82.55) wirewound and film technologies division 736 greenway road boone, north carolina 28607-1860 tel: 828-264-8861 fax: 828-264-8866 www.irctt.com
2 iso-9001 registered cmh environmental performance: test condition* thermal shock solder effect terminal strength moisture resistance load life (1000 hours at 25c) shelf life (1 year at 25c) low-temperature operation shock vibration dielectric strength insulation resistance at 500 vdc notes: * test per mil-r-49462 and mil std-202. maximum d d d d d r ( 3 s s s s s ) 0.25% 0.15% 0.20% 0.50% 1.00% 0.10% 0.15% 0.35% 0.35% 0.15% 10 9 w min typical d d d d d r 0.10% 0.05% 0.10% 0.20% 0.25% 0.03% 0.05% 0.10% 0.10% 0.05% 5x10 12 w typ temperature rise: 80 100 120 140 160 180 0 10 20 30 40 50 60 70 80 90 100 power derating: 0 102030405060708090 0 10 20 30 40 50 60 70 80 90 100 % of rated power % of rated power temperature rise (c) ambient temperature (c) how to order: sample part no.: cmh 3 - 100ppm/c - 2205 (22m) - 1% irc type cmh 1/4, cmh 1/2, cmh 1, cmh 2, cmh 3, cmh 5 temperature coefficient 100 ppm/c resistance standard mil values for metal film resistors. see specification chart on back inside cover for range. tolerance 1%, 2%, 5% cmh 1/2 cmh 1 cmh 1/4 cmh 2-3 cmh 5 wirewound and film technologies division 736 greenway road boone, north carolina 28607-1860 tel: 828-264-8861 fax: 828-264-8866 www.irctt.com


▲Up To Search▲   

 
Price & Availability of M4946203AB270MJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X