Part Number Hot Search : 
MAX715 0402SF0A C330M SK36SMA M5278LE TDA98 AD768 M37733
Product Description
Full Text Search
 

To Download HOA2001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transmissive optoschmitt sensor HOA2001 description features direct ttl interface buffer logic 0.060 in.(1.52 mm) dia. detector aperture 0.120 in.(3.05 mm) slot width 0.050 in.(1.27) offset pin circle detector eads the HOA2001 consists of an infrared emitting diode facing an optoschmitt detector encased in a black thermoplastic housing. the photodetector consists of a photodiode, amplifier, voltage regulator, schmitt trigger and an npn output transistor with 10 k (nominal) pull- up resistor. the buffer logic provides a high output when the optical path is clear, and a low output when the path is interrupted. the HOA2001 employs plastic molded components. for additional component information see sep8506 and sdp8600. housing material is polyester. housings are soluble in chlorinated hydrocarbons and ketones. recommended cleaning agents are methanol and isopropanol. dim_062.ds4 infra-45.tif outline dimensions in inches (mm) 3 plc decimals 0.010(0.25) tolerance 2 plc decimals 0.020(0.51) honeywell reserves the right to make changes in order to improve design and supply the best products possible. h 360
transmissive optoschmitt sensor HOA2001 electrical characteristics units test conditions min parameter symbol typ max ir emitter detector coupled characteristics absolute maximum ratings (25?c free-air temperature unless otherwise noted) operating temperature range -40?c to 70?c storage temperature range -40?c to 85?c soldering temperature (5 sec) 240?c ir emitter power dissipation 100 mw [] reverse voltage 3 v continuous forward current 50 ma detector supply voltage 12 v [] output sink current 18 ma duration of output short to v or ground 1.0 sec. schematic honeywell reserves the right to make changes in order to improve design and supply the best products possible. h 361
transmissive optoschmitt sensor HOA2001 switching waveform cir_013.cdr ired forward bias characteristics gra_073.ds4 forward voltage - v f o r w a r d c u r r e n t - m a 0 10 20 30 40 50 60 70 80 90 100 0.8 1.0 1.2 1.4 1.6 1.8 2.0 pulsed condition t a = 80c t a = -40c t a = 25c fig. 1 ired trigger current vs temperature gra_098.ds4 ambient temperature - c ? n o r m a l i z e d t r i g g e r c u r r e n t 0.0 0.2 0.4 0.6 1.0 1.2 1.4 0.8 -75 0 50 75 125 -25 -50 25 100 fig. 2 all performance curves show typical values honeywell reserves the right to make changes in order to improve design and supply the best products possible. h 362
transmissive optoschmitt sensor HOA2001 honeywell reserves the right to make changes in order to improve design and supply the best products possible. h 363


▲Up To Search▲   

 
Price & Availability of HOA2001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X