Part Number Hot Search : 
F55523K HFE2500 C74VC FH635 FH635 S5400 Q0765 EPF8162S
Product Description
Full Text Search
 

To Download HDG12864L-7-X11S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 88 pin connections pin no. symbol function 1 nc no connect 2v0 lcd driver supply voltages 3v4 4v3 5v2 6v1 7c2- dc/dc voltage coninverter capacitors 8c2+ 9c1+ 10 c1- 11 c3+ 12 vout # voltage converter input/ output pin 13 v ss grouund 14 v dd power supply for logic 15 si serial input data 16 scl serial input clock 17 rs register select input signal 18 res reset input signal 19 cs1 chip select signal 20 nc no connect electrical characteristics (vdd=3.00.6v 25c) parameter sym min typ max unit power supply for lcd v dd -v l -9.0-v power supply current i dd -0.15-ma led forward voltage v f -4.5-v led forward current (white) (yellow) i f -3040ma - 60 120 led power disspation (white) (yellow) p d - 135 - mw - 270 - luminous l - 50 - cd/m 2 drive method 1/65 duty absolute maximum ratings parameter symbol min max unit supply voltage v dd -v ss - 0.3 7.0 v supply voltage for lcd v dd -v l - 0.3 17.0 v input voltage v in - 0.3 v dd +0.3 v operating temperature t op 050c storage temperature t stg -20 70 c features back light .........................................white or yellow green.led connection ..........................................................flat flex cable options.........................................stn/fstn, 6/12 o?clock view extended/nornal temperature transflective or reflective polarizer built-in controller..........................samsung s6b0724a01-b0cy physical data module size.......................................70.0w x 43.0h x 9.0t mm viewing area size...........................................50.9w x 30.5 mm dot pitch.......................................................0.43w x 0.43h mm dot size........................................................0.39w x 0.39h mm dimensional drawing 128 x 64 dots graphic with led backlight 0.39 0.39 power supply chip on glass technology hdg12864l-7 0.04 0.04 connector information supplied with 0.5mm ffc, 20 pins c1 : 1.0 ~ 4.7 uf c2 : 0.47 ~ 1.0uf ms intrs v ss c2 - + c2 - + c2 - + c2 - + c2 - + vdd vci v ss vout c4+ c3+ c1- c1+ c2+ c2- vr v0 v1 v2 v3 v4 c1 c1 c1 c1


▲Up To Search▲   

 
Price & Availability of HDG12864L-7-X11S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X