Part Number Hot Search : 
KDR521T RD27JSAB KS16112 CFRM105 VWP1137 037AKT2L 4925B CFRM105
Product Description
Full Text Search
 

To Download FT0405MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  on-state current 4 amp ft04...e/f logic level triac absolute maximum ratings, according to iec publication no. 134 gate trigger current < 5 ma to < 10 ma off-state voltage 200 v ?600 v jul - 02 repetitive peak off state voltage parameter conditions voltage unit symbol v drm v rrm r gk = 1 k w b 200 v d 400 m 600 to202-1 (e) mt1 mt2 g mt2 to202-3 (f) mt1 mt2 g mt2 rms on-state current non-repetitive on-state current non-repetitive on-state current fusing current peak gate current peak gate dissipation gate dissipation critical rate of rise of on-state current operating temperature storage temperature soldering temperature i t(rms) parameter conditions min. max. unit symbol i tsm i tsm i 2 t i gm p gm p g(av) t j t stg t sld all conduction angle, t c = 110 ? half cycle, 60 hz half cycle, 50 hz t p = 10 ms, half cycle 20 ? max. 20 ? max. 20 ms max. 1.6 mm from case, 10s max. 4 21 20 2.2 20 -40 -40 a a a a 2 s a w w a/? ? ? ? 1.2 2 0.2 +125 +150 260 di/dt tr 200 ns, f = 120 hz t j = 125 ? i g = 2 x i gt this series of triac s uses a high performance pnpn technology. these parts are intended for general purpose ac switching applications with highly inductive loads.
ft04...e/f logic level triac part number information jul - 02 fagor scr current case voltage sensitivity f t 04 09 b e 00 forming tu packaging electrical characteristics gate trigger current off-state leakage current threshold voltage dynamic resistance on-state voltage gate trigger voltage gate non trigger voltage holding current latching current critical rate of voltage rise parameter conditions sensitivity unit symbol i gt i drm v d = 12 v dc , r l = 30 w , t j = 25 ? ma ma 0.5 5 0.95 180 2 1.3 0.2 15 100 ma ? v m w v v v ma ma v/? v/? max max max max max max max max min max max max min min /i rrm v tm * v gt v gd i h * i l dv / dt* r th(j-a) thermal resistance junction-ambient v d = v drm , t j = 125 ? t j = 25 ? v r = v rrm , i t = 5.5 amp, tp = 380 ?, t j = 25 ? v d = 12 v dc , r l = 30 w , t j = 25 ? i t = 50 ma t j = 25 ? i g = 1.2 i gt , t j = 25 ? v d = 0.67 x v drm , gate open t j = 125 ? quadrant q1?3 q4 q1?4 q1?4 q1,q3,q4 q2 v d = v drm , r l = 3.3k w , t j = 125 ? ?/w ?/w (*) for either polarity of electrode mt2 voltage with reference to electrode mt1. r th(j-l) thermal resistance junction-leads for ac (dv/dt)c* (di/dt)c= 1.8 a/ms t j = 110 ? v to r d t j = 125 ? t j = 125 ? 05 5 5 09 10 10 10 15 25 100 2 7 10 15 20 1 critidal rise rate of commutating off-state voltage
ft04...e/f logic level triac jul - 02 fig. 1: maximum average power disipation versus rms on-state current (full cycle) 0 2 5 4 3 2 1 0 p (w) i t(rms) (a) 0.5 3 a 360 fig. 2: rms on-state current versus ambient temperature (full cycle) i t(rms) (a) t amb (?) 5 4 3 2 1 0 0 25 50 75 100 125 1 1.5 2.5 3.5 fig. 3: relative variation of thermal impedance junction to ambient versus pulse duration. i gt , i h, il (tj) / i gt , i h, il (tj = 25 ?) fig. 4: relative variation of gate trigger current, holding and latching current versus junction temperature. tj (?) 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 20 60 80 100 0 40 120 140 ih & il igt i tsm (a). i 2 t (a 2 s) fig. 6: non repetitive surge peak on-state current for a sinusoidal pulse with width: tp 10 ms, and corresponding value of i 2 t. 100 10 1 1 10 tj initial = 25 ? tp(ms) i tsm i 2 t 1 10 100 1000 fig. 5: non repetitive surge peak on-state current versus number of cycles. 35 30 25 20 15 10 5 0 i tsm (a) number of cycles tj initial = 25 c f= 50hz rth(j-a)=100 ?/w 1.00 0.10 0.01 zth(j-a) / rth(j-a) 1e-3 1e-2 1e-1 1e+0 1e+1 1e+2 5e+2 tp (s) rth(j-a)=rth(j-l)
ft04...e/f jul - 02 logic level triac fig. 7: on-state characteristics (maximum values) 20.0 1.0 0.1 i tm (a) 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 tj initial 25 c v tm (v) tj max vto = 0.95 v rd = 180 mw (.287) 7,3 c d 10,5 (.413) n1 2,54 (.100) p 5,3 n (.209) max. o max. max. 1,4 (.055) (.028) 0,7 to 202-3 a max. 10,1 (.398) 1,5 (.059) max. f m 4,5 (.177) h (.020) 0,51 j 1,5 (.059) 3,16 3,20 (.124) (.126) k (.126) 3,2 a max. 10,1 (.398) g j h 1,5 (.059) (.020) 0,51 m 13,7 (.540) (.287) 7,3 c d 10,5 (.413) n1 2,54 (.100) p 5,3 n (.209) max. o i max. max. 1,4 (.055) (.028) 0,7 4,5 (.177) to 202-1 1,5 (.059) max. f package mechanical data to 202-1 to 202-3 10.0 tj max


▲Up To Search▲   

 
Price & Availability of FT0405MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X