Part Number Hot Search : 
BT162 SL4520BN G958T24U ECG106 AN1174 M51971L 15H63 23151
Product Description
Full Text Search
 

To Download CNG35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hutton close, crowther ind est, wash ington, tyne & wear ne38 0ah, england email: enquiry@isocomoptocouplers.com - tel: +44 (0)191 4166546 - fax: +44 (0)191 4155055 CNG35, cng36, cng39 cnx35, cnx36, cnx39 optically coupled isolators circuit features description absolute maximum ratings electro-optical characteristics similar optocouplers home page circuit features 3120-4400 volt isolation. high dc current transfer ratio. low cost dual-in-line package. working voltage 2500 vdc description the cng/cnx series are optical ly coupled isolators consis ting of a gallium arsenide infrared emitting diode and an npn silicon photot ransistor mounted in a standard 6-pin dual- in-line package. surface mount option available.
all electrical parameters are 100% tested by manufacturing. specifications are guaranteed to a cumulative 0.65% aql absolute maximum ratings (ta=25c) storage temperature: operating temperature: lead soldering: input-to-output isolation voltage: -55c to +150c -55c to +100c 260c for 10s, 1.6mm from case 3120-4400vdc input diode forward dc current: reverse dc voltage: peak forward current (1s p.w. 300pps): power dissipation: derate linearly: 100ma 5v 3a 200mw 1.33mw/c above 25c output transistor collector-emitter voltage: power dissipation: 30v 200mw optocoupler collector cut-off current (dark) i cew : isolation voltage dc v io : isolation voltage ac (rms) v io : 200na max (vcc=10v; work. volt.=2.5kv diode; if=0) 4.4kvmin 3.12kvmin package total power dissipation: derate linearly: 250mw 3.3mw/c above 25c electro-optical characteristics (ta=25c) input parameter conditions min typ max unit v f forward voltage i f =10ma 1.5 v i r reverse current v r =5v 10 a output parameter conditions min typ max unit collector cut-off current (dark) v ce =10v 50 na v ce =10v, t a =70c 10 a v cb =10v 20 na i ceo collector-emitter breakdown v (br) ceo 30 v
voltage coupled parameter conditions min typ max unit dc current transfer ratio cng/cnx35 i f =10ma, v ce =5v 40 80 % cng/cnx36 63 125 % i c /i f cng/cnx39 100 200 % r io input-to-output isolation resistance v io =500v, (note 1) 100 gohm v ce(sat) collector-emitter saturation voltage i f =10ma, i c =2.5ma 0.2 0.4 v c io capacitance input to output f=1mhz (note 1) 0.6 pf t r output rise time i f =10ma, v cc =5.0v 2 4 s t on output turn-on time r l =75ohm, t a =25c 3 5.6 s t f output fall time 2 3.5 s t off output turn-off time 2.5 4.1 s isocom takes great effort to ensure accurate da ta, but regrettably cannot be held liable for any error on its website. visit file lists to confirm old printouts are up-to-date.


▲Up To Search▲   

 
Price & Availability of CNG35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X