Part Number Hot Search : 
2N440308 2412E PC2105 SMM465 4066D 80960MC CEB02N6A 62H54
Product Description
Full Text Search
 

To Download BAS40C-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bas40 / a / c / s 1 of 4 ? 2006 won-top electronics pb bas40 / a / c / s surface mount schottky barrier diode features ! low turn-on voltage l ! fast switching a ! pn junction guard ring for transient and esd protection ! designed for surface mount application b c ! plastic material ? ul recognition flammability classification 94v-o m  e d h mechanical data ! case: sot-23, molded plastic k ! terminals: plated leads solderable per j mil-std-202, method 208 g ! polarity: see diagrams below ! weight: 0.008 grams (approx.) ! mounting position: any ! lead free: for rohs / lead free version, add ?-lf? suffix to part number, see page 4 top view top view top view top view bas40 marking: s40 bas40a marking: s42 bas40c marking: s43 bas40s marking: s44 maximum ratings and electrical characteristics, single diode @t a =25c unless otherwise specified characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 40 v forward continuous current (note 1) i f 200 ma forward surge current (note 1) @ t < 1.0s i fsm 600 ma power dissipation (note 1) p d 350 mw typical thermal resistance, junction to ambient air (note 1) r  ja 357 c/w operating and storage temperature range t j , t stg -55 to +125 c note: 1. device on fiberglass substrate. wte power semiconductors sot-23 dim min max a 0.37 0.51 b 1.19 1.40 c 2.10 2.50 d 0.89 1.05 e 0.45 0.61 g 1.78 2.05 h 2.65 3.05 j 0.013 0.15 k 0.89 1.10 l 0.45 0.61 m 0.076 0.178 all dimensions in mm
bas40 / a / c / s 2 of 4 ? 2006 won-top electronics maximum ratings and electrical characteristics, single diode @t a =25c unless otherwise specified characteristic symbol min typ max unit test condition reverse breakdown voltage v (br)r 40 ? ? v @ i r = 10a forward voltage v f ?? 380 500 1000 mv @ i f = 1.0ma, t p < 300s @ i f = 10ma, t p < 300s @ i f = 40ma, t p < 300s reverse leakage current i r ? 20 200 na @ v r = 30v, t p < 300s junction capacitance c j ?4.05.0pf v r = 0v, f = 1.0mhz reverse recovery time t rr ??5.0ns i f = 10ma through i r = 10ma to i r = 1.0ma, r l = 100  0.01 0.1 1 0.001 0.0001 0 1.0 0.6 0.8 0.4 0.2 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g .1 t y pical forward volta g e t = -40oc a t = 125oc a t=75oc a t=25oc a t = 0oc a 0 1 3 2 0 10 20 40 30 c , total capacitance (pf) t v , reverse voltage (v) r fi g .3 t y pical capacitance f=1mhz 0 100 200 t , ambient temperature (oc) a fi g . 4 power deratin g curve, total p acka g e p , power dissipation (mw) d 0 100 200 300 4 00 0.1 1 10 100 1000 10000 0 10 20 30 40 v , instantaneous reverse voltage (v) r fi g .2 t y pical reverse characteristics i , instantaneous reverse current (na) r t = -40oc a t = 25oc a t=75oc a t = 125oc a t=0oc a
bas40 / a / c / s 3 of 4 ? 2006 won-top electronics marking information recommended footprint packaging information reel diameter (mm) quantity (pcs) inner box size l x w x h (mm) quantity (pcs) carton size l x w x h (mm) quantity (pcs) approx. gross weight (kg) 178 3,000 187 x 187 x 65 15,000 390 x 240 x 420 150,000 10.0 sxx = device code xx = 40 (bas40) = 42 (bas40a) = 43 (bas40c) = 44 (bas40s) sxx inches ( mm ) 178mm product id label 8mm direction of unreeling 8mm 4mm 1.6mm note: 1. anti-static plastic reel, white, water clear or blue color. inspection hole might be varied in different alignment. 2. components are packed in accordance with eia standard 481-1 and 481-2. inspection hole tape & reel 0.035 (0.90) 0.031 (0.8) 0.035 (0.90) 0.079 (2.0) 0.037 (0.95) 4mm
bas40 / a / c / s 4 of 4 ? 2006 won-top electronics ordering information product no. package type shipping quantity bas40-t1 sot-23 3000/tape & reel bas40a-t1 sot-23 3000/tape & reel BAS40C-T1 sot-23 3000/tape & reel bas40s-t1 sot-23 3000/tape & reel 1. shipping quantity given is for minimum packing quantity only. for minimum order quantity, please consult the sales department. 2. to order rohs / lead free version (with lead free finish), add ?-lf? suffix to part number above. for example, bas40-t1-lf . won-top electronics co., ltd (wte) has checked all information carefully and believes it to be correct and accurate. however, w te cannot assume any responsibility for inaccuracies. furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. wte reserves the right to change any or all information herein without further notice. warning : do not use in life support equipment. wte power semiconductor products are not authorized for use as critical components in l ife support devices or systems without the express written approval. we power your everyday. won-top electronics co., ltd. no. 44 yu kang north 3rd road, chine chen dist., kaohsiung, taiwan phone: 886-7-822-5408 or 886-7-822-5410 fax: 886-7-822-5417 email: sales@wontop.com internet: http://www.wontop.com


▲Up To Search▲   

 
Price & Availability of BAS40C-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X