Part Number Hot Search : 
SDR939 404RP MTE8080F 1206R 22142 CP431W CP431W FX5070A
Product Description
Full Text Search
 

To Download B82720-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  344 04/00 rated voltage 250 vac rated current 0,3 to 2,0 a rated inductance 1,1 to 12 mh construction n current-compensated ring core double choke with ferrite core n polycarbonate case n polyurethane potting n sector winding features n vertical and horizontal versions n case and potting flame-retardant as per ul 94 v-0 n approx. 0,8 % stray inductance for symmetrical interference suppression applications n compact and narrow electronic ballasts in lamps (t2 lamps) n compact, modular and desktop power supplies n automation, compact power supplies up to 2 a terminals n pins 0,5 0,5 mm n pins fitting standard pcb grid marking manufacturer, ordering code, rated current, rated voltage, rated inductance, graphic symbol, date of manufacture b82720-a chokes for power lines B82720-K current-compensated ring core double chokes
345 04/00 dimensional drawing and pin configuration horizontal version (b82720-a) vertical version (B82720-K) general technical data for further technical data see page 334 characteristics and ordering codes test voltage v t 1500 vac, 2 s (line/line) rated current i r referred to 50 hz and 40 c ambient temperature inductance tolerance - 30/+ 50 % weight approx. 2,5 g i r a l r mh l s, typ m h r typ m w ordering code horizontal version vertical version 0,3 12 90 1150 b82720-a2301-n40 B82720-K2301-n40 0,6 4,4 32 430 b82720-a2601-n40 B82720-K2601-n40 1,0 3,0 24 230 b82720-a2102-n40 B82720-K2102-n40 2,0 1,1 7 70 b82720-a2202-n40 B82720-K2202-n40 ssb1258-u 100,4 1 2 34 1 23 4 14,2 max. 100,4 14,2 max. 9,6 max. 20,2 ?0,6 +0,2 0,5 3 _ ssb1378-f 100,2 130,3 7,50,2 0,4 9,5 _ + + + + 1,5 140,3 _ 3,5 0,5 7,6 0,3 _ 5 0,5x0,5 ssb1444-2 1 43 2 b82720-a chokes for power lines B82720-K current-compensated ring core double chokes
346 04/00 impedance | z | versus frequency f (measured with windings in parallel) - +2301-n40 - +2601-n40 - +2102-n40 - +2202-n40 ssb1377-7 4 10 10 1 z f 10 5 10 6 10 7 hz 2 10 3 10 4 10 5 10 6 10 w b82720-a chokes for power lines B82720-K current-compensated ring core double chokes


▲Up To Search▲   

 
Price & Availability of B82720-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X