Part Number Hot Search : 
BUZ383 SMP4861 W2010 TML05124 CZRA4744 MDV008E MX98702 E43CA
Product Description
Full Text Search
 

To Download 0432236004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0432236004 status: active overview: modular_plugs_jacks description: modular jack, right angle, low profile, 6/6, 3 ports, panel stops documents: 3d model product specification ps-43223-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e107635 general product family modular jacks/plugs series 43223 component type pcb jack magnetic no overview modular_plugs_jacks performance category 3 power over ethernet (poe) n/a product name rj11 physical boot color n/a color - resin black durability (mating cycles max) 500 flammability 94v-0 inverted / top latch no keying to mating part none lightpipes/leds none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic orientation right angle (side entry) pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray panel mount with flange pitch - mating interface (in) 0.040 in pitch - mating interface (mm) 1.02 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 50 plating min: mating (m) 1.25 plating min: termination (in) 100 plating min: termination (m) 2.5 ports 3 positions / loaded contacts 6/6 surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole waterproof / dustproof no series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 43223 series mates with fcc 68 plugs
wire/cable type n/a electrical current - maximum per contact 1.5a grounding to pcb yes grounding to panel none shielded no voltage - maximum 150v ac (rms) solder process data lead-free process capability wave capable (th only) material info old part number a432236004 reference - drawing numbers packaging specification pk-43249-004 product specification ps-43223-001 sales drawing sda-43223 test summary ts-43223-001 this document was generated on 06/07/2010 please check www.molex.com for latest part information







▲Up To Search▲   

 
Price & Availability of 0432236004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X