Part Number Hot Search : 
Z4B27 SW6403 4KE20 UM3511A 073809 VDZ24B FSL230R4 F4001
Product Description
Full Text Search
 

To Download WBR13003X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  WBR13003X jan 2009. rev. 0 . copyright @winsemi semiconductor co.,ltd.,all rights reserved t02-1 high voltage fast-switching npn power transistor features very high switching speed high voltage capability wide reverse bias soa general description this device is designed for high voltage, high speed switching characteristics required such as lighting system, switching mode power supply. absolute maximum ratings thermal characteristics symbol parameter test conditions value units v ces collector-emitter voltage v be =0 600 v v ceo collector-emitter voltage i b =0 400 v v ebo emitter-base voltage i c =0 9.0 v i c collector current 1.5 a i cp collector pulse current 3.0 a i b base current 0.75 a i bm base peak current t p =5ms 1.5 a p c total dissipation at tc = 25 20 w t j operation junction temperature 150 t stg storage temperature - 40 ~ 150 symbol parameter value units r jc thermal resistance junction to case 6.25 /w r ja thermal resistance junction to ambient 89 /w
WBR13003X 2/5 . steady, all for your advance electrical characteristics ( t c =25 unless otherwise noted) note: pulse test : pulse width 300, duty cycle 2% symbol parameter test conditions value units min typ max bv c b o collector-base breakdown voltage ic=10ma,ie=0 600 v bv ceo collector-emitter breakdown voltage ic=10ma,ib=0 400 - - v v ce(sat) collector-emitter saturation voltage ic=500ma,ib=100ma --0.8v v be(sat) base-emitter saturation voltage ic=500ma,ib=100ma --1.2v i cbo collector-base cutoff current vcb=600v,ie=0ma --5 a i ceo collector-emitter cutoff current vce=400v,ib=0ma --10 a i ebo emitter- base cutoff current veb=9v,ic=0ma --5 a h fe dc current gain vce=20v,ic=20ma vce=5v, ic=1ma 10 9 - - 40 - ts tf storage time fall time v cc =24v i c =5 i b i b1 =- i b2 =0.05a - - - - 4 0.7 ? f t characteristic frequency v ce =10v, ic=0.1a 4 -- mhz
wbr13003 x 3/5 fig. 1 dc current gain fig. 2 saturation voltage fig. 3 switching time fig. 4 safe operation area fig.5 power derating
WBR13003X 4/5 . steady, all for your advance resistive load switching test circuit inductive load switching & rbsoa test circuit
wbr13003 x 5/5 to-126 package dimension unit: mm


▲Up To Search▲   

 
Price & Availability of WBR13003X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X