Part Number Hot Search : 
ASI10692 20034 224NL 8XC54 MAX5487 E0052 SMD2440 CX20762
Product Description
Full Text Search
 

To Download TEA1097TV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation supersedes data of 1998 jun 11 file under integrated circuits, ic03 1999 apr 08 integrated circuits tea1097 speech and loudspeaker amplifier ic with auxiliary inputs/outputs and analog multiplexer
1999 apr 08 2 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 features line interface low dc line voltage voltage regulator with adjustable dc voltage symmetrical high-impedance inputs (70 k w ) for dynamic, magnetic or electric microphones dual tone multi-frequency (dtmf) input with confidence tone on earphone and/or loudspeaker receive amplifier for dynamic, magnetic or piezo-electric earpieces (with externally adjustable gain) automatic gain control (agc) for true line loss compensation. supplies provides a strong 3.35 v regulated supply for microcontroller or dialler provides filtered power supply, optimized according to line current and compatible with external voltage or current sources filtered 2 v power supply output for electret microphone compatible with a ringer mode power-down ( pd) logic input for power-down. loudspeaker ampli?er single-ended rail-to-rail output externally adjustable gain dynamic limiter to prevent distortion logarithmic volume control via linear potentiometer. auxiliary interfaces asymmetrical high-impedance input for electret microphone. general purpose auxiliary output for transmit and receive auxiliary transmit input with high signal level capability dedicated to line transmission auxiliary receive input with high signal level capability integrated multiplexer for channels selection. applications telephone answering machines telephones with digital handsfree line powered telephone sets cordless telephones fax machines. general description the tea1097 is an analog bipolar circuit dedicated for telephone applications. it includes a line interface, handset microphone and earpiece amplifiers, base microphone and loudspeaker amplifiers, some specific auxiliary inputs/outputs (i/os) and an analog multiplexer to enable the right transmit and/or receive channels. the multiplexer is controlled by a logic circuitry decoding four logic inputs provided by a microcontroller. twelve different application modes have been defined and can be accessed by selecting the right logic inputs. this ic can be supplied by the line and/or by the mains if available (in a cordless telephone or a telephone answering machine for example). it provides a 3.35 v supply for a microcontroller or dialler and a 2 v filtered voltage supply for electret microphones. the ic is designed to facilitate the use of the loudspeaker amplifier during ringing phase. ordering information type number package name description version TEA1097TV vso40 plastic very small outline package; 40 leads sot158-1 tea1097h qfp44 plastic quad ?at package; 44 leads (lead length 1.3 mm); body 10 10 1.75 mm sot307-2
1999 apr 08 3 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 quick reference data i line = 15 ma; r slpe =20 w ; z line = 600 w ; f = 1 khz; t amb =25 c; agc pin connected to ln; pd = high; hfc = low; auxc = low; mutt = high; mutr = high; measured according to test circuits; unless otherwise speci?ed. note 1. when the channel is enabled according to table 1. symbol parameter conditions min. typ. max. unit i line line current operating range normal operation tea1097h 11 - 140 ma TEA1097TV 11 - 130 ma with reduced performance 1 - 11 ma v slpe stabilized voltage between slpe and gnd (v ref ) i line = 15 ma 3.4 3.7 4.0 v i line = 70 ma 5.7 6.1 6.5 v v bb regulated supply voltage for internal circuitry i line = 15 ma 2.75 3.0 3.25 v i line = 70 ma 4.9 5.3 5.7 v v dd regulated supply voltage on pin v dd v bb > 3.35 v + 0.25 v (typ.) 3.1 3.35 3.6 v otherwise - v bb - 0.25 - v v esi(ext) external voltage supply allowed on pin esi -- 6v i esi(ext) external current supply allowed on pin esi -- 140 ma i bb current available on pin v bb speech mode - 11 - ma handsfree mode; hfc = high - 9.5 - ma i bb(pd) current consumption on v bb during power-down phase pd = low - 460 -m a g v(mic-ln) voltage gain from pin mic+/mic - to ln v mic = 5 mv (rms) 43.3 44.3 45.3 db g v(ir-reco) voltage gain from pin ir (referenced to ln) to reco v ir = 15 mv (rms) 28.7 29.7 30.7 db d g v(qr) gain voltage range between pins reco and qr - 3 - +15 db g v(txin-txout) voltage gain from pin txin to txout v txin = 3 mv (rms); r gatx = 30.1 k w ; note 1 13.15 14.85 16.55 db g v(txaux-ln) voltage gain from pin txaux to ln v txaux = 0.1 v (rms); note 1 11.5 12.5 13.5 db g v(hfrx-lsao) voltage gain from pin hfrx to lsao v hfrx = 20 mv (rms); r gals = 255 k w ; note 1 25.5 28 30.5 db d g v(trx) gain control range for transmit and receive ampli?ers affected by the agc; with respect to i line =15ma i line = 70 ma; on g v(mic-ln) , g v(ir-reco) and g v(ir-auxo) 5.45 6.45 7.45 db
1999 apr 08 4 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 block diagram fig.1 block diagram. the pin numbers given in parenthesis refer to the tea1097h. handbook, full pagewidth mgl392 line current detection low voltage behaviour tail currents supply management switch starter agc att. att. gnd v bb esi v dd (19) 23 mics pd (10) 13 (9) 12 (20) 24 (38) 40 agc ln 17 (13) 22 (18) 19 (15) reg slpe 20 (16) 18 (14) tail currents for preamps stab 25 (21) lsao 16 (12) dlc 11 (8) gals 14 (11) txaux 5 (43) mic + 33 (31) mic - 32 (30) dtmf 34 (32) power-down current sources analog multiplexer control dynamic limiter volume control hfc (37) 39 mutt (39) 1 mutr (40) 2 auxc (41) 3 gatx (27) 29 txout (26) 28 vol (23) 27 hfrx (1) 7 hftx (36) 38 ir (17) 21 raux (42) 4 gndtx (29) 31 txin 30 (28) auxo 6 (44) reco 37 (35) qr 35 (33) garx 36 (34) TEA1097TV d6
1999 apr 08 5 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 pinning symbol pin description vso40 qfp44 mutt 1 39 logic input (active low) mutr 2 40 logic input (active low) auxc 3 41 logic input raux 4 42 auxiliary receive ampli?er input txaux 5 43 auxiliary transmit ampli?er input auxo 6 44 auxiliary ampli?er output hfrx 7 1 receive input for loudspeaker ampli?er n.c. 8 to 10, 15 and 26 2 to 7, 22, 24 and 25 not connected dlc 11 8 dynamic limiter capacitor for the loudspeaker ampli?er esi 12 9 external supply input v bb 13 10 stabilized supply for internal circuitry gals 14 11 loudspeaker ampli?er gain adjustment lsao 16 12 loudspeaker ampli?er output gnd 17 13 ground reference slpe 18 14 line current sense ln 19 15 positive line terminal reg 20 16 line voltage regulator decoupling ir 21 17 receive ampli?er input agc 22 18 automatic gain control/line loss compensation v dd 23 19 3.35 v regulated voltage supply for microcontroller mics 24 20 microphone supply output stab 25 21 reference current adjustment vol 27 23 loudspeaker volume adjustment txout 28 26 base microphone ampli?er output gatx 29 27 base microphone ampli?er gain adjustment txin 30 28 base microphone ampli?er input gndtx 31 29 ground reference for microphone ampli?ers mic - 32 30 negative handset microphone ampli?er input mic+ 33 31 positive handset microphone ampli?er input dtmf 34 32 dual tone multi-frequency input qr 35 33 earpiece ampli?er output garx 36 34 earpiece ampli?er gain adjustment reco 37 35 receive ampli?er output hftx 38 36 transmit input for auxiliary receive ampli?er hfc 39 37 logic input pd 40 38 power-down input (active low)
1999 apr 08 6 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 fig.2 pin configuration (vso40). handbook, halfpage TEA1097TV mgl393 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 mutt mutr auxc raux txaux auxo hfrx n.c. n.c. n.c. dlc esi v bb gals n.c. lsao gnd slpe ln reg pd hfc hftx reco garx qr dtmf mic + mic - gndtx txin gatx txout vol n.c. stab mics v dd agc ir 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21
1999 apr 08 7 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 fig.3 pin configuration (qfp44). handbook, full pagewidth 1 2 3 4 5 6 7 8 9 10 11 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 tea1097h fca019 qr dtmf mic + mic - txin gatx txout n.c. n.c. vol hfrx n.c. n.c. n.c n.c n.c dlc esi gals gndtx txaux raux auxc mutr mutt pd hftx reco garx auxo hfc gnd slpe ln reg ir agc mics stab n.c lsao v dd n.c v bb functional description all data given in this chapter are typical values, except when otherwise specified. supplies l ine interface and internal supply ( pins ln, slpe, reg and v bb ) the supply for the tea1097 and its peripherals is obtained from the line. the ic generates a stabilized reference voltage (v ref ) between pins slpe and gnd. this reference voltage is equal to 3.7 v for line currents lower than 18 ma. it than increases linearly with the line current and reaches the value of 6.1 v for line currents higher than 45 ma. for line currents below 9 ma, the internal reference voltage generating v ref is automatically adjusted to a lower value. this is the so-called low voltage area and the tea1097 has limited performances in this area (see section low voltage behaviour). this reference voltage is temperature compensated. the voltage between pins slpe and reg is used by the internal regulator to generate the stabilized reference voltage and is decoupled by means of a capacitor between pins ln and reg. this capacitor converted into an equivalent inductance realizes the set impedance conversion from its dc value (r slpe ) to its ac value (done by an external impedance). the ic regulates the line voltage at pin ln and it can be calculated as follows: where: i line = line current i x = current consumed on pin ln (approximately a few m a) i slpe = current flowing through the r slpe resistor. v ln v ref r slpe i + slpe = i slpe i line i x C =
1999 apr 08 8 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 the preferred value for r slpe is 20 w . changing this value will affect more than the dc characteristics; it also influences the transmit gains to the line, the gain control characteristic, the sidetone level and the maximum output swing on the line. as can be seen from fig.4, the internal circuitry is supplied by pin v bb , which is a strong supply point combined with the line interface. the line current is flowing through the r slpe resistor and is sunk by the v bb voltage stabilizer, becoming available for a loudspeaker amplifier or any peripheral ic. its voltage is equal to 3.0 v for line currents lower than 18 ma. it than increases linearly with the line current and reaches the value of 5.3 v for line currents greater than 45 ma. it is temperature compensated. the aim of the current switch tr1 and tr2 is to reduce distortion of large ac line signals. current i slpe is supplied to v bb via tr1 when the voltage on slpe is greater than v bb + 0.25 v. when the voltage on slpe is lower than this value, the current i slpe is shunted to gnd via tr2. the reference voltage v ref can be increased by connecting an external resistor between pins reg and slpe. for large line currents, this increase can slightly affect some dynamic performances such as maximum signal level on the line for 2% thd. the voltage on pin v bb is not affected by this external resistor. see fig.5 for the main dc voltages. fig.4 line interface principle. handbook, full pagewidth mgm298 tn2 tr2 tr1 e2 d1 d1 r3 r2 r1 tn1 tp1 j2 j1 e1 gnd gnd v bb from preamp gnd reg ln slpe c reg 4.7 m f r slpe 20 w
1999 apr 08 9 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 fig.5 main dc voltages as a function of line current. handbook, full pagewidth 0.07 0.06 8 6 2 0 0 0.01 voltages (v) 0.02 0.05 mics v dd v bb slpe ln i line (a) 0.04 0.03 4 fca049 e xternal supply ( pins esi and v bb ) the tea1097 can be supplied by the line as well as by external power sources (voltage or current sources) that must be connected to pin esi. the ic will choose which supply to use according to the voltage it can provide. a voltage supply on esi is efficient only if its value is greater than the working voltage of the internal v bb voltage stabilizer. otherwise the ic continues to be line powered. the current consumed on this source is at least equal to the internal consumption. it depends on the voltage difference between the value forced on esi and the working voltage of the internal stabilizer. the current required increases with the voltage difference to manage. the excess current compared to the internal consumption becomes then available for other purposes such as supplying a loudspeaker amplifier. the voltage source should not exceed 6 v. if the value of the external voltage source can be lower than the working voltage of the internal stabilizer, an external diode is required to avoid reverse current flowing into the external power supply. in case of current source, the voltage on v bb and esi depends on the current available. it is internally limited to 6.6 v. the current source should not exceed 140 ma. v dd supply for microcontrollers ( pin v dd ) the voltage on v dd supply point follows the voltage on v bb with a difference equal to 250 mv (typ.) and is internally limited to 3.35 v. this voltage is temperature compensated. this supply point can provide a current up to 3 ma (typ.). its internal consumption stays low (a few 10 na) as long as v dd does not exceed 1.5 v (see fig.6). an external voltage can be connected on v dd with limited extra consumption on v dd (typically 100 m a). this voltage source should not be lower than 3.5 v and higher than 6 v. v bb and v dd can supply external circuits in the limits of currents provided either from the line or from pin esi, taking into account the internal current consumption.
1999 apr 08 10 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 fig.6 current consumption on v dd . handbook, full pagewidth 1.0 i dd (pa) 1.5 2.5 3.0 v dd (v) 2.0 10 8 10 7 10 6 10 5 10 4 10 3 10 2 10 fca050 s upply for microphone ( pins mics and gndtx) the mics output can be used as a supply for an electret microphone. its voltage is equal to 2 v; it can source current up to 1 ma and has an output impedance equal to 200 w . l ow voltage behaviour for line currents below 9 ma, the reference voltage is automatically adjusted to a lower value; the v bb voltage follows the slpe voltage with 250 mv difference. the excess current available for other purposes than dc biasing of the ic becomes small. in this low voltage area, the ic has limited performances. when the v bb voltage reaches 2.7 v, the v bb detector of the receive dynamic limiter on pin lsao acts continuously, discharging the capacitor at pin dlc. in the dc condition, the loudspeaker is automatically disabled below this voltage. when v bb becomes lower than 2.5 v, the tea1097 is forced in a low voltage mode whatever the levels on the logic inputs are. it is a speech mode with reduced performances only enabling the microphone channel (between the mic inputs and ln) and the earpiece amplifier. these two channels are able to deliver signals for line currents as small as 3 ma. the hfc input is tied to gnd sinking a current equal to 300 m a (typ.). p ower - down mode ( pins pd and auxc) to reduce current consumption during dialling or register recall (flash), the tea1097 is provided with a power-down input ( pd). when the voltage on pins pd and auxc is low, the current consumption from v bb and v dd is reduced to 460 m a (typ.). therefore a capacitor of 470 m f connected to pin v bb is sufficient to power the tea1097 during pulse dialling or flash. the pd input has a pull-up structure, while auxc has a pull-down structure. in this mode, the capacitor c reg is internally disconnected.
1999 apr 08 11 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 r inger mode ( pins esi, v bb , auxc and pd) the tea1097 is designed to be activated during the ringing phase. the loudspeaker amplifier can be used for the melody signal. the ic must be powered by an external supply on pin esi, while applying a high level on the logic input auxc and a low level on the pd input. only the hfrx input and the lsao output are activated, in order to limit the current consumption. some dynamic limiting is provided to prevent v bb from being discharged below 2.7 v. transmit channels (pins mic+, mic - , dtmf, txaux and ln) h andset microphone amplifier ( pins mic+, mic - and ln) the tea1097 has symmetrical microphone inputs. the input impedance between mic+ and mic - is 70 k w (typ.). the voltage gain between pins mic+, mic - and ln is set to 44.3 db. without limitation from the output, the microphone input stage can accommodate signals up to 18 mv (rms) at room temperature for 2% of thd. the microphone inputs are biased at one diode voltage. automatic gain control is provided for line loss compensation. dtmf amplifier ( pins dtmf, ln and reco) the tea1097 has an asymmetrical dtmf input. the input impedance between pin dtmf and gnd is 20 k w (typ.). the voltage gain between pins dtmf and ln is set to 25.35 db. without limitation from the output, the input stage can accommodate signals up to 180 mv (rms) at room temperature for 2% of thd. when the dtmf amplifier is enabled, dialling tones may be sent on the line. these tones can be heard in the earpiece or in the loudspeaker at a low level. this is called the confidence tone. the voltage attenuation between pins dtmf and reco is typically equal to - 16.5 db. the dc biasing of this input is 0 v. the automatic gain control has no effect on these channels. a uxiliary t ransmit amplifier ( pins txaux and ln) the tea1097 has an asymmetrical auxiliary input txaux. the input impedance between pins txaux and gnd is 20 k w (typ.). the voltage gain between pins txaux and ln is set to 12.5 db. without limitation from the output, the input stage can accommodate signals up to 1.2 v (rms) at room temperature for 2% of thd. the txaux input is biased at two diodes voltage. automatic gain control is provided for line loss compensation. m icrophone monitoring on txout ( pins mic+, mic - and txout) the voltage gain between the microphone inputs mic+, mic - and the output txout is set to 49.8 db. this channel gives an image of the signal sent on the line while speaking in the handset microphone. using external circuitry, this signal can be used for several purposes such as sending dynamic limiting or anti-howling in a listening-in application. the txout output is biased at two diodes voltage. the automatic gain control has no effect on these channels. receive channels (pins ir, raux, reco, garx and qr) rx amplifier ( pins ir and reco) the receive amplifier has one input ir which is referred to the line. the input impedance between pins ir and ln is 20 k w (typ.) and the dc biasing between these pins is equal to one diode voltage. the gain between pins ir (referenced to ln) and reco is typically equal to 29.7 db. without limitation from the output, the input stage can accommodate signals up to 50 mv (rms) at room temperature for 2% of thd. this receive amplifier has a rail-to-rail output reco, which is designed for use with high-ohmic (real) loads (larger than 5 k w ). this output is biased at two diodes voltage. automatic gain control is provided for line loss compensation.
1999 apr 08 12 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 e arpiece amplifier ( pins garx and qr) the earpiece amplifier is an operational amplifier having its output (qr) and its inverting input (garx) available. its input signal comes, via a decoupling capacitor, from the receive reco output. it is used in combination with two resistors to get the required gain or attenuation compared to the receive gain. it can be chosen between - 3 and +15 db. two external capacitors c gar (connected between pins garx and qr) and c gars (connected between pins garx and gnd) ensure stability. the c gar capacitor provides a first-order low-pass filter. the cut-off frequency corresponds to the time constant c gar r e2 . the relationship c gars 3 10 c gar must be fulfilled. the earpiece amplifier has a rail-to-rail output qr, biased at two diodes voltage. it is designed for use with low-ohmic (real) loads (150 w ) or capacitive loads (100 nf in series with 100 w ). when the amplifier is turned off, the signal present on the earpiece is equal to the ratio between the load on qr and r e1 +r e2 a uxiliary receive amplifier ( pins raux and reco) the auxiliary receive amplifier has an asymmetrical input raux; it uses the reco output. its input impedance between pins raux and gnd is typically equal to 20 k w . the voltage gain between pins raux and reco is equal to - 2.4 db. without any limitation from the output, the input stage can accommodate signals up to 0.95 v (rms) at room temperature for 2% of thd. this auxiliary amplifier has a rail-to-rail output reco, which is designed for use with high ohmic (real) loads (larger than 5 k w ). this output is biased at two diodes voltage. the automatic gain control has no effect on this channel. auxiliary ampli?ers using auxo (pins mic+, mic - , hftx, ir and auxo) the tea1097 has an auxiliary output auxo, biased at two diodes voltage. this output stage is a rail-to-rail one, designed for use with high-ohmic (real) loads (larger than 5k w ). the auxo output amplifier is used in three different channels, two transmit channels and one receive channel. a uxiliary amplifiers using the microphone inputs ( pins mic+, mic - and auxo) the auxiliary transmit amplifier using the microphone mic+ and mic - inputs has a gain of 25.5 db referenced to auxo. without limitation from the output, the input stage can accommodate signals up to 16 mv (rms) at room temperature for 2% of thd. the automatic gain control has no effect on this channel. a uxiliary amplifiers using hftx ( pins hftx and auxo) the auxiliary transmit amplifier using the hftx input has a gain of 15.2 db referenced to auxo. the automatic gain control has no effect on this channel. rx amplifier using ir ( pins ir and auxo) the auxiliary receive amplifier uses pin ir as input. the input is referenced to pin ln and the dc biasing between these two pins is one diode voltage. the voltage gain between the input ir (referenced to ln) and the output auxo is typically equal to 32.8 db, which compensates typically the attenuation provided by the anti-sidetone network. automatic gain control is provided for line loss compensation. automatic gain control (pin agc) the tea1097 performs automatic line loss compensation, which fits well with the true line attenuation. the automatic gain control varies the gain of some transmit and receive amplifiers in accordance with the dc line current. the control range is 6.45 db for g v(mic-ln) , g v(ir-reco) and g v(ir-auxo) and 6.8 db for g v(txaux-ln) , which corresponds approximately to a line length of 5.5 km for a 0.5 mm twisted-pair copper cable. to enable this gain control, the pin agc must be shorted to pin ln. the start current for compensation corresponds to a line current equal to typically 23 ma and the stop current to 57 ma. the start current can be increased by connecting an external resistor between pins agc and ln. it can be increased to 40 ma (using a resistor typically equal to 80 k w ). the start and stop current will be maintained in a ratio equal to 2.5. by leaving the agc pin open-circuit, the gain control is disabled and no line loss compensation is performed.
1999 apr 08 13 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 base microphone channel (pins txin, gatx, txout and gndtx ) see fig.7 the tea1097 has an asymmetrical base microphone input txin with an input resistance of 20 k w . the dc biasing of the input is 0 v. the output txout is biased at two diodes voltage and has a current capability equal to 20 m a (rms). the gain of the microphone amplifier (from pins txin to txout) can be adjusted from 0 to 31 db to suit specific application requirements. the gain is proportional to the value of r gatx and equals 14.85 db with r gatx = 30.1 k w . without limitation from the output, the microphone input stage can accommodate signals up to 18 mv (rms) at room temperature for 2% of thd. a capacitor can be connected in parallel with r gatx to provide a 1st-order low-pass filter. fig.7 base microphone channel. the pin numbers given in parenthesis refer to the tea1097h. handbook, full pagewidth mgl395 v i i v c mic v bb r mic txin gndtx txout gatx 29 (27) 30 (28) 28 (26) 31 (29) r gatx c gatx
1999 apr 08 14 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 loudspeaker channel fig.8 loudspeaker channel. the pin numbers given in parenthesis refer to the tea1097h. handbook, full pagewidth mgl394 dynamic limiter volume control i v v i dlc lsao gals vol hfrx 14 (11) 16 (12) 11 (8) 7 (1) 27 (23) v bb r gals c gals c lsao c dlc r vol to logic l oudspeaker amplifier : pins hfrx, gals and lsao the tea1097 has an asymmetrical input for the loudspeaker amplifier with an input resistance of 20 k w between pins hfrx and gnd. it is biased at two diodes voltage. the input stage can accommodate signals up to 580 mv (rms) at room temperature for 2% of thd. the rail-to-rail output stage is designed to power a loudspeaker down to 8 w connected as a single-ended load (between pins lsao and gnd). when the circuit is externally supplied, the maximum output power is equal to 280 mw (typ.) for 6 v applied to pin esi. the gain of the loudspeaker amplifier can be adjusted from 0 to 35 db to suit specific application requirements. the gain from hfrx to lsao is proportional to the value of r gals and equals 28 db with r gals = 255 k w . a capacitor connected in parallel with r gals is recommended and provides a first-order low-pass filter. v olume control ( pin vol) the loudspeaker amplifier gain can be adjusted with the potentiometer r vol . a linear potentiometer can be used to obtain logarithmic control of the gain at the loudspeaker amplifier. each 1.9 k w increase of r vol results in a gain loss of 3 db. d ynamic limiter ( pin dlc) the dynamic limiter of the tea1097 prevents clipping of the loudspeaker output stage and protects the operation of the circuit when the supply voltage at v bb falls below 2.7 v. hard clipping of the loudspeaker output stage is prevented by rapidly reducing the gain when the output stage starts to saturate. the time in which gain reduction is effected (clipping attack time) is approximately a few milliseconds. the circuit stays in the reduced gain mode until the peaks of the loudspeaker signals no longer cause saturation. the gain of the loudspeaker amplifier then returns to its normal value within the clipping release time (typically 100 ms). both attack and release times are proportional to the value of the capacitor c dlc . the total harmonic distortion of the loudspeaker output stage, in reduced gain mode, stays below 1% up to 10 db (min.) of input voltage overdrive [providing v hfrx is below 580 mv (rms)]. when the supply voltage drops below an internal threshold voltage of 2.7 v, the gain of the loudspeaker amplifier is rapidly reduced (approximately 1 ms). when the supply voltage exceeds 2.7 v, the gain of the loudspeaker amplifier is increased again. by forcing a level lower than 0.2 v on pin dlc, the loudspeaker amplifier is muted.
1999 apr 08 15 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 logic inputs table 1 selection of transmit and receive channels for 12 different application modes logic inputs features application examples pd hfc mutt mutr auxc 0 x x x 1 hfrx to lsao ringer mode 0 x x x 0 ?ash, dc dialling 10000 dtmf to ln; dtmf to reco; qr and mics are active dtmf dialling in handset 10010micto auxo; raux to reco; qr and mics are active cordless intercom with corded handset 10110micto ln; ir to reco; ir to auxo; mic to txout; qr and mics are active handset conversation 10101 txaux to ln and ir to auxo conversation using auxiliary i/o; cordless: digital handsfree in mobile 11011 raux to reco and hfrx to lsao listening on the loudspeaker 11001 txaux to ln; ir to auxo; raux to reco; hfrx to lsao answering machine: play and record messages; listen the recorded message on the loudspeaker 11000 dtmf to ln; dtmf to reco; hfrx to lsao; qr and mics are active dtmf dialling in handsfree or group listening modes 11101 txaux to ln; ir to auxo; ir to reco and hfrx to lsao answering machine: play and record messages while listening in the loudspeaker 11010 txin to txout; hftx to auxo; raux to reco; hfrx to lsao and mics is active cordless intercom with base 11110 txin to txout; txaux to ln; ir to reco; ir to auxo; hfrx to lsao; mics is active digital handsfree conversation 11100micto ln; ir to reco; ir to auxo; hfrx to lsao; mic to txout; qr and mics are active handset conversation with group-listening
1999 apr 08 16 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 limiting values in accordance with the absolute maximum rating system (iec 134); dc levels are referenced to gnd. thermal characteristics symbol parameter conditions min. max. unit v ln positive continuous line voltage - 0.4 +12 v repetitive line voltage during switch-on or line interruption - 0.4 +13.2 v v esi positive continuous voltage on pin esi - 0.4 +6 v i i(esi) input current at pin esi - 140 ma v n(max) maximum voltage on pins reg, slpe, ir and agc - 0.4 v ln + 0.4 v on all other pins except v dd - 0.4 v bb + 0.4 v i line maximum line current for tea1097h - 140 ma TEA1097TV - 130 ma p tot total power dissipation t amb =75 c TEA1097TV - 400 mw tea1097h - 720 mw t stg ic storage temperature - 40 +125 c t amb operating ambient temperature - 25 +75 c symbol parameter conditions value unit r th(j-a) thermal resistance from junction to ambient in free air TEA1097TV 115 k/w tea1097h 63 k/w
1999 apr 08 17 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 fig.9 safe operating area (TEA1097TV). line t amb ( c) p tot (mw) (1) 25 800 (2) 35 720 (3) 45 640 (4) 55 560 (5) 65 480 (6) 75 400 handbook, full pagewidth 160 0 3.5 9.5 (3) 11.5 i line (ma) 7.5 5.5 120 40 80 13.5 v slpe (v) fca026 (5) (6) (2) (4) (1)
1999 apr 08 18 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 fig.10 safe operating area (tea1097h). line t amb ( c) p tot (mw) (1) 35 1304 (2) 45 1158 (3) 55 1012 (4) 65 866 (5) 75 720 handbook, full pagewidth 160 0 3 911 i line (ma) 7 5 120 40 80 13 4 10 12 8 6 v slpe (v) fca025 (1) (2) (5) (3) (4)
1999 apr 08 19 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 characteristics i line = 15 ma; r slpe =20 w ; z line = 600 w ; f = 1 khz; t amb =25 c; agc pin connected to ln; pd = high; hfc = low; auxc = low; mutt = high; mutr = high; measured according to test circuits; dc levels are referenced to gnd; unless otherwise speci?ed. symbol parameter conditions min. typ. max. unit supplies l ine interface and internal supply ( pins ln, slpe, reg and v bb ) v slpe stabilized voltage between slpe and gnd (v ref ) i line = 15 ma 3.4 3.7 4 v i line = 70 ma 5.7 6.1 6.5 v v bb regulated supply voltage for internal circuitry i line = 15 ma 2.75 3.0 3.25 v i line = 70 ma 4.9 5.3 5.7 v i line line current for voltage increase start current - 18 - ma stop current - 45 - ma d v slpe(t) stabilized voltage variation with temperature referenced to 25 c t amb = - 25 to +75 c - 60 - mv d v bb(t) regulated voltage variation with temperature referenced to 25 c t amb = - 25 to +75 c - 30 - mv i bb current available on pin v bb speech mode - 11 - ma digital handsfree mode; hfc = high - 9.5 - ma v ln line voltage i line =1ma - 1.55 - v i line =4ma - 2.35 - v i line = 15 ma 3.7 4.0 4.3 v i line = 130 ma - 8.7 9.3 v e xternal supply ( pin esi) v esi external voltage supply allowed on pin esi -- 6v voltage on pin esi when supplied by a current source i esi = 140 ma except in power-down mode - 6.6 - v i i(esi) input current on pin esi v esi = 3.5 v - 3.1 - ma i esi(ext) external current supply allowed on pin esi -- 140 ma
1999 apr 08 20 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 s upply for peripherals ( pin v dd ) v dd regulated supply voltage on v dd v bb > 3.35 v + 0.25 v (typ.) 3.1 3.35 3.6 v otherwise - v bb - 0.25 - v d v dd(t) regulated voltage variation with temperature referenced to 25 c t amb = - 25 to +75 c; v bb > 3.35 v + 0.25 v (typ.) - 30 - mv i dd current consumption on v dd in trickle mode; i line = 0 ma; v dd = 1.5 v; v bb discharging - 15 150 na v dd > 3.35 v 60 100 -m a i dd(o) current available for peripherals v dd = 3.35 v -- - 3ma s upply for microphone ( pin mics) v mics supply voltage for a microphone - 2 - v i mics current available on mics -- - 1ma p ower - down input ( pin pd) v il low-level input voltage - 0.4 - +0.3 v v ih high-level input voltage 1.8 - v bb + 0.4 v i i(pd) input current -- 3 - 6 m a i bb(pd) current consumption on v bb during power-down phase pd = low; auxc = low - 460 -m a ringer mode ( pins pd, auxc, hfrx and lsao) i i(esi) input current on pin esi pd = low; auxc = high; v esi = 3.5 v - 3.1 - ma g v(hfrx-lsao) voltage gain from pin hfrx to lsao pd = low; auxc = high; v esi = 3.5 v v hfrx = 20 mv (rms); r gals = 255 k w - 28 - db preampli?er inputs (pins mic+, mic - , ir, dtmf, txin, hftx, hfrx, txaux and raux) ? z i(mic) ? input impedance differential between pins mic+ and mic - - 70 - k w single-ended between pins mic+/mic - and gndtx - 35 - k w ? z i(ir) ? input impedance between pins ir and ln - 20 - k w ? z i(dtmf) ? input impedance between pins dtmf and gnd - 20 - k w ? z i(txin) ? input impedance between pins txin and gndtx - 20 - k w symbol parameter conditions min. typ. max. unit
1999 apr 08 21 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 ? z i(hftx) ? input impedance between pins hftx and gnd - 20 - k w ? z i(hfrx) ? input impedance between pins hfrx and gnd - 20 - k w ? z i(txaux) ? input impedance between pins txaux and gnd - 20 - k w ? z i(raux) ? input impedance between pins raux and gnd - 20 - k w tx ampli?ers ; see note 1 tx handset microphone amplifier ( pins mic+, mic - and ln) g v(mic-ln) voltage gain from pin mic+/mic - to ln v mic = 5 mv (rms) 43.3 44.3 45.3 db d g v(f) gain variation with frequency referenced to 1 khz f = 300 to 3400 hz - 0.25 - db d g v(t) gain variation with temperature referenced to 25 c t amb = - 25 to +75 c - 0.25 - db cmrr common mode rejection ratio - 80 - db thd total harmonic distortion at pin ln v ln = 1.4 v (rms) -- 2% i line = 4 ma; v ln = 0.12 v (rms) -- 10 % v no(ln) noise output voltage at pin ln; pins mic+/mic - shorted through 200 w psophometrically weighted (p53 curve) -- 77.5 - dbmp d g v(mute) gain reduction if not activated hfc = low; mutt = low; mutr = low; auxc = low 60 80 - db dtmf amplifier ( pins dtmf, ln and reco) g v(dtmf-ln) voltage gain from pin dtmf to ln v dtmf = 50 mv (rms) 24.35 25.35 26.35 db d g v(f) gain variation with frequency referenced to 1 khz f = 300 to 3400 hz - 0.25 - db d g v(t) gain variation with temperature referenced to 25 c t amb = - 25 to +75 c - 0.25 - db d g v(mute) gain reduction if not activated hfc = low; mutt = high; mutr = high; auxc = low 60 80 - db g v(dtmf-reco) voltage gain from pin dtmf to reco v dtmf = 50 mv (rms) -- 16.5 - db symbol parameter conditions min. typ. max. unit
1999 apr 08 22 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 tx auxiliary amplifier using txaux ( pins txaux and ln) g v(txaux-ln) voltage gain from pin txaux to ln v txaux = 0.1 v (rms) 11.5 12.5 13.5 db d g v(f) gain variation with frequency referenced to 1 khz f = 300 to 3400 hz - 0.25 - db d g v(t) gain variation with temperature referenced to 25 c t amb = - 25 to +75 c - 0.25 - db thd total harmonic distortion at ln v ln = 1.4 v (rms) -- 2% v txaux(rms) maximum input voltage at txaux (rms value) i line = 70 ma; thd = 2% - 1.2 - v v no(ln) noise output voltage at pin ln; pin txaux shorted to gnd through 200 w in series with 10 m f psophometrically weighted (p53 curve) -- 80.5 - dbmp d g v(mute) gain reduction if not activated hfc = low; mutt = low; mutr = low; auxc = low 60 80 - db m icrophone monitoring on txout ( pins mic+, mic - and txout) g v(mic-txout) voltage gain from pin mic+/mic - to txout v mic = 2 mv (rms) 48.3 49.8 51.3 db d g v(f) gain variation with frequency referenced to 1 khz f = 300 to 3400 hz - 0.1 - db d g v(t) gain variation with temperature referenced to 25 c t amb = - 25 to +75 c - 0.35 - db rx ampli?ers ; see note 1 rx amplifiers using ir ( pins ir and reco) g v(ir-reco) voltage gain from pin ir (referenced to ln) to reco v ir = 15 mv (rms) 28.7 29.7 30.7 db d g v(f) gain variation with frequency referenced to 1 khz f = 300 to 3400 hz - 0.25 - db d g v(t) gain variation with temperature referenced to 25 c t amb = - 25 to +75 c - 0.3 - db v ir(rms)(max) maximum input voltage on ir (referenced to ln) (rms value) i line = 70 ma; thd = 2% - 50 - mv v reco(rms)(max) maximum output voltage on pin reco (rms value) thd = 2% 0.75 0.9 - v v no(reco)(rms) noise output voltage at pin reco; pin ir is an open-circuit (rms value) psophometrically weighted (p53 curve) -- 88 - dbvp d g v(mute) gain reduction if not activated hfc = low; mutt = low; mutr = low; auxc = low 60 80 - db symbol parameter conditions min. typ. max. unit
1999 apr 08 23 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 rx earpiece amplifier ( pins garx and qr) d g v(reco-qr) gain voltage range between pins reco and qr - 3 - +15 db v qr(rms)(max) maximum output voltage on pin qr (rms value) sine wave drive; r l = 150 w ; thd < 2% 0.75 0.9 - v v no(qr)(rms) noise output voltage at pin qr; pin ir is an open-circuit (rms value) g v(qr) = 0 db; psophometrically weighted (p53 curve) -- 88 - dbvp rx amplifier using raux ( pins raux and reco) g v(raux-reco) voltage gain from pin raux to reco v raux = 0.4 v (rms) - 3.7 - 2.4 - 1.1 db d g v(f) gain variation with frequency referenced to 1 khz f = 300 to 3400 hz - 0.25 - db d g v(t) gain variation with temperature referenced to 25 c t amb = - 25 to +75 c - 0.25 - db v raux(rms)(max) maximum input voltage on raux (rms value) thd=2% - 0.95 - v v no(reco)(rms) noise output voltage at pin reco; pin raux shorted to gnd through 200 w in series with 10 m f (rms value) psophometrically weighted (p53 curve) -- 100 - dbvp d g v(mute) gain reduction if not activated hfc = low; mutt = low; mutr = low; auxc = low 60 80 - db auxiliary ampli?ers using auxo ; see note 1 tx auxiliary amplifier using mic+ and mic - ( pins mic+, mic - and auxo) g v(mic-auxo) voltage gain from pin mic+/mic - to auxo v mic = 10 mv (rms) 24.2 25.5 26.8 db d g v(f) gain variation with frequency referenced to 1 khz f = 300 to 3400 hz - 0.1 - db d g v(t) gain variation with temperature referenced to 25 c t amb = - 25 to +75 c - 0.3 - db v mic(rms) maximum input voltage on mic+/mic - (rms value) thd=2% - 16 - mv v no(auxo)(rms) noise output voltage at pin auxo; pins mic+/mic - shorted to gndtx through 200 w in series with 10 m f (rms value) psophometrically weighted (p53 curve) -- 91 - dbvp symbol parameter conditions min. typ. max. unit
1999 apr 08 24 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 tx auxiliary amplifier using hftx ( pins hftx and auxo) g v(hftx-auxo) voltage gain from pin hftx to auxo v hftx = 100 mv (rms) 14.2 15.2 16.2 db d g v(f) gain variation with frequency referenced to 1 khz f = 300 to 3400 hz - 0.1 - db d g v(t) gain variation with temperature referenced to 25 c t amb = - 25 to +75 c - 0.1 - db v auxo(rms) maximum output voltage on pin auxo (rms value) thd = 2% 0.8 0.9 - v v no(auxo)(rms) noise output voltage at pin auxo; pin hftx shorted to gnd through 200 w in series with 10 m f (rms value) psophometrically weighted (p53 curve) -- 91.5 - dbvp d g v(mute) gain reduction if not activated hfc = low; mutt = low; mutr = high; auxc = low 60 80 - db rx amplifier using ir ( pins ir and auxo) g v(ir-auxo) voltage gain from pin ir (referenced to ln) to auxo v ir = 3 mv (rms) 31.6 32.8 34 db d g v(f) gain variation with frequency referenced to 1 khz f = 300 to 3400 hz - 0.1 - db d g v(t) gain variation with temperature referenced to 25 c t amb = - 25 to +75 c - 0.3 - db v auxo(rms) maximum output voltage on auxo (rms value) thd = 2% 0.8 0.9 - v v no(auxo)(rms) noise output voltage at pin auxo; pin ir is an open-circuit (rms value) psophometrically weighted (p53 curve) -- 85 - dbvp d g v(mute) gain reduction if not activated hfc = high; mutt = low; mutr = high; auxc = high 60 80 - db automatic gain control (pin agc) d g v(trx) gain control range for transmit and receive ampli?ers affected by the agc; with respect to i line =15ma i line = 70 ma; on g v(mic-ln) , g v(ir-reco) and g v(ir-auxo) 5.45 6.45 7.45 db i line = 70 ma; g v(txaux-ln) 5.8 6.8 7.8 db i start highest line current for maximum gain - 23 - ma i stop lowest line current for maximum gain - 57 - ma symbol parameter conditions min. typ. max. unit
1999 apr 08 25 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 logic inputs (pins hfc, auxc, mutt and mutr) v il low-level input voltage - 0.4 - +0.3 v v ih high-level input voltage 1.8 - v bb + 0.4 v i i input current for pins hfc and auxc - 36 m a for pins mutt and mutr -- 2.5 - 6 m a base microphone ampli?er (pins txin, txout and gatx) ; see note 1 g v(txin-txout) voltage gain from pin txin to txout v txin = 3 mv (rms); r gatx = 30.1 k w 13.15 14.85 16.55 db d g v voltage gain adjustment with r gatx - 15 - +16 db d g v(f) gain variation with frequency referenced to 1 khz f = 300 to 3400 hz - 0.1 - db d g v(t) gain variation with temperature referenced to 25 c t amb = - 25 to +75 c - 0.15 - db v no(txout)(rms) noise output voltage at pin txout; pin txin is shorted through 200 w in series with 10 m f to gndtx (rms value) psophometrically weighted (p53 curve) -- 101 - dbvp d g v(mute) gain reduction if not activated hfc = high; mutt = low; mutr = low; auxc = low 60 80 - db loudspeaker ampli?er (pins hfrx, lsao, gals and vol) ; see note 1 g v(hfrx-lsao) voltage gain from pin hfrx to lsao v hfrx = 20 mv (rms); r gals = 255 k w 25.5 28 30.5 db d g v voltage gain adjustment with r gals - 28 - +7 db d g v(f) gain variation with frequency referenced to 1 khz f = 300 to 3400 hz - 0.3 - db d g v(t) gain variation with temperature referenced to 25 c t amb = - 25 to +75 c - 0.3 - db d g v(vol) voltage gain variation related to d r vol = 1.9 k w -- 3 - db v (hfrx)(rms)(max) maximum input voltage at pin hfrx (rms value) i line = 70 ma; r gals =33k w ; for 2% thd in the input stage - 580 - mv v no(lsao)(rms) noise output voltage at pin lsao; pin hfrx is open-circuit (rms value) psophometrically weighted (p53 curve) -- 79 - dbvp v lsao(rms) output voltage (rms value) without external supply on pin esi i bb = 0 ma; i dd =1ma i line =18ma - 0.9 - v i line =30ma - 1.2 - v i line >50ma - 1.6 - v symbol parameter conditions min. typ. max. unit
1999 apr 08 26 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 note 1. when the channel is enabled according to table 1. i lsao(max) maximum output current at pin lsao (peak value) external supply on esi 150 300 - ma dynamic limiter (pins lsao and dlc) ; see note 1 t att attack time when v hfrx jumps from 20 mv to 20 mv + 10 db -- 5ms when v bb jumps below v bb(th) - 1 - ms t rel release time when v hfrx jumps from 20 mv + 10 db to 20 mv - 100 - ms thd total harmonic distortion at v hfrx = 20 mv + 10 db t>t att - 0.1 2 % v bb(th) v bb limiter threshold - 2.7 - v mute loudspeaker (pin dlc) ; see note 1 v dlc(th) threshold voltage required on pin dlc to obtain mute receive condition - 0.4 - +0.2 v i dlc(th) threshold current sourced by pin dlc in mute receive condition v dlc = 0.2 v - 100 -m a d g vrx(mute) voltage gain reduction in mute receive condition v dlc = 0.2 v 60 80 - db symbol parameter conditions min. typ. max. unit
1999 apr 08 27 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader .this text is here in _ white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader.this text is here in this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader. white to force land scape pages to be ... test and application information o k, full pagewidth fca001 c ir 100 nf c emc 10 nf i = 15 ma j_line c imp 100 m f c reg 4.7 m f c vbb 470 m f c vdd 47 m f z imp 620 w v ir v hfrx r slpe 20 w r mic 200 w c gatx 100 pf c raux 100 nf v raux c txaux 100 nf c dtmf 100 nf r gatx 30.1 k w r stab 3.65 k w r vol 0 to 22 k w r lsao 8 w pd hfc auxc mutt mutr auxo qr garx reco hfrx gals lsao 40 (38) 39 (37) 3 (41) 1 (39) 2 (40) 6 (44) 35 (33) 36 (34) 37 (35) 7 (1) 14 (11) 16 (12) gnd raux txaux dtmf gatx txout mic - mic + slpe reg agc ln esi v bb v dd ir gndtx stab vol dlc 17 (13) 31 (29) 25 (21) 27 (23) 11 (8) 21 (17) 18 (14) 20 (16) 22 (18) 19 (15) 12 (9) 13 (10) 23 (19) 24 (20) 33 (31) 32 (30) 29 (27) 28 (26) 34 (32) c hftx 100 nf hftx mics 38 (36) 5 (43) c txin 100 nf txin 30 (28) 4 (42) tea1097 from controller c auxo 10 m f c gar 100 pf c gars 1 nf c rxe 100 nf c hfrx 100 nf c gals 150 pf c gals 220 m f c dlc 470 nf r e2 100 k w r qr 150 w r e1 100 k w r auxo 10 k w r gals 255 k w external supply d esi dz v d 10 v c exch 100 m f z exch 600 w c mics 4.7 m f c qr 4.7 m f v txaux v mic v dtmf v txin v hftx fig.11 test circuit. the pin numbers given in parenthesis refer to the tea1097h.
1999 apr 08 28 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader .this text is here in _ white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader.this text is here in this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader. white to force land scape pages to be ... handbook, full pagewidth mgl396 c mich 33 nf c tx1 c ir 100 nf c bal 220 nf c emc 10 nf c imp 22 m f c reg 4.7 m f c vbb 470 m f c vdd 47 m f c hftx 100 nf c tx2 r tx1 22 nf 15 k w r tx2 22 nf 15 k w r ast1 130 k w r ast2 3.92 k w r ast3 392 w r bal1 130 w z imp 620 w r bal2 820 w r slpe 20 w r tx3 8.2 k w base microphone handset microphone c micb 22 nf c raux 100 nf c txaux 100 nf c dtmf 100 nf c txin 100 nf r stab 3.65 k w r bmics 2 k w r micm 1 k w r micp 1 k w c mics 10 m f r gatx 30.1 k w r vol 0 to 22 k w pd hfc auxc mutt mutr auxo qr garx reco hfrx gals lsao 40 (38) 39 (37) 3 (41) 1 (39) 2 (40) 6 (44) 35 (33) 36 (34) 37 (35) 7 (1) 14 (11) 16 (12) gnd raux txaux dtmf txin gatx txout hftx mic - mic + mics slpe reg agc ln esi v bb v dd ir gndtx stab vol dlc 17 (13) 31 (29) 25 (21) 27 (23) 11 (8) 21 (17) 18 (14) 20 (16) 22 (18) 19 (15) 12 (9) 13 (10) 23 (19) 24 (20) 33 (31) 32 (30) 38 (36) 28 (26) 29 (27) 30 (28) 34 (32) 5 (43) 4 (42) tea1097 from controller c auxo 100 nf c gar 100 pf c gars 1 nf c rxe 100 nf c gals 150 pf from digital handsfree to digital handsfree from digital answering machine to digital answering machine or digital handsfree from digital answering machine or digital handsfree c dlc 470 nf r e2 100 k w r e1 100 k w r gals 255 k w from mics external supply d esi dz v d 10 v d2 d3 d1 d4 a b mics c qr 4.7 m f c lsao 220 m f fig.12 basic application diagram. the pin numbers given in parenthesis refer to the tea1097h.
1999 apr 08 29 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 package outlines unit a 1 a 2 a 3 b p cd (1) e (2) z (1) eh e ll p qy w v q references outline version european projection issue date iec jedec eiaj mm inches 0.3 0.1 2.45 2.25 0.25 0.42 0.30 0.22 0.14 15.6 15.2 7.6 7.5 0.762 2.25 12.3 11.8 1.15 1.05 0.6 0.3 7 0 o o 0.1 0.1 dimensions (inch dimensions are derived from the original mm dimensions) notes 1. plastic or metal protrusions of 0.4 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 1.7 1.5 sot158-1 92-11-17 95-01-24 x w m q a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a y 40 20 21 1 pin 1 index 0.012 0.004 0.096 0.089 0.017 0.012 0.0087 0.0055 0.61 0.60 0.30 0.29 0.03 0.089 0.48 0.46 0.045 0.041 0.024 0.012 0.004 0.2 0.008 0.004 0.067 0.059 0.010 0 5 10 mm scale vso40: plastic very small outline package; 40 leads sot158-1 a max. 2.70 0.11
1999 apr 08 30 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 unit a 1 a 2 a 3 b p ce (1) eh e ll p z y w v q references outline version european projection issue date iec jedec eiaj mm 0.25 0.05 1.85 1.65 0.25 0.40 0.20 0.25 0.14 10.1 9.9 0.8 1.3 12.9 12.3 1.2 0.8 10 0 o o 0.15 0.1 0.15 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. 0.95 0.55 sot307-2 95-02-04 97-08-01 d (1) (1) (1) 10.1 9.9 h d 12.9 12.3 e z 1.2 0.8 d e e b 11 c e h d z d a z e e v m a x 1 44 34 33 23 22 12 y q a 1 a l p detail x l (a ) 3 a 2 pin 1 index d h v m b b p b p w m w m 0 2.5 5 mm scale qfp44: plastic quad flat package; 44 leads (lead length 1.3 mm); body 10 x 10 x 1.75 mm sot307-2 a max. 2.10
1999 apr 08 31 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 soldering introduction to soldering surface mount packages this text gives a very brief insight to a complex technology. a more in-depth account of soldering ics can be found in our data handbook ic26; integrated circuit packages (document order number 9398 652 90011). there is no soldering method that is ideal for all surface mount ic packages. wave soldering is not always suitable for surface mount ics, or for printed-circuit boards with high population densities. in these situations reflow soldering is often used. re?ow soldering reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. several methods exist for reflowing; for example, infrared/convection heating in a conveyor type oven. throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. typical reflow peak temperatures range from 215 to 250 c. the top-surface temperature of the packages should preferable be kept below 230 c. wave soldering conventional single wave soldering is not recommended for surface mount devices (smds) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. to overcome these problems the double-wave soldering method was specifically developed. if wave soldering is used the following conditions must be observed for optimal results: use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. for packages with leads on two sides and a pitch (e): C larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; C smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. the footprint must incorporate solder thieves at the downstream end. for packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. the footprint must incorporate solder thieves downstream and at the side corners. during placement and before soldering, the package must be fixed with a droplet of adhesive. the adhesive can be applied by screen printing, pin transfer or syringe dispensing. the package can be soldered after the adhesive is cured. typical dwell time is 4 seconds at 250 c. a mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. manual soldering fix the component by first soldering two diagonally-opposite end leads. use a low voltage (24 v or less) soldering iron applied to the flat part of the lead. contact time must be limited to 10 seconds at up to 300 c. when using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 c.
1999 apr 08 32 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 suitability of surface mount ic packages for wave and re?ow soldering methods notes 1. all surface mount (smd) packages are moisture sensitive. depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). for details, refer to the drypack information in the data handbook ic26; integrated circuit packages; section: packing methods . 2. these packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 3. if wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. the package footprint must incorporate solder thieves downstream and at the side corners. 4. wave soldering is only suitable for lqfp, tqfp and qfp packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 5. wave soldering is only suitable for ssop and tssop packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. definitions life support applications these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. package soldering method wave reflow (1) bga, sqfp not suitable suitable hlqfp, hsqfp, hsop, htssop, sms not suitable (2) suitable plcc (3) , so, soj suitable suitable lqfp, qfp, tqfp not recommended (3)(4) suitable ssop, tssop, vso not recommended (5) suitable data sheet status objective speci?cation this data sheet contains target or goal speci?cations for product development. preliminary speci?cation this data sheet contains preliminary data; supplementary data may be published later. product speci?cation this data sheet contains ?nal product speci?cations. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the speci?cation.
1999 apr 08 33 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 notes
1999 apr 08 34 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 notes
1999 apr 08 35 philips semiconductors product speci?cation speech and loudspeaker ampli?er ic with auxiliary inputs/outputs and analog multiplexer tea1097 notes
internet: http://www.semiconductors.philips.com philips semiconductors C a worldwide company ? philips electronics n.v. 1999 sca63 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. +31 40 27 82785, fax. +31 40 27 88399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. +64 9 849 4160, fax. +64 9 849 7811 norway: box 1, manglerud 0612, oslo, tel. +47 22 74 8000, fax. +47 22 74 8341 pakistan: see singapore philippines: philips semiconductors philippines inc., 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. +63 2 816 6380, fax. +63 2 817 3474 poland: ul. lukiska 10, pl 04-123 warszawa, tel. +48 22 612 2831, fax. +48 22 612 2327 portugal: see spain romania: see italy russia: philips russia, ul. usatcheva 35a, 119048 moscow, tel. +7 095 755 6918, fax. +7 095 755 6919 singapore: lorong 1, toa payoh, singapore 319762, tel. +65 350 2538, fax. +65 251 6500 slovakia: see austria slovenia: see italy south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 7430 johannesburg 2000, tel. +27 11 470 5911, fax. +27 11 470 5494 south america: al. vicente pinzon, 173, 6th floor, 04547-130 s?o paulo, sp, brazil, tel. +55 11 821 2333, fax. +55 11 821 2382 spain: balmes 22, 08007 barcelona, tel. +34 93 301 6312, fax. +34 93 301 4107 sweden: kottbygatan 7, akalla, s-16485 stockholm, tel. +46 8 5985 2000, fax. +46 8 5985 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. +41 1 488 2741 fax. +41 1 488 3263 taiwan: philips semiconductors, 6f, no. 96, chien kuo n. rd., sec. 1, taipei, taiwan tel. +886 2 2134 2886, fax. +886 2 2134 2874 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, tel. +66 2 745 4090, fax. +66 2 398 0793 turkey: talatpasa cad. no. 5, 80640 gltepe/istanbul, tel. +90 212 279 2770, fax. +90 212 282 6707 ukraine : philips ukraine, 4 patrice lumumba str., building b, floor 7, 252042 kiev, tel. +380 44 264 2776, fax. +380 44 268 0461 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. +44 181 730 5000, fax. +44 181 754 8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. +1 800 234 7381, fax. +1 800 943 0087 uruguay: see south america vietnam: see singapore yugoslavia: philips, trg n. pasica 5/v, 11000 beograd, tel. +381 11 62 5344, fax.+381 11 63 5777 for all other countries apply to: philips semiconductors, international marketing & sales communications, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, fax. +31 40 27 24825 argentina: see south america australia: 34 waterloo road, north ryde, nsw 2113, tel. +61 2 9805 4455, fax. +61 2 9805 4466 austria: computerstr. 6, a-1101 wien, p.o. box 213, tel. +43 1 60 101 1248, fax. +43 1 60 101 1210 belarus: hotel minsk business center, bld. 3, r. 1211, volodarski str. 6, 220050 minsk, tel. +375 172 20 0733, fax. +375 172 20 0773 belgium: see the netherlands brazil: see south america bulgaria: philips bulgaria ltd., energoproject, 15th floor, 51 james bourchier blvd., 1407 sofia, tel. +359 2 68 9211, fax. +359 2 68 9102 canada: philips semiconductors/components, tel. +1 800 234 7381, fax. +1 800 943 0087 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. +852 2319 7888, fax. +852 2319 7700 colombia: see south america czech republic: see austria denmark: sydhavnsgade 23, 1780 copenhagen v, tel. +45 33 29 3333, fax. +45 33 29 3905 finland: sinikalliontie 3, fin-02630 espoo, tel. +358 9 615 800, fax. +358 9 6158 0920 france: 51 rue carnot, bp317, 92156 suresnes cedex, tel. +33 1 4099 6161, fax. +33 1 4099 6427 germany: hammerbrookstra?e 69, d-20097 hamburg, tel. +49 40 2353 60, fax. +49 40 2353 6300 hungary: see austria india: philips india ltd, band box building, 2nd floor, 254-d, dr. annie besant road, worli, mumbai 400 025, tel. +91 22 493 8541, fax. +91 22 493 0966 indonesia: pt philips development corporation, semiconductors division, gedung philips, jl. buncit raya kav.99-100, jakarta 12510, tel. +62 21 794 0040 ext. 2501, fax. +62 21 794 0080 ireland: newstead, clonskeagh, dublin 14, tel. +353 1 7640 000, fax. +353 1 7640 200 israel: rapac electronics, 7 kehilat saloniki st, po box 18053, tel aviv 61180, tel. +972 3 645 0444, fax. +972 3 649 1007 italy: philips semiconductors, piazza iv novembre 3, 20124 milano, tel. +39 2 6752 2531, fax. +39 2 6752 2557 japan: philips bldg 13-37, kohnan 2-chome, minato-ku, tokyo 108-8507, tel. +81 3 3740 5130, fax. +81 3 3740 5077 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. +82 2 709 1412, fax. +82 2 709 1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. +60 3 750 5214, fax. +60 3 757 4880 mexico: 5900 gateway east, suite 200, el paso, texas 79905, tel. +9-5 800 234 7381, fax +9-5 800 943 0087 middle east: see italy printed in the netherlands 465002/750/03/pp36 date of release: 1999 apr 08 document order number: 9397 750 05008


▲Up To Search▲   

 
Price & Availability of TEA1097TV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X