Part Number Hot Search : 
BJ9V1A 5N50D PXD20RM V3023 SFH340 V3023 1605003 1N361104
Product Description
Full Text Search
 

To Download TEA1095T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation supersedes data of 1996 mar 22 file under integrated circuits, ic03 1997 nov 25 integrated circuits tea1095 voice switched speakerphone ic
1997 nov 25 2 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 features external power supply with power-down function transmit channel with: C externally adjustable gain C transmit mute function receive channel with: C externally adjustable gain C logarithmic volume control via a linear potentiometer C receive mute function duplex controller consisting of: C signal envelope and noise envelope monitors for both channels with: externally adjustable sensitivity externally adjustable signal envelope time constant externally adjustable noise envelope time constant C decision logic with: externally adjustable switch-over timing externally adjustable idle mode timing externally adjustable dial tone detector in receive channel C voice switch control with: adjustable switching range constant sum of gain during switching constant sum of gain at different volume settings. applications mains, battery or line-powered telephone sets cordless telephones answering machines fax machines hands-free car kits. general description the tea1095 is a bipolar circuit, that in conjunction with a member of the tea106x, tea111x families of transmission or tea1096 transmission/listening-in circuits offers a hands-free function. it incorporates a transmit amplifier, a receiver channel amplifier and a duplex controller with signal and noise monitors on both channels. ordering information type number package name description version tea1095 dip24 plastic dual in-line package; 24 leads (600 mil) sot101-1 TEA1095T so24 plastic small outline package; 24 leads; body width 7.5 mm sot137-1 TEA1095Ts ssop24 plastic shrink small outline package; 24 leads; body width 5.3 mm sot340-1
1997 nov 25 3 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 quick reference data v bb =5v; v gnd = 0 v; f = 1 khz; t amb =25 c; mutetx = low; muterx = low; pd = low; r vol =0 w ; measured in test circuit of fig.11; unless otherwise speci?ed. symbol parameter conditions min. typ. max. unit v bb supply voltage 2.9 - 12.0 v i bb current consumption from pin v bb - 2.7 3.8 ma g vtx voltage gain from txin to txout in transmit mode v txin = 1 mv (rms); r gatx = 30.1 k w - 15.5 - db d g vtxr voltage gain adjustment with r gatx - 15.5 - +24.5 db g vrx voltage gain from rxin to rxout in receive mode v rxin = 20 mv (rms); r garx = 16.5 k w - 6.5 - db d g vrxr voltage gain adjustment with r garx - 20.5 - +19.5 db swra switching range - 40 - db d swra switching range adjustment with r swr referenced to r swr = 365 k w - 40 - +12 db t amb operating ambient temperature - 25 - +75 c
1997 nov 25 4 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 block diagram fig.1 block diagram. handbook, full pagewidth buffer buffer buffer buffer log log logic voice switch volume control v bb c txin r mic r tsen v ref r gatx r idt c swt r stab r swr r vol c tsen c tenv c tnoi c rnoi c renv c rsen r rsen v dt r garx v bb pd 7 13 15 mutetx transmit channel to transmission circuit duplex controller tea1095 18 24 23 22 19 20 21 4 5 1 txin tsen tenv tnoi rnoi renv rsen garx 2 rxout rxin vol 8 2 9 10 11 12 14 16 17 6 swr stab swt idt txgnd txout gatx gnd to loudspeaker amplifier muterx receive channel 13 mv 13 mv atten- uator from transmission circuit v i i v v i i v mbg350
1997 nov 25 5 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 pinning symbol pin description muterx 1 receiver channel mute input rxin 2 receiver ampli?er input n.c. 3 not connected garx 4 receiver gain adjustment rxout 5 receiver ampli?er output gnd 6 ground reference v bb 7 supply voltage input vol 8 receiver volume adjustment swr 9 switching range adjustment stab 10 reference current adjustment swt 11 switch-over timing adjustment idt 12 idle mode timing adjustment pd 13 power-down input txgnd 14 ground reference for the transmit channel mutetx 15 transmit channel mute input txout 16 transmit ampli?er output gatx 17 transmit gain adjustment txin 18 transmit ampli?er input rnoi 19 receive noise envelope timing adjustment renv 20 receive signal envelope timing adjustment rsen 21 receive signal envelope sensitivity adjustment tnoi 22 transmit noise envelope timing adjustment tenv 23 transmit signal envelope timing adjustment tsen 24 transmit signal envelope sensitivity adjustment fig.2 pin configuration. handbook, halfpage tea1095 mbg349 1 2 3 4 5 6 7 8 9 10 11 12 muterx rxin n.c. garx rxout gnd v bb vol swr stab swt idt tsen tenv tnoi rsen renv rnoi txin gatx txout mutetx txgnd pd 24 23 22 21 20 19 18 17 16 15 14 13
1997 nov 25 6 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 functional description the values given in the functional description are typical values except when otherwise specified. a principle diagram of the tea1096 is shown on the left side of fig.3. the tea1096 is a transmission and listening-in circuit. it incorporates a receiving amplifier for the earpiece, a transmit amplifier for the microphone, a loudspeaker amplifier and a hybrid. for more details on the tea1096 circuit (please refer to data handbook ic03 ). the right side of fig.3 shows a principle diagram of the tea1095, a hands-free add-on circuit with a transmit amplifier, a receiver amplifier and a duplex controller. as can be seen from fig.3, a loop is formed via the sidetone network in the transmission circuit and the acoustic coupling between loudspeaker and microphone of the hands-free circuit. when this loop gain is greater than 1, howling is introduced. in a full duplex application, this would be the case. the loop-gain has to be much lower than 1 and therefore has to be decreased to avoid howling. this is achieved by the duplex controller. the duplex controller of the tea1095 detects which channel has the largest signal and then controls the gains of the transmit amplifier and the receiver amplifier such that the sum of the gains remains constant. as a result, the circuit can be in three stable modes: 1. transmit mode (tx mode): the gain of the transmit amplifier is at its maximum and the gain of the receiver amplifier is at its minimum. 2. receive mode (rx mode): the gain of the receiver amplifier is at its maximum and the gain of the transmit amplifier is at its minimum. 3. idle mode: the gain of the amplifiers is halfway between their maximum and minimum value. the difference between the maximum gain and minimum gain is called the switching range. fig.3 hands-free telephone set principles. handbook, full pagewidth mbg358 hybrid duplex control telephone line acoustic coupling sidetone tea1096 tea1095
1997 nov 25 7 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 supply: pins v bb , gnd and pd the tea1095 must be supplied with an external stabilized voltage source between pins v bb and gnd. in idle mode, without any signal, the internal supply current is 2.7 ma at v bb =5v. to reduce current consumption during pulse dialling or register recall (flash), the tea1095 is provided with a power-down (pd) input. when the voltage on pd is high, the current consumption from v bb is 140 m a. transmit channel: pins txin, gatx, txout, txgnd and mutetx the tea1095 has an asymmetrical transmit input (txin) with an input resistance of 20 k w . the gain of the input stage varies according to the mode of the tea1095. in the transmit mode, the gain is at its maximum; in the receive mode, it is at its minimum and in the idle mode, it is halfway between maximum and minimum. switch-over from one mode to the other is smooth and click-free. the output capability at pin txout is 20 m a (rms). in the transmit mode, the overall gain of the transmit amplifier (from pin txin to txout) can be adjusted from 0 db to 40 db to suit application specific requirements. the gain is proportional to the value of r gatx and equals 15.5 db with r gatx = 30.1 k w . a capacitor must be connected in parallel with r gatx to ensure stability of the transmit amplifier. together with r gatx , it also provides a first-order low-pass filter. by applying a high level on pin mutetx, the transmit amplifier is muted and the tea1095 is automatically forced into the receive mode. fig.4 transmit channel. handbook, full pagewidth mbg357 v i i v c txin v bb r mic mutetx txin from voice switch to envelope detector txgnd txout gatx to transmission circuit r gatx c gatx to logic
1997 nov 25 8 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 receive channel fig.5 receive channel. handbook, full pagewidth mbg356 v i i v r garx c garx garx rxout muterx to loudspeaker amplifier to/from voice switch to envelope detector rxin from transmission circuit vol volume control r vol r eceiver amplifier : pins rxin, garx, rxout and muterx the tea1095 has an asymmetrical input (rxin) for the receiver amplifier with an input resistance of 20 k w . the gain of the input stage varies according to the mode of the tea1095. in the receive mode, the gain is at its maximum; in the transmit mode, it is at its minimum and in the idle mode, it is halfway between maximum and minimum. switch-over from one mode to the other is smooth and click-free. in the receive mode, the overall gain of the receive amplifier can be adjusted from - 14 db to +26 db to suit application specific requirements. the gain from rxin to rxout is proportional to the value of r garx and equals 6.5 db with r garx = 16.5 k w . a capacitor connected in parallel with r garx can be used to provide a first-order low-pass filter. by applying a high level on pin muterx, the receiver amplifier is muted and the tea1095 is automatically forced into the transmit mode. v olume control : pin vol the receiver amplifier gain can be adjusted with the potentiometer r vol . a linear potentiometer can be used to obtain logarithmic control of the gain of the receiver amplifier. each 950 w increase of r vol results in a gain loss of 3 db. the maximum gain reduction with the volume control is internally limited to the switching range. duplex controller s ignal and noise envelope detectors : pins tsen, tenv, tnoi, rsen, renv and rnoi the signal envelopes are used to monitor the signal level strength in both channels. the noise envelopes are used to monitor background noise in both channels. the signal and noise envelopes provide inputs for the decision logic. the signal and noise envelopes detectors are shown in fig.6. for the transmit channel, the input signal at txin is 40 db amplified to tsen. for the receive channel, the input signal at rxin is 0 db amplified to rsen. the signals from tsen and rsen are logarithmically compressed and buffered to tenv and renv respectively. the sensitivity of the envelope detectors is set with r tsen and r rsen .
1997 nov 25 9 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 the capacitors connected in series with the two resistors block any dc component and form a first order high-pass filter. in the basic application (see fig.12), it is assumed that v txin = 1 mv (rms) and v rxin = 100 mv (rms) nominal and both r tsen and r rsen have a value of 10 k w . with the value of c tsen and c rsen at 100 nf, the cut-off frequency is at 160 hz. the buffer amplifiers leading the compressed signals to tenv and renv have a maximum source current of 120 m a and a maximum sink current of 1 m a. together with the capacitors c tenv and c renv , the timing of the signal envelope monitors can be set. in the basic application, the value of both capacitors is 470 nf. because of the logarithmic compression, each 6 db signal increase means 18 mv increase of the voltage on the envelopes tenv or renv at room temperature. thus, timings can be expressed in db/ms. at room temperature, the 120 m a sourced current corresponds to a maximum rise-slope of the signal envelope of 85 db/ms. this is enough to track normal speech signals. the 1 m a current sunk by tenv or renv corresponds to a maximum fall-slope of 0.7 db/ms. this is enough for a smooth envelope and also eliminates the effect of echoes on switching behaviour. to determine the noise level, the signal on tenv and renv are buffered to tnoi and rnoi. these buffers have a maximum source current of 1 m a and a maximum sink current of 120 m a. together with the capacitors c tnoi and c rnoi , the timing can be set. in the basic application of fig.12, the value of both capacitors is 4.7 m f. at room temperature, the 1 m a sourced current corresponds to a maximum rise-slope of the noise envelope of approximately 0.07 db/ms. this is small enough to track background noise and not to be influenced by speech bursts. the 120 m a current that is sunk corresponds to a maximum fall-slope of approximately 8.5 db/ms. however, during the decrease of the signal envelope, the noise envelope tracks the signal envelope so it will never fall faster than approximately 0.7 db/ms. the behaviour of the signal envelope and noise envelope monitors is illustrated in fig.7. fig.6 signal and noise envelope detectors. handbook, full pagewidth mbg355 log log from transmit amplifier from receiver amplifier duplex controller tsen r tsen c tsen c tenv c tnoi r rsen c rsen c renv c rnoi tenv tnoi rsen renv rnoi to logic to logic
1997 nov 25 10 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 fig.7 signal and noise envelope waveforms. handbook, full pagewidth mbg354 input signal signal envelope noise envelope 4 mv (rms) 1 mv (rms) a c c 36 mv 36 mv b b b a b time a: 85 db/ms b: 0.7 db/ms b: 0.7 db/ms c: 0.07 db/ms fig.8 decision logic. handbook, full pagewidth mbg353 13 mv 13 mv tenv tnoi atten- uator renv mutetx rnoi v dt xx11 - 10 m a + 10 m a + 10 m a x10x 1x0x xx10 0 000x 0 v ref r idt c swt swt idt duplex controller logic (note 1) (1) when mutetx = high +10 m a is forced. when muterx = high - 10 m a is forced.
1997 nov 25 11 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 d ecision logic : pins idt and swt the tea1095 selects its mode of operation (transmit, receive or idle mode) by comparing the signal and the noise envelopes of both channels. this is executed by the decision logic. the resulting voltage on pin swt is the input for the voice-switch. to facilitate the distinction between signal and noise, the signal is considered as speech when its envelope is more than 4.3 db above the noise envelope. at room temperature, this is equal to a voltage difference v env - noi = 13 mv. this so called speech/noise threshold is implemented in both channels. the signal on txin contains both speech and the signal coming from the loudspeaker (acoustic coupling). when receiving, the contribution from the loudspeaker overrules the speech. as a result, the signal envelope on tenv is formed mainly by the loudspeaker signal. to correct this, an attenuator is connected between tenv and the tenv/renv comparator. its attenuation equals that applied to the transmit amplifier. when a dial tone is present on the line, without monitoring, the tone would be recognized as noise because it is a signal with a constant amplitude. this would cause the tea1095 to go into the idle mode and the user of the set would hear the dial tone fade away. to prevent this, a dial tone detector is incorporated which, in standard application, does not consider the input signals at rxin as noise when they have a level greater than 42 mv (rms). this level is proportional to r rsen . as can be seen from fig.8, the output of the decision logic is a current source. the logic table gives the relationship between the inputs and the value of the current source. it can charge or discharge the capacitor c swt with a current of 10 m a (switch-over). if the current is zero, the voltage on swt becomes equal to the voltage on idt via the high ohmic resistor r idt (idling). the resulting voltage difference between swt and idt determines the mode of the tea1095 and can vary between - 400 mv and +400 mv. table 1 modes of tea1095 v swt - v idt (mv) mode < - 180 transmit mode 0 idle mode >180 receive mode the switch-over timing can be set with c swt , the idle mode timing with c swt and r idt . in the basic application given in fig.12, c swt is chosen at 220 nf and r idt at 2.2 m w . this enables a switch-over time from transmit to receive mode or vice-versa of approximately 13 ms (580 mv swing on swt). the switch-over time from idle mode to transmit mode or receive mode is approximately 4 ms (180 mv swing on swt). the switch-over time from receive mode or transmit mode to idle mode is equal to 4 r idt c swt and is approximately 2 s (idle mode time). the inputs mutetx and muterx overrule the decision logic. when mutetx goes high, the capacitor c swt is charged with 10 m a resulting in the receive mode. when the voltage on pin muterx goes high, the capacitor c swt is discharged with 10 m a resulting in the transmit mode. v oice - switch : pins stab and swr a diagram of the voice-switch is illustrated in fig.9. with the voltage on swt, the tea1095 voice-switch regulates the gains of the transmit and the receive channel such that the sum of both is kept constant. in the transmit mode, the gain of the transmit amplifier is at its maximum and the gain of the receive amplifier is at its minimum. in the receive mode, the opposite applies. in the idle mode, both transmit and receive amplifier gains are halfway. the difference between maximum and minimum is the so called switching range. this range is determined by the ratio of r swr and r stab and is adjustable between 0 and 52 db. r stab should be equal to 3.65 k w and sets an internally used reference current. in the basic application diagram given in fig.12, r swr is equal to 365 k w which results in a switching range of 40 db. the switch-over behaviour is illustrated in fig.10. in the receive mode, the gain of the receive amplifier can be reduced using the volume control. since the voice-switch keeps the sum of the gains constant, the gain of the transmit amplifier is increased at the same time (see dashed curves in fig.10). in the transmit mode however, the volume control has no influence on the gain of the transmit amplifier or the gain of the receive amplifier. consequently, the switching range is reduced when the volume is reduced. at maximum reduction of volume, the switching range becomes 0 db.
1997 nov 25 12 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 fig.9 voice switch. handbook, full pagewidth g vtx + g vrx = c voice switch r stab r swr stab swr to transmit amplifier from swt from volume control to receive amplifier duplex controller mbg352 where c = constant. fig.10 switch-over behaviour. handbook, halfpage - 400 - 200 0 + 400 + 200 g vtx, g vrx v swt - v idt (mv) g vtx r vol ( w ) 5700 3800 idle mode 1900 0 0 1900 3800 5700 (10 db/div) tx mode rx mode g vrx mbg351
1997 nov 25 13 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 limiting values in accordance with the absolute maximum rating system (iec 134). thermal characteristics characteristics v bb =5v; v gnd = 0 v; f = 1 khz; t amb =25 c; mutetx = low; muterx = low; pd = low; r vol =0 w ; measured in test circuit of fig.11; unless otherwise speci?ed. symbol parameter conditions min. max. unit v n(max) maximum voltage on all pins; except pins v bb and rxin v gnd - 0.4 v bb + 0.4 v v rin(max) maximum voltage on pin rxin v gnd - 1.2 v bb + 0.4 v v bb(max) maximum voltage on pin v bb v gnd - 0.4 12.0 v t stg ic storage temperature - 40 +125 c t amb operating ambient temperature - 25 +75 c symbol parameter value unit r th j-a thermal resistance from junction to ambient in free air tea1095 50 k/w TEA1095T 75 k/w TEA1095Ts 104 k/w symbol parameter conditions min. typ. max. unit supply (v bb , pd and gnd) v bb supply voltage 2.9 - 12.0 v i bb current consumption from pin v bb - 2.7 3.8 ma p ower - down input pd v il low level input voltage v gnd - 0.4 - 0.3 v v ih high level input voltage 1.5 - v bb + 0.4 v i pd power-down input current pd = high - 2.5 5 m a i bb(pd) current consumption from pin v bb in power-down mode pd = high - 140 190 m a transmit channel (txin, gatx, txout, mutetx and txgnd) t ransmit amplifier ? z i ? input impedance between pins txin and txgnd 17 20 23 k w g vtx voltage gain from txin to txout in transmit mode v txin = 1 mv (rms); r gatx = 30.1 k w - 15.5 - db d g vtxr voltage gain adjustment with r gatx - 15.5 - +24.5 db d g vtxt voltage gain variation with temperature referenced to 25 c v txin = 1 mv (rms); t amb = - 25 to +75 c - 0.3 - db
1997 nov 25 14 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 d g vtxf voltage gain variation with frequency referenced to 1 khz v txin = 1 mv (rms); f = 300 to 3400 hz - 0.3 - db v notx noise output voltage at pin txout pin txin connected to txgnd through 200 w in series with 10 m f; psophometrically weighted (p53 curve) -- 100 - dbmp t ransmit mute input mutetx v il low level input voltage v gnd - 0.4 - 0.3 v v ih high level input voltage 1.5 - v bb + 0.4 v i mutetx input current mutetx = high - 2.5 5 m a d g vtxm voltage gain reduction with mutetx active mutetx = high - 80 - db receive channel (rxin, garx, rxout and muterx) r eceive amplifier ? z i ? input impedance between pins rxin and gnd 17 20 23 k w g vrx voltage gain from rxin to rxout in receive mode v rxin = 20 mv (rms); r garx = 16.5 k w - 6.5 - db d g vrxr voltage gain adjustment with r garx - 20.5 - +19.5 db d g vrxt voltage gain variation with temperature referenced to 25 c v rxin = 20 mv (rms); t amb = - 25 to +75 c - 0.3 - db d g vrxf voltage gain variation with frequency referenced to 1 khz v rxin = 20 mv (rms); f i = 300 to 3400 hz - 0.3 - db v norx(rms) noise output voltage at pin rxout (rms value) input rxin short-circuited through 200 w in series with 10 m f; psophometrically weighted (p53 curve) - 20 -m v d g vrxv voltage gain variation referenced to d r vol = 950 w when total attenuation does not exceed the switching range - 3 - db r eceive mute input muterx v il low level input voltage v gnd - 0.4 - 0.3 v v ih high level input voltage 1.5 - v bb + 0.4 v i muterx input current muterx = high - 2.5 5 m a symbol parameter conditions min. typ. max. unit
1997 nov 25 15 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 d g vrxm gain reduction with muterx active muterx = high - 80 - db envelope and noise detectors (tsen, tenv, tnoi, rsen, renv and rnoi) p reamplifiers g v(tsen) voltage gain from txin to tsen - 40 - db g v(rsen) voltage gain between rxin to rsen - 0 - db l ogarithmic compressor and sensitivity adjustment j det(tsen) sensitivity detection on pin tsen; voltage change on pin tenv when doubling the current from tsen i tsen = 0.8 to 160 m a - 18 - mv j det(rsen) sensitivity detection on pin rsen; voltage change on pin renv when doubling the current from rsen i rsen = 0.8 to 160 m a - 18 - mv s ignal envelope detectors i source(env) maximum current sourced from pin tenv or renv - 120 -m a i sink(env) maximum current sunk by pin tenv or renv 0.75 1 1.25 m a d v env voltage difference between pins renv and tenv when 10 m a is sourced from both rsen and tsen; envelope detectors tracking; note 1 - 3 - mv n oise envelope detectors i source(noi) maximum current sourced from pins tnoi or rnoi 0.75 1 1.25 m a i sink(noi) maximum current sunk by pins tnoi or rnoi - 120 -m a d v noi voltage difference between pins rnoi and tnoi when 2 m a is sourced from both rsen and tsen; noise detectors tracking; note 1 - 3 - mv d ial tone detector v rindt(rms) threshold level at pin rxin (rms value) - 42 - mv symbol parameter conditions min. typ. max. unit
1997 nov 25 16 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 notes 1. corresponds to 1 db tracking. 2. corresponds to 4.3 db noise/speech recognition level. decision logic (idt and swt) s ignal recognition d v srx(th) threshold voltage between pins renv and rnoi to switch-over from receive to idle mode v rxin < v rindt ; note 2 - 13 - mv d v stx(th) threshold voltage between pins tenv and tnoi to switch-over from transmit to idle mode note 2 - 13 - mv s witch - over i source(swt) current sourced from pin swt when switching to receive mode 7.5 10 12.5 m a i sink(swt) current sunk by pin swt when switching to transmit mode 7.5 10 12.5 m a i idle(swt) current sourced from pin swt in idle mode - 0 -m a voice switch (stab and swr) swra switching range - 40 - db d swra switching range adjustment with r swr referenced to r swr = 365 k w - 40 - +12 db ?d g v ? voltage gain variation from transmit mode to idle mode on both channels - 20 - db g tr gain tracking (g vtx +g vrx ) during switching, referenced to idle mode - 0.5 - db symbol parameter conditions min. typ. max. unit
1997 nov 25 17 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 test and application information handbook, full pagewidth r gatx c gatx c rxin mutetx txout gatx rxin txgnd gnd 21 20 19 24 23 22 1 8 idt rsen renv rnoi tsen tenv tnoi muterx vol rxout garx txin pd v bb r idt c swt 220 nf swt stab swr 2.2 m w r stab 3.65 k w 365 k w r swr c vbb 16.5 k w 10 m f 4.7 m f 5.0 v 220 nf c txin r garx c garx r vol c tnoi c tenv 470 nf c tsen 100 nf c rnoi 4.7 m f c renv 470 nf c rsen 100 nf r rsen 10 k w 30.1 k w r tsen 10 k w 15 12 11 10 9 7 13 18 4 5 6 14 2 17 16 220 nf tea1095 mbg359 fig.11 test circuit.
1997 nov 25 18 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 handbook, full pagewidth tea106x tea1095 line v cc v ee slpe ln qr + mic - mic + r rsen c rsen r garx c garx c renv c rnoi c tsen c tnoi c tenv c txin c swt r txin r swr v vbb c vbb c lsp 10 k w 30.1 k w 20 w 2.2 k w 365 k w r stab r idt 3.65 k w 2.2 m w 16.5 k w c rxout 100 nf + 5 v r9 6 14 17 16 2 18 7 3 4 21 20 19 24 23 22 8 5 620 w r1 r tsen r vol 10 k w 100 nf c rxin c gatx r gatx 100 nf 470 nf 470 nf 4.7 m f 100 m f c1 4.7 m f 10 m f 100 nf 100 nf 220 nf 13 rxin pd mutetx muterx idt swt swr stab txout gatx txgnd gnd rsen renv rnoi tsen tenv tnoi vol txin v bb garx n.c. rxout 15 1 12 11 10 9 c7 100 nf c8 100 nf loudspeaker amplifier lsp from microcontroller mbg360 fig.12 basic application diagram.
1997 nov 25 19 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 handbook, full pagewidth interrupter s1 dp s2 s3 s4 + mutet mutetx mutet txout txgnd hsqrp rxin gnd r5 r7 r4 r1 r2 r6 r3 15 1 13 c1 v bb v bb v ee v dd c dll c qls c qrp c rxin c hftxin c txin c vbb c rxout 47 m f c vdd 100 m f r dd 390 w r slpe 20 w 10 m f 100 m f 470 m f c hsmic 100 m f 100 nf c micp 100 nf c micm 100 nf 100 nf hftxin hfqls 470 nf dtmf dtmf hsmic qrp qls s1 s2 s4 s3 micm micp ln dll/ dil lsi slpe vol txin rxout muterx from microcontroller pd 16 7 18 8 5 2 14 6 tip ring tea1096 tea1095 100 nf r vol micro- controller mbg361 fig.13 application example. mode switch mutet s1 s2 s3 s4 hands-free open open txout open low handset closed closed hsmic open dont care handset plus listening-in open closed hsmic closed high
1997 nov 25 20 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 package outlines unit a max. 1 2 b 1 cd e e m h l references outline version european projection issue date iec jedec eiaj mm inches dimensions (inch dimensions are derived from the original mm dimensions) sot101-1 92-11-17 95-01-23 a min. a max. b w m e e 1 1.7 1.3 0.53 0.38 0.32 0.23 32.0 31.4 14.1 13.7 3.9 3.4 0.25 2.54 15.24 15.80 15.24 17.15 15.90 2.2 5.1 0.51 4.0 0.066 0.051 0.021 0.015 0.013 0.009 1.26 1.24 0.56 0.54 0.15 0.13 0.01 0.10 0.60 0.62 0.60 0.68 0.63 0.087 0.20 0.020 0.16 051g02 mo-015ad m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 24 1 13 12 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. z max. (1) (1) (1) dip24: plastic dual in-line package; 24 leads (600 mil) sot101-1
1997 nov 25 21 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p q z y w v q references outline version european projection issue date iec jedec eiaj mm inches 2.65 0.30 0.10 2.45 2.25 0.49 0.36 0.32 0.23 15.6 15.2 7.6 7.4 1.27 10.65 10.00 1.1 1.0 0.9 0.4 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 1.1 0.4 sot137-1 x 12 24 w m q a a 1 a 2 b p d h e l p q detail x e z c l v m a 13 (a ) 3 a y 0.25 075e05 ms-013ad pin 1 index 0.10 0.012 0.004 0.096 0.089 0.019 0.014 0.013 0.009 0.61 0.60 0.30 0.29 0.050 1.4 0.055 0.419 0.394 0.043 0.039 0.035 0.016 0.01 0.25 0.01 0.004 0.043 0.016 0.01 e 1 0 5 10 mm scale so24: plastic small outline package; 24 leads; body width 7.5 mm sot137-1 95-01-24 97-05-22
1997 nov 25 22 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 unit a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec eiaj mm 0.21 0.05 1.80 1.65 0.38 0.25 0.20 0.09 8.4 8.0 5.4 5.2 0.65 1.25 7.9 7.6 0.9 0.7 0.8 0.4 8 0 o o 0.13 0.1 0.2 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.20 mm maximum per side are not included. 1.03 0.63 sot340-1 mo-150ag 93-09-08 95-02-04 x w m q a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 112 24 13 0.25 y pin 1 index 0 2.5 5 mm scale ssop24: plastic shrink small outline package; 24 leads; body width 5.3 mm sot340-1 a max. 2.0
1997 nov 25 23 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 soldering introduction there is no soldering method that is ideal for all ic packages. wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. however, wave soldering is not always suitable for surface mounted ics, or for printed-circuits with high population densities. in these situations reflow soldering is often used. this text gives a very brief insight to a complex technology. a more in-depth account of soldering ics can be found in our ic package databook (order code 9398 652 90011). dip s oldering by dipping or by wave the maximum permissible temperature of the solder is 260 c; solder at this temperature must not be in contact with the joint for more than 5 seconds. the total contact time of successive solder waves must not exceed 5 seconds. the device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (t stg max ). if the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. r epairing soldered joints apply a low voltage soldering iron (less than 24 v) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. if the temperature of the soldering iron bit is less than 300 c it may remain in contact for up to 10 seconds. if the bit temperature is between 300 and 400 c, contact may be up to 5 seconds. so and ssop r eflow soldering reflow soldering techniques are suitable for all so and ssop packages. reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. several techniques exist for reflowing; for example, thermal conduction by heated belt. dwell times vary between 50 and 300 seconds depending on heating method. typical reflow temperatures range from 215 to 250 c. preheating is necessary to dry the paste and evaporate the binding agent. preheating duration: 45 minutes at 45 c. w ave soldering wave soldering is not recommended for ssop packages. this is because of the likelihood of solder bridging due to closely-spaced leads and the possibility of incomplete solder penetration in multi-lead devices. if wave soldering cannot be avoided, the following conditions must be observed: a double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. the longitudinal axis of the package footprint must be parallel to the solder flow and must incorporate solder thieves at the downstream end. even with these conditions, only consider wave soldering ssop packages that have a body width of 4.4 mm, that is ssop16 (sot369-1) or ssop20 (sot266-1) . during placement and before soldering, the package must be fixed with a droplet of adhesive. the adhesive can be applied by screen printing, pin transfer or syringe dispensing. the package can be soldered after the adhesive is cured. maximum permissible solder temperature is 260 c, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 c within 6 seconds. typical dwell time is 4 seconds at 250 c. a mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. r epairing soldered joints fix the component by first soldering two diagonally- opposite end leads. use only a low voltage soldering iron (less than 24 v) applied to the flat part of the lead. contact time must be limited to 10 seconds at up to 300 c. when using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 c.
1997 nov 25 24 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 definitions life support applications these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. data sheet status objective speci?cation this data sheet contains target or goal speci?cations for product development. preliminary speci?cation this data sheet contains preliminary data; supplementary data may be published later. product speci?cation this data sheet contains ?nal product speci?cations. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the speci?cation.
1997 nov 25 25 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 notes
1997 nov 25 26 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 notes
1997 nov 25 27 philips semiconductors product speci?cation voice switched speakerphone ic tea1095 notes
internet: http://www.semiconductors.philips.com philips semiconductors C a worldwide company ? philips electronics n.v. 1997 sca56 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. +31 40 27 82785, fax. +31 40 27 88399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. +64 9 849 4160, fax. +64 9 849 7811 norway: box 1, manglerud 0612, oslo, tel. +47 22 74 8000, fax. +47 22 74 8341 philippines: philips semiconductors philippines inc., 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. +63 2 816 6380, fax. +63 2 817 3474 poland: ul. lukiska 10, pl 04-123 warszawa, tel. +48 22 612 2831, fax. +48 22 612 2327 portugal: see spain romania: see italy russia: philips russia, ul. usatcheva 35a, 119048 moscow, tel. +7 095 755 6918, fax. +7 095 755 6919 singapore: lorong 1, toa payoh, singapore 1231, tel. +65 350 2538, fax. +65 251 6500 slovakia: see austria slovenia: see italy south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 7430 johannesburg 2000, tel. +27 11 470 5911, fax. +27 11 470 5494 south america: al. vicente pinzon, 173, 6th floor, 04547-130 s?o paulo, sp, brazil, tel. +55 11 821 2333, fax. +55 11 821 2382 spain: balmes 22, 08007 barcelona, tel. +34 3 301 6312, fax. +34 3 301 4107 sweden: kottbygatan 7, akalla, s-16485 stockholm, tel. +46 8 632 2000, fax. +46 8 632 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. +41 1 488 2686, fax. +41 1 481 7730 taiwan: philips semiconductors, 6f, no. 96, chien kuo n. rd., sec. 1, taipei, taiwan tel. +886 2 2134 2865, fax. +886 2 2134 2874 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, tel. +66 2 745 4090, fax. +66 2 398 0793 turkey: talatpasa cad. no. 5, 80640 gltepe/istanbul, tel. +90 212 279 2770, fax. +90 212 282 6707 ukraine : philips ukraine, 4 patrice lumumba str., building b, floor 7, 252042 kiev, tel. +380 44 264 2776, fax. +380 44 268 0461 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. +44 181 730 5000, fax. +44 181 754 8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. +1 800 234 7381 uruguay: see south america vietnam: see singapore yugoslavia: philips, trg n. pasica 5/v, 11000 beograd, tel. +381 11 625 344, fax.+381 11 635 777 for all other countries apply to: philips semiconductors, international marketing & sales communications, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, fax. +31 40 27 24825 argentina: see south america australia: 34 waterloo road, north ryde, nsw 2113, tel. +61 2 9805 4455, fax. +61 2 9805 4466 austria: computerstr. 6, a-1101 wien, p.o. box 213, tel. +43 160 1010, fax. +43 160 101 1210 belarus: hotel minsk business center, bld. 3, r. 1211, volodarski str. 6, 220050 minsk, tel. +375 172 200 733, fax. +375 172 200 773 belgium: see the netherlands brazil: see south america bulgaria: philips bulgaria ltd., energoproject, 15th floor, 51 james bourchier blvd., 1407 sofia, tel. +359 2 689 211, fax. +359 2 689 102 canada: philips semiconductors/components, tel. +1 800 234 7381 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. +852 2319 7888, fax. +852 2319 7700 colombia: see south america czech republic: see austria denmark: prags boulevard 80, pb 1919, dk-2300 copenhagen s, tel. +45 32 88 2636, fax. +45 31 57 0044 finland: sinikalliontie 3, fin-02630 espoo, tel. +358 9 615800, fax. +358 9 61580920 france: 51 rue carnot, bp317, 92156 suresnes cedex, tel. +33 1 40 99 6161, fax. +33 1 40 99 6427 germany: hammerbrookstra?e 69, d-20097 hamburg, tel. +49 40 23 53 60, fax. +49 40 23 536 300 greece: no. 15, 25th march street, gr 17778 tavros/athens, tel. +30 1 4894 339/239, fax. +30 1 4814 240 hungary: see austria india: philips india ltd, band box building, 2nd floor, 254-d, dr. annie besant road, worli, mumbai 400 025, tel. +91 22 493 8541, fax. +91 22 493 0966 indonesia: see singapore ireland: newstead, clonskeagh, dublin 14, tel. +353 1 7640 000, fax. +353 1 7640 200 israel: rapac electronics, 7 kehilat saloniki st, po box 18053, tel aviv 61180, tel. +972 3 645 0444, fax. +972 3 649 1007 italy: philips semiconductors, piazza iv novembre 3, 20124 milano, tel. +39 2 6752 2531, fax. +39 2 6752 2557 japan: philips bldg 13-37, kohnan 2-chome, minato-ku, tokyo 108, tel. +81 3 3740 5130, fax. +81 3 3740 5077 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. +82 2 709 1412, fax. +82 2 709 1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. +60 3 750 5214, fax. +60 3 757 4880 mexico: 5900 gateway east, suite 200, el paso, texas 79905, tel. +9-5 800 234 7381 middle east: see italy printed in the netherlands 417027/1200/03/pp28 date of release: 1997 nov 25 document order number: 9397 750 03122


▲Up To Search▲   

 
Price & Availability of TEA1095T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X