Part Number Hot Search : 
28F00 MBT3906 TLP3212 TC74A KT835 MDT10 RF151 SI9801DY
Product Description
Full Text Search
 

To Download RC1206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. c / j j 2007 - 08 - 10 RC1206 thick film chip resistor general purpose taitron componen t s incorporated www.taitroncomponents.com page 1 of 7 tel: (800) - taitron (800) - 824 - 8766 (661) - 257 - 6060 fax: (800)-taitfax (800)-824-8329 (661)-257-6415 thick film chip resistor ? general purpose features ? small and light weight ? excellent heat resistance and moisture resistance ? suitable size and packaging for surface mount assembly ? rohs compliant applications ? for general purpose applications ? for laptop and notebook computer, memory module, digital camera and telecommunication equipment absolute maximum rati ngs & characteristics product number mm tolerance power rating @70 ? c max working voltage max overload voltage tcr ppm/ resistance range rated working temperature 200 1 ? ~ 9.76 ? 100 10 ? ~ 1m ? RC1206 3216 j: 5% f: 1% 1/4w 200v 400v 200 1.02m ? ~ 10m ? -55 ~+155 *jumper product number jumper rated current resistance rated working temperature RC1206 2a 50m ? (max.) -55 ~+155
rev. c / j j 2007 - 08 - 10 www.taitroncomponents.com page 2 of 7 thick f ilm chip resistor ? general purpose RC1206 power derating curve for resistors operate in the ambient temperature over 70 ? c, loading power ratio will de-rate in accordance with following curve. soldering condition max. dissipation of rated power as a function of the ambient temperature ir reflow soldering wave soldering (flow soldering) percentage of the rated dissipation (%) ambient temperature ( )
rev. c / j j 2007 - 08 - 10 www.taitroncomponents.com page 3 of 7 thick f ilm chip resistor ? general purpose RC1206 dimensions (in mm) product number mm l w h a b average weight RC1206 3216 3.10 0.10 1.55 0.10 0.55 0.10 0.50 0.25 0.50 0.20 8.84 mg marking (1) 5% tolerance (j): 3 digits, the first two digits are significant figures; the third digit is number of zeros to follow. letter ?r? is as decimal point; letter ?0? for jumper. (2) 1% tolerance (f): 4 digits, the first three di gits are significant figures; the fourth digit is number of zeros. letter ?r? is as decimal point; letter ?0? for jumper. examples: 3 digits marking (5%) 4 digits marking (1%) 68 3 = 68x10 3 ? jumper 6812 = 681x10 2 ? = 68000 ? = 68k ? = 68100 ? = 68.1k ? 7 r 5 = 7.5 ?
rev. c / j j 2007 - 08 - 10 www.taitroncomponents.com page 4 of 7 thick f ilm chip resistor ? general purpose RC1206 test and requirements requirement test item test method test condition 1% 5% jumper temperature coefficient of resistance(t.c.r.) jis c 5201 4.8 iec 60115-1 4.8 -55c~+155,20c is the reference temperature within the specification short time overload jis c 5201 4.13 iec 60115-1 4.13 2.5 times rcwv or max. overload voltage for 5 seconds (1.0%+0.05 ? ) (2.0%+0.05 ? ) <50m ? insulation resistance jis c 5201 4.6 iec 60115-1 4.6 max. overload voltage for 1 minute 10g voltage proof jis c 5201 4.7 iec 60115-1 4.7 1.42 times rcwv (rms) for 1 minute no breakdown or flashover substrate bending test jis c 5201 4.33 iec 60115-1 4.33 bending once with 5 seconds for 3 mm (1.0%+0.05 ? ) (1.0%+0.05 ? ) <50m ? resistance to soldering heat jis c 5201 4.18 iec 60115 4.18 2605c for 10 seconds (0.5%+0.05 ? ) (1.0%+0.05 ? ) <50m ? leaching jis c 5201 4.18 iec 60115 4.18 2605c for 60 seconds no leaching solderability jis c 5201 4.17 iec 60115-1 4.17 2455c for 3 seconds. >95% coverage endurance at upper category temperature jis c 5201 4.23 iec 60115-1 2.23.2 at +155c for 1000 hrs (1.0%+0.05 ? ) (1.5%+0.10 ? ) <50m ? rapid change of temperature jis c 5201 4.19 iec 60115-1 4.19 -55c to +155c, 5 cycles (0.5%+0.05 ? ) (1.0%+0.05 ? ) <50m ? damp heat with load jis 5201 4.24 402c, 90~95% r.h. or max. working voltage for 1000 hrs with 1.5hrs ?on? and 0.5 hrs ?off? (2.0%+0.10 ? ) (3.0%+0.10 ? ) <100m ? endurance jis c 5201 4.25 iec 60115-1 4.25.1 702c, rcwv or max. working voltage for 1000 hrs with 1.5 hrs ?on? and 0.5 hrs ?off? (2.0%+0.10 ? ) (3.0%+0.10 ? ) <100m ? note: rcwv rated continuous working voltage. rcwv= rated power (w) resistance value (r)
rev. c / j j 2007 - 08 - 10 www.taitroncomponents.com page 5 of 7 thick f ilm chip resistor ? general purpose RC1206 packing information: carrier tape dimensions (in mm) type a b w e f p0 p1 p2 d0 t RC1206 1.900.1 3.500.2 8.00.2 1.750.1 3.50.05 4.00.1 4.00.05 2.00.05 1.5+0.1/-0 0.850.1 reel dimensions (in mm) reel diameter pcs per reel a b c w t 7?? 5,000 180+0/-3 60+1/-0 13.00.2 9.00.5 11.41 13?? 20,000 3301 1001 13.00.2 9.50.5 13.51 carton information pcs per carton carton size 300,000 400x400x200 ( in mm)
rev. c / j j 2007 - 08 - 10 www.taitroncomponents.com page 6 of 7 thick f ilm chip resistor ? general purpose RC1206 1206(inch): 3.21.6(mm) cross to 3216(mm) resistance value code (in ohm) j series (e-24) 3 digit coding system ?000? for jumper f series (e-24/e-96) 4 digit coding system chip resistor ? general purpose factory location code resistance tolerance j: 5%; (f: 1%; available upon request) packing code bl: bulk, rohs tr70: tape and reel, 7?reel, rohs how to order rc 1206 j 103 - xx - tr70
rev. c / j j 2007 - 08 - 10 www.taitroncomponents.com page 7 of 7 thick f ilm chip resistor ? general purpose RC1206 how to contact us: us headquarters 28040 west harrison parkaway, valencia, ca 91355-4162 tel: (800) taitron (800) 824-8766 (661) 257-6060 fax: (800) taitfax (800) 824-8329 (661) 257-6415 email: taitron@taitroncomponents.com http:// www.taitroncomponents.com taitron components mexico, s.a .de c.v. boulevard central 5000 interior 5 parque industrial atitalaquia, hidalgo c.p. 42970 mexico tel: +52-55-5560-1519 fax: +52-55-5560-2190 taitron componets incorporated, shanghai representative office metrobank plasa, 1160 west yan?an road, suite 1502, shanghai, 200052,china tel: +86-21-5424-9942 fax: +86-21-5424-9931 taitron componets incorporated e representa??es do brasil ltda rua domingos de morais, 2777, 2.andar, sala 24 sade - s?o paulo-sp 04035-001 brazil tel: +55-11-5574-7949 fax: +55-11-5572-0052


▲Up To Search▲   

 
Price & Availability of RC1206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X