Part Number Hot Search : 
M54685E T93C56 74HC53 PC184 SM5168CX SR170S MMBZ5 10X687M0
Product Description
Full Text Search
 

To Download R380500314 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  22 www.pulseeng.com g003.u (2/07) pulse's new line of wireless access point antennas offers flexible and economical solutions for wireless device oems. these ant ennas offer superior transmission and reception between wireless access points. they are compatible with ieee 802.11a/b/g/n, bluetoot h and zigbee applications, as well as other products that utilize ism frequency bands. all wireless access point antennas are rohs compliant. for high-volume orders, pulse can custom design antennas for oems. this includes alternative frequencies and a varie ty of cables/connectors for antenna assemblies. pulse also manufactures build-to-print internal antennas that feature a variety of stamped metal and pcb configurations. pulse's wide array of antenna selections provide solutions to gsm, cdma, wcdma, wimax, wifi tm , gps, zigbee tm , bluetooth ? , uwb, ism, dvb-h, mediaflo tm , dmb-s, satellite radios, dect and other custom applications. please pick antennas from these charts at http://www.pulsefinland.com/index.php?271. click on the part number to access the corresponding data sheet. please contact pulse for additional information on products not covered in this catalog. part frequency max mechanical application/standar application/standar d d number gain (dbi) length 3 w1047 900mhz 1.0 6.65/169 ism 900mhz w1063 900mhz 3.0 6.65/169 ism 900mhz w1030 2.4ghz 2.0 3.25/82.5 802.11b/g/n, bluetooth, zigbee w1031 2.4ghz 2.0 3.25/82.5 802.11b/g/n, bluetooth, zigbee w1034 2.4ghz 2.0 4.21/107 802.11b/g/n, bluetooth, zigbee w1037 2.4ghz 3.2 6.65/169 802.11b/g/n, bluetooth, zigbee w1038 2.4ghz 4.9 6.65/169 802.11b/g/n, bluetooth, zigbee w1027 2.4ghz 3.2 4.88/124 802.11b/g/n, bluetooth, zigbee 1. antennas come standard with r-sma connectors, unless otherwise specified. 2. these part numbers are lead-free and rohs compliant. no additional suffix or identifier is required. 3. inches /millimeters part frequency max mechanical application/standard number (ghz) gain (dbi) length 3 w1043 2.4 & 5.0 2.0 4.59/117 802.11a/b/g/n, bluetooth, zigbee w1045 2.4 & 5.0 2.0 4.13/105 802.11a/b/g/n, bluetooth, zigbee w1028 5.15 & 5.85 2.0 4.88/124 802.11a/b/g/n, ism 5.8ghz 1. antennas come standard with r-sma connectors, unless otherwise specified. 2. these part numbers are lead-free and rohs compliant. no additional suffix or identifier is required. 3. inches /millimeters antennas for wireless devices antennas for mobile phones single-band 1, 2 dual-band 1, 2 antennas for wireless access point solutions for mobile phone antennas pulses customized antennas for mobile phones are based on a thorough knowledge of the design of modern handsets, the antenna requirements, and the challenges of devices functioning in multiradio environments. pulse has extensive experience in main antenna design and utilizes technologies such as sheet metals, flex radiators and cerami c solutions. pulse products offer optimal and well-proven solutions for each application and form factor. the product range for mobile phones includes main and complementary antennas and integrated antenna modules. antennas antennas
helical antennas ceramic antennas internal and surface mount antenna solutions pulse offers a wide range of standardized internal and surface mount antennas (smd) for wireless device applications. pulse?s c eramic technology results in robust antenna designs that have outstanding performance. these antennas have an inherent immunity to surrounding antenna signals and hand-effect, making them exceptionally suitable solutions for small hand-held devices with mult iple antennas. pulse's helical antenna technology provides high-performance antennas in a small package that can be easily deployed. these ceramic and helical antennas require minimal ground plane removal for operation, which means saved board space and economical implementation. the smd compatibility of pulse?s antenna products makes them simple and easy to mount. antennas for wireless devices (continued) surface mount antennas for wireless devices 1, 2 part application/type antenna mount type/ frequency rhcp gain 5 max gain efficiency return number size 4 gc 3 area range (mhz) (dbic) (dbi) (%/db) loss ( db) 2,7 (peak) 64/-1,9 (peak) w3006 wlan, dualband 10.0x3.2x1.5 smd 2400-2483.5 ? 2,2 (band edges) 62/-2,0 (band edges) -8 ceramic 11.00x6.00 5150-5850 4,1 (peak) 68/-1,7 (peak) 3,0 (band edges) 57/-2,4 (band edges) w3008 bluetooth ? 3.2x1.6x1.1 smd 2400-2483.5 ? 1,7 (peak) 70/-1,6 (peak) -8 ceramic 4.00x4.25 0,7 (band edges) 55/-2,6 (band edges) bluetooth/ smd 2,2 (peak) 75/-1,3 (peak) w3008 wifi tm /wlan 3.2x1.6x1.1 4.00x6.25 2400-2483.5 ? 1,9 (band edges) 70/-1,6 (band edges) -11 ceramic w3010 gps 10.0x3.2x2.0 smd 1575.42 -0,2 (peak) 2,8 (peak) 75/-1,25 (peak) -18 ceramic 10.60x6.25 10 -0,7 (band edges) 2,3 (band edges) 70/-1,55 (band edges) w3017 satellite radio 3.2x1.6x1.1 smd 2320-2345 ? 2,7 (peak) 75/-1,2 (peak) -10 ceramic 4.00x4.25 -2,5 (band edges) 70/-1,55 (band edges) w3020 wimax 3.2x1.6x1.1 smd 2500-2690 ? 3 (peak) 8/-1 (peak) -5.5 ceramic 4.00x6.25 0,3 (band edges) 50/-3 (band edges) w3108 wifi 5.0x2.5x5.5 smd 2400-2483.5 ? 1,5 50/-3 -8 helical 7.50x5.50 w3110 gps 5.0x2.5x5.5 smd 1575.42 -0,9 (peak) 1,3 (peak) 47/-3,2 (peak) -9 helical 7.50x5.50 10 -1,1 (band edges) 1,2 (band edges) 45/-3,5 (band edges) w3112 ism900 2.5x8.0x8.0 smd 902-928 ? 0,9 (peak) 67/-1,7 (peak) -10 helical 6.00x11.00 -0,3 (band edges) 50/-3 (band edges) w3113 ism900 12.4x8.0x2.5 smd 902-928 ? 0,8 (peak) 66/-1,8 (peak) -10 helical 8.00x40.00 -0,3 (band edges) 51/-2,9 (band edges) w3018 dmb-s 3.2x1.6x1.1 smd 2605-2655 ? 3 (peak) 85/-0,7 (peak) -10 ceramic 4.00x4.25 2,5 (band edges 80/-1 (band edges) w3024 mediaflo tm 10x3.2x4 smd 716-722 ? 2 (peak) 75/-1,25 (peak) -8 ceramic 10.60x10.25 1,5 (band edges 70/-1,55 (band edges) w3510 dvb-h eu 45x7x6 clearance to 470-750 ? -9 @ 470 mhz ? -3 planar ground 7mm -6 @ 750 mhz 1. all antennas are rohs compliant. 2. impedance 50 , operating temperature -40c to +85c 3. gc = ground clearance, mm 4. millimeters (mm) 5. ? ? = na antennas g003.u (2/07) www.pulseeng.com 23 antennas
24 www.pulseeng.com g003.u (2/07) the larsen antenna product line offers the highest quality, most reliable antennas in the automotive industry. the larsen anten nas combine premium materials with high efficiency designs, which deliver antennas with superior mechanical durability and electric al performance. uv, chemical and impact resistant makroblend ? bases help ensure the highest performance for all your mobile applications. ?traditional-style? mobile antennas are available from 27 mhz to 5.9 ghz, as well as many ?multi-band? designs. w hether you need communication interoperability, radio communication, data transmission, increased cellular/pcs coverage or gps trackin g, larsen antennas are the solution. larsen antennas consist of over 1000 different automotive antenna options. please contact the factory for more information or t o order an all-inclusive catalog at info@larsen.pulseeng.com or call 800-268-3662. larsen ? antennas automotive single-band 1 multi-band 1 nmowb150c 135-174 2 nmo wide band 4 51.75 / 1314 ?? nmo450c 450-750 5.6 nmo uhf field tunable 4 33 / 838 ?? lp800nmo 806-960 2 nmo low profile 4 1.25 / 32 ?? nmoqw900 890-970 2 nmo 1/4 wave 4 3/76 ?? gpsgm 1575.4 5 dbic gps glass mount 1.7 / 43 rg-174 ? nmo5e2400b 2400-2500 5 nmo whip 4 8.54 / 217 ?? 1. antennas available in multiple frequencies and mounting options. 3. variety of connectors available. order separately. 2. variety of coax available. order separately. 4. all nmo antennas require an nmo mount for installation. 1. antennas available in multiple frequencies and mounting options. 3. variety of connectors available. order separately. 2. variety of coax available. order separately. 4. all nmo antennas require an nmo mount for installation. part frequency gain description length coax 2 connector 3 number (mhz) (dbi) (in / mm) part frequency gain description length coax 2 connector 3 number (mhz) (dbi) (in / mm) nmo150/450/800 150-165 / 450-470 / 806-940 -7 / 0 / 1 nmo tri band 4 16.5 / 419 ?? kgc/p3eud 824-896 / 1850-1990 5.2 / 5.2 glass mount dual band 13 330 rg-58u dual shield no conn lpt825/18nmohf 806-960 / 1710-1990 / 2400 3 / 4 / 3 low profile transit 4 3.5 / 89 ?? mmc/p3efme 824-960 / 1850-1990 4 / 4 dual band magnetic mount 5 / 127 rg-58 low loss dual shield fme nmoc/p3e 824-960 / 1850-1990 4 / 4 dual band nmo mount 4 4.7 / 119 ?? gpscpoo 824-960 / 1710-1990 / 1575.42 2 / 2 / 4.5dbic direct feed gps tri band 7.6 / 193 rg-174 tnc/sma gpscwcpoo 824-960 / 1710-1990 / 1575.42 2 / 1.5 / 4.5dbic roof mount gps tri band 3.9 / 99 rg-174 tnc/sma automotive single-band solutions automotive multi-band solutions larsen ? antennas
automotive (continued) wireless applications nmo mounting kits 1 nmokhfud nmo low / high frequency mount 17 / 5.18 rg-58 / u dual shield, low loss cable no conn nmokhfudthk nmo low / high frequency thick mount 17 / 5.18 rg-58 / u dual shield, low loss cable no conn nmommrnoconn nmo low / high frequency magnetic mount 12 / 3.66 rg-58 a / u cable no conn part description cable length coax type connector number (ft / m) 1. all nmo mounting kits are available with a variety of cables and connectors. g003.u (2/07) www.pulseeng.com 25 pulse?s larsen antennas also offer a complete line of portable/terminal antennas for wireless applications. these antenna solut ions are perfect for data transmission for various networking applications. pulse?s larsen antennas also offer portable/terminal ant ennas for routers and access points in 800/900 mhz, 1700-1900 mhz and 802.11a/b/g frequencies. the ultra-slim stealth blade allows mounting virtually anywhere without obstruction - in vehicles for voice and data, mobile co mputing or other mobile/portable terminal applications. spda models are true sleeve dipole designs optimized for no-ground-plane enviro nments found in portable and terminal applications. models have an articulated right angle/360 degree swivel connector. they are ideal for any portable, hand-held terminal or cordless base application such as wireless point-of-sale, wlan or cordless pdx. larsen antennas offer a variety of portable/terminal antennas with various terminations for use with most popular radio brands as well as many wireless applications. for more information on these antennas or to order an all-inclusive catalog, please e-mail pulse , at: info@larsen.pulseeng.com , or call 800-268-3662. larsen ? antennas single-band wireless access point antennas r380.500.109 2400-2500 2 cordless base, straight dipole 3.5 / 89 na sma plug sb450fme3 450-470 2.14 stealth blade 10 / 254 3' rg-316 fme sb8003 806-896 2.14 stealth blade 2.5 / 132 3' rg-174 no conn sb9003 890-960 2.14 stealth blade 2.5 / 132 3' rg-174 no conn sb24003 2400-2500 2.14 stealth blade 2.5 / 132 3' rg-174 no conn spda24832 824-894 ? center fed dipole, articulating right angle 9 / 229 na sma spda24918 890-960 ? center fed dipole, articulating right angle 8 / 203 na sma m t2 spda241800 1710-1880 ? center fed dipole, articulating right angle 6.5 / 165 na sma m t2 spda241900 1850-1990 ? center fed dipole, articulating right angle 6.5 / 165 na sma m t2 spda242400 2400-2500 ? center fed dipole, articulating right angle 6 / 152 na sma spdp24832 824-894 ? center fed dipole, straight 8 / 203 na sma m t2 spdp24918 890-960 ? center fed dipole, straight 2.75 / 70 na sma m t2 spdp242400 2400-2500 ? center fed dipole, straight 3.5 / 89 na sma m t2 spwb23150 136-174 ? helical, standard, 1/4 wave 6.75 / 171 na sma f t3 spwb23425 380-470 ? helical, standard, 1/4 wave 6.5 / 165 na sma f t3 spwh23832 782-882 ? whip, standard, 1/4 wave 3 / 76 na sma f t3 spwh23918 863-973 ? whip, standard, 1/4 wave 3 / 76 na sma f t3 sphs24832 800-864 ? helical, standard, 1/4 wave 3 / 76 na sma f t2 1. uhf and vhf portable/terminal antennas also available. part frequency gain description length coax 1 connector 1 number (mhz) (dbi) (in / mm) single-band wireless access point solutions nmo mounting kits larsen ? antennas
26 www.pulseeng.com g003.u (2/07) multi-band wireless access point antennas r380.500.314 2400-2500/4900-5900 1.6 / 5 swivel mount dipole 7.15 / 1822 2 n/a rptnc r380.900.323 806-960/1710-1999 2 / 2 stealth blade 5 / 127 10' rg-174 fme spda24850/1900 824-894/1850/1990 _ center fed dipole, articulating right angle 7.5 / 191 n/a sma 1. additional cable length and connector options available. 2. max part frequency gain description length coax 1 connector 1 number (mhz) (dbi) (in / mm) multi-band wireless access point solutions wireless applications (continued) larsen ? antennas larsen ? antennas


▲Up To Search▲   

 
Price & Availability of R380500314

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X