Part Number Hot Search : 
EPE6303S MJD44H1 CJ26A TDA2822M MES20 0LVEL PM2002DP 90000
Product Description
Full Text Search
 

To Download N2596G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 150 khz 3a step-down switching voltage regulator (svr) N2596G to-263, to220 sep-14-2004 niko-sem general description the n2596 series switching voltage regulators (svr) are m onolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, both series are ca pable of driving 3 a load respectively with excellent line and load regulation. the n2596 series svr include a switching regulator and compens ation network all within the same package. just add a choke, catch diode and two capacitors to obtain an efficient dc-to-dc c onverter. the output switch includes cycle-by-cycle current limit -ing, as well as thermal shutdown for full protection under fault conditions. the n2596 series svr offer replacement for popular 3 terminal linear regulators by providing higher efficiency with reduced heat sink size. in many applications a heat sink will not be required. features z pin compatible with industry products of lm2596 series z adjustable output versions z wide output voltage range, 1.23v to 27v for adjustable output version z dc-to-dc buck converter requiring only 4 external parts z 150 khz fixed frequency internal oscillator z ttl shutdown capability, low power stand -by mode z high efficiency z uses readily available standard inductors applications z simple high-efficiency step-down (buck) regulator z positive to negative converter (inverting buck-boost) z isolated fly back converter using mini- mum number of external parts z powering portable instrument, set-top box, lcd monitor, scanner, i.a, easy pc z smps post-regulator typical application * v out = 1.23v ( 1 + r1 / r2) adjustable regulator in fixed output application + + cin d1 l1 r1 r2 cout n2596 1 2 3 4 +vin output gnd feedback 5 on/off 8v - 27v dc input unregulated 100uf 1n5822 47uh 1000uf 2k 6.18k output +5v, 3a regulated
2 150 khz 3a step-down switching voltage regulator (svr) N2596G to-263, to220 sep-14-2004 niko-sem absolute maximum ratings z maximum supply voltage 30v z on/off pin input voltage -0.3 v +v i z thermal resistance junction to ambient, ja to-220 to-263 50c/w 60c/w z output voltage to ground (stead state) -1v z operating junction temperature range -40 to 125c z power dissipation internally limited z storage temperature range -65 to 150c z thermal resistance junction to case, jc 2.0c/w z lead temperature (soldering, 10 seconds) 260c electrical characteristics ( unless otherwise specified, t a = 25c.) parameter symbol test conditions typical limits feedback voltage v out v in = 12v, v out = 5v i load = 0.5a 1.230v 1.217v min 1.243v max feedback voltage v out 8v v in 27v 0.5a i load 3a 1.230v 1.193v min 1.267v max efficiency ? v in = 12v, v out = 5v i out = 3a 77% feedback bias current i b v out = 5v 50na 100na oscillator frequency f osc 150khz 127khz (min) 173khz (max) saturation voltage v sat i out = 3a 1.4v 1.8v max current limit i cl 6.0a 4.0a ~ 7.0a v ih v out = 0v 1.4v 2.2v (min) on/off pin logic input level v il v out = nominal output voltage 1.2v 1.0v (max) i ih on/off pin = 5v (off) 12 a 30 a (max) on/off pin logic input current i il on/off pin = 0v (on) 0 a 10 a (max) remark: orders for parts with lead-free plating can be placed using the n2596xg parts name. device selection guide device n2596sg n2596tg voltage (v) adj adj current (a) 3 package to-263 to-220
3 150 khz 3a step-down switching voltage regulator (svr) N2596G to-263, to220 sep-14-2004 niko-sem pin configurations 5 - on/off 4 - feedback 3 - ground 1 - vin 2 - output ground ground 2 - output 1 - vin 3 - ground 4 - feedback 5 - on/off 5 -lead to-220 (t) 5 -lead to-263 (s)
4 150 khz 3a step-down switching voltage regulator (svr) N2596G to-263, to220 sep-14-2004 niko-sem to-220 (5-lead) mechanical data mm mm dimension min. typ. max. dimension min. typ. max. a 9.78 10.16 10.54 h 1.57 1.7 1.83 b 2.61 2.74 2.87 i 6.81 c j 4.4 4.6 4.8 d 28.5 28.9 29.3 k 1.14 1.27 1.4 e 14.6 15.0 15.4 l 2.3 2.6 2.9 f 8.4 8.8 9.2 m 0.26 0.46 0.66 g 0.73 0.83 0.93 n 7
5 150 khz 3a step-down switching voltage regulator (svr) N2596G to-263, to220 sep-14-2004 niko-sem to-263 (d 2 pak, 5-lead) mechanical data mm mm dimension min. typ. max. dimension min. typ. max. a 15.11 15.47 h 1.0 1.4 b 4.0 4.8 i 9.78 10.54 c 1.142 1.4 j 6.6 7.11 d 2.8 k 1.5 e 0.356 0.639 l 0.762 1.01 f -0.102 0.203 m 0.98 1.05 g 8.636 9 9.65 n


▲Up To Search▲   

 
Price & Availability of N2596G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X