Part Number Hot Search : 
1N5913 ALN2046 72920 CMO3ECC C1334 AX9311 54F25 XXXSP
Product Description
Full Text Search
 

To Download MHF60SGS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  909 rahway avenue ? union, new jersey 07083 ? t: 908-687-5000 ? f: 908-687-5710 ? www.adam-tech.com 326 introduction: adam tech mhf series idc latch headers are designed to quickly and easily mass terminate .050" flat cable. the idc termination is converted to a shrouded box header with ejector/latches and ap olarizing slot that mates with standard idc sockets. this connector is ideal for splicing and making ?aps to a cable bus. adam tech? sturdy design features solid, selectively gold plated .025"sq. copper alloy posts. features: latches for secure attachment latch ejection feature makes socket removal easy idc cable to shrouded box header mates with standard idc sockets ideal for splicing and ?aps to cable bus solid selectively gold plated contacts mating connectors: mates with adam tech series .100" (2.54mm) dual row idc sockets specifications: material: insulator: pbt, rated ul94v-0 insulator color: gray contacts: brass contact plating: gold flash (30 in optional) over nickel on contact area, tin over copper underplate on idc area electrical: operating voltage: 250v ac max. current rating: 1 amp max contact resistance: 20 m max. initial insulation resistance: 5000 m min. dielectric withstanding voltage: 1000v ac for 1 minute mechanical: insertion force: 0.5 lbs per circuit max. withdrawal force: 0.094 lbs per circuit min mating durability: 500 cycles min. recommended cable size: 28 awg stranded temperature rating: operating temperature: -40c to +105 packaging: anti-esd plastic trays safety agency approvals: ul recognized file no. e224053 csa certified file no. lr1578596 options: add designator(s) to end of part number e = mounting ears ordering information .100" idc latch header .100" x .100" [2.54 x 2.54] mhf series mhf 34 l series indicator mhf = idc latch header ejector/latches s = short ejector/ latches for sockets without strain relief l = long ejector/ latches for sockets with strain relief positions 10, 14, 16, 20, 24, 26, 30, 34, 40, 50, 60, 64 plating sg = selective gold plating sg a d a m t e c h n o l o g i e s , i n c . ? ? v d e u l ? ? ? v d e u l ? rohs compliant 2 0 02 / 95 / ec 2002 / 95 / ec pb rohs complia nt


▲Up To Search▲   

 
Price & Availability of MHF60SGS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X