Part Number Hot Search : 
SMCJ90CA ST1802FH 10023 1N4148WS 221M10 FT6163 2SK26 SBM37PT
Product Description
Full Text Search
 

To Download MC141541P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mc141541 1 motorola     cmos the mc141541 is a high performance hcmos device designed to interface with a microcontroller unit to allow colored symbols or characters to be displayed on a color monitor. the onchip pll allows both multisystem operation and selfgeneration of system timing. it also minimizes the mcu's burden through its builtin 273 bytes display/control ram. by storing a full screen of data and control information, this device has the capability to carry out `screenrefresh' without mcu supervision. since there is no spacing between characters, special graphicsoriented characters can be generated by combining two or more character blocks. there are two different resolutions that users can choose. by changing the number of dots per horizontal line to 320 (cga) or 480 (ega), smaller characters with higher resolution can be easily achieved. special functions such as character bordering or shadowing, multilevel windows, double height and double width, and programmable vertical length of character can also be incorporated. furthermore, neither massive information update nor extremely high data transmission rate are expected for normal on screen display operation, and serial protocols are implemented in lieu of any parallel formats to achieve minimum pin count. a special feature, character ram fonts, is implemented in this mosd enhanced version (emosd). users can download their own fonts and display them at any time once the chip is powered on. there are two ways for users to build and store fonts. one is a conventional approach to have masked rom fonts. a newer approach is to store the fonts in the eprom accessed by the mcu and then download them into the emosd character ram. with this new technique, users have more flexibility in preparing their fonts and the effective number of fonts is greatly increased. ? two selectable resolutions: 320 (cga) and 480 (ega) dots per line ? fully programmable character array of 10 rows by 24 columns ? 273 bytes direct mapping display ram architecture ? internal pll generates a wideranged system clock ? for highend monitor application, maximum horizontal frequency is 110 khz (52.8 mhz dot clock at 480 mode) ? programmable vertical height of character to meet multisync requirement ? programmable vertical and horizontal positioning for display center ? 120 characters and graphic symbols rom and eight programmable character ram ? 10 x 16 dot matrix character ? characterbycharacter color selection ? a maximum of four selectable colors per row ? double character height and double character width ? character bordering or shadowing ? three fully programmable background windows with overlapping capability ? provides a clock output synchronous to the incoming h sync for external pwm ? m_bus (iic) interface with address $7a ? single positive 5 v supply order this document by mc141541/d 
 semiconductor technical data pin assignment  p suffix plastic dip case 648 ordering information MC141541P plastic dip 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 fbkg b g r v ss v dd vflb htone/ v dd(a ) rp vco scl(sck) sda(mosi) ss hflb v ss(a) pwmck ? motorola, inc. 1997 rev 1 2/97 tn97031200
mc141541 motorola 2 block diagram ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ????????????????????????????? ???????? ???????? ???????? ???????? ???????? ????? ????? ????? ????? ????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? ???????? data receiver bus arbitration vertical control circuit horizontal control background generator color encoder 10bit shift registers character roms/rams row buffer logic waddr wcolor ccolors chs cws crs wcolor and control ccolors and select waddr sc hord 5 cclk dhor lp 4 blackedge mclk sda(mosi) rp vco scl(sck) data ra,ca,da rfg addrc y 9 3 8 7 8 6 10 3 2 5 54 11 15 14 13 12 3 w r chs 54 15 13 8 5 26 nrow 15 13 cws shadow fbkg htone/ b g r char craddr osd_en verd hord rdata luminance bsen shadow bsen osd_en 5 ch 4 pwmck and pll and control 8 verd 4 z 26 8 and select 6 10 9 1 16 v dd v ss (a) v dd(a) mclk v ss ???????? ???????? ???????? ???????? ???????? memory and data management hflb ss vflb
mc141541 3 motorola absolute maximum ratings voltage referenced to v ss symbol characteristic value unit v dd supply voltage 0.3 to + 7.0 v v in input voltage v ss 0.3 to v dd + 0.3 v id current drain per pin excluding v dd and v ss 25 ma ta operating temperature range 0 to 85 c t stg storage temperature range 65 to + 150 c note: maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the limits in the electrical characteris- tics tables or pin description section. ac electrical characteristics (v dd = v dd(a) = 5.0 v, v ss = v ss(a) = 0 v, t a = 25 c, voltage referenced to v ss ) symbol characteristic min typ max unit t r t f output signal (r, g, b, fbkg and htone/pwmck) c load = 30 pf, see figure 1 rise time fall time e e e e 6 6 ns ns f hflb hflb input frequency e e 110 khz dc characteristics v dd = v dd(a) = 5.0 v 10%, v ss = v ss(a) = 0 v, t a = 25 c, voltage referenced to v ss symbol characteristic min typ max unit v oh high level output voltage i out = 5 ma v dd 0.8 e e v v ol low level output voltage i out = 5 ma e e v ss + 0.4 v v il v ih digital input voltage (not including sda and scl) logic low logic high e 0.7 v dd e e 0.3 v dd e v v v il v ih input voltage of pin sda and scl in spi mode logic low logic high e 0.7 v dd e e 0.3 v dd e v v v il v ih input voltage of pin sda and scl in m_bus mode logic low logic high e 0.7 v dd e e 0.3 v dd e v v i ii highz leakage current (r, g, b and fbkg) 10 e + 10 m a i ii input current (not including rp, vco, r, g, b, fbkg and htone/pwmck) 10 e + 10 m a i dd supply current (no load on any output) e e + 15 ma 90% 10% 90% 10% tf tr figure 1. switching characteristics this device contains circuitry to protect the inputs against damage due to high static volt- ages or electric fields; however, it is advised that normal precautions be taken to avoid applica- tions of any voltage higher than the maximum rated voltages to this high impedance circuit. for proper operation it is recommended that v in and v out be constrained to the range v ss (v in or v out ) v dd . unused inputs must always be tied to an appropriate logic voltage level (e.g., either v ss or v dd ). unused outputs must be left open.
mc141541 motorola 4 pin descriptions v ss(a) (pin 1) this pin provides the signal ground to the pll circuitry. analog ground for pll operation is separated from digital ground for optimal performance. vco (pin 2) pin 2 is a control voltage input to regulate an internal oscil- lator frequency. see the application diagram for the applica- tion values used. rp (pin 3) an external rc network is used to bias an internal vco to resonate at the specific dot frequency. the maximum voltage at pin 3 should not exceed 3.5 v at any condition. see the application diagram for the application values used. v dd(a) (pin 4) pin 4 is a positive 5 v supply for pll circuitry. analog pow- er for pll is separated from digital power for optimal perfor- mance. hflb (pin 5) this pin inputs a negative polarity horizontal synchronize signal pulse to phase lock an internal system clock gener- ated by the onchip vco circuit. ss (pin 6) this input pin is part of the spi serial interface. an active low signal generated by the master device enables this slave device to accept data. this pin should be pulled high to termi- nate the spi communication. if m_bus is employed as the serial interface, this pin should be tied to either v dd or v ss . sda (mosi) (pin 7) data and control messages are being transmitted to this chip from a host mcu via one of the two serial bus systems. with either protocol, this wire is configured as a unidirec- tional data line. (detailed description of these two protocols will be discussed in the m_bus and spi sections). scl (sck) (pin 8) a separate synchronizing clock input from the transmitter is required for either protocol. data is read at the rising edge of each clock signal. v dd (pin 9) this is the power pin for the digital logic of the chip. vflb (pin 10) similar to pin 5, this pin inputs a negative polarity vertical synchronize signal pulse. htone/pwmck (pin 11) this is a multiplexed pin. when the pwmck_en bit is cleared after poweron or by the mcu, this pin is htone and outputs a logic high during windowing except when graphics or characters are being displayed. it is used to low- er the external r, g, and b amplifiers' gain to achieve a transparent windowing effect. if the pwmck_en bit is set to 1 via m_bus or spi, this pin is changed to a modedepen- dent clock output with 50/50 duty cycle and is synchronous with the input horizontal synchronization signal at pin 5. the frequency is dependent on the mode in which the emosd is currently running. the exact frequencies in the different reso- lution modes are described in table 1. table 1. pwm clk frequency ????? ????? resolution ?????? ?????? frequency ?????? ?????? duty cycle ????? ????? 320 dots/line ?????? ?????? 32 x h f ?????? ?????? 50/50 ????? ????? 480 dots/line ?????? ?????? 48 x h f ?????? ?????? 50/50 note: h f is the frequency of the input h sync on pin 5. typically, this clock is fed into an external pulse width mod- ulation module as its clock source. because of the synchro- nization between pwm clock and h sync, a better performance on the pwm controlled functions can be achieved. fbkg (pin 12) this pin outputs a logic high while displaying characters or windows when the fbkgc bit in the frame control register is 0, and output a logic high only while displaying characters when the fbkgc bit is 1. it is defaulted to highimpedance state after poweron, or when there is no output. an external 10 k w resistor pulled low is recommended to avoid level tog- gling caused by hand effect when there is no output. b,g,r (pins 13,14,15) emosd color output is ttl level rgb to the host monitor. these three signals are active high output pins that are in a highimpedance state when emosd is disabled. v ss (pin 16) this is the ground pin for the digital logic of the chip. system description mc141541 is a fullscreen memory architecture. refresh is performed by the builtin circuitry after a screenful of dis- play data has been loaded through the serial bus. only changes to the display data need to be input afterward. serial data, which includes screen mapping address, dis- play information, and control messages, are transmitted via one of the two serial buses: m_bus or spi (mask option). these two sets of buses are multiplexed onto a single set of wires. standard parts offer m_bus transmission. parts which offer spi transmission mode must be specially manufactured as custom parts. data is received from the serial port and stored by the memory management circuit. line data is stored in a row buffer for display and refreshing. during this storing and re- trieving cycle, bus arbitration logic patrols the internal traffic to make sure that no crashes occur between the slower seri- al bus receiver and the fast `screenrefresh' circuitry. after the fullscreen display data is received through one of the serial communication interfaces, the link can be terminated if a change of the display is not required.
mc141541 5 motorola the bottom half of the block diagram contains the hard- ware functions for the entire system. it performs all the emosd functions such as programmable vertical length (from 16 lines to 63 lines), display clock generation (which is phase locked to the incoming horizontal sync signal at pin 5 hflb ), bordering or shadowing, and multiple windowing. communication protocols m_bus serial communication this is a twowire serial communication link that is fully compatible with the iic bus system. it consists of an sda bi- directional data line and an scl clock input line. data is sent from a transmitter (master) to a receiver (slave) via the sda line, and is synchronized with a transmitter clock on the scl line at the receiving end. the maximum data rate is limited to 100 kbps and the default chip address is $7a, but is hard- ware changeable by mask set. operating procedure figure 2 shows the m_bus transmission format. the mas- ter initiates a transmission routine by generating a start condition followed by a slave address byte. once the ad- dress is properly identified, the slave will respond with an ac- knowledge signal by pulling the sda line low during the ninth scl clock. each data byte that follows must be eight bits long, plus the acknowledge bit, for a total of nine bits. ap- propriate row and column address information and display data can be downloaded sequentially in one of the three transmission formats described in the data transmission formats section. in the cases of no acknowlege or comple- tion of data transfer, the master will generate a stop condition to terminate the transmission routine. note that the osd_en bit must be set after all the display information has been sent, in order to activate the emosd circuitry of mc141541 so that the received information can be displayed. data bytes ack stop condition ack chip address sda scl start condition 1 9 8 27 figure 2. m_bus format data transmission formats in this enhanced version mosd, both display ram, con- trol registers, and character ram fonts need to be pro- grammed after poweron. the arrangement of the display ram and control registers is on the rowcolumn basis, while the character ram is on the segmentline basis. although the address basis is different, the data downloading proto- cols are very similar and will be described in the following sections. display ram and control registers after the proper identification by the receiving device, a data train of arbitrary length is transmitted from the master. there are three transmission formats from (a) to (c) as stated below. the data train in each sequence consists of row ad- dress (r), column address (c), and display information (i), as shown in figure 3. in format (a), display information data must be preceded with the corresponding row address and column address. this format is particularly suitable for updat- ing small amounts of data between different rows. however, if the current information byte has the same row address as the one before, format (b) is recommended. ???????????? ???????????? row addr col addr info figure 3. data packet for a fullscreen pattern change that requires a massive information update, or during powerup, most of the row and column addresses of either (a) or (b) formats will be consec- utive. therefore, a more efficient data transmission format (c) should be applied. this sends the ram starting row and col- umn addresses once only, and then treats all subsequent data as display information. the row and column addresses will be automatically incremented internally for each display information data from the starting location. the data transmission formats are: (a) r > c > i > r > c > i > . . . . . . . . . (b) r > c > i > c > i > c > i. . . . . . . (c) r > c > i > i > i > . . . . . . . . . . . . . to differentiate the row and column addresses when trans- ferring data from master, the msb (most significant bit) is set, as in figure 4: `1' to represent row, and `0' for column ad- dress. furthermore, to distinguish the column address be- tween formats (a), (b), and (c), the sixth bit of the column address is set to `1' which represents format (c), and `0' for format (a) or (b). however, there is some limitation on using mixed formats during a single transmission. it is permissible to change the format from (a) to (b), or from (a) to (c), or from (b) to (a), but not from (c) back to (a) or (b). ?????????????? ?????????????? ?????????????? ?????????????? address row column column x: don't care d: valid data format bit 0 1 2 3 4 5 6 7 d d d d x x x 1 d d d d d x 0 0 d d d d d x 1 0 a, b a, b, c c figure 4. row & column address bit patterns character ram the structure of eight character ram fonts is shown in fig- ure 5. they occupy the font number from 0 to 7. because of the 10 x 16 dot matrix font, each font is broken down into two segments in the horizontal direction and 16 lines in the verti- cal direction. therefore, there are five dots that need to be defined for each specified segmentline location. this 5bit data forms the lower five bits of the information data byte and the higher three bits are ignored. because there are 16 seg- ments (two segments per font) and 16 lines, both the seg- ment and line addresses are four bits wide.
mc141541 motorola 6 figure 5. segment address structure basically, the transmission format is very similar to that for display ram or control registers. the major difference is to replace the row and column address with segment address and line address, respectively. after the proper identification by the receiving device, a data train of arbitrary length is transmitted from the master. there are three transmission formats, from (a) to (c) as stated below. the data train in each sequence consists of segment adress (s), line address (l), and font information (i), as shown in figure 6. in format (a), each font information data has to be preceded with the corresponding segment ad- dress and line address. this format is particularly suitable for updating small portions of font patterns. however, if the cur- rent information byte has the same segment address as the one before, format (b) is recommended. figure 6. data packet ????????????? ????????????? seg address line address information x x x d4 d3 d2 d1 d0 note: x means don't care bit and d means valid data bit. for a new font pattern change which requires a massive information update, or during powerup, most of the segment and column address on either format (a) or (b) will appear to be redundant. a more efficient data transmission format (c) should be applied. it sends the character ram starting seg- ment and line addresses only once, and then treats all sub- sequent data as font information. the segment and line addresses will be automatically incremented internally for each ram font data from the starting location. the data transmission formats are: (a) s > l > i > s > l > i > . . . . . . . . . (b) s > l > i > l > i > l > i. . . . . . . (c) s > l > i > i > i > . . . . . . . . . . . . . to differentiate the segment address from row and line ad- dresses when transferring data, bit 7 (msb) and bit 6 are set, as in figure 7, to `11' to represent segment address, or `00' to represent line address in format (a) or (b), or `01' to represent line address in format (c). however, there is some limitation on using mixed formats during a single transmis- sion. it is permissible to change the format from (a) to (b), or from (a) to (c), or from (b) to (a), but not from (c) back to (a) or (b). figure 7. segment and line address bit patterns ????????????? ????????????? ????????????? ????????????? address seg line line x: don't care d: valid data format bit 0 1 2 3 4 5 6 7 d d d d x x 1 1 d d d d x x 0 0 d d d d x x 1 0 a, b a, b, c c memory management inside this chip there are three kinds of ram: display ram, control registers, and character ram. display ram and control registers are addressed with row and column (coln) number in sequence, while the character ram is ad- dressed with segment and line number. the transmission format is described in the data transmission formats sec- tion. in addition to the eight ram fonts numbered from $00 to $07, 120 masked rom fonts numbered from $08 to $7f are also built in to this chip. display ram and control registers the spaces between row 0 and coln 0 to row 9 and coln 23 are called display registers, and each contains a charac- ter ram/rom number corresponding to a display location on the monitor screen. every data row is associated with two control registers, located at coln 30 and 31 of their respec- tive rows, that control the character display format for that row. in addition, three window control registers for each of three windows, together with three frame control registers, occupy the first 13 columns of row 10. ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? display registers column 29 30 31 0 0 9 row row control registers window 1 window 2 frame crtl reg window 3 10 0 235689 12 23 24... window and frame control registers figure 8. memory map reserved space the user should handle the internal ram address location with care, especially those rows with double length alphanu- meric symbols. for example, if row n is destined to be double height on the memory map, the data displayed on screen rows n and n+1 will be represented by the data con- tained in the memory address of row n only. the data of the next row n+1 on the memory map will appear on the screen as n+2 and n+3 row space, and so on. hence, it is not neces- sary to load a row of blank data to compensate for the double row. the user should minimize excessive rows of data in
mc141541 7 motorola memory in order to avoid overrunning the limited amount of row space on the screen. for rows with double width alphanumeric symbols, only the data contained in the even numbered columns of the memory map are shown. odd numbered columns are treated in the same manner as double height rows. character ram/rom the ram fonts occupy the font numbers $00 to $07, and their patterns can be changed at any time via the spi or m_bus protocol. the masked rom fonts are fixed and lo- cated from number $08 to $7f. see figure 9 for details. figure 9. arrangement of character ram/rom fonts ? ? ? ?? ?? ?? ?? ?? ?? ?? ?? ?? ? ? ? ? ? ? ?? ?? ?? ?? ?? ?? 7d a 9 8 7 2 1 07e7f font number: $00 $7f 8 character ram fonts ($00 $07) 120 character rom fonts ($08 $7f) . . . . . . . . . . . . . . . . . . . . . . . . . . .
mc141541 motorola 8 registers display register ????????????? ????????????? 0 1 2 3 4 5 6 7 ccs0 craddr bit 7 ccs0 e this bit defines a specific character color out of the two preset colors. color 1 is selected if this bit is cleared, and color 2 otherwise. bit 60 craddr e these seven bits address the 128 characters or symbols residing in the character rom. row control registers coln 30 ????????????? ????????????? ????????????? 0 1 2 3 4 5 6 7 cws chs b2 g2 r2 b1 g1 r1 coln 30 bits 72 e color 1 is determined by r1, g1, and b1; color 2 by r2, g2, and b2. bit 1 chs e this bit determines the height of a display symbol. when it is set, the symbol is displayed in double height. bit 0 cws e bit 0 is similar to bit 1; when this bit is set, the character is displayed in double width. coln 31 ?????????????? ?????????????? 0 1 2 3 4 5 6 7 b4 g4 r4 b3 g3 r3 coln 31 bits 72 e color 3 is determined by r3, g3, and b3; color 4 by r4, g4, and b4. window 1 registers row 10 coln 0 ?????????????? ?????????????? ?????????????? 0 1 2 3 4 5 6 7 row end addr msb lsb row start addr msb lsb coln 0 row 10 row 10 coln 1 ?????????????? ?????????????? wen ccs1 col start addr msb lsb coln 1 0 1 2 3 4 5 6 7 row 10 hpol bit 2 wen e this bit enables the background window 1 generation when it is set. bit 1 ccs1 e this additional color select bit provides the characters residing within window 1 with two extra color selections, making a total of four selections for that row. bit 0 hpol e this bit selects the polarity of the incoming horizontal sync signal (hflb ) on pin 5. if it is negative polar- ity, clear this bit. otherwise, set this bit to 1 to represent the positive h sync signal. after poweron, this bit is cleared. row 10 coln 2 ???????????? ???????????? rg col end addr msb lsb coln 2 0 1 2 3 4 5 6 7 b row 10 bits 20 r, g and b e these bits control the color of win- dow 1. window 1 occupies columns 02 of row 10; window 2 occupies columns 35; and window 3 occupies columns 68. window 1 has the highest priority, and window 3 the least. if window overlapping occurs, the higher priority win- dow will cover the lower one, and the higher priority color will take over on the overlap window area. if the start address is greater than the end address, this window will not be dis- played. window 2 registers row 10 coln 3 ?????????????? ?????????????? ?????????????? 0 1 2 3 4 5 6 7 row end addr msb lsb row start addr msb lsb coln 3 row 10 row 10 coln 4 ????????????? ????????????? wen ccs1 col start addr msb lsb coln 4 0 1 2 3 4 5 6 7 row 10 vpol bit 2 wen e this bit enables the background window 2 generation when it is set. bit 1 ccs1 e this additional color select bit provides the characters residing within window 2 with two extra color selections, making a total of four selections for that row. bit 0 vpol e this bit selects the polarity of the incoming vertical sync signal (vflb ) on pin 5. if it is negative polarity, clear this bit. otherwise, set this bit to 1 to represent the posi- tive v sync signal. after poweron, this bit is cleared. row 10 coln 5 ?????????????? ?????????????? ?????????????? rg col end addr msb lsb coln 5 0 1 2 3 4 5 6 7 b row 10 bit 20 r, g and b e these bits control the color of win- dow 2. window 1 occupies columns 02 of row 10; window 2 occupies columns 35; and window 3 occupies columns 68. window 1 has the highest priority, and window 3 the least. if window overlapping occurs, the higher priority win- dow will cover the lower one, and the higher priority color will take over on the overlap window area. if the start address is greater than the end address, this window will not be dis- played. window 3 registers row 10 coln 6 ????????????? ????????????? ????????????? 0 1 2 3 4 5 6 7 row end addr msb lsb row start addr msb lsb coln 6 row 10
mc141541 9 motorola row 10 coln 7 ??????????????? ??????????????? wen ccs1 col start addr msb lsb coln 7 0 1 2 3 4 5 6 7 row 10 pwmck_en bit 2 wen e this bit enables the background window 3 generation when it is set. bit 1 ccs1 e this additional color select bit provides the characters residing within window 3 with two extra color selections, making a total of four selections for that row. bit 0 pwmck_en e when this bit is set to 1, the htone/ pwmck pin will be switched to a clock output which is syn- chronous to the h sync and used as an external pwm (pulse width modulation) clock source. refer to the pin description of htone/pwmck for more information. after poweron, the default value is 0. row 10 coln 8 ????????????? ????????????? rg col end addr msb lsb coln 8 0 1 2 3 4 5 6 7 b row 10 bit 20 r, g and b e these bits control the color of win- dow 3. window 1 occupies columns 02 of row 10; window 2 occupies columns 35; and window 3 occupies 68. win- dow 1 has the highest priority, and window 3 the least. if win- dow overlapping occurs, the higher priority window will cover the lower one, and the higher priority color will take over on the overlap window area. if the start address is greater than the end address, this window will not be displayed. frame control registers frame control register row 10 coln 9 ???????????? ???????????? 0 1 2 3 4 5 6 7 lsb coln 9 msb vertd bit 70 vertd e these eight bits define the vertical start- ing position. there are a total of 256 steps, with an increment of four horizontal lines per step for each field. the value can- not be zero anytime, and the default value is 4. frame control register row 10 coln 10 ????????????? ????????????? 0 1 2 3 4 5 6 7 lsb coln 10 msb hord tb bit 7 tb e reserved test bit. bit 60 hord e these bits define the horizontal starting position for character display. seven bits give a total of 96 steps and each increment represents a fivedot shift to the right on the monitor screen. the value cannot be zero any- time, and the default value is 10. frame control register row 10 coln 11 ???????????? ???????????? 7 coln 11 65 4 3 2 1 0 ch5 ch4 ch3 ch2 ch1 ch0 tb tb bit 7 tb e reserved test bit. bit 6 tb e reserved test bit. bit 50 ch5ch0 e these six bits determine the dis- played character height. it is possible to have a proper char- acter height by setting a value greater than or equal to 16 on a different horizontal frequency monitor. setting a value be- low 16 will not have a predictable result. figure 10 illustrates how this chip expands the builtin character font to the de- sired height. ????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ????? 0 14 13 12 11 10 9 8 7 6 5 4 3 2 1 15 ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? 16 lines 22 lines 34 lines 25 lines builtin font display character when ch=22 display character when ch=34 when ch=25 display character (10x16 matrix) when ch=16 figure 10. variable character height frame control register row 10 coln 12 ???????????? ???????????? 7 osd_en coln 12 65 43 2 1 0 bsen shadow fbkgc x32b tb tb bit 7 osd_en e the osd circuit is activated when this bit is set. bit 6 bsen e this bit enables the character bordering or shadowing function when it is set. bit 5 shadow e characters with blackedge shadowing are selected if this bit is set; otherwise bordering prevails. bit 4 tb e reserved test bit. bit 3 x32b e this bit determines the number of dots per horizontal line. there are 320 dots per horizontal line if bit x32b is clear, which is also the default poweron state. otherwise, 480 dots per horizontal sync line is chosen when bit x32b is set to 1. refer to table 2 for details. bit 2 tb e reserved test bit. bit 1 tb e reserved test bit. bit 0 fbkgc e bit 0 determines the configuration of the fbkg output pin. when it is clear, the fbkg pin outputs high while displaying characters or windows; otherwise, the fbkg pin outputs high only while displaying characters.
mc141541 motorola 10 table 2. resolution setting ??????????? ??????????? register setting (32b) ???? ???? 0 ??? ??? 1 ??????????? ? ????????? ? dot number per h sync line ???? ? ?? ? 320 ??? ? ? ? 480 ?????? ?????? ?????? ?????? ?????? ?????? ?????? ?????? ?? ?? ?? ?? ? ? ?? ?? ?? ?? ?? ?? ?? ?? ? ? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? 0 14 13 12 11 10 9 8 7 6 5 4 3 2 1 15 bordering ?? ?? ?? ????? ????? ????? ????? ????? ????? ????? ????? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? 0 14 13 12 11 10 9 8 7 6 5 4 3 2 1 15 shadowing ?? ?? ?? ?? ?? ?? ?? figure 11. character bordering and shadowing frame format and timing figure 12 illustrates the positions of all display characters on the screen relative to the leading edge of horizontal and vertical flyback signals. the shaded area indicates the area outside the asafe viewing areao for the display characters. notice that there are two components in the equations stated in figure 12 for horizontal and vertical delays: fixed delays from the leading edge of hflb and vflb signals, regardless of the values of hord and vertd (47 dots + phase detec- tion pulse width) and one h scan line for horizontal and verti- cal delays, respectively; and variable delays determined by the values of hord and vertd. refer to frame control registers coln 9 and 10 for the definitions of vertd and hord. phase detection pulse width is a function of the external chargeup resistor, which is the 330 k w resistor in a series with 2 k w to vco pin in the application diagram. dot fre- quency is determined by the equation h freq x 320 if bit x32b is clear, and h freq x 480 if bit x32b is set to 1 and bit x64 is 0. for example, dot frequency is 10.24 mhz if h freq is 32 khz while bit x32b is 0. if bit x32b is 1 and bit x64 is 0, the dot frequency will be 15.36 mhz (one and a half of the original one). when double character width is selected for a row, only the evennumbered characters will be displayed, as shown in row 2. notice that the total number of horizontal scan lines in the display frame is variable, depending on the chosen char- acter height of each row. care should be taken while config- uring each row character height so that the last horizontal scan line in the display frame always comes out before the leading edge of vflb of the next frame, to avoid wrapping display characters of the last few rows in the current frame into the next frame. the number of display dots in a horizon- tal scan line is always fixed at 240, regardless of row charac- ter width and the setting of bit x32b. ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ????????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? vflb hflb 1 row column 2 3 4 5 6 . . . . . . 9 123 0 0 29 28 27 26 double height double width ch50 = 0x21 ch50 = 0x21 & double height standard size 10x16 & double width col 0 col 2 col 4 col 6 col 8 col 10 col 12 col 14 col 22 10x30 dots fixed variable number of h scan lines vertical delay = vertd x 4 + 1 h scan lines horizontal delay = (hord x 5 + 47) dots + phase detection pulse width display frame format ?? ?? area not interfered by display characters ?? ?? display character . . . . . . . . . . . . . . . . hflb figure 12. display frame format
mc141541 11 motorola although there are 24 character display registers that can be programmed for each row, not every programmed charac- ter can be shown on the screen in 320dot resolution. usual- ly only 24 characters can be shown in this resolution at most. this is induced by the time that is required to retrace the h scan line. at 480dot resolution, a total of 24 characters can be displayed on the screen if the horizontal delay register is set properly. figure 13 illustrates the timing of all output signals as a function of window and fastblanking features. line 3 of all three characters is used to illustrate the timing signals. the shaded area depicts the window area. the characters on the left and right appear identical except for the fbkgc bit. the middle character does not have a window as its background. notice that signal htone/pwmck is active only in the win- dow area. timing of the signal fbkg depends on the config- uration of the fbkgc bit. the configuration of the fbkgc bit affects only the fbkg signal timing; it has no effect on the timing of htone/pwmck. waveform `r, g, or b', which is the actual waveform at r, g, or b pin, is the logical or of waveform `character r, g, or b' and waveform `window r, g, or b'. `character r, g, or b' and `window r, g, or b' are inter- nal signals for illustration purpose only. also notice that htone/pwmck has exactly the same waveform as `win- dow r, g, or b'. fbkg fbkgc bit = 0 character inside a window character outside a window htone/pwmck fbkgc bit = 1 character inside a window 3 line 3 window r, g, or b character r, g, or b r, g, or b figure 13. timing of output signals as a function of window and fbkgc bit features font icon combination mc141541 contains 120character rom and eight ram. the user can create an onscreen menu based on those characters and programmable ram. refer to table 3 for icon combinations. table 3. combination map ???????? ??????? ? ???????? icon ????????? ? ??????? ? ????????? rom address (hex) ???????? ??????? ? ???????? volume bar i ????????? ? ??????? ? ????????? 48, 49, 57 ???????? ???????? volume bar ii ????????? ????????? 47 ???????? ???????? size ????????? ????????? 4f, 50 ???????? ???????? position ????????? ????????? 51, 52 ???????? ???????? geometry ????????? ????????? 53, 54, 55, 56 ???????? ???????? contrast ????????? ????????? 58,59 ???????? ???????? brightness ????????? ????????? 5a, 5b ???????? ???????? horizontal position ????????? ????????? 5c, 5d ???????? ???????? horizontal sizing ????????? ????????? 5e, 5f ???????? ??????? ? vertical position ????????? ? ??????? ? 60, 61 ???????? ??????? ? ???????? vertical sizing ????????? ? ??????? ? ????????? 62, 63 ???????? ??????? ? ???????? pin cushion ????????? ? ??????? ? ????????? 64, 65 ???????? ???????? deguassing ????????? ????????? 66, 67 ???????? ???????? trapezoid ????????? ????????? 6c, 6d, 6e, 6f ???????? ???????? parallelogram ????????? ????????? 68, 69, 6a, 6b ???????? ???????? color select ????????? ????????? 70, 71 ???????? ???????? video level ????????? ????????? 72, 73 ???????? ???????? input select ????????? ????????? 74, 75 ???????? ???????? recall ????????? ????????? 76,77 ???????? ???????? save ????????? ????????? 78, 79 ???????? ???????? left/right arrows ????????? ????????? 7a, 7b ???????? ???????? inc/dec sign ????????? ????????? 7c, 7d ???????? ???????? speaker ????????? ????????? 7e, 7f rom content figures 14 17 show the rom content of mc141541.
mc141541 motorola 12 1b 08 09 0a 0b 0f 0e 0d 0c 10 11 12 13 17 1f 16 15 14 1a 19 18 1e 1d 1c figure 14. rom address ($08 $1f) 20 21 23 22 2c 2d 2f 2e 34 35 37 36 38 39 3b 3a 3c 3d 3f 3e 24 25 27 26 28 29 2b 2a 30 31 33 32 figure 15. rom address ($20 $3f)
mc141541 13 motorola 40 41 43 42 44 45 47 46 48 49 4a 50 51 52 54 55 57 56 58 59 5b 5a 5c 5d 5f 5e 4c 4d 4f 4e 53 4b figure 16. rom address ($40 $5f) 64 65 67 66 68 69 6b 6a 6c 6d 6f 6e 70 71 73 72 74 75 77 76 7c 7d 7f 7e 60 61 63 62 78 79 7b 7a figure 17. rom address ($60 $7f)
mc141541 motorola 14 design considerations distortion motorola's MC141541P has a builtin pll for multisys- tem application. pin 2 voltage is dcbased for the internal vco in the pll. when the input frequency (hflb) to pin 5 increases, the vco frequency will increase accordingly. this forces the pll to a higher locked frequency output. the fre- quency should be equal to 320/480 x hflb (depending on resolution).this is the pixel dot clock. display distortion is caused by noise on pin 2. positive noise increases the vco frequency above normal. the cor- responding scan line will be shorter accordingly. in contrast, negative noise causes the scan line to be longer. the net re- sult will be distortion on the display, especially on the right hand side of the display window. in order to have distortionfree display, the following rec- ommendations should be considered: ? only analog part grounds (pin 2 to pin 4) can be con- nected to pin 1(v ss(a) ). v ss and other grounds should be connected to pcb common ground. the v ss(a) and v ss grounds should be totally separated (i.e. v ss(a) is float- ing). refer to the application diagram for the ground con- nections. ? the dc supply path for pin 9 (v dd ) should be separated from other switching devices. ? the lc filter should be connected between pin 9 and pin 4. refer to the values used in the application diagram. ? biasing and filter networks should be connected to pin 2 and pin 3. refer to the recommended networks in the ap- plication diagram. ? two small capacitors can be connected between pins 2 and 3, and between pins 3 and 4. jittering most display jittering is caused by hflb jittering on pin 5. care must be taken if the hflb signal comes from the fly- back transformer. a short path and shielded cable are rec- ommended for a clean signal. a small capacitor can be added between pin 5 and pin 16 to smooth the signal. refer to the value used in the application diagram. display dancing most display dancing is caused by interference of the seri- al bus. it can be avoided by adding series resistors to the se- rial bus. application diagram mps2369 100 m h 0.1 m f 100 m f analog ground floating 100 100 100 240 240 240 v cc v cc 1 k 1 k 1 k 0.1 m f 10 m f 9 16 15 14 13 12 11 10 1 2 3 4 5 6 7 8 0.01 m f 1 k 0.047 m f 33 pf 33 pf 100 100 100 v dd v ss r g b fbkg htone vflb v ss(a) vco rp hflb ss sda(mosi) scl(sck) v dd(a) hflb 2 k vflb htone fbkg b g r 330 k digital ground common ground analog ground digital ground emosd iic(spi) bus 330 pf
mc141541 15 motorola package dimensions p suffix plastic dip case 64808 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. a b f c s h g d j l m 16 pl seating 18 9 16 k plane t m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01    
mc141541 motorola 16 motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. mfax is a trademark of motorola, inc. how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, 6f seibubutsuryucenter, p.o. box 5405, denver, colorado 80217. 3036752140 or 18004412447 3142 tatsumi kotoku, tokyo 135, japan. 81335218315 mfax ? : rmfax0@email.sps.mot.com touchtone 6 022446609 asia / pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, us & canada only 18007741848 51 ting kok road, tai po, n.t., hong kong. 85226629298 internet : http://www.mot.com/sps/ mc141541/d ?


▲Up To Search▲   

 
Price & Availability of MC141541P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X