Part Number Hot Search : 
TA143 ZXMN6 NJU6572C 02201 U2797B T940004 AN1810 G5966
Product Description
Full Text Search
 

To Download MAC16D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 december, 2005 ? rev. 3 1 publication order number: MAC16D/d MAC16D, mac16m, mac16n preferred device triacs silicon bidirectional thyristors designed for high performance full-wave ac control applications where high noise immunity and high commutating di/dt are required. features ? blocking voltage to 800 volts ? on-state current rating of 16 amperes rms at 80 c ? uniform gate trigger currents in three quadrants ? high immunity to dv/dt ? 500 v/  s minimum at 125 c ? minimizes snubber networks for protection ? industry standard to-220ab package ? high commutating di/dt ? 9.0 a/ms minimum at 125 c ? pb?free packages are available* maximum ratings (t j = 25 c unless otherwise noted) rating symbol value unit peak repetitive off?state voltage (note 1) (t j = ?40 to 125 c, sine wave, 50 to 60 hz, gate open) MAC16D mac16m mac16n v drm, v rrm 400 600 800 v on-state rms current (full cycle sine wave, 60 hz, t c = 80 c) i t(rms) 16 a peak non-repetitive surge current (one full cycle sine wave, 60 hz, t j = 125 c) i tsm 150 a circuit fusing consideration (t = 8.3 ms) i 2 t 93 a 2 sec peak gate power (pulse width 1.0  s, t c = 80 c) p gm 20 w average gate power (t = 8.3 ms, t c = 80 c) p g(av) 0.5 w operating junction temperature range t j ?40 to +125 c storage temperature range t stg ?40 to +150 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. v drm and v rrm for all types can be applied on a continuous basis. blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded. *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. triacs 16 amperes rms 400 thru 800 volts to?220ab case 221a?09 style 4 1 http://onsemi.com mac16xg ayww marking diagram x = d, m, or n a = assembly location y = year ww = work week g = pb?free package 2 3 device package shipping ordering information MAC16D to?220ab 50 units / rail mac16n to?220ab 50 units / rail MAC16Dg to?220ab (pb?free) 50 units / rail mac16ng to?220ab (pb?free) 50 units / rail pin assignment 1 2 3 gate main terminal 1 main terminal 2 4 main terminal 2 mt1 g mt2 preferred devices are recommended choices for future use and best overall value. mac16m to?220ab 50 units / rail mac16mg to?220ab (pb?free) 50 units / rail
MAC16D, mac16m, mac16n http://onsemi.com 2 thermal characteristics characteristic symbol value unit thermal resistance, junction?to?case junction?to?ambient r  jc r  ja 2.0 62.5 c/w maximum lead temperature for soldering purposes 1/8 from case for 10 seconds t l 260 c electrical characteristics (t j = 25 c unless otherwise noted; electricals apply in both directions) characteristic symbol min typ max unit off characteristics peak repetitive blocking current (v d = rated v drm , v rrm ; gate open) t j = 25 c t j = 125 c i drm , i rrm ? ? ? ? 0.01 2.0 ma on characteristics peak on-state voltage (note 2) (i tm = 21 a peak) v tm ? 1.2 1.6 v gate trigger current (continuous dc) (v d = 12 v, r l = 100  ) mt2(+), g(+) mt2(+), g(?) mt2(?), g(?) i gt 10 10 10 16 18 22 50 50 50 ma holding current (v d = 12 v, gate open, initiating current = 150 ma) i h ? 20 50 ma latching current (v d = 24 v, i g = 50 ma) mt2(+), g(+) mt2(+), g(?) mt2(?), g(?) i l ? ? ? 33 36 33 50 80 50 ma gate trigger voltage (v d = 12 v, r l = 100  ) mt2(+), g(+) mt2(+), g(?) mt2(?), g(?) v gt 0.5 0.5 0.5 0.75 0.72 0.82 1.5 1.5 1.5 v dynamic characteristics rate of change of commutating current, see figure 10. (v d = 400 v, i tm = 6.0 a, commutating dv/dt = 24 v/  s, gate open, t j = 125 c, f = 250 hz, no snubber) c l = 10  f l l = 40 mh (di/dt) c 9.0 ? ? a/ms critical rate of rise of off-state voltage (v d = rated v drm , exponential waveform, gate open, t j = 125 c) dv/dt 500 ? ? v/  s 2. indicates pulse test: pulse width 2.0 ms, duty cycle 2%.
MAC16D, mac16m, mac16n http://onsemi.com 3 + current + voltage v tm i h symbol parameter v drm peak repetitive forward off state voltage i drm peak forward blocking current v rrm peak repetitive reverse off state voltage i rrm peak reverse blocking current voltage current characteristic of triacs (bidirectional device) i drm at v drm on state off state i rrm at v rrm quadrant 1 mainterminal 2 + quadrant 3 mainterminal 2 ? v tm i h v tm maximum on state voltage i h holding current mt1 (+) i gt gate (+) mt2 ref mt1 (?) i gt gate (+) mt2 ref mt1 (+) i gt gate (?) mt2 ref mt1 (?) i gt gate (?) mt2 ref ? mt2 negative (negative half cycle) mt2 positive (positive half cycle) + quadrant iii quadrant iv quadrant ii quadrant i quadrant definitions for a triac i gt ? + i gt all polarities are referenced to mt1. with in?phase signals (using standard ac lines) quadrants i and iii are used.
MAC16D, mac16m, mac16n http://onsemi.com 4 figure 1. rms current derating i t(rms) , rms on-state current (amp) 125 120 115 110 105 100 95 90 85 80 16 14 12 10 8 6 4 2 0 t c , case temperature ( c) figure 2. on-state power dissipation i t(rms) , on-state current (amp) 16 14 12 10 8 6 4 2 0 20 18 16 14 12 10 8 6 4 2 p av , average power (watts) 0 dc = 30 and 60 = 90 = 120 = 180 dc 180 120 90 60 = 30 figure 3. on-state characteristics v t , instantaneous on-state voltage (volts) 100 0 i t , instantaneous on-state current (amp) 0.5 1 1.5 2 2.5 3 3.5 4 10 1 0.1 maximum @ t j = 125 c typical at t j = 25 c maximum @ t j = 25 c figure 4. thermal response t, time (ms) r(t), transient thermal resistance (normalized) 1 0.1 0.01 110 4 1000 100 10 1 0.1 figure 5. hold current variation t j , junction temperature ( c) ?40 i h , hold current (ma) 40 5 ?10 20 50 80 110 125 mt2 positive mt2 negative
MAC16D, mac16m, mac16n http://onsemi.com 5 t j , junction temperature ( c) figure 6. gate trigger current variation t j , junction temperature ( c) i gt , gate trigger current (ma) v gt , gate trigger voltage (volt) ?40 ?10 20 50 80 110 125 100 1 q3 q1 q2 v d = 12 v r l = 100  1 0.5 ?40 ?10 +20 50 80 110 125 q1 q2 q3 v d = 12 v r l = 100  figure 7. gate trigger voltage variation figure 8. critical rate of rise of off-state voltage (exponential waveform) r g , gate to main terminal 1 resistance (ohms) 5000 4k 3k 2k 1k 0 10000 1000 100 10 dv/dt , critical rate of rise of off-state voltage figure 9. critical rate of rise of commutating voltage (di/dt) c , rate of change of commutating current (a/ms) (v/ s) v d = 800 vpk t j = 125 c i tm t w v drm (di/dt) c = 6f i tm 1000 f = 1 2 t w t j = 125 c 100 c 75 c 10 100 10 1 (dv/dt) , critical rate of rise of (v/ s) c commutating voltage 20 30 40 50 60 70 80 90 100 figure 10. simplified test circuit to measure the critical rate of rise of commutating current (di/dt) c l l 1n4007 200 v + measure i ? charge control charge trigger non-polar c l 51  mt2 mt1 1n914 g trigger control 200 v rms adjust for i tm , 60 hz v ac note: component values are for verification of rated (di/dt) c . see an1048 for additional information.
MAC16D, mac16m, mac16n http://onsemi.com 6 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. style 4: pin 1. main terminal 1 2. main terminal 2 3. gate 4. main terminal 2 dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 ??? 1.15 ??? z ??? 0.080 ??? 2.04 b q h z l v g n a k f 123 4 d seating plane ?t? c s t u r j to?220ab case 221a?09 issue aa on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 MAC16D/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MAC16D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X