Part Number Hot Search : 
LR013 ULN2809 DA726 120N6 U20C60A KTC3790S IRF830B 05000
Product Description
Full Text Search
 

To Download LMFLSP100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lumimicro co., ltd 362-43 woncheon-dong,yeongtonggu,, suwon-si, gyeonggi-do, korea date: 2005-06-10, tel :+82-31-213-9200 , fax: +8231-213-9210 flash white led super luminosity white led lumimicro co., ltd  lumimicro ? flash led specification model: LMFLSP100 customer checked by written by approved by approved by checked by model issued date description LMFLSP100 2003 ? 11 - 20 chip type white led
features [1] built-in 3chip super-luminosity chip led [2] built-in zener diode- flash led [3] super-luminosity chip led [4] blue led + organic - inorganic phosphore [5] using a package with high heat dissipation properties, it can be driven with a large current [6] wide viewing angle [7] external dimensions: 5.0 x 5.0 x 1.5t mm [8] lead frame package with individual 6 pin applications [1] camera flash [2] hand carrier flash outline dimensions  3 led chip die + 3 port zener diode model: LMFLSP100  unit: mm, tolerance: 0.1 lumimicro co., ltd  1/9
absolute maximum ratings . parameter symbol rating value unit power dissipation pd 300 mw forward current if 90 ma forward pulse current ipf 180 ma reverse voltage vr 5 v operating temperature tot -30 to +85 ? storage temperature tst -40 to +100 ? soldering temperature tsd reflow: 240 for 10sec ? hand soldering: 350 for 10sec ? ? * duty ratio=1/10, pulse width < 30ms. electro-optical spec. parameter symbol condition min typ. max unit forward voltage 1 vf 1 if=20m a/each chip - 3.4 3.8 v forward voltage 2 vf 2 if=10ua 1.8 _ _ v luminous intensity iv if=20ma/ each chip 2.5 4.0 _ cd c.i.e    2/9 green blue red lumimicro co., ltd  - the uncertainty of the c.i.e coordinates measurement: ? 0.01   the tolerance of intensity measurement: ? 10%, the tolerance of vf measurement: ? 0.1v yz        
 flash led-LMFLSP100 - optical & electrical characteristics     3/9 lumimicro co., ltd  ta = 25 c ta = 25 c spectrum graph z vf : forward voltage(v), if : forward current(m a), ta : ambient temperature( c ) if = 20ma/chip if = 20ma/chip allowable current per chip
lumimicro co., ltd  directivity (LMFLSP100)  4/9 (LMFLSP100) (LMFLSP100)
reliability results                                    lumimicro co., ltd  5/9
5jnf tfd .by $ nby .by $ tfd tfd 1sfifbujoh 35 %jq temp.( ? ) tfd .by $ tfd  .by $ 5jnf 5fnq ?
precautions for use this device should not be used in any type of fluid such as water, oil, organic solvent, etc. when washing is required, ipa should be used. when the leds are illuminating, operating curre nt should be decided after considering the ambient maximum temperature. leds must be stored to maintain a clean atmosphere. if the leds are stored for 3months or more after being shipped from lumimicro, se aled container with a nitrogen atmosphere should be used for storage. the leds must be dip soldered within seven da ys after opening the moisture-proof packing. repack unused products with anti-moisture packing, fold to close any opening and then store in dry place. the appearance and specifications of the product may be modified for improvement without notice. these leds are sensitive to the static electricity and surge. it is recommended to use a wrist band or anti-electrostatic glove wh en handling the leds. if over voltage which exceeds the absolute maximum rating is applie d to leds, it will cause damage in leds and result in destruction. damaged leds will show some unusual characteristics such as remarkably increased leak current, turn-on vo ltage becomes lower and the leds get unlighted at low current.  soldering condition ?'ps.bovbm4pmefsjoh not more than 5 seconds @ max300 ? ,unde r solderin g iron. y solder dip conditions the immersion of leads into a solder bath @max260 ? shall be to 5 seconds max. t 3fgmpx $poejujpot preliminary heating to be at 150 ? max. for 2 minutes max. soldering heat to be at 240 ? max. for 5 seconds max. 6/9 lumimicro co., ltd 
 recommended soldering pad size          taping pocket dimension                  7/9 lumimicro co., ltd 
lumi m icro 4*%& 7*&8 -&% lumi m icro lumi m icro 4*%& 7*&8 -&% '-"4) -&% dimensions (width/thickness) unit:mm reels in box goods qnt in box box-l1 275/ 285/ 50 10 max : 7,500ea reel in a bag silica in a bag goods qnt in a bag aluminum bag 1reel 1 silica max : 750ea reel dimensions one reel unit tolerance max 750ea mm ? 0.1   ? ? ?   ?    lu m i m ic r o l u m i m i c r o model rank date qnt lumi -no : : : : : lmflc2500 l1-c2 2004-03-27 3, 000 ea ********* lu m i m ic r o lu m i m ic r o l u m i m i c r o model rank date qnt lumi -no : : : : : lmflc2500 l1-c2 2004-03-27 3, 000 ea *********                   - aluminum bag - box spec. 8/9 lumimicro co., ltd 
 label spec.            weight: 65.1 mg (measurement tolerance: 10 %)                           lumimicro co., ltd 9/9 model name shipping date taping quantity lumimicro-lot number 


▲Up To Search▲   

 
Price & Availability of LMFLSP100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X