Part Number Hot Search : 
080CT 09VL1 AN3245 RL254GP LBS11520 FAN7544M 2SC33 PT12111
Product Description
Full Text Search
 

To Download LM78L12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fixed voltage regulator lm78lxx 3-terminal 0.1a positive voltage regulators this series of fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications. these applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. in addition, they can be used with power-pass elements to make high current voltage regulators. each of these regulators can deliver up to 100? of output current. the internal limiting and thermal shutdown features of these regulators make them essentially immune to overload. when used as a replacement for a zener diode-resistor com- bination, an effective improvement in output impedance can be obtained together with lower-bias current. ordering information device marking package lm78lxx lm78lxx to-92 features lm78l05 /a /c lm78l05 /a /c output current up to 100? lm78l05nf 805 sot-89 no external components lm78l05af/cf internal thermal overload protection lm78l06f~24f 806~824 internal short-circuit limiting xx = output voltage or grade output voltage of 5v, 6v, 8v, 9v, 10v, 12v, 15v, 18v and 24v absolute maximum ratings characteristic symbol value unit input voltage lm78l05 /a/c lm78l10 v i 30 v LM78L12 lm78l18 35 lm78l24 40 operating junction temperature topr 0 +150 storage temperature tstg -65 +150 soldering temperature and time tsol 260/10sec mar. 2006 - rev 06 htc 26 to-92 (top view) 1. output 2. gnd 3. input 1. 1. sot-89
fixed voltage regulator lm78lxx recommended operating conditions min. max. unit input voltage v i 7 lm78l05 / a / c 2 0 v lm78l06 8 2 0 lm78l08 10.5 23 lm78l09 11.5 24 lm78l10 12.5 25 LM78L12 14.5 27 lm78l15 17.5 30 lm78l18 20.5 33 lm78l24 26.5 39 output current,io 100 ? perating virtual junction temperature, 0 125 typical application notes 1. to specify an output voltage, substitute voltage for "xx" 2. bypass capacitors are recommended for optimum stability and transient response and should be located as close as possible to the regulators. mar. 2006 - rev 06 htc 27
fixed voltage regulator lm78l05 lm78l05 electrical characteristics (at specified virtual junction temperature, v i =10v, i o =40? (unless otherwise noted) characteistic symbol test condition * min. typ. max. unit output voltage ** v out 25 4.8 5 5.2 1?i o 40? 0 125 4.75 5 5.25 v 7vv i 20v 1?i o 70? 4.75 5 5.25 line regulation reg line 7vv i 20v 25 32 150 ? 8vv i 20v 26 100 load regulation reg load 1?i o 100? 25 15 60 ? 1?i o 40? 8 30 bias current i b 25 3.8 6 ? 125 5.5 bias current change i b 9vv i 20v 0 125 1.5 ? 1?i o 40? 0.1 output noise voltage v n 10hzf100khz 25 42 ? ripple rejection rr 8vv i 18v f=120hz 25 41 49 ? dropout voltage v d 25 1.7 v notes *. pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. thermal effects must be taken into account separately. all characteristics are measured with a 0.33? capacitor across the input and a 0.1? capacitor across the output. **. this specification applies only for dc power dissipation permitted by absolute maximum ratings. mar. 2006 - rev 06 htc 28
fixed voltage regulator lm78l05a lm78l05a electrical characteristics (at specified virtual junction temperature, v i =10v, i o =40? (unless otherwise noted) characteistic symbol test condition * min. typ. max. unit output voltage ** v out 25 4.9 5 5.1 1?i o 40? 0 125 4.9 5 5.1 v 7vv i 20v 1?i o 70? 4.9 5 5.1 line regulation reg line 7vv i 20v 25 5 50 ? 8vv i 20v 3 25 load regulation reg load 1?i o 100? 25 15 60 ? 1?i o 40? 8 30 bias current i b 25 3.8 6 ? 125 5.5 bias current change i b 9vv i 20v 0 125 1.5 ? 1?i o 40? 0.1 output noise voltage v n 10hzf100khz 25 42 ? ripple rejection rr 8vv i 18v f=120hz 25 41 49 ? dropout voltage v d 25 1.7 v notes *. pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. thermal effects must be taken into account separately. all characteristics are measured with a 0.33? capacitor across the input and a 0.1? capacitor across the output. **. this specification applies only for dc power dissipation permitted by absolute maximum ratings. mar. 2006 - rev 06 htc 29
fixed voltage regulator lm78l05c lm78l05c electrical characteristics (at specified virtual junction temperature, v i =10v, i o =40? (unless otherwise noted) characteistic symbol test condition * min. typ. max. unit output voltage ** v out 25 4.95 5 5.05 1?i o 40? 0 125 4.95 5 5.05 v 7vv i 20v 1?i o 70? 4.95 5 5.05 line regulation reg line 7vv i 20v 25 5 50 ? 8vv i 20v 3 25 load regulation reg load 1?i o 100? 25 15 50 ? 1?i o 40? 8 25 bias current i b 25 3.8 6 ? 125 5.5 bias current change i b 9vv i 20v 0 125 1.5 ? 1?i o 40? 0.1 output noise voltage v n 10hzf100khz 25 42 ? ripple rejection rr 8vv i 18v f=120hz 25 41 49 ? dropout voltage v d 25 1.7 v notes *. pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. thermal effects must be taken into account separately. all characteristics are measured with a 0.33? capacitor across the input and a 0.1? capacitor across the output. **. this specification applies only for dc power dissipation permitted by absolute maximum ratings. mar. 2006 - rev 06 htc 30
fixed voltage regulator lm78l06 lm78l06 electrical characteristics (at specified virtual junction temperature, v i =10v, i o =40? (unless otherwise noted) characteistic symbol test condition * min. typ. max. unit output voltage ** v out 25 5.75 6 6.25 1?i o 40? 0 125 5.7 6 6.3 v 8vv i 20v 1?i o 70? 5.7 6 6.3 line regulation reg line 8vv i 20v 25 35 175 ? 9vv i 20v 29 125 load regulation reg load 1?i o 100? 25 16 80 ? 1?i o 40? 9 40 bias current i b 25 3.9 6 ? 125 5.5 bias current change i b 9vv i 20v 0 125 1.5 ? 1?i o 40? 0.1 output noise voltage v n 10hzf100khz 25 46 ? ripple rejection rr 9vv i 19v 25 40 48 ? f=120hz dropout voltage v d 25 1.7 v notes *. pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. thermal effects must be taken into account separately. all characteristics are measured with a 0.33? capacitor across the input and a 0.1? capacitor across the output. **. this specification applies only for dc power dissipation permitted by absolute maximum ratings. mar. 2006 - rev 06 htc 31
fixed voltage regulator lm78l08 lm78l08 electrical characteristics (at specified virtual junction temperature, v i =14v, i o =40? (unless otherwise noted) characteistic symbol test condition * min. typ. max. unit 25 7.7 8 8.3 output voltage ** v out 1?i o 40? 0 125 7.6 8 8.4 v 10.5vv i 23v 1?i o 70? 7.6 8 8.4 line regulation reg line 10.5vv i 23v 25 42 175 ? 11vv i 23v 36 125 load regulation reg load 1?i o 100? 25 18 80 ? 1?i o 40? 10 40 bias current i b 25 4 6 ? 125 5.5 bias current change i b 11vv i 23v 0 125 1.5 ? 1?i o 40? 0.1 output noise voltage v n 10hzf100khz 25 54 ? ripple rejection rr 13vv i 23v 25 37 46 ? f=120hz dropout voltage v d 25 1.7 v notes *. pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. thermal effects must be taken into account separately. all characteristics are measured with a 0.33? capacitor across the input and a 0.1? capacitor across the output. **. this specification applies only for dc power dissipation permitted by absolute maximum ratings. mar. 2006 - rev 06 htc 32
fixed voltage regulator lm78l09 lm78l09 electrical characteristics (at specified virtual junction temperature, v i =16v, i o =40? (unless otherwise noted) characteistic symbol test condition * min. typ. max. unit 25 8.6 9 9.4 output voltage ** v out 1?i o 40? 0 125 8.55 9 9.45 v 12vv i 24v 1?i o 70? 8.55 9 9.45 line regulation reg line 12vv i 24v 25 45 175 ? 13vv i 24v 40 125 load regulation reg load 1?i o 100? 25 19 90 ? 1?i o 40? 11 40 bias current i b 25 4.1 6 ? 125 5.5 bias current change i b 13vv i 24v 0 125 1.5 ? 1?i o 40? 0.1 output noise voltage v n 10hzf100khz 25 58 ? ripple rejection rr 13vv i 23v 25 38 45 ? f=120hz dropout voltage v d 25 1.7 v notes *. pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. thermal effects must be taken into account separately. all characteristics are measured with a 0.33? capacitor across the input and a 0.1? capacitor across the output. **. this specification applies only for dc power dissipation permitted by absolute maximum ratings. mar. 2006 - rev 06 htc 33
fixed voltage regulator lm78l10 lm78l10 electrical characteristics (at specified virtual junction temperature, v i =17v, i o =40? (unless otherwise noted) characteistic symbol test condition * min. typ. max. unit output voltage ** v out 25 9.6 10 10.4 1?i o 40? 0 125 9.5 10 10.5 v 13vv i 25v 1?i o 70? 9.5 10 10.5 line regulation reg line 13vv i 25v 25 51 175 ? 14vv i 25v 42 125 load regulation reg load 1?i o 100? 25 20 90 ? 1?i o 40? 11 40 bias current i b 25 4.2 6 ? 125 5.5 bias current change i b 14vv i 25v 0 125 1.5 ? 1?i o 40? 0.1 output noise voltage v n 10hzf100khz 25 62 ? ripple rejection rr 15vv i 25v f = 120hz 25 37 44 ? dropout voltage v d 25 1.7 v notes *. pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. thermal effects must be taken into account separately. all characteristics are measured with a 0.33? capacitor across the input and a 0.1? capacitor across the output. **. this specification applies only for dc power dissipation permitted by absolute maximum ratings. mar. 2006 - rev 06 htc 34
fixed voltage regulator LM78L12 LM78L12 electrical characteristics (at specified virtual junction temperature, v i =19v, i o =40? (unless otherwise noted) characteistic symbol test condition * min. typ. max. unit output voltage ** v out 25 11.5 12 12.5 1?i o 40? 0 125 11.4 12 12.6 v 14vv i 27v 1?i o 70? 11.4 12 12.6 line regulation reg line 14.5vv i 27v 25 55 250 ? 16vv i 27v 49 200 load regulation reg load 1?i o 100? 25 22 100 ? 1?i o 40? 13 50 bias current i b 25 4.3 6.5 ? 125 6 bias current change i b 16vv i 27v 0 125 1.5 ? 1?i o 40? 0.1 output noise voltage v n 10hzf100khz 25 70 ? ripple rejection rr 15vv i 25v f=120hz 25 37 42 ? dropout voltage v d 25 1.7 v notes *. pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. thermal effects must be taken into account separately. all characteristics are measured with a 0.33? capacitor across the input and a 0.1? capacitor across the output. **. this specification applies only for dc power dissipation permitted by absolute maximum ratings. mar. 2006 - rev 06 htc 35
fixed voltage regulator lm78l15 lm78l15 electrical characteristics (at specified virtual junction temperature, v i =23v, i o =40? (unless otherwise noted) characteistic symbol test condition * min. typ. max. unit output voltage ** v out 25 14.4 15 15.6 1?i o 40? 0 125 14.25 15 15.75 v 17.5vv i 30v 1?i o 70? 14.25 15 15.75 line regulation reg line 17.5vv i 30v 25 65 300 ? 19vv i 30v 58 250 load regulation reg load 1?i o 100? 25 25 150 ? 1?i o 40? 15 75 bias current i b 25 4.2 6.5 ? 125 6 bias current change i b 19vv i 30v 0 125 1.5 ? 1?i o 40? 0.1 output noise voltage v n 10hzf100khz 25 82 ? ripple rejection rr 18.5vv i 28.5v f=120hz 25 37 44 ? dropout voltage v d 25 1.7 v notes *. pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. thermal effects must be taken into account separately. all characteristics are measured with a 0.33? capacitor across the input and a 0.1? capacitor across the output. **. this specification applies only for dc power dissipation permitted by absolute maximum ratings. mar. 2006 - rev 06 htc 36
fixed voltage regulator lm78l18 lm78l18 electrical characteristics (at specified virtual junction temperature, v i =26v, i o =40? (unless otherwise noted) characteistic symbol test condition * min. typ. max. unit output voltage ** v out 25 17.3 18 18.7 1?i o 40? 0 125 17.1 18 18.9 v 20.5vv i 33v 1?i o 70? 17.1 18 18.9 line regulation reg line 20.5vv i 33v 25 70 360 ? 22vv i 33v 64 300 load regulation reg load 1?i o 100? 25 27 180 ? 1?i o 40? 19 90 bias current i b 25 4.7 6.5 ? 125 6 bias current change i b 22vv i 33v 0 125 1.5 ? 1?i o 40? 0.1 output noise voltage v n 10hzf100khz 25 82 ? ripple rejection rr 21.5vv i 31.5v f=120hz 25 32 36 ? dropout voltage v d 25 1.7 v notes *. pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. thermal effects must be taken into account separately. all characteristics are measured with a 0.33? capacitor across the input and a 0.1? capacitor across the output. **. this specification applies only for dc power dissipation permitted by absolute maximum ratings. mar. 2006 - rev 06 htc 37
fixed voltage regulator lm78l24 lm78l24 electrical characteristics (at specified virtual junction temperature, v i =32v, i o =40? (unless otherwise noted) characteistic symbol test condition * min. typ. max. unit output voltage ** v out 25 23 24 25 1?i o 40? 0 125 22.8 24 25.2 v 26.5vv i 39v 1?i o 70? 22.8 24 25.2 line regulation reg line 26.5vv i 39v 25 95 480 ? 29vv i 39v 78 400 load regulation reg load 1?i o 100? 25 41 240 ? 1?i o 40? 28 120 bias current i b 25 4.8 6.5 ? 125 6 bias current change i b 28vv i 39v 0 125 1.5 ? 1?i o 40? 0.1 output noise voltage v n 10hzf100khz 25 82 ? ripple rejection rr 27.5vv i 37.5v f=120hz 25 30 33 ? dropout voltage v d 25 1.7 v notes *. pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. thermal effects must be taken into account separately. all characteristics are measured with a 0.33? capacitor across the input and a 0.1? capacitor across the output. **. this specification applies only for dc power dissipation permitted by absolute maximum ratings. mar. 2006 - rev 06 htc 38


▲Up To Search▲   

 
Price & Availability of LM78L12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X