Part Number Hot Search : 
E39CA IDTQS BC847BW 08L35PF ISR2050C 2SK1215 BC847BW ISR2050C
Product Description
Full Text Search
 

To Download IXFA10N60P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2005 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 175 c 600 v v dgr t j = 25 c to 175 c; r gs = 1 m ? 600 v v gs continuous 30 v v gsm transient 40 v i d25 t c = 25 c10a i dm t c = 25 c, pulse width limited by t jm 25 a i ar t c = 25 c10a e ar t c = 25 c18mj e as t c = 25 c 500 mj dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 150 c, r g = 10 ? p d t c = 25 c 200 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c maximum tab temperature for soldering 260 c to-263 package for 10s m d mounting torque (to-220) 1.13/10 nm/lb.in. weight to-220 4 g to-263 3 g g = gate d = drain s = source tab = drain ds99424(09/05) symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. v dss v gs = 0 v, i d = 250 a 600 v v gs(th) v ds = v gs , i d = 1 ma 3.0 5.5 v i gss v gs = 30 v dc , v ds = 0 100 na i dss v ds = v dss 5 a v gs = 0 v t j = 125 c 150 a r ds(on) v gs = 10 v, i d = 0.5 i d25 740 m ? pulse test, t 300 s, duty cycle d 2 % polarhv tm hiperfet power mosfet advance technical information features z international standard packages z fast intrinsic diode z unclamped inductive switching (uis) rated z low package inductance - easy to drive and to protect advantages z easy to mount z space savings z high power density to-263 (ixfa) to-220 (ixfp) d (tab) g s g s (tab) ixfa 10n60p ixfp 10n60p v dss = 600 v i d25 = 10 a r ds(on) 740 m ? ? ? ? ? trr 250 ns n-channel enhancement mode avalanche rated fast intrinsic diode
ixys reserves the right to change limits, test conditions, and dimensions. ixfa 10n60p ixfp 10n60p symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 0.5 i d25 , pulse test 5 11 s c iss 1610 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 165 pf c rss 14 pf t d(on) 23 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = i d25 27 ns t d(off) r g = 10 ? (external) 65 ns t f 21 ns q g(on) 34 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 12 nc q gd 11 nc r thjc 0.62 k/w r thck (to-220) 0.25 k/w source-drain diode characteristic values (t j = 25 c unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 10 a i sm repetitive 25 a v sd i f = i s , v gs = 0 v, 1.5 v pulse test, t 300 s, duty cycle d 2 % t rr i f = 10 a, -di/dt = 100 a/ s, v gs =0v, v r =100v 250 ns q rm 0.32 c t rr 3a pins: 1 - gate 2 - drain 3 - source 4 - drain to-220 (ixfp) outline dim. millimeter inches min. max. min. max. a 4.06 4.83 .160 .190 a1 2.03 2.79 .080 .110 b 0.51 0.99 .020 .039 b2 1.14 1.40 .045 .055 c 0.46 0.74 .018 .029 c2 1.14 1.40 .045 .055 d 8.64 9.65 .340 .380 d1 7.11 8.13 .280 .320 e 9.65 10.29 .380 .405 e1 6.86 8.13 .270 .320 e 2.54 bsc .100 bsc l 14.61 15.88 .575 .625 l1 2.29 2.79 .090 .110 l2 1.02 1.40 .040 .055 l3 1.27 1.78 .050 .070 l4 0 0.38 0 .015 r 0.46 0.74 .018 .029 to-263 (ixfa) outline ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463
? 2005 ixys all rights reserved ixfa 10n60p ixfp 10n60p fig. 2. extended output characteristics @ 25 o c 0 3 6 9 12 15 18 21 24 0 3 6 9 12 15 18 21 24 27 30 v d s - volts i d - amperes v gs = 10v 8v 7v 6v 5v fig. 3. output characteristics @ 125 o c 0 1 2 3 4 5 6 7 8 9 10 0 2 4 6 8 10 12 14 v d s - volts i d - amperes v gs = 10v 7v 6v 5v fig. 1. output characteristics @ 25 o c 0 1 2 3 4 5 6 7 8 9 10 01234567 v d s - volts i d - amperes v gs = 10v 7v 6v 5v fig. 4. r ds(on ) norm alized to 0.5 i d25 value vs. junction tem perature 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r d s ( o n ) - normalize d i d = 10a i d = 5a v gs = 10v fig. 6. drain current vs. case temperature 0 1 2 3 4 5 6 7 8 9 10 11 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes fig. 5. r ds(on) norm alized to 0.5 i d25 value vs. i d 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 0 5 10 15 20 25 i d - amperes r d s ( o n ) - normalize d t j = 125 c t j = 25 c v gs = 10v
ixys reserves the right to change limits, test conditions, and dimensions. ixfa 10n60p ixfp 10n60p fig. 11. capacitance 10 100 1000 10000 0 5 10 15 20 25 30 35 40 v d s - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30 35 q g - nanocoulombs v g s - volts v ds = 300v i d = 5a i g = 10ma fig. 7. input admittance 0 2 4 6 8 10 12 14 16 3.5 4 4.5 5 5.5 6 6.5 v g s - volts i d - amperes t j =125 c 25 c -40 c fig. 8. transconductance 0 2 4 6 8 10 12 14 16 18 20 02468101214 i d - amperes g f s - siemens t j = -40 c 25 c 125 c fig. 9. source current vs. source-to-drain voltage 0 5 10 15 20 25 30 35 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 v s d - volts i s - amperes t j = 125 c t j = 25 c fig. 12. maxim um transient therm al resistance 0.01 0.10 1.00 0.01 0.1 1 10 100 1000 pulse width - milliseconds r ( t h ) j c - c / w


▲Up To Search▲   

 
Price & Availability of IXFA10N60P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X