Part Number Hot Search : 
LTC38 KBJ60 26000 VIS102B CM216 2CL2FH D1705 SPR26
Product Description
Full Text Search
 

To Download AK1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v plastic film capacitors non-inductive construction, compact size, metallized film capacitor with axial lead wires. highly reliable with self-healing property. minimum loss at high frequency. tape-wrapped and epoxy endfilled at both leads for superior mechanical strength and humidity resistance. high capacitance value, offering a wide variety of applications. adapted to the rohs directive (2002/95/ec). applications filtering dc-blocking, coupling and so on of general communications equipment and use in ac circuits for motor starting, charging / discharging, lighting, etc. some a.c. applications may cause capacitor failure, over heating of the capacitors and/or discharge may be the result. please contact us about details for a.c. application. ak series (tape-wrapped axial compact type) metallized polyester film capacitor drawing specifications category temperature range rated voltage rated capacitance range capacitance tolerance dielectric loss tangent insulation resistance withstand voltage encapsulation 40 ~ +85 ? c 250, 400, 630vdc 0.1 ~ 10f 5% (j), 10% (k) 1.0% or less (at 1khz 20 ? c) c < = 0.33f : 9000 m ? or more c > 0.33f : 3000 ? f or more between terminals rated voltage 175%, 1 ~ 5 secs. between terminals and coverage rated voltage 200%, 1 ~ 5 secs. adhesive polyester film, epoxy resin performance characteristics item q 1 a 2 k 3 2 4 e 5 1 6 5 7 5 8 k 9 t 10 p 11 configuration (tp:polyester film, tinned cp wire) capacitance tolerance (j : 5% k : 10%) rated capacitance (1.5 f) rated voltage (250v) series name type w +2.0 1.0 +1.5 1.0 t 35 min 35 min d 0.05 h 1.5 dimensions unit : mm type numbering system (example : 250v 1.5 f) v(code) 250vdc (2e) 400vdc (2g) 630vdc (2j) cap.(f) size twh d twh d tw h d 0.1 104 4.5 28.0 11.0 0.8 0.15 154 6.0 28.0 12.5 0.8 0.22 224 7.0 28.0 15.0 0.8 0.33 334 6.0 23.0 14.0 0.8 9.0 28.0 17.0 0.8 0.47 474 4.0 23.0 10.5 0.8 7.5 23.0 15.5 0.8 9.5 33.0 17.5 0.8 0.68 684 5.5 23.0 11.5 0.8 7.5 28.0 15.5 0.8 10.0 38.0 19.5 1.0 1.0 105 6.0 23.0 14.0 0.8 9.5 28.0 17.5 0.8 11.0 44.0 20.5 1.0 1.5 155 6.5 28.0 14.5 0.8 11.5 28.0 21.0 0.8 14.5 44.0 23.5 1.0 2.2 225 8.0 28.0 16.0 0.8 12.0 33.0 21.5 0.8 16.5 50.0 26.0 1.0 3.3 335 8.0 33.0 18.0 0.8 15.5 33.0 25.0 0.8 21.0 50.0 30.0 1.0 4.7 475 10.5 33.0 20.0 0.8 17.0 39.0 26.5 1.0 6.8 685 12.0 38.0 21.0 1.0 10.0 106 15.0 38.0 24.0 1.0 code


▲Up To Search▲   

 
Price & Availability of AK1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X