Part Number Hot Search : 
MS830 74LS6 H16008 ADF411 MAX54 AO3414 HT809 MP8760GL
Product Description
Full Text Search
 

To Download 5013311107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 5013311107 status: active overview: picoclasp description: 1.00mm (.039") pitch pico-clasp? wire-to-board header, surface mount, single row, vertical, with positive lock, 11 circuits, with cover tape, lead-free documents: 3d model product specification ps-501331-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 501331 application wire-to-board overview picoclasp product name pico-clasp? physical breakaway no circuits (loaded) 11 color - resin natural durability (mating cycles max) 30 glow-wire compliant no lock to mating part yes material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pcb locator no pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm polarized to mating part yes polarized to pcb no robotic placement vacuum pick-up tape stackable no temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 1a voltage - maximum 50v ac (rms)/dc material info reference - drawing numbers packaging specification spk-501331-001 product specification ps-501331-001, rps-501331-001, rps-501331-002, rps-501331-003, rps-501331-005, rps-501331-006, rps-501331-007, rps-501940-001, rps-501940-002 sales drawing sd-501331-002, sd-501331-004 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 501331 series mates with 501330 pico-clasp? wire-to-board female housing
this document was generated on 05/26/2010 please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of 5013311107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X