this document was generated on 04/28/2010 please check www.molex.com for latest part information part number: 0351840500 status: active description: 2.50mm (.098") pitch wire-to-wire plug housing, natural, 5 circuits documents: 3d model product specification ps-35184-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-35053-001 (pdf) agency certification csa lr19980 ul e29179 general product family crimp housings series 35184 product name n/a physical breakaway no circuits (maximum) 5 color - resin natural flammability 94v-0 gender male glow-wire compliant no keying to mating part none lock to mating part yes material - resin nylon number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm temperature range - operating -40c to +105c material info reference - drawing numbers product specification ps-35053-001, ps-35184-001 sales drawing sd-35184-**0* series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 35184 series mates with 35155 wire-to-board housing, 35572 wire- to-wire and wire-to-board housing use with 35053 wire-to-wire terminal this document was generated on 04/28/2010 please check www.molex.com for latest part information
|